Part Number Hot Search : 
8C240 MSK640 1N5994D 7308Q 2S7T3 TM6121 U60D15 MAX10
Product Description
Full Text Search
 

To Download 2SC2650 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC2650
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 400V(Min) *High Switching Speed *Wide Area of Safe Operation
APPLICATIONS *Switching regulator applicaition. *High voltage switching application. *High speed DC-DC converter application.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
ww w
scs .i
VALUE 500 400 7 10 5 100
UNIT
V
V
.cn mi e
V
IC
Collector Current-Continuous
A
IB
B
Base Current-Continuous Collector Power Dissipation @ TC=25 Junction Temperature
A
PC
W
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCE(sat) VBE(sat) ICBO IEBO hFE PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain CONDITIONS IC= 1mA; IE= 0 IC= 10mA; IB= 0 IE= 1mA; IC= 0 IC= 5A; IB= 0.5A
B
2SC2650
MIN 500 400 7
TYP.
MAX
UNIT V V V
1.5 2.0 100 1
V V A
IC= 5A; IB= 0.5A
B
Switching Times
tr tstg tf
Rise Time
Storage Time Fall Time
w
w. w
.cn mi cse is
VCB= 400V ; IE= 0 VEB= 7V ; IC= 0 IC= 5A ; VCE= 5V 10 IC= 5A; IB1= -IB2= 0.5A; RL= 40; VCC= 200V; Duty Cycle1%
mA
1.0 2.5 1.0
s s s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC2650

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X