Part Number Hot Search : 
56151 ASRD703 P6SMB62 LBS70A22 24000 74LVC74A 89C516RD C25P05Q
Product Description
Full Text Search
 

To Download 2SC2073 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC2073
DESCRIPTION *Collector-Emitter Breakdown Voltage:V(BR)CEO= 150V(Min) *Wide Area of Safe Operation *Complement to Type 2SA940
APPLICATIONS *Power amplifier applications. *Vertical output applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC IB
B
PARAMETER Collector-Base Voltage
Collector-Emitter Voltage Emitter-Base Voltage
Collector Current-Continuous Base Current-Continuous Collector Power Dissipation @ Ta=25
w
ww
scs .i
VALUE 150 150 5 1.5 0.5 1.5 25 150 -55~150
UNIT V
.cn mi e
V V A A
PC Collector Power Dissipation @ TC=25 TJ Tstg Junction Temperature Storage Temperature Range
W

isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC2073
TYP.
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 500mA; IB= 50mA
1.5
V
VBE(on)
Base-Emitter On Voltage
IC= 500mA ; VCE= 10V
0.85
V
ICBO
Collector Cutoff Current
VCB= 120V ; IE= 0
10
A
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
10
A
hFE
DC Current Gain
IC= 500mA ; VCE= 10V
40
140
COB
Output Capacitance
IE= 0; VCB= 10V; ftest= 1MHz
fT
Current-Gain--Bandwidth Product
w w
scs .i w
IC= 500mA; VCE= 10V
.cn mi e
35
pF
4
MHz
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC2073

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X