Part Number Hot Search : 
B0515 80C196KC MX25L163 XMXXX APE34024 AAT8107 HY5401 1LT1G
Product Description
Full Text Search
 

To Download 2SC2023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2023
DESCRIPTION *With TO-220C package *High breakdown voltage APPLICATIONS *Series regulator, switch, and general purpose applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-220) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 300 300 6 2 0.2 40 150 -50~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance CONDITIONS IC=25mA ; IB=0 IC=1A; IB=0.2A VCB=300V ;IE=0 VEB=6V; IC=0 IC=0.5 A ; VCE=4V IC=0.2A ; VCE=12V f=1MHz ; VCB=10V 30 MIN 300
2SC2023
SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE fT Cob
TYP.
MAX
UNIT V
1.0 1.0 1.0
V mA mA
10 75
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=1A, IB1=0.1A IB2=-0.2A; VCC=100V RL=100@ 0.30 4.00 1.00 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2023
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC2023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X