Part Number Hot Search : 
ZXMN4A06 R5030413 EMZ7T2R SY10E 18F66 MSZ52 C4064 STBS06H
Product Description
Full Text Search
 

To Download 2SC1444 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1444
DESCRIPTION *With TO-66 package *Excellent safe operating area *Low collector saturation voltage APPLICATIONS *For switching and wide-band amplifier applications.
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-66) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC IB PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 80 60 6 6 1 40 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=30mA ;IB=0 IE=1mA ;IC=0 IC=6A; IB=1A IC=6A ; VCE=4V VCB=80V; IE=0 VEB=6V; IC=0 IC=1A ; VCE=4V IC=3A ; VCE=4V IC=0.5A ; VCE=10V 30 15 MIN 60 5
2SC1444
SYMBOL VCEO(SUS) V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT
TYP.
MAX
UNIT V V
1.5 2.0 0.1 0.1
V V mA mA
10
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1444
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1444

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X