Part Number Hot Search : 
198000 AHCT1 BYD33K LB341 P4KE22 1029G TSL262 55V162
Product Description
Full Text Search
 

To Download 2SC1440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1440
DESCRIPTION *With TO-3 package *High power dissipation APPLICATIONS *Power amplifier applications *Power switching applications *DC-DC converters
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 150 150 5 15 4 150 150 -55~200 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=25mA ;IB=0 IE=1mA ;IC=0 IC=10A; IB=1A IC=10A; IB=1A VCB=150V; IE=0 VEB=5V; IC=0 IC=5A ; VCE=4V IC=1A ; VCE=12V 20 10 MIN 150 5
2SC1440
SYMBOL V(BR)CEO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT
TYP.
MAX
UNIT V V
2.0 2.5 0.1 0.1
V V mA mA
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1440
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC1440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X