Part Number Hot Search : 
FZT749NL 1N646108 324012 UF101G 1N5221 N5819 D73LC 368019
Product Description
Full Text Search
 

To Download 2SC1413 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1413
DESCRIPTION *With TO-3 package *High voltage ,high speed APPLICATIONS *For TV horizontal deflection output applications
PINNING(see fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 1200 500 5 5 50 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown votage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=0.1A; IB=0 IE=1.0mA; IC=0 IC=5 A;IB=1.2 A IC=5 A;IB=1.2 A VCB=1200V;IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V 8 MIN 500 5
2SC1413
SYMBOL VCEO(SUS) V(BR)EBO VCEsat VBEsat ICBO IEBO hFE
TYP.
MAX
UNIT V V
10 2 1.0 1.0
V V mA mA
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1413
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1413

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X