Part Number Hot Search : 
CD4050B 5C060 2SC5002 BC847 7818A 81133A 3404A 5SMV700
Product Description
Full Text Search
 

To Download 2SC1004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1004
DESCRIPTION *With TO-3 package *High breakdown voltage APPLICATIONS *For use in horizontal deflection output stages for color TV receives.
PINNING(see fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=? )
SYMBOL VCBO VCEO VEBO IC PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature TC=25? Open emitter Open base Open collector CONDITIONS VALUE 1100 700 5 0.5 50 150 -55~150 UNIT V V V A W ? ?
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25? unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC1004
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1A; IB=0
700
V
V(BR)EBO
Emitter-base breakdown votage
IE=1mA; IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=150m A;IB=30mA
5.0
V
VBEsat
Base-emitter saturation voltage
IC=150m A;IB=30mA
1.5
V
ICBO
Collector cut-off current
VCB=800V;IE=0
10
A
IEBO
Emitter cut-off current
VEB=4V;IC=0
10
A
hFE
DC current gain
IC=150m A ; VCE=15V
30
160
fT
Transition frequency
IC=150m A ; VCE=15V
2.0
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1004
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X