Part Number Hot Search : 
KBPC3504 74AHCT1 015020 X1692 MJ21195G RN1971FE M62370GP KA75270
Product Description
Full Text Search
 

To Download 2SB1257 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1257
DESCRIPTION With TO-220F package Complement to type 2SD2014 High DC current gain DARLINGTON APPLICATIONS Driver for solenoid ,relay and motor and general purpose
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER

Fig.1 simplified outline (TO-220F) and symbol
HAN INC
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector dissipation Junction temperature Storage temperature
SEM GE
Open emitter Open base Open collector
CONDITIONS
OND IC
TOR UC
VALUE -60 -60 -6 -4 -6 -1
UNIT V V V A A A W ae ae
TC=25ae
25 150 -55~150
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance CONDITIONS IC=-10mA ;IB=0 IC=-3A; IB=-6mA IC=-3A; IB=-6mA VCB=-60V; IE=0 VEB=-6V; IC=0 IC=-3A ; VCE=-4V IE=0.2A ; VCE=-12V IE=0; f=1MHz;VCB=-10V 2000 MIN -60
2SB1257
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT COB
TYP.
MAX
UNIT V
-1.5 -2.0 -10 -10 |I |I
V V A A
150 75
MHz pF
Switching times ton ts tf
Turn-on time Storage time Fall time
ANG CH
IN
EMIC ES
IC=-3A; IB1=-IB2=-10mA VCC=-30V ,RL=10|
OND
TOR UC
0.4 |I 0.8 0.6 |I
s |I s s
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1257
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1257

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X