Part Number Hot Search : 
S3SMBA EGC10MH SSP4N80 10EDA20 TA0314A M2872AF TDE1647 LVDS3
Product Description
Full Text Search
 

To Download 2SA775 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA775
DESCRIPTION *With TO-220 package *High breakdown voltage APPLICATIONS *For TV vertical output amplifier applicatons
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -100 -100 -4 -0.7 12.5 150 -55~150 UNIT V V V A W
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
2SA775
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-1mA ,IB=0
B
-100
V
V(BR)CBO V(BR)EBO
Collector-base breakdown voltage
IC=-10A ,IE=0 IE=-10A ,IC=0
-100
V
Emitter-base breakdown voltage
-4
V
VCEsat
Collector-emitter saturation voltage
IC=-500mA; IB=-50mA
B
-1.0
V A A
ICBO
Collector cut-off current
VCB=-100V; IE=0
-1.0
IEBO
Emitter cut-off current
VEB=-4V; IC=0
-1.0
hFE
DC current gain
IC=-50mA ; VCE=-4V
50
fT
Transition frequency
IC=-50mA ; VCE=-4V
30
MHz
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA775
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA775

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X