Part Number Hot Search : 
MC68331 LM2903HD ADR5040 LV1110NM AD5065 74HCT04 KDS165T G2406
Product Description
Full Text Search
 

To Download 2SA1535 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1535 2SA1535A
DESCRIPTION *With TO-220Fa package *Complement to type 2SC3944/3944A *Optimum for the driver-stage of a 60W to 100W output amplifier APPLICATIONS *For low-frequency driver and high power amplification
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO PARAMETER 2SA1535 Collector-base voltage 2SA1535A 2SA1535 VCEO VEBO IC ICM PC Tj Tstg Collector-emitter voltage 2SA1535A Emitter-base voltage Collector current Collector current-peak Collectorl power dissipation Junction temperature Storage temperature Ta=25 TC=25 Open collector Open base -180 -5 -1.0 -1.5 2.0 W 15 150 -55~150 V A A Open emitter -180 -150 V CONDITIONS VALUE -150 V UNIT
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2SA1535 2SA1535A CONDITIONS IC=-1mA; IB=0 IC=-0.1mA; IB=0 IE=-10A; IC=0 IC=-0.5 A;IB=-50m A IC=-0.5 A;IB=-50m A VCB=-150V; IE=0 IC=-150mA ; VCE=-10V IC=-500mA ; VCE=-5V IC=-50mA ; VCB=-10V IE=0; VCB=-10V;f=1MHz
2SA1535 2SA1535A
SYMBOL
MIN -150
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V -180 -5 -2.0 -2.0 -10 90 50 200 30 MHz pF 330 V V V A
V(BR)EBO VCEsat VBEsat ICBO hFE-1 hFE-2 fT COB
Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current DC current gain DC current gain Transition frequency Output capacitance
hFE-1 classifications Q 90-155 R 130-220 S 185-330
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1535 2SA1535A
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1535 2SA1535A
4


▲Up To Search▲   

 
Price & Availability of 2SA1535

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X