Part Number Hot Search : 
MGD633 39162 TLHP4405 1778667 TPCP8303 P6SMB 60M35X5 FDS66
Product Description
Full Text Search
 

To Download 2SA1306 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
2SA1306/A/B
DESCRIPTION *Good Linearity of hFE *High Collector-Emitter Breakdown VoltageV(BR)CEO= -160V(Min)-2SA1306 = -180V(Min)-2SA1306A = -200V(Min)-2SA1306B *Complement to Type 2SC3298/A/B APPLICATIONS *Power amplifier applications. *Driver stage amplifier applications. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER 2SA1306 VCBO Collector-Base Voltage 2SA1306A 2SA1306B 2SA1306 VCEO Collector-Emitter Voltage 2SA1306A 2SA1306B VEBO IC IB
B
VALUE -160 -180 -200 -160 -180 -200 -5 -1.5 -0.15 20 150 -55~150
UNIT
V
V
Emitter-Base Voltage Collector Current-Continuous Base Current-Continuous Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range
V A A W
PC TJ Tstg
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SA1306/A/B
TYP.
MAX
UNIT
2SA1306 Collector-Emitter Breakdown Voltage
-160
V(BR)CEO
2SA1306A
IC= -10mA; IB= 0
-180
V
2SA1306B
-200
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -500mA; IB= -50mA
-1.5
V
VBE(on)
Base-Emitter On Voltage
IC= -500mA; VCE= -5V
-1.0
V
ICBO
Collector Cutoff Current
VCB= -160V; IE= 0
-1.0
A
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-1.0
A
hFE
DC Current Gain
IC= -100mA ; VCE= -5V
70
240
fT
Current-Gain--Bandwidth Product
IC= -100mA ; VCE= -10V
100
MHz
COB
Output Capacitance
IE= 0 ; VCB= -10V;ftest= 1.0MHz
30
pF
hFE Classifications O 70-140 Y 120-240
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SA1306

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X