Part Number Hot Search : 
AD842 A1004 G2406 AZ6208BM H1102 0102A HD404918 RF2638
Product Description
Full Text Search
 

To Download 2N5881 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-3 package *Low collector saturation voltage *Complement to type 2N5879 2N5880 APPLICATIONS *For general-purpose power amplifier and switching applications
PINNING PIN 1 2 3 Base Emitter Collector DESCRIPTION
2N5881 2N5882
Fig.1 simplified outline (TO-3) and symbol
Absolute maximum ratings(Ta= )
SYMBOL VCBO PARAMETER 2N5881 Collector-base voltage 2N5882 2N5881 VCEO VEBO IC ICM IB PD Tj Tstg Collector-emitter voltage 2N5882 Emitter-base voltage Collector current Collector current-peak Base current Total Power Dissipation Junction temperature Storage temperature TC=25 Open collector Open base 80 5 15 30 5 160 150 -65~200 V A A A W Open emitter 80 60 V CONDITIONS VALUE 60 V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 1.1 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2N5881 2N5882
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2N5881 IC=0.2A ;IB=0 2N5882 IC=7A;IB=0.7A IC=15A;IB=3.75A IC=15A;IB=3.75A IC=6A ; VCE=4V VCB=ratedVCBO; IB=0 2N5881 ICEO Collector cut-off current 2N5882 ICEX IEBO hFE-1 hFE-2 hFE-3 fT Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Trainsistion frequency VCE=40V; IB=0 VCE=ratedVCE; VBE=1.5V TC=150 VEB=5V; IC=0 IC=2A ; VCE=4V IC=6A ; VCE=4V IC=15A ; VCE=4V IC=1A ; VCE=10V 35 20 4 4 MHz 100 0.5 5.0 1.0 mA mA VCE=30V; IB=0 1.0 mA 80 1.0 4.0 2.5 1.5 0.5 V V V V mA CONDITIONS MIN 60 V TYP. MAX UNIT SYMBOL
VCEO(SUS)
Collector-emitter sustaining voltage
VCEsat-1 VCEsat-2 VBEsat VBE ICBO
Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter on voltage Collector cut-off current
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2N5881 2N5882
Fig.2 outline dimensions (unindicated tolerance:0.10mm)
3


▲Up To Search▲   

 
Price & Availability of 2N5881

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X