Part Number Hot Search : 
QS5U121 1ZC51 GS72108A TS35P05G KWDCTAAB GS72108A IR91458 ISL65
Product Description
Full Text Search
 

To Download 2N5428 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2N5428 2N5430
DESCRIPTION *With TO-66 package *Low collector saturation voltage : VCE(sat)=1.2V(Max)@IC=7A *Excellent safe operating areas APPLICATIONS *Designed for switching and wide-band amplifier applications
PINNING (See Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-66) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO PARAMETER Collector-base voltage 2N5428 2N5430 Collector-emitter voltage Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature TC=25 2N5428 2N5430 Open collector Open base CONDITIONS Open emitter VALUE 80 100 80 100 6 7 1 40 200 -65~200 V A A W V UNIT V
VCEO VEBO IC IB PD Tj Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction to case MAX 4.37 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2N5428 IC=50mA ; IB=0 2N5430 IC=2A ;IB=0.2A IC=7A I;B=0.7A IC=2A ;IB=0.2A IC=7A I;B=0.7A VCE=75V;VBE(off)=1.5V TC=150 VCE=90V;VBE(off)=1.5V TC=150 VCB=Rated VCBO;IE=0 VEB=6V; IC=0 IC=0.5A ; VCE=2V IC=2A ; VCE=2V IC=5A ; VCE=2V IC=0.5A ; VCE=10V;f=10MHz CONDITIONS SYMBOL
2N5428 2N5430
MIN 80
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
V 100 0.7 1.2 1.2 2.0 0.1 1.0 0.1 1.0 0.1 0.1 60 60 40 20 MHz 240 V V V V
VCEsat-1 VCEsat-2 VBEsat-1 VBEsat-2
Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage 2N5428
ICEX
Collector cut-off current 2N5430
mA
ICBO IEBO hFE-1 hFE-2 hFE-3 fT
Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Transition frequency
mA mA
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2N5428 2N5430
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2N5428 2N5430
4


▲Up To Search▲   

 
Price & Availability of 2N5428

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X