Part Number Hot Search : 
18600252 DT70N6T DT70N6T T6000915 IR91458 TDA9370 10241 R30R160
Product Description
Full Text Search
 

To Download 2N5427 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2N5427
DESCRIPTION *Contunuous Collector Current-IC= 7A *Low Collector-Emitter Saturation Voltage: VCE(sat)= 1.2V(Max) @IC= 7A *Wide Area of Safe Operation
APPLICATIONS *Designed for switching and wide-band amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC IB PC TJ Tstg PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Base Current-Continuous Collector Power Dissipation@TC=25 Junction Temperature Storage Temperature VALUE 80 80 6 7 1 40 200 -65~200 UNIT V V V A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 4.37 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL VCEO(SUS) VCE(sat)-1 VCE(sat)-2 VBE(sat)-1 VBE(sat)-2 ICBO ICEX IEBO hFE-1 hFE-2 hFE-3 fT PARAMETER Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain DC Current Gain Current Gain-Bandwidth Product CONDITIONS IC= 50mA; IB= 0 IC= 2A; IB= 0.2A IC= 7A; IB= 0.7A IC= 2A; IB= 0.2A IC= 7A; IB= 0.7A VCB= 80V; IE= 0 VCE= 75V; VBE(off)= -1.5V VCE= 75V; VBE(off)= -1.5V,TC=150 VEB= 6V; IC= 0 IC= 0.5A ; VCE= 2V IC= 2A; VCE= 2V IC= 5A; VCE= 2V IC= 0.5A; VCE= 10V; f=10MHz 30 30 20 20 MIN 80
2N5427
MAX
UNIT V
0.7 1.2 1.2 2.0 0.1 0.1 1.0 0.1
V V V V mA mA mA
120
MHz
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2N5427

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X