Part Number Hot Search : 
MBR15 6071R5F LLM317 S7812 74AC174 EH680J03 SP13T CMIB8788
Product Description
Full Text Search
 

To Download 2N5038 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2N5038 2N5039
DESCRIPTION *With TO-3 package *High speed *Low collector saturation voltage APPLICATIONS *They are especially intended for high current and fast switching applications
PINNING PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO PARAMETER Collector-base voltage 2N5038 2N5039 2N5038 2N5039 CONDITIONS Open emitter VALUE 150 120 90 75 7 20 30 5 TC=25 140 200 -65~200 UNIT V
VCEO VEBO IC ICM IB PD Tj Tstg
Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Total Power Dissipation Junction temperature Storage temperature
Open base Open collector
V V A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 1.25 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2N5038 2N5039
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage 2N5038 IC=0.2A ;IB=0 2N5039 2N5038 2N5039 IC=12A ;IB=1.2A 1.0 IC=10A ;IB=1A IC=20A ;IB=5A IC=20A ;IB=5A IC=12A ; VCE=5V 1.8 2N5039 2N5038 ICEO Collector cut-off current 2N5039 2N5038 ICEX Collector cut-off current 2N5039 2N5038 IEBO Emitter cut-off current 2N5039 hFE-1 DC current gain 2N5038 hFE-2 DC current gain 2N5039 Is/b Second breakdown collector current IC=10A ; VCE=5V VCE=28V, VCE=45V(t=1.0s Nonrepetitive) 5 0.9 A IC=2A ; VCE=5V IC=12A ; VCE=5V 20 100 50 VEB=5V; IC=0 15 250 VCE=55V; IB=0 VCE=140V; VBE=-1.5V VCE=100V; VBE=-1.5V ;TC=150 VCE=110V; VBE=-1.5V VCE=85V; VBE=-1.5V TC=150 5.0 10 5.0 10 5 mA IC=10A ; VCE=5V VCE=70V; IB=0 20 mA V 2.5 3.3 V V V 75 CONDITIONS MIN 90 V TYP MAX UNIT SYMBOL
VCEO(SUS)
VCEsat-1
Collector-emitter saturation voltage
VCEsat-2 VBEsat
Collector-emitter saturation voltage Base-emitter saturation voltage 2N5038
VBE
Base-emitter on voltage
mA
Switching times tr ts tf Rise time Storage time Fall time For 2N5038 IC=12A ;IB1=- IB2=1.2A ;VCC=30V For 2N5039 IC=10A ;IB1=- IB2=1A ;Vcc=30V 0.5 1.5 0.5 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2N5038 2N5039
Fig.2 outline dimensions (unindicated tolerance:0.10mm)
3


▲Up To Search▲   

 
Price & Availability of 2N5038

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X