Part Number Hot Search : 
SAA7348 E130A XXXGX 13003A SPN7002D SF801 QL3004 TW0193A
Product Description
Full Text Search
 

To Download 2N2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Small Signal General Purpose Transistor (PNP) 2N2907A
Small Signal General Purpose Transistor (PNP)
Features
* Switching and Linear Application DC to VHF Amplifier Application * RoHS Compliant
Mechanical Data
Case: Terminals: Weight: TO-18, Metal can package Solderable per MIL-STD-202, Method 208 0.35 grams
TO-18
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol Description Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Continuous Power Dissipation at TA=25C Power Dissipation Derate above TA=25C 2N2907A 60 60 5.0 600 400 2.28 1.8 10.3 -65 to +200 Unit V V V mA mW mW/ C W mW/ C C
VCBO VCEO VEBO IC
PD
Power Dissipation at TC=25C Power Dissipation Derate above TC=25C
TJ, TSTG
Operating Junction and Storage Temperature Range
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFA (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/AH 2008-06-27 Page 1 of 4
Small Signal General Purpose Transistor (PNP) 2N2907A
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Symbol Description Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Min. 60 60 5.0 75 100 Max. 300 0.4 1.6 1.3 2.6 10 10 50 50 8.0 30 10 40 45 80 30 100 V V V V nA A nA nA MHz pF pF nS nS nS nS nS nS Unit V V V Conditions
VCBO
*VCEO
IC=10A, IE=0 IC=10mA, IB=0 IE=10A, IC=0 VCE=10V, IC=0.1mA VCE=10V, IC=1mA VCE=10V, IC=10mA *VCE=10V, IC=150mA *VCE=10V, IC=500mA IC=150mA, IB=15mA IC=500mA, IB=50mA IC=150mA, IB=15mA IC=500mA, IB=50mA VCB=50V, IE=0 VCB=50V, IE=0,
TA=150 C
VEBO
hFE
D.C. Current Gain
100 100 50
*VCE(sat)
Collector-Emitter Saturation Voltage
-
*VBE(sat)
Base-Emitter Saturation Voltage
-
ICBO ICEX IB
**ft
Collector-Cut-off Current Collector-Cut-off Current Base Current Transition Frequency Out-Put Capacitance In-Put Capacitance Delay Time Rise Time Turn-On Time Storage Time Fall Time Turn-Off Time 200 -
VCE=30V, VBE=0.5V VCE=30V, VBE=0.5V IC=50mA, VCE=20V,
f=100MHz
Cob Cib td tr ton ts tf toff
VCB=10V, IE=0,
f=100KHz
VBE=2V, IC=0,
f=100KHz
IC=150mA, IB1=15mA VCC=30V
IC=150mA, IB1=IB2=15mA VCC=6V
*Pulse Test: -Pulse Width=300s, Duty Cycle=2% Rev. A/AH 2008-06-27 www.taitroncomponents.com Page 2 of 4
Small Signal General Purpose Transistor (PNP) 2N2907A
**ft is defined as the frequency at which \hfe/ extrapolates to unity
Dimensions in mm
TO-18
Packing Information:
Standard Pack Details 1k/polybag Net Weight/Qty. 350gm/1k pcs
Rev. A/AH 2008-06-27 www.taitroncomponents.com Page 3 of 4
Small Signal General Purpose Transistor (PNP) 2N2907A
Carton Information:
Inner Carton Box Size 3' x 7.5' x 7.5' Qty. 5k pcs
Outer Carton Box Size 17' x 15' x 13.5' Qty. 80k pcs Gross Weight 34kgs
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/AH 2008-06-27 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of 2N2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X