Part Number Hot Search : 
I506ERW 2CL71 100LVE MCT5210 DL4728 70430 NJU66 GP402
Product Description
Full Text Search
 

To Download 25HV14GA-150000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
FEATURES * * * * * Industry-standard 14 pin DIL package Frequency Range 125MHz to 200MHz High frequency range at low cost Supply voltage 2.5V or 3.3Volts Tristate function option to conserve power
HV14 Series Oscillators
14 pin DIL High Frequency HCMOS Clock Oscillator
DESCRIPTION HV14 series oscillators are designed to provide a high quality HCMOS output at high frequencies from 125MHz to 200MHz. Phase and RMS period jitter are kept within low limits. An enable/disable function is standard and the oscillator may also be specified with a power down function. SPECIFICATION Frequency Range: Output Logic: Phase Jitter: RMS Period Jitter: Frequency Stability Commercial: Industrial: Input Voltage: Output Voltage High '1': Low '0': Rise/Fall Time: Current Consumption: Load: Start-up Time: Duty Cycle: Input Static Discharge Protection: Ageing: 125.0MHz to 200.0MHz HCMOS 3.5ps typical 4.0ps typical 25ppm to 100ppm -10 to +70C 25ppm to 100ppm -40 to +85C +2.5V to +3.3VDC 10% +2.97V minimum +0.33 V maximum 0.25ns typical, 0.5ns max. (20%Vdd to 80%Vdd) 80mA typical (Frequency dependent) 15pF 5ms typical, 10ms maximum 50% 5% (Measured at Vdd-1.3V) 2kV maximum 2pmm per year maximum
OUTLINE & DIMENSIONS
SOLDER TEMPERATURE PROFILE
ABSOLUTE MAXIMUM RATINGS Permanent damage may occur if units are operated beyond specified limits. Supply Voltage: +4.6 VDC max. Input Voltage Vi: Vss-0.5 min., Vdd +0.5V max. Input Voltage Vo: Vss-0.5 min., Vdd +0.5V max.
PART NUMBER SCHEDULE Example: Supply Voltage 25 = 2.5 Volts 3 = 3.3 Volts Series Designation RoHS Compliance Stability Code A = 25ppm -10~+70C B = 50ppm -10~+70C C = 100ppm -10~+70C D = 25ppm -40~+85C E = 50ppm -40~+85C F = 100ppm -40~+85C Nominal Frequency:
3HV14GC-150.000
TRISTATE DISABLE Output is disabled when Pin 1 is taken below 0.3 Vcc referenced to ground Oscillator is continues to run. Oscillator is enable when Pin 1 is taken above 0.7 Vcc referenced to ground. Available by special request: Oscillator shuts down when disabled.
ENABLE
POWER DOWN
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 info@euroquartz.co.uk www.euroquartz.co.uk
Registered in England No: 1773012


▲Up To Search▲   

 
Price & Availability of 25HV14GA-150000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X