Part Number Hot Search : 
16245A 74HC5 10027 468A105 AD5645R 1N987B A3197LU 03820
Product Description
Full Text Search
 

To Download 1N4004S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001S thru 1N4007S
PLASTIC SILICON RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.0 Ampere A-405
FEATURES
Low cost Diffused junction Low forward voltage drop Low reverse leakage current High current capability The plastic material carries UL recognition 94V-0
1.0(25.4) MIN.
.028(0.7) .020(0.5)
DIA.
.205(5.2) MAX .107(2.7) DIA. .080(2.0) 1.0(25.4) MIN.
MECHANICAL DATA
Case: JEDEC A-405 molded plastic Polarity: Color band denotes cathode Weight: 0.008 ounces , 0.22 grams Mounting position :Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed On Rated Load (JEDEC Method) Maximum Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @TJ=25 @TJ=100 @TA=75
SYMBOL 1N4001S 1N4002S 1N4003S 1N4004S 1N4005S 1N4006S 1N4007S VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 400 280 400 1.0 600 420 600 800 560 800 1000 700 1000
UNIT V V V A
IFSM VF IR CJ RJC TJ TSTG
30 1.0 5.0 50 15 26 -55 to +125 -55 to +150
A V A pF /W
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 2.Thermal resistance junction to case
~ 10 ~
RATING AND CHARACTERISTIC CURVES 1N4001S thru 1N4007S
FIG. 1 - FORWARD CURRENT DERATING CURVE 1.0 AVERAGE FORWARD CURRENT AMPERES 0.8 0.6
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 50 PEAK FORWARD SURGE CURRENT AMPERES 40
PULSE WIDTH 8.3mS SINGLE Half-Sine-Wave (JEDEC METHOD)
30 20 10 0 1 2 5 10 20 50 100
0.4 0.2 0 25 50 75 100 125 150 175
AMBIENT TEMPERATURE.
NUMBER OF CYCLES AT 60Hz
FIG. 3 - TYPICAL JUNCTION CAPACITANCE 100 60 40 CAPACITANCE,(pF) INSTANTANEOUS FORWARD CURRENT(A) 10
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
20
1.0 TJ = 25 C
10
4
TJ = 25C f = 1 MHz
0.1
2
PULSE WIDTH 300us
1 1 4
0.01 10 40 100 0 0.2 1.2 1.4 0.4 0.6 0.8 1.0 1.6 1.8 4 INSTANTANEOUS FORWARD VOLTAGE VOLTS
REVERSE VOLTAGE ,VOLTS
~ 11 ~


▲Up To Search▲   

 
Price & Availability of 1N4004S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X