Part Number Hot Search : 
22100 HD66002 2SJ246 12DH6 GM71C4 D00469 DRDC3105 06C10
Product Description
Full Text Search
 

To Download 1A3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1A1G thru 1A7G
GLASS PASSIVATED RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.0 Ampere R-1
FEATURES
Low cost Diffused junction Low forward voltage drop Low reverse leakage current High current capability The plastic material carries UL recognition 94V-0
1.0(25.4) MIN.
.026(0.65) .022(0.55)
.132(3.35) .116(2.95) .104(2.65) .089(2.25)
MECHANICAL DATA
Case: JEDEC R-1 molded plastic Polarity: Color band denotes cathode Weight:
1.0(25.4) MIN.
0.15 grams
Mounting position : Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Maximum Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=125 @TA=75
SYMBOL VRRM VRMS VDC I(AV)
1A1G 50 35 50
1A2G 100 70 100
1A3G 200 140 200
1A4G 400 280 400 1.0
1A5G 600 420 600
1A6G 800 560 800
1A7G 1000 700 1000
UNIT V V V A
IFSM VF IR CJ RJA TJ TSTG
30 1.1 5.0 50 10 26 -55 to +150 -55 to +150
A V A pF /W
Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 2.Thermal resistance junction to ambient.
~ 38 ~
RATING AND CHARACTERISTIC CURVES 1A1G thru 1A7G
FIG. 1 - FORWARD CURRENT DERATING CURVE 1.0 AVERAGE FORWARD CURRENT AMPERES 0.8 0.6
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 50 PEAK FORWARD SURGE CURRENT AMPERES 40
30 20
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0.4 0.2 0 25 50 75 100 125 150 175
10 0 1 2 5 10 20 50 100
AMBIENT TEMPERATURE.
NUMBER OF CYCLES AT 60Hz
FIG. 3 - TYPICAL JUNCTION CAPACITANCE 100 INSTANTANEOUS FORWARD CURRENT(A) 60 40 CAPACITANCE,(pF) 10
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
20
1.0 TJ = 25C
10
4
TJ = 25C f = 1MHz
0.1
2
PULSE WIDTH 300us
1 1 4
0.01 10 40 100 0 0.2 1.2 1.4 1.8 0.4 0.6 0.8 1.0 1.6 4 INSTANTANEOUS FORWARD VOLTAGE VOLTS
REVERSE VOLTAGE ,VOLTS
~ 39 ~


▲Up To Search▲   

 
Price & Availability of 1A3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X