Part Number Hot Search : 
IR91458N R5110210 3362H501 0001TR NCV8614B MMC4055 HC405 MIP2E3D
Product Description
Full Text Search
 

To Download 16000HC3510201030-AT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THROUGH-HOLE CRYSTALS HC35 CRYSTALS (TO5)
DESCRIPTION
HC35 crystals are used in communications, aerospace and defence applications The crystal blank used in HC35 packages is capable of being manufactured to close tolerances and is readily produced with custom frequencies and specifications.
OUTLINES AND DIMENSIONS
FEATURES
Wide frequency range Small profile, low-mass package Close tolerances easily achieved Fully customisable specification Industry-standard package
GENERAL SPECIFICATION
Frequency Range: Oscillation Mode: Calibration Tolerance at 25C: Frequency stability over temp: Operating Temperature Range: Shunt Capacitance (C0): Load Capacitance (CL): Motional Capacitance (C1): Effective Series Resistance: Ageing: Drive level: Shock: Vibration: Holder: Supply format: 8.0MHz to 250MHz See table from 3ppm from 3ppm (see table) From 0~+50 to -55~+125C 4pF maximum (See table) Series or from 8pF to 32pF (Customer specified CL) See table See table 2ppm max 1st year, 1ppm typical per year after 100uW maximum 100g/6ms 10g/1.5mm, 10~500Hz, 3 axis Resistance-weld, hermetic seal Bulk pack
FREQUENCY STABILITY OVER TEMPERATURE
Operating Temp. C 0 to +50 -10 to +60 -20 to +70 -30 to +80 -40 to +90 -55 to +105 -55 to +125 Temperature Stability (ppm) 3 u u X X X X X 5 u u u X X X X 7 u u u X X X X 10 20 25 30 50 u u u u u X X u u u u u X X u u u u u u X u u u u u u u u u u u u u u
OSCILLATION MODE, ESR & SHUNT CAPACITANCE
Frequency (MHz) 8.0~9.9 10.0~10.99 11.0~12.9 13.0~45.0 30.0~50.0 50.1~100.0 80.0~200 150~250 Crystal Cut Osc. Mode AT Fund. AT Fund. AT Fund. AT Fund. AT 3rd OT AT 5th OT AT 7th OT AT 9th OT ESR (max) (Ohms) 80 60 40 25 40 50 70 120 C0 (pF) 2.5 3.0 4.0 4.0 4.0 4.0 4.0 4.0
PART NUMBER GENERATION
HC35 crystal part numbers are derived as follows: Example:
16.000MHz HC35/10/20/10/30pF/ATF
MOTIONAL CAPACITANCE (C1)
Frequency Package = HC35 Calibration Tolerance at 25C ppm Temperature Stability ppm Operating Temperature Range lower figure of temp. range e.g. `10' = -10~+60C `20' = -20~+70C Circuit Condition (CL in pF or SERIES) Mode - ATF (AT-Cut, Fundamental) - AT3 (AT-Cut, 3rd overtone) - AT5 (AT-Cut, 5th overtone) - AT7 (AT-Cut, 7th overtone) - AT9 (AT-Cut, 9th overtone)
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 1460 230000 Fax: +44 1460 230001 email: info@euroquartz.co.uk web: www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of 16000HC3510201030-AT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X