Part Number Hot Search : 
EK012 2KBP01 78L05B UT180020 TL4310 1N23ER BC450 NTX2N67
Product Description
Full Text Search
 

To Download ZTHI54W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
ZTHI54W
2.0x1.25mm INFRARED EMITTING DIODE
Features
2.0mmx1.25mm SMT LED,1.1mm THICKNESS. MECHANICALLY AND SPECTRALLY MATCHED TO THE PHOTOTRANSISTOR. WATER CLEAR LENS. PACKAGE: 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/100 Duty Cycle 10us Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg THI (GaAlAs) 5 50 1.2 80 -40 ~ +85 -40 ~ +85 Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR THI (GaAlAs) 1.3 1.6 10 Unit V V uA
Unit V mA A mW C
P
880
nm
50
nm
C
90
pF
Part Number
Emitting Material
Lens-color
Luminous Intensity (Po=Mw/sr) @20mA min. typ. 0.8
Wavelength nm P
Viewing Angle 2 1/2
ZTHI54W
GaAlAs
Water Clear
0.4
880
120
Published Date : FEB 28,2008
Drawing No : SDSA0508
V6
Checked : B.L.LIU
P.1/4
www.SunLED.com
Part Number:
ZTHI54W
2.0x1.25mm INFRARED EMITTING DIODE
THI
Published Date : FEB 28,2008
Drawing No : SDSA0508
V6
Checked : B.L.LIU
P.2/4
www.SunLED.com
Part Number:
ZTHI54W
2.0x1.25mm INFRARED EMITTING DIODE
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage or radiant intensity / luminous flux), the typical accuracy of the sorting process is as follows: 1. Radiant Intensity / Luminous Flux: +/-15% 2. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters Published Date : FEB 28,2008 Drawing No : SDSA0508 V6 Checked : B.L.LIU P.3/4
www.SunLED.com
Part Number:
ZTHI54W
2.0x1.25mm INFRARED EMITTING DIODE
PACKING & LABEL SPECIFICATIONS
ZTHI54W
Published Date : FEB 28,2008
Drawing No : SDSA0508
V6
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of ZTHI54W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X