|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
UG06A THRU UG06D 0.6 AMP. Ultrafast Plastic Rectifiers Voltage Range 50 TO 200 Volts Current 0.6 Ampere Features Plastic package has Underwriters Laboratories Flammability Classification 94V-0 Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes Ultrafast recovery time for high efficiency Excellent high temperature switching Glass passivated junction High temperature soldering guaranteed: 260/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension TS-1 Mechanical Data Cases: Void free molded plastic body over glass passivated chip Terminals: Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.0064 ounce, 0,181 gram Dimensions in inches and (millimeters) Maximum Ratings and Electrical Characteristics Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol UG06A Type Number VRRM Maximum Recurrent Peak Reverse Voltage 50 VRMS Maximum RMS Voltage 35 VDC Maximum DC Blocking Voltage 50 Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TL = 75 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) @TL = 75 Maximum Instantaneous Forward Voltage @ 0.6A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 UG06B UG06C UG06D 100 70 100 0.6 40 0.95 150 105 150 200 140 200 Units V V V A A V uA uA nS pF /W I(AV) IFSM VF 5.0 IR 100 Trr Maximum Reverse Recovery Time ( Note 1 ) 15 Cj Typical Junction Capacitance ( Note 2 ) 9.0 Typical Thermal Resistance ( Note 3 ) RJA 97 RJL 28 Operating Temperature Range TJ -55 to +150 Storage Temperature Range TSTG -55 to +150 Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 3. Thermal Resistance from Junction to Ambient at 0.375" (9.5mm) Lead Length. Mount on Cu-Pad Size 0.2" x 0.2" (5mm x 5mm) on PCB. - 362 - RATINGS AND CHARACTERISTIC CURVES (UG06A THRU UG06D) FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE 0.9 Resistive or Inductive Load 0.375" (9.5mm) Lead Length FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 100 PEAK FORWARD SURGE CURRENT. (A) AVERAGE FORWARD RECTIFIED CURRENT AMPERES 0.75 TL=75 0C 8.3ms Single Half Sine Wave JEDEC Method 0.6 TL, Lead Temperature 0.45 10 0.3 TA, AMBIENT TEMPERATURE P.C.B. MOUNTED 0.7 x 0.7" (8x8mm) COPPER PAD 0 25 50 75 100 o 0.15 0 125 150 175 TEMPERATURE. ( C) 1 1 10 NUMBER OF CYCLES AT 60Hz 100 FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT. (A) FIG.4- TYPICAL REVERSE CHARACTERISTICS 1000 Tj=100 0C INSTANTANEOUS REVERSE CURRENT. ( A) 100 10 Tj=50 0C Tj=100 0C 10 1 Tj=50 0C 1 0.1 0.1 Pulse Width=300 s 1% Duty Cycle 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%) FORWARD VOLTAGE. (V) FIG.5- TYPICAL JUNCTION CAPACITANCE 100 Tj=25 0C f=1.0MHz Vsig=50mVp-p JUNCTION CAPACITANCE.(pF) 10 1 0.1 1 REVERSE VOLTAGE. (V) 10 100 - 363 - |
Price & Availability of UG06D |