Part Number Hot Search : 
R4000 N4616 RF3321 38023M7D LM3240 R4000 1205E BZ526
Product Description
Full Text Search
 

To Download TIP126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
DESCRIPTION With TO-220C package DARLNGTON High DC durrent gain Low collector saturation voltage Complement to type TIP120/121/122 APPLICATIONS Designed for general-purpose amplifier and low-speed switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
TIP125/126/127
Absolute maximum ratings(Tc=25ae )
SYMBOL

PARAMETER
VCBO
INC
Collector-base voltage
E SEM ANG H
TIP125 TIP126 TIP127 TIP125 TIP126 TIP127 Open base
OND IC
CONDITIONS
TOR UC
VALUE -60 -80 -100 -60 -80 -100
UNIT
Open emitter
V
VCEO
Collector-emitter voltage
V
VEBO IC ICM IB PC Tj Tstg
Emitter-base voltage Collector current-DC Collector current-Pulse Base current-DC
Open collector
-5 -5 -8 -120
V A A mA W
TC=25ae Collector power dissipation Ta=25ae Junction temperature Storage temperature
65 2 150 -65~150 ae ae
Inchange Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER TIP125 VCEO(SUS) Collector-emitter sustaining voltage TIP126 TIP127 VCEsat-1 VCEsat-2 VBE Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage TIP125 ICBO Collector cut-off current TIP126 TIP127 IC=-3A ,IB=-12mA IC=-5A ,IB=-20mA IC=-3.0A ; VCE=-3V VCB=-60V, IE=0 VCB=-80V, IE=0 VCB=-100V, IE=0 VCE=-30V, IB=0 VCE=-40V, IB=0 VCE=-50V, IB=0 VEB=-5V; IC=0 IC=-0.1A, IB=0 CONDITIONS
TIP125/126/127
SYMBOL
MIN -60 -80 -100
TYP.
MAX
UNIT
V
-2.0 -4.0 -2.5
V V V
-0.2
mA
ICEO
IN
Collector cut-off current

TIP125 TIP126
IEBO hFE-1 hFE-2 Cob
Emitter cut-off current DC current gain DC current gain
CHA
E SEM NG
TIP127
OND IC
TOR UC
-0.5 -2
mA
mA
IC=-0.5A ; VCE=-3V IC=-3.0A ; VCE=-3V IE=0 ; VCB=-10V,f=0.1MHz
1000 1000 300 pF
Output capacitance
2
Inchange Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
PACKAGE OUTLINE
TIP125/126/127

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
TIP125/126/127

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of TIP126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X