![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TC7SH08FS TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TC7SH08FS 2-INPUT AND GATE Features High speed: tpd = 4.3 ns (typ.) at VCC = 5 V Low power dissipation: ICC = 2 A (max) at Ta = 25C High noise immunity: VNIH = VNIL = 28% VCC (min) 5.5V tolerant input. Wide operating voltage range: VCC (opr) = 2~5.5 V SON5-P-0.35 (fSV) Marking (top view) Type Name Pin Assignment Weight : 0.001 g (Typ.) H 2 IN A 1 5 VCC GND 2 IN B 3 4 OUT Y 1 2003-08-28 TC7SH08FS Maximum Ratings (Ta = 25C) Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating -0.5~7.0 -0.5~7.0 -0.5~VCC + 0.5 -20 20 25 50 50 -65~150 Unit V V V mA mA mA mA mW C Logic Diagram IN A & IN B OUT Y Truth Table A L L H H B L H L H Y L L L H Recommended Operating Conditions Characteristics Supply voltage Input voltage Output voltage Operating temperature Input rise and fall time Symbol VCC VIN VOUT Topr dt/dv Rating 2.0~5.5 0~5.5 0~VCC -40~85 0~100 (VCC = 3.3 0.3 V) 0~20 (VCC = 5 0.5 V) Unit V V V C ns/V 2 2003-08-28 TC7SH08FS Electrical Characteristics DC Characteristics Characteristics Symbol Test Circuit Ta = 25C Test Condition VCC (V) 2.0 VIH 3.0~ 5.5 2.0 Low-level input voltage VIL 3.0~ 5.5 2.0 IOH = -50 A High-level output voltage VOH VIN = VIH IOH = -4 mA IOH = -8 mA 3.0 4.5 3.0 4.5 2.0 IOL = 50 A Low-level output voltage VOL VIN = VIH or VIL Ta = -40~85C Unit Max 0.50 VCC x 0.3 0.1 0.1 0.1 0.36 0.36 0.1 2.0 Min 1.50 VCC x 0.7 1.9 2.9 4.4 2.48 3.80 Max 0.50 VCC x 0.3 0.1 0.1 0.1 0.44 0.44 1.0 20.0 A A V V V V Min 1.50 VCC x 0.7 1.9 2.9 4.4 2.58 3.94 Typ. 2.0 3.0 4.5 0.0 0.0 0.0 High-level input voltage 3.0 4.5 IOL = 4 mA IOL = 8 mA Input leakage current Quiescent supply current IIN ICC VIN = 5.5 V or GND VIN = VCC or GND 3.0 4.5 0~ 5.5 5.5 3 2003-08-28 TC7SH08FS AC Characteristics (Input: tr = tf = 3 ns) Characteristics Symbol Test Circuit Test Condition VCC (V) 3.3 0.3 Propagation delay time tpLH tpHL 5.0 0.5 (Note) CL (pF) 15 50 15 50 Input capacitance Power dissipation capacitance CIN CPD Min Ta = 25C Typ. 6.2 8.7 4.3 5.8 4 14 Max 8.8 12.3 5.9 7.9 10 Ta = -40~85C Min 1.0 1.0 1.0 1.0 Max 10.5 14.0 7.0 9.0 10 pF pF ns Unit Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC 4 2003-08-28 TC7SH08FS Package Dimensions SON5-P-0.35 Unit:mm Weight:0.001g(typ.) 5 2003-08-28 TC7SH08FS RESTRICTIONS ON PRODUCT USE * The information contained herein is subject to change without notice. 030619EBA * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations. 6 2003-08-28 |
Price & Availability of TC7SH08FS
![]() |