Part Number Hot Search : 
ES51C1 SY58610 F0070B IPD4000 CMX602B BCR8P 00LVEL FQB2N90
Product Description
Full Text Search
 

To Download TC74VCX164245FT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74VCX164245FT
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX164245FT
16-Bit Dual Supply Bus Transceiver
The TC74VCX164245FT is a dual supply, advanced high-speed CMOS 16-bit dual supply voltage interface bus transceiver fabricated with silicon gate CMOS technology. It is also designed with over voltage tolerant inputs and outputs up to 3.6 V. Designed for use as an interface between a 3.3-V or 2.5-V bus and a 2.5-V or 1.8-V bus in mixed 3.3-V or 2.5-V/2.5-V or 1.8-V supply systems. The B-port interfaces with the 3.3-V or 2.5-V bus, the A-port with the 2.5-V or 1.8-V bus. Weight: 0.25 g (typ.) The direction of data transmission is determined by the level of the DIR input. The enable input ( OE ) can be used to disable the device so that the buses are effectively isolated. All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features (Note)
* * * * * Bidirectional interface between 3.3 V and 2.5 V, 3.3 V and 1.8 V, 2.5 V and 1.8 V High-speed: tpd = 4.6 ns (max) (VCCB = 3.3 0.3 V, VCCA = 2.5 0.2 V) tpd = 7.1 ns (max) (VCCB = 3.3 0.3 V, VCCA = 1.8 0.15 V) tpd = 7.0 ns (max) (VCCB = 2.5 0.2 V, VCCA = 1.8 0.15 V) Output current: IOH/IOL = 24 mA (min) (VCC = 3.0 V) : IOH/IOL = 18 mA (min) (VCC = 2.3 V) : IOH/IOL = 6 mA (min) (VCC = 1.65 V) * * * * Latch-up performance: -300 mA ESD performance: Machine model 200 V Human body model 2000 V Package: TSSOP 3.6-V tolerant function and power-down protection provided on all inputs and outputs Note: Do not apply a signal to any bus pins when it is in the output mode. Damage may result. All floating (high impedance) bus pins must have their input level fixed by means of pull-up or pull-down resistors.
1
2007-10-19
TC74VCX164245FT
Pin Assignment (top view) IEC Logic Symbol
1OE 1DIR 2OE 2DIR 48 1 25 24 G3 3 EN1 (BA) 3 EN2 (AB) G6 6 EN4 (BA) 6 EN5 (AB)
1 2
1DIR 1B1 1B2 GND 1B3 1B4 VCCB 1B5 1B6
1 2 3 4 5 6 7 8 9
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
1OE 1A1 1A2 GND 1A3 1A4 VCCA 1A5 1A6 GND 1A7 1A8 2A1 2A2 GND 2A3 2A4 VCCA 2A5 2A6 GND 2A7 2A8 2OE
1A1 1A2 1A3 1A4 1A5 1A6 1A7 1A8 2A1 2A2 2A3 2A4 2A5 2A6 2A7 2A8
47 46 44 43 41 40 38 37 36 35 33 32 30 29 27 26
2 3 5 6 8 9 11 12 13 14 16 17 19 20 22 23
1B1 1B2 1B3 1B4 1B5 1B6 1B7 1B8 2B1 2B2 2B3 2B4 2B5 2B6 2B7 2B8
GND 10 1B7 11 1B8 12 2B1 13 2B2 14 GND 15 2B3 16 2B4 17 VCCB 18 2B5 19 2B6 20 GND 21 2B7 22 2B8 23 2DIR 24
4 5
2
2007-10-19
TC74VCX164245FT
Truth Table
Inputs 1OE L L H 1DIR L H X Function Bus 1A1-1A8 Output Input Z Bus 1B1-1B8 Input Output Outputs
A=B B=A Z
Inputs 2OE L L H 2DIR L H X
Function Bus 2A1-2A8 Output Input Z Bus 2B1-2B8 Input Output Outputs
A=B B=A Z
X: Don't care Z: High impedance
3
2007-10-19
TC74VCX164245FT
Block Diagram
VCCB VCCA
1DIR
1OE
Logic level converter
1B1
1A1
1B8
Same as above block
1A8
VCCB
VCCA
2DIR
2OE
Logic level converter
2B1
2A1
2B8
Same as above block
2A8
4
2007-10-19
TC74VCX164245FT
Absolute Maximum Ratings (Note 1)
Characteristics Power supply voltage DC input voltage (DIR, OE ) (Note 2) Symbol VCCB VCCA VIN Rating
-0.5 to 4.6 -0.5 to VCCB -0.5 to 4.6 -0.5 to 4.6 (Note 3)
Unit V
V
VI/OB DC bus I/O voltage VI/OA
-0.5 to VCCB + 0.5
(Note 4)
-0.5 to 4.6 (Note 3) -0.5 to VCCA + 0.5
V
(Note 4) Input diode current Output diode current DC output current IIK II/OK IOUTB IOUTA ICCB ICCA PD Tstg
-50 50 50 50 100 100
mA (Note 5) mA mA
DC VCC/ground current per supply pin Power dissipation Storage temperature
mA mW
C
400
-65 to 150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: VCCB > VCCA Don't supply a voltage to VCCA terminal when VCCB is in the off-state. Note 3: OFF state Note 4: High or low state. IOUT absolute maximum rating must be observed. Note 5: VOUT < GND, VOUT > VCC
5
2007-10-19
TC74VCX164245FT
Operating Ranges (Note 1)
Characteristics Power supply voltage Input voltage (DIR, OE ) Symbol VCCB VCCA VIN Rating 2.3 to 3.6 1.65 to 2.7 0 to 3.6 0 to 3.6 (Note 2) V Unit V
V
VI/OB Bus I/O voltage VI/OA
0 to VCCB (Note 3) 0 to 3.6 (Note 2)
0 to VCCA (Note 3)
24 18 18 6 -40 to 85
IOUTB Output current IOUTA Operating temperature Input rise and fall time Topr dt/dv
(Note 4) (Note 5) (Note 6) (Note 7) C (Note 8) ns/V mA
0 to 10
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs and bus inputs must be tied to either VCC or GND. Please connect both bus inputs and the bus outputs with VCC or GND when the I/O of the bus terminal changes by the function. In this case, please note that the output is not short-circuited. Note 2: Output in OFF state Note 3: High or low state Note 4: VCCB = 3.0 to 3.6 V Note 5: VCCA = 2.3 to 2.7 V Note 6: VCCA = 2.3 to 2.7 V Note 7: VCCA = 1.65 to 1.95 V Note 8: VINB = 0.8 to 2.0 V, VCCB = 3.0 V VINA = 0.7 to 1.6 V, VCCA = 2.5 V
6
2007-10-19
TC74VCX164245FT
Electrical Characteristics DC Characteristics (VCCB = 3.3 0.3 V, VCCA = 2.5 0.2 V)
Characteristics Symbol Test Condition VCCB (V) VCCA (V) 3.3 0.3 3.3 0.3 3.3 0.3 3.3 0.3 IOHB = -100 A IOHB = -24 mA VIN = VIH or VIL VOHA IOHA = -100 A IOHA = -18 mA IOLB = 100 A VIN = VIH or VIL VOLA VIN = VIH or VIL VOUT = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN (DIR, OE ) = 0 to 3.6 V VIN, VOUT = 0 to 3.6 V VINA = VCCA or GND VINB = VCCB or GND VINA = VCCA or GND VINB = VCCB or GND VCCB < (VIN, VOUT) < 3.6 V = VCCA < (VIN, VOUT) < 3.6 V = = VINB = VCCB - 0.6 V per input VINA = VCCA - 0.6 V per input IOLB = 24 mA IOLA = 100 A IOLA = 18 mA 3.3 0.3 3.0 3.3 0.3 3.3 0.3 3.3 0.3 3.0 3.3 0.3 3.3 0.3 3.3 0.3 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.3 2.5 0.2 2.5 0.2 2.5 0.2 2.3 2.5 0.2 Ta = -40 to 85C Min H-level input voltage VIHB VIHA L-level input voltage VILB VILA VOHB H-level output voltage DIR, OE , Bn An DIR, OE , Bn An 2.0 1.6

Unit
Max

V
0.8 0.7

V
VCCB - 0.2 2.2 VCCA - 0.2 1.7

V
VOLB L-level output voltage
0.2 0.55 0.2 0.6
10 A
V
IOZB 3-state output OFF state current IOZA Input leakage current Power-off leakage current IIN IOFF ICCB
3.3 0.3 3.3 0.3 0 3.3 0.3
2.5 0.2 2.5 0.2 0 2.5 0.2

10 5.0 A A
10 20
A
ICCA Quiescent supply current ICCB ICCA ICCTB ICCTA
3.3 0.3 3.3 0.3 3.3 0.3 3.3 0.3 3.3 0.3
2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2

20
20 20
A A A
750 750
7
2007-10-19
TC74VCX164245FT
DC Characteristics (VCCB = 3.3 0.3 V, VCCA = 1.8 0.15 V)
Characteristics Symbol Test Condition VCCB (V) VCCA (V) Ta = -40 to 85C Min VIHB H-level input voltage VIHA VILB L-level input voltage VILA An DIR, OE , Bn An IOHB = -100 A IOHB = -24 mA VIN = VIH or VIL VOHA IOHA = -100 A IOHA = -6 mA IOLB = 100 A VIN = VIH or VIL VOLA VIN = VIH or VIL VOUT = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN (DIR, OE ) = 0 to 3.6 V VIN, VOUT = 0 to 3.6 V VINA = VCCA or GND VINB = VCCB or GND VINA = VCCA or GND VINB = VCCB or GND VCCB < (VIN, VOUT) < 3.6 V = VCCA < (VIN, VOUT) < 3.6 V = = VINB = VCCB - 0.6 V per input VINA = VCCA - 0.6 V per input IOLB = 24 mA IOLA = 100 A IOLA = 6 mA DIR, OE , Bn 3.3 0.3 1.8 0.15 3.3 0.3 1.8 0.15 3.3 0.3 1.8 0.15 3.3 0.3 1.8 0.15 3.3 0.3 1.8 0.15 3.0 1.8 0.15 2.0 0.65 x VCC

Unit
Max

V
0.8 0.35 x VCC

V
VOHB H-level output voltage
VCCB - 0.2 2.2 VCCA - 0.2 1.25

V
3.3 0.3 1.8 0.15 3.3 0.3 1.65
VOLB L-level output voltage
3.3 0.3 1.8 0.15 3.0 1.8 0.15
0.2 0.55 0.2 0.3
10 A
3.3 0.3 1.8 0.15 3.3 0.3 1.65
V
IOZB 3-state output OFF state current IOZA Input leakage current Power-off leakage current IIN IOFF ICCB
3.3 0.3 1.8 0.15
3.3 0.3 1.8 0.15 3.3 0.3 1.8 0.15 0 0

10 5.0 A A
10 20
3.3 0.3 1.8 0.15
A
ICCA Quiescent supply current ICCB ICCA ICCTB ICCTA
3.3 0.3 1.8 0.15 3.3 0.3 1.8 0.15 3.3 0.3 1.8 0.15 3.3 0.3 1.8 0.15 3.3 0.3 1.8 0.15

20
20 20
A A A
750 750
8
2007-10-19
TC74VCX164245FT
DC Characteristics (VCCB = 2.5 0.2 V, VCCA = 1.8 0.15 V)
Characteristics Symbol Test Condition VCCB (V) VCCA (V) Ta = -40 to 85C Min VIHB H-level input voltage VIHA VILB L-level input voltage VILA An DIR, OE , Bn An IOHB = -100 A IOHB = -18 mA VIN = VIH or VIL VOHA IOHA = -100 A IOHA = -6 mA IOLB = 100 A VIN = VIH or VIL VOLA VIN = VIH or VIL VOUT = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN (DIR, OE ) = 0 to 3.6 V VIN, VOUT = 0 to 3.6 V VINA = VCCA or GND VINB = VCCB or GND VINA = VCCA or GND VINB = VCCB or GND VCCB < (VIN, VOUT) < 3.6 V = VCCA < (VIN, VOUT) < 3.6 V = = VINB = VCCB - 0.6 V per input VINA = VCCA - 0.6 V per input IOLB = 18 mA IOLA = 100 A IOLA = 6 mA DIR, OE , Bn 2.5 0.2 1.8 0.15 2.5 0.2 1.8 0.15 2.5 0.2 1.8 0.15 2.5 0.2 1.8 0.15 2.5 0.2 1.8 0.15 2.3 1.8 0.15 1.6 0.65 x VCC

Unit
Max

V
0.7 0.35 x VCC

V
VOHB H-level output voltage
VCCB - 0.2 1.7 VCCA - 0.2 1.25

V
2.5 0.2 1.8 0.15 2.5 0.2 1.65
VOLB L-level output voltage
2.5 0.2 1.8 0.15 2.3 1.8 0.15
0.2 0.6 0.2 0.3
10 A
2.5 0.2 1.8 0.15 2.5 0.2 1.65
V
IOZB 3-state output OFF state current IOZA Input leakage current Power-off leakage current IIN IOFF ICCB
2.5 0.2 1.8 0.15
2.5 0.2 1.8 0.15 2.5 0.2 1.8 0.15 0 0

10 5.0 A A
10 20
2.5 0.2 1.8 0.15
A
ICCA Quiescent supply current ICCB ICCA ICCTB ICCTA
2.5 0.2 1.8 0.15 2.5 0.2 1.8 0.15 2.5 0.2 1.8 0.15 2.5 0.2 1.8 0.15 2.5 0.2 1.8 0.15

20
20 20
A A A
750 750
9
2007-10-19
TC74VCX164245FT
AC Characteristics (Ta = -40~85C, Input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 ) VCCB = 3.3 0.3 V, VCCA = 2.5 0.2 V
Characteristics Propagation delay time (Bn An) 3-state output enable time ( OE An) 3-state output disable time ( OE An) Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 0.8 Max 4.6 Unit
Figure 1, Figure 3
0.8
4.6
ns
Figure 1, Figure 3
0.8
4.4
Figure 1, Figure 2
0.6
4.4
Figure 1, Figure 3
0.6
4.8
ns
Figure 1, Figure 3
0.8
4.8
(Note)
0.5
ns
Note:
Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
VCCB = 3.3 0.3 V, VCCA = 1.8 0.15 V
Characteristics Propagation delay time (Bn An) 3-state output enable time ( OE An) 3-state output disable time ( OE An) Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.5 Max 7.1 Unit
Figure 1, Figure 3
1.5
8.2
ns
Figure 1, Figure 3
0.8
4.5
Figure 1, Figure 2
0.6
5.5
Figure 1, Figure 3
0.6
5.3
ns
Figure 1, Figure 3
0.8
5.6
(Note)
0.5
ns
Note:
Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
10
2007-10-19
TC74VCX164245FT
VCCB = 2.5 0.2 V, VCCA = 1.8 0.15 V
Characteristics Propagation delay time (Bn An) 3-state output enable time ( OE An) 3-state output disable time ( OE An) Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.5 Max 7.0 Unit
Figure 1, Figure 3
1.5
8.3
ns
Figure 1, Figure 3
0.8
4.6
Figure 1, Figure 2
0.8
5.8
Figure 1, Figure 3
0.8
5.8
ns
Figure 1, Figure 3
0.8
5.2
(Note)
0.5
ns
Note:
Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
Dynamic Switching Characteristics (Ta = 25C, Input: tr = tf = 2.0 ns, CL = 30 pF)
Characteristics Symbol Test Condition VCCB (V) VCCA (V) 2.5 BA Quiet output maximum dynamic VOL AB VOLP VIH = VCC, VIL = 0 V 3.3 3.3 2.5 3.3 3.3 2.5 BA Quiet output minimum dynamic VOL AB VOLV VIH = VCC, VIL = 0 V 3.3 3.3 2.5 3.3 3.3 2.5 BA Quiet output minimum dynamic VOH AB VOHV VIH = VCC, VIL = 0 V 3.3 3.3 2.5 3.3 3.3 1.8 1.8 2.5 1.8 1.8 2.5 1.8 1.8 2.5 1.8 1.8 2.5 1.8 1.8 2.5 1.8 1.8 2.5 Typ. 0.25 0.25 0.6 0.6 0.8 0.8
-0.25 -0.25 -0.6 -0.6 -0.8 -0.8
Unit
V
V
1.3 1.3 1.7 1.7 2.0 2.0 V
11
2007-10-19
TC74VCX164245FT
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Output capacitance Symbol CIN CI/O CPDA (Note) Test Circuit

Test Condition VCCB (V) VCCA (V) DIR, OE An, Bn A B (DIR = "H") B A (DIR = "L") A B (DIR = "H") B A (DIR = "L") 3.3 3.3 3.3 3.3 3.3 3.3 2.5 2.5 2.5 2.5 2.5 2.5
Typ. 7 8 2 33 24 3
Unit pF pF
Power dissipation capacitance
pF
CPDB
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC/16 (per bit)
12
2007-10-19
TC74VCX164245FT
AC Test Circuit
6.0 V or VCC x 2 Open GND Measure
CL RL
Switch
RL
Parameter tpLH, tpHL tpLZ, tpZL tpHZ, tpZH 6.0 V VCC x 2
Switch Open @VCC = 3.3 0.3 V @VCC = 2.5 0.2 V @VCC = 1.8 0.15 V GND
Output
CL = 30 pF RL = 500
Figure 1 AC Waveform
tr 2.0 ns Input (An, Bn) tf 2.0 ns 90% VM VIH 10% GND VOH VM tpLH tpHL VOL
Output (Bn, An)
Figure 2 tpLH, tpHL
tr 2.0 ns Output Enable Control ( OE ) tpLZ Output (An, Bn) Low to Off to Low tpHZ Output (An, Bn) High to Off to High Outputs enabled tf 2.0 ns 90% VM VIH 10% tpZL 3.0 V or VCC VM VX tpZH VOL VOH VM GND Outputs disabled Outputs enabled GND
VY
Figure 3 tpLZ, tpHZ, tpZL, tpZH
Symbol VIH VM VX VY VCC 3.3 0.3 V 2.7 V 1.5 V VOL + 0.3 V VOH - 0.3 V 2.5 0.2 V VCC VCC/2 VOL + 0.15 V VOH - 0.15 V 1.8 0.15 V VCC VCC/2 VOL + 0.15 V VOH - 0.15 V
13
2007-10-19
TC74VCX164245FT
Package Dimensions
Weight: 0.25 g (typ.)
14
2007-10-19
TC74VCX164245FT
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
15
2007-10-19


▲Up To Search▲   

 
Price & Availability of TC74VCX164245FT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X