Part Number Hot Search : 
L3VXXW AB116 SMB12 002096 SR3080PT CY7C136 PT8402 5230B
Product Description
Full Text Search
 

To Download TC1N4370A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TAK CHEONG
SEM IC O N DU C TO R
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Absolute Maximum Ratings
Parameter Power Dissipation Storage Temperature Range Operating Junction Temperature TA = 25C unless otherwise noted Value 500 -65 to +200 +200 Units mW C C
AXIAL LEAD DO35
DEVICE MARKING DIAGRAM
L 43 xx T
L : Logo Device Code : TC1N43xxT Tolerance (T) : (Blank) :A C :D
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 2.4 to 3 Volts DO-35 Package (JEDEC) Through-Hole Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable RoHS Compliant Solder Hot Dip Tin (Sn) Lead Finish Cathode Indicated By Polarity Band
Cathode
= 10% = 5% = 2% = 1%
Anode
ELECTRICAL SYMBOL
Electrical Characteristics
Device Type TC1N4370A TC1N4371A TC1N4372A VZ @ IZT (Volts) Nominal 2.4 2.7 3
TA = 25C unless otherwise noted IZT (mA) 20 20 20 ZZT @ IZT () Max 30 30 29 IR @ VR (A) Max 100 75 50 VR (Volt) 1 1 1
VF Forward Voltage = 1.5 V Maximum @ IF = 200 mA for all types Notes: 1. TOLERANCE AND VOLTAGE DESIGNATION The type numbers listed have zener voltage as shown and have a standard tolerance on the nominal zener voltage of 5%. Suffix (BLANK) = 10%, Suffix C = 2% and D = 1%. 2. SPECIALS AVAILABLE INCLUDE Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery, contact you nearest Tak Cheong representative. 3. ZENER VOLTAGE (VZ) MEASUREMENT The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device junction in thermal equilibrium. 4. ZENER IMPEDANCE (ZZ) DERIVATION Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an RMS value equal to 10% of the dc zener current (IZT) is superimposed to IZT .
November 2006/ B Page 1
TC1N4370A through TC1N4372A
(R)
TAK CHEONG
SEM IC O N DU C TO R Package Outline
Package Case Outline
DO-35 DO-35 DIM Min A B C D 0.46 3.05 25.40 1.53 Millimeters Max 0.55 5.08 38.10 2.28 Min 0.018 0.120 1.000 0.060 Inches Max 0.022 0.200 1.500 0.090
Notes: 1. 2. All dimensions are within JEDEC standard. DO35 polarity denoted by cathode band.
This datasheet presents technical data of Tak Cheong's Zener Diodes. Complete specifications for the individual devices are provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of components required for a specific application. For additional information, please visit our website http://www.takcheong.com. Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak Cheong. Please consult your nearest Tak Cheong's sales office for further assistance. Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability, function or design, cost and productivity.
TAK CHEONG
(R)
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
November 2006/ B Page 2


▲Up To Search▲   

 
Price & Availability of TC1N4370A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X