Part Number Hot Search : 
40HR308 S4806CBI RFR3806 P6KE10 28128 JAN4N49 RN498 1855MF9
Product Description
Full Text Search
 

To Download TA134011AX01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tachometer electronic
2 limits, PNP, NPN or AC logic Display LCD, 6-digits, programmable
TA134
Features - Tachometer for rotation speed and velocity - Display 6-digits - Connection: One-channel digital sensor or potential-free contact - Two limits and scaling - Batch counter with impulse evaluation - Interface RS485
TA134 - LCD-Tachometer Technical data - electrical ratings Voltage supply 22...50 VAC (50/60 Hz) 85...265 VAC (50/60 Hz) 12...30 VDC 5 VA, 5 W AC: 24 VDC 20 % / 100 mA DC: 9...28 VDC / 100 mA LCD, 7-segment display, 2-lines, backlit 6-digits 7 mm (count) 4 mm (preset) 1/s, 1/min, 1/h programmable Tachometer Period duration measurement Comparator inputs NPN / PNP 3 programmable Stop, Hold, Print 3 Hz, 25 Hz, 10 kHz programmable 25 Hz, 40 kHz programmable 0.0001...9999.99 >10 years in EEPROM Optocoupler Normally open or closed, programmable RS485 Protection class II Overvoltage category II Pollution degree 2 DIN EN 61000-6-4 DIN EN 61000-6-2 Approvals Technical data - electrical ratings Programmable parameters Measuring units 1/h, 1/min, 1/s Scaling factor Sensor logic Control inputs Count frequency UL/cUL, CE conform
Power consumption Sensor supply Display Number of digits Digit height Unit displayed Function Measuring principle Signal inputs Input logic Control inputs Control functions Counting frequency Tacho frequency Scaling factor Data memory Outputs electronic Outputs relay Interface Standard DIN EN 61010-1 Emitted interference Interference immunity
Technical data - mechanical design Operating temperature Storing temperature Relative humidity E-connection Core cross-section Protection DIN EN 60529 Operation / keypad Housing type Dimensions W x H x L Cutout dimensions Installation depth Mounting Weight approx. Material 0...+50 C -20...+70 C 80 % non-condensing Plug-in screw terminals 1.5 mm IP 65 face with seal Membrane with softkeys Housing for control panel installation 48 x 48 x 100 mm 45 x 45 mm (+0.6) 100 mm Front panel installation by clip frame 150 g Housing: Makrolon 6485 (PC)
Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008
1
www.baumerivo.com
2 limits, PNP, NPN or AC logic Display LCD, 6-digits, programmable
Tachometer electronic
TA134
Part number TA134. AX01 Voltage supply 1 22...50 VAC 2 85...265 VAC 3 12...30 VDC Outputs 1 Relay outputs 2 Optocoupler outputs Interface 0 Without interface 1 RS485 Connection diagram Relay outputs
15 14 13 12 11 10 9 8 7
Block circuit diagram
Voltage supply + Signal input A (Count) B (Tacho) Control input 1 2 3 9 10 11 1 2 7 8 Tachometer with 2 limits and scaling Output 3 4 5 6 Interface RS485 P1 Batch counter with scaling factor 12 13 Sensor supply + -
P2
T,R- 14 T,R+ 15
Trigger level Comparator inputs Inputs Input circuit PNP- / NPN- / AC-logic Programmable 0...2 VDC 3...40 VDC 3 k Output circuit 250 VAC / 110 VDC 1A 150 VA / 30 W 5 ms Output circuit Optocoupler short-circuit proof 25 mA
Subject to modification in technic and design. Errors and omissions excepted.
Electronic outputs
15 14 13 12 11 10 9 8 7
Input level Input level Low Input level High Input resistance Relay outputs Switching voltage max. Switching current max. Switching capacity max. Relay responding time Electronical outputs Switching voltage max. Switching current max.
+24V
+24V
T,R+
T,R+
T,R-
T,R-
0V
0V
B
A
B 1
RS485 Sensor- Control supply input
Signal input
RS485 Sensor supply
Control input
Signal input
Supply voltage
P2 P1 Outputs max. 265 V terminal - terminal/
P2 P1 Outputs max. 265 V terminal - terminal /
- terminal
- terminal
Supply voltage
6
5
4
3
2
1
6
5
4
3
2
A
3
2
1
3
2
1
40 V
Dimensions
60.8 48 100 10 1-6 7
44.7
48
2
www.baumerivo.com
30/10/2008


▲Up To Search▲   

 
Price & Availability of TA134011AX01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X