Part Number Hot Search : 
AD587KRZ NTE117 17S40LPC BPC351 HT2002L KBPC2506 NX5521EH GSM850
Product Description
Full Text Search
 

To Download SUM110P06-07L08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUM110P06-07L
Vishay Siliconix
P-Channel 60-V (D-S) 175 C MOSFET
PRODUCT SUMMARY
VDS (V) - 60 rDS(on) () 0.0069 at VGS = - 10 V 0.0088 at VGS = - 4.5 V ID (A)d - 110 - 110
FEATURES
* TrenchFET(R) Power MOSFET * Package with Low Thermal Resistance
Available
RoHS*
COMPLIANT
S
TO-263
G
G
DS
Top View D Ordering Information: SUM110P06-07L SUM110P06-07L-E3 (Lead (Pb)-free) P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS TC = 25 C, unless otherwise noted
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Currentd (TJ = 175 C) Pulsed Drain Current Avalanche Current Single Pulse Avalanche Energy Power Dissipation Operating Junction and Storage Temperature Range
a
Symbol VDS VGS TC = 25 C TC = 125 C ID IDM L = 0.1 mH TC = 25 C TA = 25 Cb IAS EAS PD TJ, Tstg
Limit - 60 20 - 110 - 95 - 240 - 75 281 375c 3.75 - 55 to 175
Unit V
A
mJ W C
THERMAL RESISTANCE RATINGS
Parameter Junction-to-Ambient Junction-to-Case Notes: a. Duty cycle 1 %. b. When Mounted on 1" square PCB (FR-4 material). c. See SOA curve for voltage derating. d. Limited by package. * Pb containing terminations are not RoHS compliant, exemptions may apply. Document Number: 72439 S-80274-Rev. C, 11-Feb-08 www.vishay.com 1 PCB Mount
b
Symbol RthJA RthJC
Typical 40 0.4
Unit C/W
SUM110P06-07L
Vishay Siliconix
SPECIFICATIONS TJ = 25 C, unless otherwise noted
Parameter Static Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta V(BR)DSS VGS(th) IGSS IDSS ID(on) VGS = 0 V, ID = - 250 A VDS = VGS, ID = - 250 A VDS = 0 V, VGS = 20 V VDS = - 60 V, VGS = 0 V VDS = - 60 V, VGS = 0 V, TJ = 125 C VDS = - 60 V, VGS = 0 V, TJ = 175 C VDS = - 5 V, VGS = - 10 V VGS = - 10 V, ID = - 30 A Drain-Source On-State Resistancea rDS(on) VGS = - 10 V, ID = - 30 A, TJ = 125 C VGS = - 10 V, ID = - 30 A, TJ = 175 C VGS = - 4.5 V, ID = - 20 A Forward Transconductancea Dynamicb Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Rise Timec Turn-Off Delay Timec
c c
Symbol
Test Conditions
Min. - 60 -1
Typ.
Max.
Unit
-3 100 -1 - 50 - 250
V nA A A
- 120 0.0055 0.0069 0.0115 0.0138 0.007 20 11400 0.0088
gfs Ciss Coss Crss Qg Qgs Qgd Rg td(on) tr td(off)
VDS = - 15 V, ID = - 50 A
S
VGS = 0 V, VDS = - 25 V, f = 1 MHz
1200 900 230 345
pF
VDS = - 30 V, VGS = - 10 V, ID = - 110 A f = 1.0 MHz VDD = - 30 V, RL = 0.27 ID - 110 A, VGEN = - 10 V, Rg = 2.5
50 60 3 20 160 200 240 30 240 300 360 - 110 - 240
nC
Timec
ns
tf Fall Timec Source-Drain Diode Ratings and Characteristics TC = 25 Cb Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Charge Reverse Recovery Charge IS ISM VSD trr IRM(REC) Qrr IF = - 85 A, di/dt = 100 A/s IF = - 85 A, VGS = 0 V
A V ns A C
- 1.0 65 - 4.2 0.14
-1.5 100 - 6.3 0.32
Notes: a. Pulse test; pulse width 300 s, duty cycle 2 %. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
www.vishay.com 2
Document Number: 72439 S-80274-Rev. C, 11-Feb-08
SUM110P06-07L
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
200 VGS = 10 thru 5 V 160 I D - Drain Current (A) I D - Drain Current (A) 4V 120 160 200
120
80
80 TC = 125 C 40 25 C - 55 C 0
40 3V 0 0 2 4 6 8 10
0
1
2
3
4
5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Output Characteristics
250 TC = - 55 C g fs - Transconductance (S) 25 C 150 125 C 100 r DS(on) - On-Resistance () 200 0.016 0.014 0.012 0.010 0.008 0.006 0.004 0.002 0 0 15 30 45 60 75 90 0.000 0 20
Transfer Characteristics
VGS = 4.5 V
VGS = 10 V
50
40
60
80
100
120
ID - Drain Current (A)
I D - Drain Current (A)
Transconductance
14000 12000 10000 8000 6000 4000 Coss 2000 0 0 10 20 30 40 50 60 Crss Ciss 20
On-Resistance vs. Drain Current
V GS - Gate-to-Source Voltage (V)
16
VDS = 30 V ID = 110 A
C - Capacitance (pF)
12
8
4
0 0 50 100 150 200 250 300 350 400 450
VDS - Drain-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
Capacitance
Gate Charge
Document Number: 72439 S-80274-Rev. C, 11-Feb-08
www.vishay.com 3
SUM110P06-07L
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
2.0 VGS = 10 V ID = 30 A 1.7 rDS(on) - On-Resistance I S - Source Current (A) 100
(Normalized)
1.4
TJ = 150 C 10
TJ = 25 C
1.1
0.8
0.5 - 50
- 25
0
25
50
75
100
125
150
175
1 0.0
0.3
0.6
0.9
1.2
TJ - Junction Temperature (C)
VSD - Source-to-Drain Voltage (V)
On-Resistance vs. Junction Temperature
1000 75
Source-Drain Diode Forward Voltage
ID = 250 A 72 100 V(BR)DSS (V) I Dav (A) 69
10
IAV (A) at TA = 25 C
66
1
IAV (A) at TA = 150 C
63
0.1 0.00001 0.0001 0.001 tin (s) 0.01 0.1 1
60 - 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (C)
Avalanche Current vs. Time
Drain Source Breakdown vs. Junction Temperature
www.vishay.com 4
Document Number: 72439 S-80274-Rev. C, 11-Feb-08
SUM110P06-07L
Vishay Siliconix
THERMAL RATINGS
200 1000 Limited by rDS(on)* 10 s 150 Package Limited I D - Drain Current (A) I D - Drain Current (A) 100 100 s
100
10
1 ms 10 ms 100 ms, DC
50
1
TC = 25 C Single Pulse
0 0 25 50 75 100 125 150 175
0.1 0.1 * VGS
1
10
100
TC - Case Temperature (C)
Maximum Avalanche and Drain Current vs. Case Temperature
1 Duty Cycle = 0.5
VDS - Drain-to-Source Voltage (V) minimum VGS at which rDS(on) is specified
Safe Operating Area
Normalized Effective Transient Thermal Impedance
0.2
Notes:
0.1 0.1
PDM
0.05 0.02 Single Pulse
t1 t2 1. Duty Cycle, D = t1 t2 2. Per Unit Base = RthJA = 62.5 C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
0.01 10 -4 10-3 10-2 Square Wave Pulse Duration (s) 10-1 1
Normalized Thermal Transient Impedance, Junction-to-Case
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?72439.
Document Number: 72439 S-80274-Rev. C, 11-Feb-08
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SUM110P06-07L08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X