Part Number Hot Search : 
40T03GH 08M41VSA CX550 HAF1009 RB151 24L15 EPE6210S 3329H203
Product Description
Full Text Search
 

To Download STM8455 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S T M8455
S amHop Microelectronics C orp.
Aug.16,2006
Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
P R ODUC T S UMMAR Y (N-C hannel)
V DS S
40V
P R ODUC T S UMMAR Y (P -C hannel)
V DS S
-40V
ID
6A
R DS (ON) ( m W )
Max
ID
-5A
R DS (ON) ( m W )
Max
29 @ V G S = 10V 40 @ V G S = 4.5V
D1
8
42 @ V G S = -10V 62 @ V G S = -4.5V
D1
7
D2
6
D2
5
S O-8 1
1 2 3 4
S1
G1 S 2
G2
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
P arameter Drain-S ource Voltage Gate-S ource Voltage Drain C urrent-C ontinuous @ Ta -P ulsed
b a
S ymbol VDS VGS 25 C 70 C ID IDM IS PD TJ, TS TG
N-C hannel P-C hannel 40 20 6 5.1 28 1.7 2 1.44 -55 to 150 -40 20 -5 -4.2 -20 -1.7
Unit V V A A A A W C
Drain-S ource Diode Forward C urrent a Maximum P ower Dissipation a Operating Junction and S torage Temperature R ange Ta= 25 C Ta=70 C
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, Junction-to-Ambient a R JA
1
62.5
C /W
S T M8455
N-Channel ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
Parameter
5
S ymbol
BVDSS IDSS IGSS VGS(th) R DS (ON) ID(ON) gFS CISS COSS CRSS
c
Condition
VGS = 0V, ID = 250uA VDS = 32V, VGS = 0V VGS = 20V, VDS = 0V VDS = VGS, ID = 250uA VGS =10V, ID = 5A VGS =4.5V, ID=4A VDS = 5V, VGS = 10V VDS = 5V, ID = 5A
Min Typ C Max Unit
40 1 V uA 100 nA 1.0 1.8 23 30 20 15 890 115 65 3.0 29 40 V
m ohm m ohm
OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage
ON CHAR ACTE R IS TICS b
Gate Threshold Voltage Drain-S ource On-S tate R esistance On-S tate Drain Current Forward Transconductance
A S
PF PF PF
DYNAMIC CHAR ACTE R IS TICS c
Input Capacitance Output Capacitance R everse Transfer Capacitance VDS =20V, VGS = 0V f =1.0MHZ
S WITCHING CHAR ACTE R IS TICS
Turn-On Delay Time R ise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-S ource Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
2
VDD = 20V ID = 5 A VGS = 10V R GE N = 3.3 ohm VDS =24V, ID =5A,VGS =10V VDS =24V, ID =5A,VGS =4.5V VDS =24V, ID = 5 A VGS =4.5V
16 12 30 8 17 8.5 2.2 4.3
ns ns ns ns nC nC nC nC
S T M8455
P-Channel ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
Parameter OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage BVDSS IDSS IGSS VGS(th) R DS (ON) ID(ON) gFS CISS COSS CRSS
c
S ymbol
Condition
VGS = 0V, ID = -250uA VDS = -32V, VGS = 0V VGS = 20V, VDS = 0V VDS = VGS, ID = -250uA VGS =-10V, ID= -4A VGS = -4.5V, ID= -3A VDS =-5V, VGS = -10V VDS = -5V, ID = - 4A
Min Typ C Max Unit
-40 -1 V uA 100 nA -1.0 -1.8 35 50 16 10 900 140 85 -3.0 42 V
m ohm
ON CHAR ACTE R IS TICS b
Gate Threshold Voltage Drain-S ource On-S tate R esistance On-S tate Drain Current Forward Transconductance
62 m ohm A S
PF PF PF
DYNAMIC CHAR ACTE R IS TICS c
Input Capacitance Output Capacitance R everse Transfer Capacitance VDS =-20V, VGS = 0V f =1.0MHZ
S WITCHING CHAR ACTE R IS TICS
Turn-On Delay Time R ise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-S ource Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
VD = -20V ID = -4A VGEN = -10V R GE N = 3.3 ohm VDS=-24V,ID=-4A,VGS=-10V VDS=-24V,ID=-4A,VGS=-4.5V VDS =-24V, ID = - 4A VGS =-4.5V
3
12 16 55 30 17.6 8.8 1.8 5
ns ns ns ns nC nC nC nC
S T M8455
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
Parameter
Diode Forward Voltage
Symbol
VSD
Condition
VGS = 0V, Is =1.7A VGS = 0V, Is =-1.7A N-Ch P-Ch
Min Typ Max Unit
0.8 -0.77 1.3 -1.3
C
DRAIN-SOURCE DIODE CHARACTERISTICS b
V Notes a.Surface Mounted on FR 4 Board, t <=10sec. b.Pulse Test:Pulse Width 300us, Duty Cycle 2%. c.Guaranteed by design, not subject to production testing.
N-Channel
15
V G S =4.5V
15
12
ID, Drain C urrent(A)
V G S =8V V G S =10V
12
9
ID, Drain C urrent (A)
V G S =3.5V
9 6 T j=125 C 3 0 -55 C 25 C 0 0.8 1.6 2.4 3.2 4.0 4.8
6 3
V G S =3V
0
0.5
1
1.5
2
2.5
3
V DS , Drain-to-S ource Voltage (V )
V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
45 2.0
F igure 2. Trans fer C haracteris tics
R DS (ON), On-R es is tance Normalized
40
1.8 1.6 1.4 1.2 1.0 0
V G S =4.5V ID=4A V G S =10V ID=5A
R DS (on) (m W)
35 30 25
V G S =4.5V
V G S =10V 20 1
1
3
6
9
12
15
0
25
50
75
100
125
150
T j( C )
ID, Drain C urrent (A)
T j, J unction T emperature ( C )
F igure 3. On-R es is tance vs . Drain C urrent and G ate V oltage 4
F igure 4. On-R es is tance Variation with Drain C urrent and Temperature
S T M8455
B V DS S , Normalized Drain-S ource B reakdown V oltage V th, Normalized G ate-S ource T hres hold V oltage
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 -50 -25 0 25 50 75 100 125 150 V DS =V G S ID=250uA 1.15 ID=250uA 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150
6
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
F igure 5. G ate T hres hold V ariation with T emperature
120
F igure 6. B reakdown V oltage V ariation with T emperature
20.0
ID=5A
Is , S ource-drain current (A)
100
10.0 5.0
25 C 75 C 125 C
R DS (on) (m W)
80 60 125 C 40 20 0 75 C 25 C
1.0
0 2 4 6 8 10
0
0.4
0.8
1.2
1.6
2.0
V G S , G ate-S ource Voltage (V )
V S D, B ody Diode F orward V oltage (V )
F igure 7. On-R es is tance vs . G ate-S ource V oltage
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
5
S T M8455
1200
V G S , G ate to S ource V oltage (V )
10 8 6 4 2 0 VDS =24V ID=5A
1000
C is s
C , C apacitance (pF )
800 600 400 200 0 C rs s 0 5 10 15 20 25 30 C os s
6
0
3
6
9
12
15
18
21 24
V DS , Drain-to S ource Voltage (V )
Qg, T otal G ate C harge (nC )
F igure 9. C apacitance
F igure 10. G ate C harge
600
S witching T ime (ns )
V DS =20V ,ID=5A V G S =10 V
80
ID, Drain C urrent (A)
100 60 10
10
R
TD(off)
(O DS
N)
L im
it
10 ms
Tr
T D (on) Tf
10
1
1s
DC
0m
s
0.1 0.03
1 1 6 10 60 100 300 600
VGS =10V S ingle P ulse T A=25 C 0.1 1 10 30 50
R g, G ate R es is tance (W)
V DS , Drain-S ource V oltage (V )
F igure 11.s witching characteris tics
9
F igure 12. Maximum S afe O perating Area
Thermal Resistance
1
0.5 0.2
0.1
0.1 0.05 0.02 0.01
on
P DM t1 1. 2. 3. 4. t2
0.01 0.00001 0.0001
Single Pulse 0.001 0.01 0.1 1 10
R thJ A (t)=r (t) * R thJ A R thJ A=S ee Datas heet T J M-T A = P DM* R thJ A (t) Duty C ycle, D=t1/t2
100
1000
Square Wave Pulse Duration(sec) Normalized Thermal Transient Impedance Curve
6
S T M8455
P-Channel
15
V G S =-4.5V
15
12
12
ID, Drain C urrent(A)
9 V G S =-10V 6 3 0 V G S =-3V
ID, Drain C urrent (A)
V G S =-8V
9 T j=125 C 6 25 C 3 -55 C 0 0 0.8 1.6 2.4 3.2 4.0 4.8
0
0.5
1
1.5
2
2.5
3
V DS , Drain-to-S ource Voltage (V )
V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
70 1.5
F igure 2. Trans fer C haracteris tics
R DS (ON), On-R es is tance Normalized
60
V G S =-4.5V
1.4 1.3 1.2 1.1 1.0 0
R DS (on) (m W)
50 40 30 20 1 V G S =-10V
V G S =-10V ID=-4A
V G S =-4.5V ID=-3A
1
1
5
10
15
20
0
25
50
75
100
125
150
T j( C )
ID, Drain C urrent (A)
T j, J unction T emperature ( C )
F igure 3. On-R es is tance vs . Drain C urrent and G ate V oltage
F igure 4. On-R es is tance Variation with Drain C urrent and Temperature
7
S T M8455
B V DS S , Normalized Drain-S ource B reakdown V oltage V th, Normalized G ate-S ource T hres hold V oltage
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 -50 -25 0 25 50 75 100 125 150 V DS =V G S ID=-250uA 1.15 ID=-250uA 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150
6
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
F igure 5. G ate T hres hold V ariation with T emperature
180
F igure 6. B reakdown V oltage V ariation with T emperature
20.0
ID=-4A
Is , S ource-drain current (A)
150
10.0 5.0
25 C 75 C 125 C
R DS (on) (m W)
120 90 60 30 0 75 C 25 C
125 C
1.0
0 2 4 6 8 10
0
0.4
0.8
1.2
1.6
2.0
V G S , G ate-S ource Voltage (V )
V S D, B ody Diode F orward V oltage (V )
F igure 7. On-R es is tance vs . G ate-S ource V oltage
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
8
S T M8455
1500
V G S , G ate to S ource V oltage (V )
10 8 6 4 2 0 VDS =-24V ID=-4A
1250
C , C apacitance (pF )
1000 750 500
C is s
6
C os s 250 0 C rs s 0 5 10 15 20 25 30
0
3
6
9
12
15
18
21 24
V DS , Drain-to S ource Voltage (V )
Qg, T otal G ate C harge (nC )
F igure 9. C apacitance
F igure 10. G ate C harge
600
S witching T ime (ns )
V DS = -20V,ID= -4A V G S = -10 V
80
ID, Drain C urrent (A)
100 60 10
10
R (O DS
N)
L im
it
10
TD(off) Tr TD(on) Tf
10
1s
DC
ms
0m
s
1
0.1 0.03
1 1 6 10 60 100 300 600
VGS =-10V S ingle P ulse T A=25 C 0.1 1 10 30 50
R g, G ate R es is tance (W)
V DS , Drain-S ource V oltage (V )
F igure 11.s witching characteris tics
9
F igure 12. Maximum S afe O perating Area
Normalized Transient
Thermal Resistance
1
0.5 0.2 0.1
0.1
0.05 0.02 0.01
on
P DM t1 1. 2. 3. 4. t2
0.01 0.00001 0.0001
Single Pulse 0.001 0.01 0.1 1 10
R thJ A (t)=r (t) * R thJ A R thJ A=S ee Datas heet T J M-T A = P DM* R thJ A (t) Duty C ycle, D=t1/t2
100
1000
Square Wave Pulse Duration(sec) Normalized Thermal Transient Impedance Curve
9
S T M8455
PAC K AG E OUT LINE DIME NS IONS S O-8
1 L
E D
0.015X45X
A
e
0.05 TYP.
B
0.016 TYP.
A1
0.008 TYP.
C
H
S Y MB OLS A A1 D E H L
MILLIME T E R S MIN 1.35 0.10 4.80 3.81 5.79 0.41 0X MAX 1.75 0.25 4.98 3.99 6.20 1.27 8X MIN 0.053 0.004 0.189 0.150 0.228 0.016 0X
INC HE S MAX 0.069 0.010 0.196 0.157 0.244 0.050 8X
10
S T M8455
SO-8 Tape and Reel Data
SO-8 Carrier Tape
unit:P
PACKAGE SOP 8N 150O A0
6.40
B0
5.20
K0
2.10
D0
r1.5 (MIN)
D1
r1.5 + 0.1 - 0.0
E
12.0 O0.3
E1
1.75
E2
5.5 O0.05
P0
8.0
P1
4.0
P2
2.0 O0.05
T
0.3 O0.05
SO-8 Reel
UNIT:P
TAPE SIZE
12 P
REEL SIZE
r330
M
330 O 1
N
62 O1.5
W
12.4 + 0.2
W1
16.8 - 0.4
H
r12.75 + 0.15
K
S
2.0 O0.15
G
R
V
11


▲Up To Search▲   

 
Price & Availability of STM8455

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X