Part Number Hot Search : 
100PS 0ST1041 ICS300 TS524ID BZX85C33 CDRH2D14 AU119 02K87Y
Product Description
Full Text Search
 

To Download STM4820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Green Product
STM4820
Ver 1.0
S a mHop Microelectronics C orp.
N-Channel Enhancement Mode Field Effect Transistor
PRODUCT SUMMARY
VDSS
30V
FEATURES Super high dense cell design for low RDS(ON). Rugged and reliable. Suface Mount Package. ESD Protected.
ID
8.9A
RDS(ON) (m) Max
21 @ VGS=10V 30 @ VGS=4.5V
D D
5 6 7 8
4 3 2 1
G S S S
S O-8 1
D D
ABSOLUTE MAXIMUM RATINGS ( T A=25 C unless otherwise noted ) Symbol VDS VGS ID IDM EAS PD TJ, TSTG Parameter Drain-Source Voltage Gate-Source Voltage Drain Current-Continuous
b a
Limit 30 20 TA=25C TA=70C 8.9 7.1 45 10 TA=25C TA=70C 2.5 1.6 -55 to 150
Units V V A A A mJ W W C
-Pulsed Sigle Pulse Avalanche Energy d Maximum Power Dissipation
a
Operating Junction and Storage Temperature Range
THERMAL CHARACTERISTICS a R JA Thermal Resistance, Junction-to-Ambient
50
C/W
Details are subject to change without notice.
Aug,05,2008
1
www.samhop.com.tw
STM4820
Ver 1.0
ELECTRICAL CHARACTERISTICS ( TA=25 C unless otherwise noted )
Symbol Parameter Conditions
VGS=0V , ID=250uA VDS=24V , VGS=0V
Min 30
Typ
Max
Units V
OFF CHARACTERISTICS Drain-Source Breakdown Voltage BVDSS Zero Gate Voltage Drain Current IDSS IGSS Gate-Body Leakage Current
VGS= 20V , VDS=0V
1 10
uA uA
ON CHARACTERISTICS Gate Threshold Voltage VGS(th) RDS(ON) gFS Drain-Source On-State Resistance Forward Transconductance
c
VDS=VGS , ID=250uA VGS=10V , ID=8.9A VGS=4.5V , ID=7.5A VDS=10V , ID=8.9A
1
1.7 17 23 14
3 21 30
V m ohm m ohm S pF pF pF ns ns ns ns nC nC nC nC
DYNAMIC CHARACTERISTICS CISS COSS CRSS
Input Capacitance Output Capacitance Reverse Transfer Capacitance
c
VDS=15V,VGS=0V f=1.0MHz
460 135 75 8 12 19 26 7.6 3.8 1.2 3.6 2.0 0.78 1.3
SWITCHING CHARACTERISTICS tD(ON) Turn-On Delay Time tr Rise Time tD(OFF) Turn-Off Delay Time tf Fall Time Qg Qgs Qgd Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDD=15V ID=1A VGS=10V RGEN=6 ohm VDS=15V,ID=8.9A,VGS=10V VDS=15V,ID=8.9A,VGS=4.5V VDS=15V,ID=8.9A, VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS Maximum Continuous Drain-Source Diode Forward Current IS VSD Diode Forward Voltage VGS=0V,IS=2.0A
A V
Notes
_ a.Surface Mounted on FR4 Board,t < 10sec. _ _ b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%. c.Guaranteed by design, not subject to production testing. d.Starting TJ=25C,L=0.5mH,RG=25,VDD=20V,VGS=10V.(See Figure13)
Aug,05,2008
2
www.samhop.com.tw
STM4820
Ver 1.0
35 VGS=10V VGS=4V 20
ID, Drain Current(A)
21
VGS=3.5V
ID, Drain Current(A)
28
VGS=4.5V
16
12
14 VGS=3V 7
8 Tj=125 C 4 0 -55 C 25 C
0 0 0.5 1 1.5 2 2.5 3
0
0.7
1.4
2.1
2.8
3.5
4.2
VDS, Drain-to-Source Voltage(V)
VGS, Gate-to-Source Voltage(V)
Figure 1. Output Characteristics
60 50
Figure 2. Transfer Characteristics
1.6 1.5 1.4 1.3 1.2 1.1 0.0
V G S =4.5V ID=7.5A V G S =10V ID=8.9A
RDS(on)(m )
40 30 20 VGS=10V 10 1 VGS=4.5V
1
RDS(on), On-Resistance Normalized
7
14
21
28
35
0
25
50
75
100
125
150
T j ( C )
ID, Drain Current(A)
Tj, Junction Temperature( C )
Figure 3. On-Resistance vs. Drain Current and Gate Voltage
1.3
Figure 4. On-Resistance Variation with Drain Current and Temperature
BVDSS, Normalized Drain-Source Breakdown Voltage
1.15 ID=250uA 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150
Vth, Normalized Gate-Source Threshold Voltage
1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75
VDS=VGS ID=250uA
100 125 150
Tj, Junction Temperature( C )
Tj, Junction Temperature( C )
Figure 5. Gate Threshold Variation with Temperature 3
Figure 6. Breakdown Voltage Variation with Temperature
Aug,05,2008
www.samhop.com.tw
STM4820
Ver 1.0
60 50
20.0
Is, Source-drain current(A)
ID=8.9A
10.0
RDS(on)(m )
40 75 C 30 20 25 C 10 0 125 C
25 C 125 C 75 C
0
2
4
6
8
10
1.0
0.4
0.6
0.8
1.0
1.2
1.4
VGS, Gate-to-Source Voltage(V)
VSD, Body Diode Forward Voltage(V)
Figure 7. On-Resistance vs. Gate-Source Voltage
600
Figure 8. Body Diode Forward Voltage Variation with Source Current
10
VGS, Gate to Source Voltage(V)
500
C, Capacitance(pF)
Ciss
8 6 4 2 0 0
VDS=15V ID=8.9A
400 300 200 100 Crss 0 0 5 10 15 20 25 30
Coss
1
2
3
4
5
6
7
8
9
VDS, Drain-to-Source Voltage(V)
Qg, Total Gate Charge(nC)
Figure 9. Capacitance
Figure 10. Gate Charge
600
100
N) L im it
10
ID, Drain Current(A)
Switching Time(ns)
100 60
TD(off )
Tr TD(on) Tf
10
R
DS
(O
0u
s
1m
10 ms
s
10
VDS=15V,ID=1A VGS=10V
1
V G S =10V S ingle P uls e T A=25 C
DC
1s
0.1
1
1
6 10
60 100
300 600
0.05 0.1
1
10
30
70
Rg, Gate Resistance()
VDS, Drain-Source Voltage(V)
Figure 11. switching characteristics
Figure 12. Maximum Safe Operating Area
Aug,05,2008
4
www.samhop.com.tw
STM4820
Ver 1.0
15V
V ( BR )D S S
tp
VDS
L
D R IVE R
RG
20V
D .U .T
IA S tp
+ - VD D
A
0.0 1
IAS
Unclamped Inductive Test Circuit F igure 13a.
Unclamped Inductive Waveforms F igure 13b.
1
0.5
Normalized Transient Thermal Resistance
0.2
0.1
0.1 0.05 0.02 0.01 P DM
0.01
Single Pulse
1. 2. 3. 4.
t1 t2 R thJ A (t)=r (t) * R thJ A R thJ A=S ee Datas heet T J M-T A = P DM* R thJ A (t) Duty C ycle, D=t1/t2
0.001 0.0000 1
0.000 1
0.001
0.01
0. 1
1
10
100
1000
Square Wave Pulse Duration(sec)
Figure 14. Normalized Thermal Transient Impedance Curve
Aug,05,2008
5
www.samhop.com.tw
STM4820
Ver 1.0
PACKAGE OUTLINE DIMENSIONS SO-8
1 L
E D
0.015X45
A
e
0.05 TYP.
B
0.016 TYP.
A1
0.008 TYP.
C
H
MILLIME T E R S S Y MB OLS MIN A A1 D E H L 1.35 0.10 4.80 3.81 5.79 0.41 0 MAX 1.75 0.25 4.98 3.99 6.20 1.27 8 MIN 0.053 0.004 0.189 0.150 0.228 0.016 0
INC HE S MAX 0.069 0.010 0.196 0.157 0.244 0.050 8
Aug,05,2008
6
www.samhop.com.tw
STM4820
Ver 1.0
SO-8 Tape and Reel Data
SO-8 Carrier Tape
P1 D1 P2
A
E1 E2
B0
A0
D0
P0
A
TERMINAL NUMBER 1
T
SECTION A-A
K0
FEEDING DIRECTION
unit:
PACKAGE SOP 8N 150 A0
6.50 0.15
B0
5.25 0.10
K0
2.10 0.10
D0
1.5 (MIN)
D1
1.55 0.10
E
12.0 +0.3 - 0.1
E1
1.75 0.10
E2
5.5 0.10
E
P0
8.0 0.10
P1
4.0 0.10
P2
2.0 0.10
T
0.30 0.013
SO-8 Reel
W1
S G N
R H W
UNIT:
V
M
TAPE SIZE
12
REEL SIZE
330
M
330 1
N
62 1.5
W
12.4 + 0.2
W1
16.8 - 0.4
H
12.75 + 0.15
K
S
2.0 0.15
G
R
K V
Aug,05,2008
7
www.samhop.com.tw


▲Up To Search▲   

 
Price & Availability of STM4820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X