Part Number Hot Search : 
M3485 2SA743 PC303S FARM1CN2 MBR1535 00LT1 BFG93A08 WSD715
Product Description
Full Text Search
 

To Download STD3NK80Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP3NK80Z - STF3NK80Z STD3NK80Z - STD3NK80Z-1
N-channel 800V - 3.8 - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESHTM Power MOSFET
General features
Type STP3NK80Z STF3NK80Z STD3NK80Z STD3NK80Z-1

VDSS (@Tjmax) 800 V 800 V 800 V 800 V
RDS(on) < 4.5 < 4.5 < 4.5 < 4.5
ID 2.5 A 2.5 A 2.5 A 2.5 A
3 1
1 3 2
3 1 2
TO-220
TO-220FP
Extremely high dv/dt capability 100% avalanche tested Gate charge minimized Very low intrinsic capacitances Very good manufacturing repeatibility
DPAK
IPAK
Internal schematic diagram
Description
The SuperMESHTM series is obtained through an extreme optimization of ST's well established strip-based PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products.
Applications
Switching application
Order codes
Part number STP3NK80Z STF3NK80Z STD3NK80ZT4 STD3NK80Z-1 Marking P3NK80Z F3NK80Z D3NK80Z D3NK80Z Package TO-220 TO-220FP DPAK IPAK Packaging Tube Tube Tape & reel Tube
August 2006
Rev 4
1/18
www.st.com 18
Contents
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
Contents
1 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.1 Protection features of gate-to-source zener diodes . . . . . . . . . . . . . . . . . . 4
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.1 Electrical characteristics (curves) ............................ 7
3 4 5 6
Test circuit
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Packing mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
2/18
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
Electrical ratings
1
Electrical ratings
Table 1.
Symbol
Absolute maximum ratings
Parameter Value TO-220 / DPAK IPAK TO-220FP V V V 2.5 (1) 1.57 (1) 10 (1) 25 0.2 2 4.5 -55 to 150 2500 A A A W W/C V V/ns V C Unit
VDS VDGR VGS ID ID IDM(2) PTOT
Drain-source voltage (VGS = 0) Drain-gate voltage (RGS = 20K) Gate-source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC=100C Drain current (pulsed) Total dissipation at TC = 25C Derating factor 2.5 1.57 10 70 0.56
800 800 30
VESD(G-S) dv/dt (3) VISO TJ Tstg
Gate source ESD (HBM-C=100pF, R=1.5) Peak diode recovery voltage slope Insulation withstand voltage (DC) Operating junction temperature Storage temperature
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area 3. ISD 2.5A, di/dt 200A/s, VDD V(BR)DSS, Tj TJMAX.
Table 2.
Symbol
Thermal data
Parameter TO-220 Value TO-220FP 5 62.5 300 DPAK IPAK 1.78 100 C/W C/W C Unit
Rthj-case Rthj-a Tl
Thermal resistance junction-case max Thermal resistance junction-ambient max Maximum lead temperature for soldering purpose
1.78
3/18
Electrical ratings
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
Table 3.
Symbol IAR EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj Max) Single pulse avalanche energy (starting Tj=25C, Id=Iar, Vdd=50V) Value 2.5 170 Unit A mJ
Table 4.
Symbol BVGSO
Gate-source zener diode
Parameter Test conditions Min. 30 Typ. Max. Unit V
Gate-source breakdown voltage Igs= 1mA (Open Drain)
1.1
Protection features of gate-to-source zener diodes
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
4/18
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
Electrical characteristics
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 5.
Symbol V(BR)DSS
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Test conditions ID = 1mA, VGS= 0 VDS = Max rating, VDS = Max rating, Tc = 125C Min. 800 1 50
10
Typ.
Max.
Unit V A A A V
IDSS
IGSS VGS(th) RDS(on)
Gate body leakage current VGS = 20V (VGS = 0) Gate threshold voltage Static drain-source on resistance VDS = VGS, ID = 50A VGS = 10V, ID = 1.25 A 3 3.75 3.8
4.5 4.5
Table 6.
Symbol gfs (1) Ciss Coss Crss Cosseq(2). td(on) tr td(off) tf Qg Qgs Qgd
Dynamic
Parameter Test conditions Min. Typ. 2.1 485 57 11 22 17 27 36 40 19 3.2 10.8 Max. Unit S pF pF pF pF ns ns ns ns nC nC nC
Forward transconductance VDS =15V, ID = 1.25A Input capacitance Output capacitance Reverse transfer capacitance Equivalent output capacitance Turn-on delay time Rise time Off-voltage rise time Fall time Total gate charge Gate-source charge Gate-drain charge
VDS =25V, f=1 MHz, VGS=0
VGS=0, VDS =0V to 640V VDD=400 V, ID= 1.25 A, RG=4.7, VGS=10V (see Figure 18) VDD=640V, ID = 2.5 A VGS =10V
1. Pulsed: pulse duration=300s, duty cycle 1.5% 2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
5/18
Electrical characteristics
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
Table 7.
Symbol ISD ISDM VSD
(1) (2)
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current Reverse recovery time Reverse recovery charge Reverse recovery current ISD= 2.5 A, VGS=0 ISD= 2.5A, di/dt = 100A/s, VDD=50V, Tj=25C (see Figure 20) ISD= 2.5 A, di/dt = 100A/s, VDD=50V, Tj=150C (see Figure 20) 384 1600 8.4 474 2100 8.8 Test conditions Min Typ. Max 2.5 10 1.6 Unit A A V ns C A ns C A
trr Qrr IRRM trr Qrr IRRM
1. Pulse width limited by safe operating area 2. Pulsed: pulse duration=300s, duty cycle 1.5%
6/18
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
Electrical characteristics
2.1
Figure 1.
Electrical characteristics (curves)
Safe operating area for TO220/DPAK/IPAK Figure 2. Thermal impedance for TO220/DPAK/IPAK
Figure 3.
Safe operating area for TO-220FP (HV19050)
Figure 4.
Thermal impedance for TO-220FP
Figure 5.
Output characterisics
Figure 6.
Transfer characteristics
7/18
Electrical characteristics Figure 7. Transconductance
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1 Figure 8. Static drain-source on resistance
Figure 9.
Gate charge vs gate-source voltage Figure 10. Capacitance variations
Figure 11. Normalized gate threshold voltage vs temperature
Figure 12. Normalized on resistance vs temperature
8/18
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1 Figure 13. Source-drain diode forward characteristics
Electrical characteristics
Figure 14. Normalized BVDSS vs temperature
Figure 15. Maximum avalanche energy vs temperature
9/18
Test circuit
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
3
Test circuit
Figure 17. Unclamped Inductive waveform
Figure 16. Unclamped Inductive load test circuit
Figure 18. Switching times test circuit for resistive load
Figure 19. Gate charge test circuit
Figure 20. Test circuit for inductive load switching and diode recovery times
10/18
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
11/18
Package mechanical data
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
TO-220 MECHANICAL DATA
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
oP
Q
12/18
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
Package mechanical data
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1
D
F
G1 H
F2
L2 L5
E
123
L4
G
13/18
Package mechanical data
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
DPAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B b4 C C2 D D1 E E1 e e1 H L (L1) L2 L4 R V2 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 5.1 6.4 4.7 2.28 4.4 9.35 1 2.8 0.8 0.6 0.2 0 8 0 1 0.023 0.008 8 4.6 10.1 0.173 0.368 0.039 0.110 0.031 0.039 6.6 0.252 0.185 0.090 0.181 0.397 TYP MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.200 0.260 TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 inch
0068772-F
14/18
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
Package mechanical data
TO-251 (IPAK) MECHANICAL DATA
DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 0.3 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.031 2.2 0.9 0.7 0.64 5.2 mm TYP. MAX. 2.4 1.1 1.3 0.9 5.4 0.85 0.012 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.039 MIN. 0.086 0.035 0.027 0.025 0.204 inch TYP. MAX. 0.094 0.043 0.051 0.031 0.212 0.033
H
C A C2
L2
D
B3 B6
A1
L
=
=
3
B5
B
A3
=
B2
=
G
=
E
L1
1
2
=
0068771-E
15/18
Packing mechanical data
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
5
Packing mechanical data
DPAK FOOTPRINT
All dimensions are in millimeters
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
16/18
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
Revision history
6
Revision history
Table 8.
Date 09-Sep-2004 10-Aug-2006
Revision history
Revision 3 4 Complete document New template, no content change Changes
17/18
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
18/18


▲Up To Search▲   

 
Price & Availability of STD3NK80Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X