Part Number Hot Search : 
EPA3199 SMB11 AD7243 54ACS TFS869 T45DB AZ23C10 L2003
Product Description
Full Text Search
 

To Download SR4080PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR4030PT thru SR40150PT
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE - 30 to 150Volts FORWARD CURRENT - 40.0 Amperes TO-3P
.245(6.2) .820(5.7) .645(16.4) .625(15.9) .085(2.16) .075(1.90) .135(3.4) .115(2.9) .203(5.16) .193(4.90)
FEATURES
Metal of silicon rectifier , majority carrier conduction Guard ring for transient protection Low power loss,high efficiency High current capability,low VF High surge capacity Plastic package has UL flammability
.093(2.30) .076(1.97) .858(21.8) .820(20.8)
classification 94V-0 For use in low voltage,high frequency inverters,free wheeling,and polarity protection applications
MECHANICAL DATA
Case: TO-3P molded plastic Polarity: As marked on the body
.160(4.1) .140(3.5) .795(20.2) .775(19.7)
Weight: 0.2ounces,5.6 grams
Mounting position :Any
.095(2.4) .085(2.1) .127(3.22) .117(2.97) .086(2.18) .076(1.93) .030(0.76) .020(0.51)
.225(5.7) .048(1.22) .205(5.2) .044(1.12) Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current ( See Fig.1) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Peak Forward Voltage at 20.0A DC Maximum DC Reverse Current at Rated DC Bolcking Voltage @TJ=25 @TJ=100 @TC=100
SYMBOL VRRM VRMS VDC I(AV)
SR 4030PT 30 21 30
SR 4040PT 40 28 40
SR 4050PT 50 35 50
SR 4060PT 60 42 60 40
SR SR SR 4080PT 40100PT 40150PT 80 56 80 100 70 100 150 105 150
UNIT V V V A
IFSM VF IR CJ RJC TJ TSTG 0.55 0.70
375 0.85 1.0 100 800 1.4 -55 to + 125 -55 to + 150 0.95
A V mA pF /W
Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range
NOTES: 1.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC. 2.Thermal resistance junction to case.
~ 276 ~
RATING AND CHARACTERTIC CURVES SR4030PT thru SR40150PT
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, AMPERES 40.0 AVERAGE FORWARD CURRENT AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 400 350 300 250 200 150 100 50 0 1 2 10 20 50 5 NUMBER OF CYCLES AT 60Hz 100
PULSE WIDTH 8.3 ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
30.0
20.0
10.0
0 25
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
50
75 100 125 CASE TEMPERATURE ()
150
175
FIG.3-TYPICAL REVER CHARACTERISTICS 10 INSTANTANEOUS REVERSE CURRENT,(mA) 100
FIG.4-TYPICAL FORWARD CHARACTERISTICS
SR4030PT - SR4040PT
INSTANTANEOUS FORWARD CURRENT, (A)
TJ=100
SR4050PT - SR4060PT
1.0
10
SR4080PT SR40100PT
0.1
TJ=75
SR40150PT
1.0
TJ = 25C PULSE WIDTH 300us 2% DUTY CYCLE
0.01
TJ=25
0.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0.1 0.1 0.2 0.3 0.4
0.5
0.6
0.7
0.8
0.9
1.0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE 10000
CAPACITANCE, (pF)
1000
TJ = 25C f = 1 MHz
100 0.1
10 1 REVERSE VOLTAGE ,VOLTS
100
~ 277 ~


▲Up To Search▲   

 
Price & Availability of SR4080PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X