Part Number Hot Search : 
AN17830 SAC15 1N5222B 056316 2030A 0LT1G JS28F128 2412F
Product Description
Full Text Search
 

To Download SO942860 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 okpac Relais statique monophase de puissance Power Solid State Relay
Relais statique synchrone specialement adapte aux charges resistives. Zero Cross Solid State Relay specially designed for resistive loads. Sortie 12 a 280VAC 25A. Output 12 to 280VAC 25A. Controle: 15-32VAC/10-30VDC LED de visualisation sur l'entree de couleur verte. Control 15 to 32VAC or 10 to 30VDC Green LED visualization on the input. Protection IP20 sur demande par l'ajout de volets. IP20 protection flaps on request (option). Construit en conformite aux normes EN60947-4-3 (IEC947-4-3) -UL-cUL. Designed in conformity with EN60947-4-3 (IEC947-4-3) -UL-cUL.
S/MON/SO942860/A/20/02/2006
page 1 / 5F/GB
SO942860
Output : 12-280VAC 25A Input:15-32VAC/10-30VDC
sans protection IP20/ without IP20 flaps
avec protection IP20/ with IP20 flaps
Dimensions :
protection reseau line protection 1 Entree control 15-32VAC 10-30VDC
12-280VAC
=
2
* 1/L1 et 2/T2 peuvent etre inversees/ 1/L1 and 2/T2 can be changed * le relais doit etre monte sur dissipateur thermique / SSR must be mounted on a heatsink
CHARGE/LOAD
Application typique: Resistance 5 kW (Categorie AC-51) en 230 VAC Volets IP20 sur demande/ with IP20 flaps on request
Typical application: 5 kW resistor (AC-51 load) on 230 VAC
Proud to serve you
All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
r
celduc
e l a i
s
okpac
Caracteristiques d'entree / Control characteristics (at 25C) Parametre / Parameter Symbol Tension de commande AC/ Control voltage AC Uc Courant de commande AC / Control current AC(@ Uc ) Ic Tension de commande DC/ Control voltage DC Uc Courant de commande DC/ Control current DC (@ Uc ) Ic Tension de non fonctionnement / Release voltage Uc off LED d'entree / Input LED Immunite / Input immunity : EN61000-4-4 Immunite / Input immunity : EN61000-4-5 Min 15 13 10 5 AC/DC Typ Max 24 32 24 33 24 30 20 26 3 verte / green 2kV 2KV
S/MON/SO942860/A/20/02/2006
page 2 / 5F/GB
Input : Ic = f( Uc)
35 30
Unit Vac mA Vdc mA V
25 20 15 10 5 0 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 Uc (Vac)
Caracteristiques de sortie / Output characteristics (at 25C) Parametre / Parameter Conditions Plage de tension utilisation / Operating voltage range Tension de crete / Peak voltage Niveau de synchronisme / Zero cross level Tension minimum amorcage / Latching voltage Ie nom Courant nominal / nominal current (AC-51) Courant surcharge / Non repetitive overload current tp=10ms (Fig. 3) Chute directe a l'etat passant / On state voltage drop @ 25C Resistance dynamique / On state dynamic resistance Puissance dissipee (max) / Output power dissipation (max value) Resistance thermique jonction/semelle Thermal resistance between junction to case Courant de fuite a l'etat bloque / Off state leakage current @Ue typ, 50Hz Courant minimum de charge / Minimum load current Temps de fermeture / Turn on time @Ue typ, 50Hz Temps d'ouverture / Turn off time @Ue typ, 50Hz Frequence utilisation/ Operating frequency range F mains dv/dt a l'etat bloque / Off state dv/dt di/dt max / Maximum di/dt non repetitive I2t (<10ms) Immunite / Conducted immunity level IEC/EN61000-4-4 (bursts) Immunite / Conducted immunity level IEC/EN61000-4-5 (surge) Protection court-circuit / Short circuit protection voir/see page 5 Caracteristiques generales / General characteristics (at 25C) Isolement entree/sortie - Input to output insulation Isolation sortie/ semelle - Output to case insulation Resistance Isolement / Insulation resistance Tenue aux tensions de chocs / Rated impulse voltage Degre de protection / Protection level / CEI529 Degre de pollution / Pollution degree Vibrations / Vibration withstand 10 -55 Hz according to CEI68 Tenue aux chocs / Shocks withstand according to CEI68 Temperature de fonctionnement / Ambient temperature (no icing, no condensation) Temperature de stockage/ Storage temperature (no icing, no condensation) Humidite relative / Ambient humidity Poids/ Weight Conformite / Conformity Conformite / Conformity plastique du boitier / Housing Material Semelle / Base plate
Symbol Ue Up Usync Ua Ie AC-51 Itsm Vt rt Pd Rthj/c Ilk Iemin ton max toff max f dv/dt di/dt I2t
Min 12 600
Typ. 230
Max 280 35 8 25
250
350
0,85 16 0,9x0,85xIe + 0,016xIe2 1,7 1 5 10 10 800 50 312 600 2kV criterion B
Unit V rms V V V A rms A V m W K/W mA mA ms ms Hz V/s A/s A2s
0,1 500
50-60
2kV criterion B with external VDR
Example Symbol Ui Ui Ri Uimp
Fuse FERRAZ gRC 25A 14x51
double amplitude HR
4000 VRMS 2500 VRMS 1000 (@500VDC) M 4000 V IP00 2 1,5 mm 30/50 g -55 /+100 C
-55/+125 C 40 to 85 % 80 g EN60947-4-3 (IEC947-4-3) UL/cUL PA 6 UL94VO Aluminium, nickel-plated
www.celduc.com relais Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
celduc
okpac
30 Puissance dissipee / Power Dissipation (W) 25
Full on State 4K/W 2,1K/W 1,5K/W
S/MON/SO942860/A/20/02/2006
page 3 / 5F/GB
Fig. 2 Courbes thermiques & Choix dissipateur thermique / Thermal curves and heatsink choice
1,1K/W
30 25 20
20
6K/W
15 10 5 0 0 5 10 15 20 25
Courant de charge / RMS load current (A) 50% on State
15 10 5 0 0 10 20 30 40 50 60 70 80 90 100
Temperature ambiante / Ambient temperature (C)
12K/W
12K/W correspond a un relais sans dissipateur monte dans l'air / 12K/W corresponds to a relay without heatsink . 6K/W correspond a un relais monte sur un adaptateur DIN celduc type 1LD12020 6K/W corresponds to a relay mounted on a DIN rail adaptator like celduc 1LD12020
fig 3 : Courants de surcharges / Overload currents
1 -Itsm non repetitif sans tension reappliquee est donne pour la determination des protections. 1 - No repetitive Itsm is given without voltage reapplied . This curve is used to define the protection (fuses).
Itsm (Apeak) Fig.3 Surcharge de courant : Itsm (Apeak) = f(t) pour modele 25A(Itsm=230A) Surge current : Itsm (Apeak) = f(t) for 25A models with Itsm =230A 250 200 150 100 50
Surcharge de courant repetitive avec tension reappliquee Repetive surge current with voltage reapplied. Surcharge de courant non repetitive sans tension reappliquee / No repetive surge current without voltage reapplied.
2 -Itsm repetitif est donne pour des surcharges de courant (Tj initiale=70C). Attention : la repetition de ces surcharges de courant diminue la duree de vie du relais. 2 - Repetitive Itsm is given for inrush current with initial Tj = 70C. In normal operation , this curve musn't be exceeded. Be careful, the repetition of the surge current decreases the life expectancy of the SSR.
1 2
1 10
0 0,01
0,1 t(s)
-> Attention ! les relais a semi-conducteurs ne procurent pas d'isolation galvanique entre le reseau et la charge. Ils doivent etre utilises associes a un disjoncteur avec propriete de sectionnement ou similaire, afin d'assurer un sectionnement fiable en amont de la ligne dans l'hypothese d'une defaillance et pour tous les cas ou le relais doit etre isole du reseau (maintenance ; non utilisation sur une longue duree...). -> Warning ! semiconductor relays don't provide any galvanic insulation between the load and the mains. Always use in conjunction with an adapted circuit breaker with isolation feature or a similar device in order to ensure a reliable insulation in the event of wrong function and when the relay must be insulated from the mains (maintenance ; if not used for a long duration ...).
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
Raccordement / Connections
Directement avec fils avec ou sans embouts/ Direct connection with wires with or without ferrules
S/MON/SO942860/A/20/02/2006
page 4 / 5F/GB
Avec cosses/ With ring terminals
okpac
1
Fil rigide (sans embout) SOLID (No ferrule) Fil multibrins (avec embout) FINE STRANDED (With ferrule)
Raccordement d'entree / Control wiring
Nombre de fils / Number of wires 2
Fil rigide (sans embout) SOLID (No ferrule) Fil multibrins (avec embout) FINE STRANDED (With ferrule)
Modele de tournevis / Screwdriver type
Couple de serrage recommande Recommended Torque M4
N.m 0,75 ... 2,5 mm2 0,75 ... 2,5 mm2 0,75 ... 2,5 mm2 0,75 ... 2,5 mm2 POZIDRIV 2 1,2
AWG18....AWG14 AWG18....AWG14 AWG18....AWG14 AWG18....AWG14
okpac
1
Fil rigide (sans embout) SOLID (No ferrule) Fil multibrins (avec embout) FINE STRANDED (With ferrule)
Raccordement de puissance / Power wiring
Nombre de fils / Number of wires 2
Fil rigide (sans embout) SOLID (No ferrule) Fil multibrins (avec embout) FINE STRANDED (With ferrule)
Modele de tournevis / Screwdriver type
Couple de serrage recommande Recommended Torque
M5
N.m 1,5 ... 10 mm
2
1,5 ... 6 mm
2
1,5 ... 10 mm
2
1,5 ... 6 mm
2
AWG16....AWG8 AWG16....AWG10 AWG16....AWG8 AWG16....AWG10
POZIDRIV 2
2
Puissance avec cosses / Power with ring terminals. W max =12,6mm 16 mm2 (AWG6) 25 mm2 (AWG4) 35mm2 (AWG2 /AWG3) 50mm2 (AWG0 /AWG1)
Des cosses et kits d'adaptation peuvent etre fournis : voir relais forte puissance et documentation connexion forte puissance/ Suitable ring terminals and special kit for high current can be delivered: see high power SSR and data-sheet for power connexion.
Options : Volets IP20 1K453000 = reference d'un volet sans le montage 1LK00500 = 1 volet (cote puissance) + 1 montage celduc 1LK00600 = 2 volets (puissance & commande) + montages celduc Option : IP20 flaps 1K453000 : Flap reference without mounting 1LK00500 = 1 flap (on output) + 1 celduc mounting 1LK00600 = 2 flaps (input & output) + 2 celduc mounting FASTONS : Nous consulter / Consult us
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
Montage /Mounting:
->
S/MON/SO942860/A/20/02/2006
page 5 / 5F/GB
Les relais statiques de la gamme okpac doivent etre montes sur dissipateur thermique. Une gamme etendue de dissipateurs est disponible. Voir exemples ci dessous et la gamme "WF" sur www.celduc.com. okpac SSRs must be mounted on heatsinks. A large range of heatsinks is available. See below some examples and "WF" range on www.celduc.com. Pour le montage du relais sur dissipateur utiliser de la graisse thermique ou un "thermal pad" haute performance specifie par celduc .Une version autocollante precollee sur le relais est aussi disponible: nous consulter / For heatsink mounting, it is necessary to use thermal grease or thermal pad with high conductibility specified by celduc. An adhesive model mounted by celduc on the SSR is also available: please contact us.
M4x12mm 1,2N.m
->
Thermal grease or pad
Poussez et fermer. Push and close
Thermal pad : 5TH21000
WF151200 (2-2,5 K/W) 1LD12020
Adaptateur DIN DIN rail adaptator
Installation des volets IP20 / IP20 flaps mounting
Application typiques / Typical LOADS
Le produit SO9 est defini principalement pour charge resistive AC-51 (chauffage). Pour les autres charges, consulter notre guide de choix. SO9 product is specially designed for AC-51 resistive load (heating). For other loads, consult our selection guide
->
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19


▲Up To Search▲   

 
Price & Availability of SO942860

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X