Part Number Hot Search : 
TC170 3AC12 2SB1001 S0611 155AE AQY41 HSB14 LBS70A40
Product Description
Full Text Search
 

To Download SM4006A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM4001A
THRU
SM4007A
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
VOLTAGE RANGE
50 to 1000 Volts
CURRENT FEATURES
* Ideal for surface mount applications * Easy pick and place * Built-in strain relief * High surge current capability
.058(1.47) .052(1.32)
1.0 Ampere
DO-214AC(SMA)
.110(2.79) .100(2.54)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Terminals: Solder plated, solderable per MIL-STD-202F , method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.063 gram
.090(2.29) .078(1.98) .060(1.52) .030(0.76)
.177(4.50) .157(3.99) .012(0.31) .006(0.15)
.005 MAX. (.127) .208(5.28) .194(4.93)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=75 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note 1) Typical Thermal Resistance RqJA (Note 2) Operating and Storage Temperature Range TJ, TSTG
NOTES:
SM4001A SM4002A SM4003A SM4004A SM4005A SM4006A SM4007A
UNITS V V V A A V A A pF C/W C
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30 1.1 5.0 50 15 50 -65 +175
600 420 600
800 560 800
1000 700 1000
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance from Junction to Ambient.
RATING AND CHARACTERISTIC CURVES (SM4001A THRU SM4007A)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 180 200
Single Phase Half Wave 60Hz Resistive Or Inductive Load
50
INSTANTANEOUS FORWARD CURRENT,(A)
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
AMBIENT TEMPERATURE ( C) FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
50
0.1
.01
.6
.7
.8
.9
1.0
1.1
1.2
1.3
FORWARD VOLT AGE,(V)
40
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
20
10
FIG.3 - TYPICAL REVERSE CHARACTERISTICS 100
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
REVERSE LEAKAGE CURRENT, ( A)
10
35
Tj=100 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE,(pF)
30 25 20 15 10 5 0
1.0
.1
Tj=25 C
.01 0
.01
.05
.1
.5
1
5
10
50
100
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENTAGE RATED PEAK REVERSE VOL TAGE


▲Up To Search▲   

 
Price & Availability of SM4006A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X