Part Number Hot Search : 
0F201 MC7806 TS79M09 NTE1842 S1D15E06 C9S12 UN6119 ATTIN
Product Description
Full Text Search
 

To Download SD394-70-74-661 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cooled Large Area 10mm Blue Silicon APD Module SD 394-70-74-661
Advanced Photonix, Inc.
PACKAGE DIMENSIONS INCH [mm]
FEATURES
* Low noise * Small size * High sensitivity
DESCRIPTION
The SD 394-70-74-661 module Incorporates a 10mm cooled APD, TEC controller, HV supply, and two stage preamplifier, in a small package
APPLICATIONS
* Industrial * Medical
ABSOLUTE MAXIMUM RATING* (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL +/- 12 VS +5 VS TSTG TO PARAMETER Voltage Supplies Storage Temperature Operating Temperature MIN +/-11 +4.75 -40 0 MAX +/-13 +5.25 +70 +40 UNITS V C C
ELECTRIC WIRING TABLE
WIRE COLOR Red Green Black Blue** Orange Violet Gray Yellow White +12V GND -12V External Bias Adjust Input HV Monitor Temperature Monitor Temperature Monitor GND +5V GND for +5V Supply ITEM
*All specifications apply when APD is at 0C with a gain of 300 and a load resistance of 50 ohms. Typical HV divider Ratio and voltage gain is 404. Recommended load on amplifier output is from 50ohms to 1Mohm. Devices must be mounted to a heat sink with TEC on. **To activate the external bias control (Blue wire), turn the gain adjust fully counter clockwise and place a jumper across J1 the external bias select connector. Input voltage on Blue wire 0 to 5 volts. The module must be operated with a heat sink.
*ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL Is Vos lrange S NEP Ro fcut CHARACTERISTIC Current Supply Output Offset Spectral Application Range Sensitivity Noise Equivalent Power Output resistance High Cutoff Frequency TEST CONDITIONS +12V supply -12V supply +5V supply Spot Scan f = 1MHz, l= 500nm f = 1MHz, l= 500nm l= 675 nm MIN 120 30 0.8 350 9.5 10 x10-14 50 11 TYP MAX 220 50 1.9 5 1050 UNITS mA mV nm 105V/W W/ Hz ohms MHz
1
10
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. (c) 2007 Advanced Photonix, Inc. All rights reserved. Specifications and output data subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 * Phone (805) 987-0146 * Fax (805) 484-9935 * www.advancedphotonix.com
REV 5/11/06
Cooled Large Area 10mm Blue Silicon APD Module SD 394-70-74-661
Advanced Photonix, Inc.
14 S e n s itiv ity (1 0 5 V /W ) 12 10
Spectral Sensitivity @ Gain 300
50
Dark Ouput Noise @ Gain 300
Noise (nV/Hz
8 6 4 2 0 350 400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 Wavelength (nm)
1/2
)
40
30
20
10
0 0.01 0.1 1
Frequency (MHz)
Mechanical Dimension in inches
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. (c) 2007 Advanced Photonix, Inc. All rights reserved. Specifications and output data subject to change without notice.
100
10
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 * Phone (805) 987-0146 * Fax (805) 484-9935 * www.advancedphotonix.com
2


▲Up To Search▲   

 
Price & Availability of SD394-70-74-661

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X