Part Number Hot Search : 
GDZJ11 SAA56XX Z0109 F71872FG MAA02012 1N6302 2SK30 24SR12
Product Description
Full Text Search
 

To Download PS-C240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 240W Single Output Industrial DIN Rail Power Supply with PFC Function
PS-C240 Series
SE
M
PQ
SPECIFICATION
MODEL PS-C240-24 24V 10A 240W 15A
Note.6
IF
47
GL
Marine
PS-C240-48 48V 5A 240W 7.5A 120mVp-p 1.0% 0.5% 1.0%
OUTPUT
Note.2 100mVp-p Note.3
1.0% 0.5% 1.0%
FREQUENCY RANGE INPUT EFFICIENCY (Typ.) 93%
OVERLOAD PROTECTION
ver
FUNCTION
Note.5
ENVIRONMENT VIBRATION SAFETY STANDARDS SAFETY & EMC
, VAC
MTBF OTHERS
NOTE
DIMENSION PACKING
240W Single Output Industrial DIN Rail Power Supply with PFC Function
125.2
TB1 1 TB2 2 3 1 2 3 4 5 6
PS-C240 Series
63
+V ADJ.
+
1 2 3
Assignment FG AC/N AC/L
Assignment 1,2 3,4 5,6
113. 5
age.
I/P
& RECTIFIERS
PFC CIRCUIT U.V.P. O.L.P.
POWER SWITCHING
RECTIFIERS & FILTER O.C.P.
+V -V
FG PFC CONTROL CONTROL
DETECTION CIRCUIT O.V.P.
150% 100%
T1
T2
150 112.5 100 75 60
100 90 80 70
Continuous
60 50 40
-25
0
10
20
30
40
50
60
70(VERTICAL)
88
100
110
135
155
230
264


▲Up To Search▲   

 
Price & Availability of PS-C240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X