Part Number Hot Search : 
AN2983 20030 C0725A S93462 STBP012 40820 010011 DF04SA
Product Description
Full Text Search
 

To Download PN2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN General Purpose Transistor PN2222A
NPN General Purpose Transistor
Features
* This device is for use as a medium power amplifier and switch requiring collector currents up to 500mA
Absolute Maximum Ratings (Tamb=25C unless otherwise noted)
Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Storage Temperature Symbol VCEO VCBO VEBO IC TSTG Value 40 75 6 1.0 -55 150 Units V V
V
A C
Caution:
1. These ratings are based on a maximum junction temperature of 150C 2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-247-2232 Fax: (800)-TAITFAX (800)-TAITRON (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/WW Page 1 of 6
NPN General Purpose Transistor PN2222A
Electrical Characteristics (Tamb=25C
Parameter Off Characteristics Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage * Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current On Characteristics VCE=10V, IC =0.1mA VCE =10V, IC =1mA VCE =10V *, IC =10mA (Tamb=-55C) VCE =10V *, IC =150mA VCE =10V *, IC =500mA IC =150mA,IB=15mA IC =500mA,IB=50mA IC =150mA, IB =15mA IC =500mA, IB =50mA 35 50 hFE 75 100 40 IC=10uA, IE=0 IC=10mA, IB=0 IE=10uA,IC=0 VCB=60V,IE=0 VEB=3V,IC=0 BVCBO BVCEO BVEBO ICBO IEBO 75 40 6 0.01 10 V V V uA nA
unless otherwise noted)
Symbol Min. Max. Unit
Test Condition
DC Current Gain
300 0.3 1
Collector- Emitter Saturation Voltage * Base-Emitter Saturation Voltage *
VCE(sat) VBE(sat) 0.6
V V
1.2 2
* Pulse Test: Pulse Width300us, Duty Cycle2.0% Small Signal Characteristics Current Gain Bandwidth Product Output Capacitance Input Capacitance Collector Base Time Constant Noise Figure Real Part of Common-Emitter High Frequency Input Impedance Switching Characteristics Delay Time Rise Time Storage Time Fall Time VCC=30V, VEB(off)=0.5V IC=150mA, IB1=15mA VCC=30V, IC=150mA IB1=IB2=15mA td tr ts tf 10 25 225 60 ns ns ns ns IC=20mA, VCE=20V, f=100MHz VCB=10V, IE=0, f=1MHz VEB=0.5V, IC =0, f=1MHz IC =20mA, VCB=20V, f=31.8MHz IC =100uA, VCE=10V Rs=1.0k, f=1.0KHz IC =20mA, VCE=20V, f=300MHz fT Cobo Cibo rb'Cc NF Re(hie) 300 8.0 25 150 4.0 60 MHz pF pF pS dB
Rev. A/WW www.taitroncomponents.com Page 2 of 6
NPN General Purpose Transistor PN2222A
Thermal Characteristics Total Device Dissipation Derate above 25C Thermal Resistance, Junction to case Thermal Resistance, Junction to Ambient PD RJC RJA 625 5.0 83.3 200 mW mW/C C/W C/W
Dimensions (Unit:mm)
Rev. A/WW www.taitroncomponents.com Page 3 of 6
NPN General Purpose Transistor PN2222A
Typical Characteristics Curves
Rev. A/WW www.taitroncomponents.com Page 4 of 6
NPN General Purpose Transistor PN2222A
Rev. A/WW www.taitroncomponents.com Page 5 of 6
NPN General Purpose Transistor PN2222A
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355 Tel: (800) TAITRON (800) 247-2232 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-54249942 Fax: +86-21-5424-9931
Rev. A/WW www.taitroncomponents.com Page 6 of 6


▲Up To Search▲   

 
Price & Availability of PN2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X