Part Number Hot Search : 
UL1101N IC16F6 74004 4DFT1G MB905 FCE20 4050N 302A2400
Product Description
Full Text Search
 

To Download PCA4933 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCA4933
Converter for Connecting Emulator Probe to RFS Type Emulator MCU (for PC4701, compact emulator, and PC4600 systems)
Function
The PCA4933 is used to connect the emulation pod M38000TL2-FPD for the PC4701 system or compact emulator system M38000T2-CPE or emulation pod M38000TL-POD for the PC4600 system to the RFS type emulator MCU without screw lock. Also, the PCA4933 is a converter for connecting the emulation pod M38000TL-POD for the PC4600 system to the RFS type emulator MCU (M3XXXXRFS or M3XXXXRLFS).
Application
Use the PCA4933 to connect the probe of emulation pod or other boards to the PCA4933's connector. Insert it into an RFS type emulator MCU.
Dimensions
36.5(D)x19.0(W)x12.5(H)mm (H1)=6.0mm (H2)=6.5mm
* PC4701 is a generic name representing the PC4701U, PC4701M, PC4701HS, PC4701L, PC4700H and PC4700L. Production of the PC4701M, PC4701HS, PC4701L, PC4700H and PC4700L has been discontinued. [Ordering Information] See Appendix H "Ordering Information".
*All brand names and product names are trademarks or registered trademarks of their respective companies.


▲Up To Search▲   

 
Price & Availability of PCA4933

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X