Part Number Hot Search : 
APM9948 SC2411K MUR1040C KBL01PT 107M00 APM9948 SC2411K T1210
Product Description
Full Text Search
 

To Download P4KE550A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
P4KE SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts 400 Watt Peak Pulse Power
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94 V-O * Glass passivated chip junction in DO-41 package * 400W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Low incremental surge resistance * Excellent clamping capability * Fast response time: typically less than 1.0 ps from 0 volts to BV min * Typical IR less than 1A above 10V * High temperature soldering guaranteed: 300C/10 seconds/ .375", (9.5mm) lead length, 5lbs., (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-41 Molded plastic Terminals: Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.012 ounces, 0.3 grams
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types P4KE6.80 thru types P4KE550 (e.g. P4KE6.8C, P4KE550CA) Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For Capacitive load, derate current by 20%
RATING
Peak Pulse Power Dissipation at TA = 25 C, TP = 1ms
(NOTE 1)
SYMBOL PPPM
IPPM
VALUE
Minimum 400 SEE TABLE 1 1.0 40 -55 +175
UNITS
Watts Amps Watts Amps C
Peak Pulse Current of on 10/1000 s waveform (Note 1) Steady State Power Dissipation at TL = 75C Lead lengths .375", 9.5mm (Note 2) Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on Rated Load, (JEDEC Method)(Note 3) Operatings and Storage Temperature Range
PM(AV) IFSM
TJ, TSTG
NOTES: 1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2. Mounted on Copper Pad area of 1.6x1.6" (40x40mm) per Fig.5. 3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum. Certified RoHS Compliant UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
RATING AND CHARACTERISTIC CURVES P4KE SERIES
PPPM-Peak Pulse Power (kW)
Fig. 1 - Peak Pulse Power Rating
100
Fig.2 - Pulse Derating Curve
100
Peak Pulse Power (PPP) or Current (IPPM) Derating in Percentage,%
Non-repetitive Pulse Waveform shown in Fig. 3
10
75
50
1
25
0
0.1
0
0.2
0.4
0.6
0.8
1
1.2
0.1s
1.0s
10s
100s
1.0ms
10ms
TA - Ambient Temperature (C)
td - Pulse Width (sec.)
Fig.3 - Pulse Waveform
150
Fig.4 - Typ.Junction Capacitance Uni-Directional
10000
tr = 10sec. IPPM - Peak Pulse Current, % IRSM
Peak Value IPPM 100 Half Value- IPPM 2
Pulse Width(td)is defined as the point where the peak current decays to 50% of I
CJ - Junction Capacitance
TJ = 25C
TJ = 25C f = 1.0MHZ Vsig = 50mVp-p
1000
Measured at Zero Bias
50
10/1000sec.Waveform as defined by R.E.A.
100
td
0 0 1.0
1000
Measured at Stand-Off Voltage, VWM
10
3.0 t - Time(ms)
2.0
3.
4.0
4.0
1.0
VWM
- Reverse Stand-Off Voltage (V)
10
100
200
Fig.5 - steady State Power Derating Curve
1.00
Fig.6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Only
200 TJ = TJ max. 8.3ms Single Half Sine-Wave (JEDEC Method)
PM(AV ),Steady State Power Dissipation (W)
0.88 0.75 0.63 0.50 0.38 0.25 0.13 0.00 0
100
L=0.375" (9.5mm) Lead Lengths
60 HZ Resistive or Inductive Load
IFSM - Peak Forward Surge Current (A)
100
50
1.6x1.6x.040" (40x40x1mm) Copper Heat Sinks
10 1
5
10
50
100
TL - Lead Temperature (C) 25 50 75 100 125 150 175 200 Fig.7 - Typical Reverse Leakage Characteristics
Measured at Devices Stand-off Voltage,V WM TA = 25C
Number of Cycles at 60 Hz Fig. 8 - Typ.Transient Thermal Impedance
100
10
1
Transient Thermal Impedance (C/W)
ID - Instantaneous Reverse Leakage Current (A)
10
0.1
0.01
0
50
100
150
200
250
300
350
400
450
500
1 0.001 0.01 0.1 1 10 100 1000
V(BR) - Breakdown Voltage
tp-Pulse Duration (sec)
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
400 Watt TVS
UNI-POLAR BI-POLAR REVERSE BREAKDOWN BREAKDOWN MAXIMUM TEST VOLTAGE VOLTAGE STANDOFF CLAMPING CURRENT VBR (V) VBR (V) VOLTAGE VOLTAGE mA (IT) VRWM (V) @IPP VC (V) MIN. @ IT MAX. @ IT 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103.0 113.0 125.0 137.0 152.0 165.0 179.0 207.0 219.0 234.0 246.0 274.0 328.0 344.0 414.0 482.0 548.0 602.0 658.0 698.0 725.0 740.0 760.0 PEAK PULSE CURRENT IPP (A) 39.0 36.3 33.9 30.6 28.3 26.3 24.6 22.5 19.3 18.2 16.1 14.8 13.4 12.3 10.9 9.9 9.0 8.2 7.6 6.9 6.3 5.8 5.3 4.8 4.5 4.0 3.6 3.3 3.0 2.7 2.5 2.3 2.0 1.9 1.8 1.7 1.5 1.3 1.2 1.0 0.85 0.75 0.68 0.61 0.57 0.55 0.54 0.52 REVERSE LEAKAGE @ VRWM IR (A) 1000 500 200 50 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
5.80 6.45 7.14 P4KE6.8A P4KE6.8CA 6.40 7.13 7.88 P4KE7.5A P4KE7.5CA 7.02 7.79 8.61 P4KE8.2A P4KE8.2CA 7.78 8.65 9.55 P4KE9.1A P4KE9.1CA 8.55 9.50 10.50 P4KE10A P4KE10CA 9.40 10.50 11.60 P4KE11A P4KE11CA 10.20 11.40 12.60 P4KE12A P4KE12CA 11.10 12.40 13.70 P4KE13A P4KE13CA 10.00 14.30 15.80 P4KE15A P4KE15CA 12.90 15.20 16.80 P4KE16A P4KE16CA 14.50 17.10 18.90 P4KE18A P4KE18CA 17.10 19.00 21.00 P4KE20A P4KE20CA 18.80 20.90 23.10 P4KE22A P4KE22CA 20.50 22.80 25.20 P4KE24A P4KE24CA 23.10 25.70 28.40 P4KE27A P4KE27CA 25.60 28.50 31.50 P4KE30A P4KE30CA 28.20 31.40 34.70 P4KE33A P4KE33CA 30.80 34.20 37.80 P4KE36A P4KE36CA 33.30 37.10 41.00 P4KE39A P4KE39CA 36.80 40.90 45.20 P4KE43A P4KE43CA 40.20 44.70 49.40 P4KE47A P4KE47CA 43.60 48.50 53.60 P4KE51A P4KE51CA 47.80 53.20 58.80 P4KE56A P4KE56CA 53.00 58.90 65.10 P4KE62A P4KE62CA 58.10 64.60 71.40 P4KE68A P4KE68CA 64.10 71.30 78.80 P4KE75A P4KE75CA 70.10 77.90 86.10 P4KE82A P4KE82CA 77.80 86.50 95.50 P4KE91A P4KE91CA 85.50 95.00 105.00 P4KE100A P4KE100CA 94.00 105.00 116.00 P4KE110A P4KE110CA 102.00 114.00 126.00 P4KE120A P4KE120CA 111.00 124.00 137.00 P4KE130A P4KE130CA 128.00 143.00 158.00 P4KE150A P4KE150CA 136.00 152.00 168.00 P4KE160A P4KE160CA 145.00 162.00 179.00 P4KE170A P4KE170CA 154.00 171.00 189.00 P4KE180A P4KE180CA 171.00 190.00 210.00 P4KE200A P4KE200CA 185.00 209.00 231.00 P4KE220A P4KE220CA 214.00 237.00 263.00 P4KE250A P4KE250CA 256.00 285.00 315.00 P4KE300A P4KE300CA 300.00 333.00 368.00 P4KE350A P4KE350CA 342.00 380.00 420.00 P4KE400A P4KE400CA 376.00 418.00 462.00 P4KE440A P4KE440CA 408.00 456.00 504.00 P4KE480A P4KE480CA 434.00 485.00 535.00 P4KE510A P4KE510CA 450.00 503.50 556.50 P4KE530A P4KE530CA 459.00 513.00 567.00 P4KE540A P4KE540CA 467.00 522.50 577.50 P4KE550A P4KE550CA For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is 10% Certified RoHS Compliant UL File # E223026


▲Up To Search▲   

 
Price & Availability of P4KE550A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X