Part Number Hot Search : 
LT310 SC461 11800 LJ64KM01 RB521G BA5954FM 2SJ0164 HA1210
Product Description
Full Text Search
 

To Download MX25L4005AM2C-12G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MX25L4005A
4M-BIT [x 1] CMOS SERIAL FLASH
FEATURES
GENERAL * Serial Peripheral Interface (SPI) compatible -- Mode 0 and Mode 3 * 4,194,304 x 1 bit structure * 128 Equal Sectors with 4K byte each - Any Sector can be erased individually * 8 Equal Blocks with 64K byte each - Any Block can be erased individually * Single Power Supply Operation - 2.7 to 3.6 volt for read, erase, and program operations * Latch-up protected to 100mA from -1V to Vcc +1V * Low Vcc write inhibit is from 1.5V to 2.5V PERFORMANCE * High Performance - Fast access time: 85MHz serial clock (15pF + 1TTL Load) and 66MHz serial clock (30pF + 1TTL Load) - Fast program time: 1.4ms(typ.) and 5ms(max.)/page (256-byte per page) - Fast erase time: 60ms(typ.) and 120ms(max.)/sector (4K-byte per sector) ; 1s(typ.) and 2s(max.)/block (64K-byte per block) * Low Power Consumption - Low active read current: 12mA(max.) at 85MHz, 8mA(max.) at 66MHz and 4mA(max.) at 33MHz - Low active programming current: 15mA (max.) - Low active erase current: 15mA (max.) - Low standby current: 10uA (max.) - Deep power-down mode 1uA (typical) * Minimum 100,000 erase/program cycles * 10 years data retention SOFTWARE FEATURES * Input Data Format - 1-byte Command code * Block Lock protection - The BP0~BP2 status bit defines the size of the area to be software protected against Program and Erase instructions * Auto Erase and Auto Program Algorithm - Automatically erases and verifies data at selected sector - Automatically programs and verifies data at selected page by an internal algorithm that automatically times the program pulse widths (Any page to be programed should have page in the erased state first) * Status Register Feature * Electronic Identification - JEDEC 2-byte Device ID - RES command, 1-byte Device ID HARDWARE FEATURES * SCLK Input - Serial clock input * SI Input - Serial Data Input * SO Output - Serial Data Output * WP# pin - Hardware write protection
P/N: PM1231
REV. 1.8, JUL. 17, 2008
1
MX25L4005A
* HOLD# pin - pause the chip without diselecting the chip * PACKAGE - 8-pin SOP (150mil) - 8-pin SOP (200mil) - 8-pin PDIP (300mil) - 8-land SON (6x5mm, 1.0mm package height), which is not recommended for new design - 8-land WSON (6x5mm, 0.8mm package height) - 8-land USON (4x4mm) in development - All Pb-free devices are RoHS Compliant
GENERAL DESCRIPTION
The MX25L4005A is a CMOS 4,194,304 bit serial Flash memory, which is configured as 524,288 x 8 internally. The MX25L4005A feature a serial peripheral interface and software protocol allowing operation on a simple 3-wire bus. The three bus signals are a clock input (SCLK), a serial data input (SI), and a serial data output (SO). SPI access to the device is enabled by CS# input. The MX25L4005A provide sequential read operation on whole chip. After program/erase command is issued, auto program/ erase algorithms which program/ erase and verify the specified page or byte /sector/block locations will be executed. Program command is executed on page (256 bytes) basis, and erase command is executes on chip or sector(4K-bytes) or block(64K-bytes). To provide user with ease of interface, a status register is included to indicate the status of the chip. The status read command can be issued to detect completion status of a program or erase operation via WIP bit. When the device is not in operation and CS# is high, it is put in standby mode and draws less than 10uA DC current. The MX25L4005A utilize MXIC's proprietary memory cell, which reliably stores memory contents even after 100,000 program and erase cycles.
PIN CONFIGURATIONS
8-PIN SOP (150/200mil)
VCC HOLD# SCLK SI
PIN DESCRIPTION
8-PIN PDIP (300mil) SYMBOL CS# SI SO SCLK HOLD# WP# VCC GND DESCRIPTION Chip Select Serial Data Input Serial Data Output Clock Input Hold, to pause the device without deselecting the device Write Protection + 3.3V Power Supply Ground
8 7 6 5
CS# SO WP# GND
1 2 3 4
8 7 6 5
VCC HOLD# SCLK SI
*8-LAND SON (6x5mm), WSON (6x5mm), USON (4x4mm)
CS# SO WP# GND 1 2 3 4 8 7 6 5 VCC HOLD# SCLK SI
Note: 8-land SON is not recommended for new design
P/N: PM1231
CS# SO WP# GND
1 2 3 4
2
REV. 1.8, JUL. 17, 2008
MX25L4005A
BLOCK DIAGRAM
Address Generator
X-Decoder
Memory Array
Page Buffer Data Register Y-Decoder SRAM Buffer Sense Amplifier
HV Generator
SI
CS#
Mode Logic
State Machine
Output Buffer
SO SCLK Clock Generator
P/N: PM1231
3
REV. 1.8, JUL. 17, 2008
MX25L4005A
DATA PROTECTION
The MX25L4005A are designed to offer protection against accidental erasure or programming caused by spurious system level signals that may exist during power transition. During power up the device automatically resets the state machine in the Read mode. In addition, with its control register architecture, alteration of the memory contents only occurs after successful completion of specific command sequences. The device also incorporates several features to prevent inadvertent write cycles resulting from VCC power-up and power-down transition or system noise. * Power-on reset and tPUW: to avoid sudden power switch by system power supply transition, the power-on reset and tPUW (internal timer) may protect the Flash.
* Valid command length checking: The command length will be checked whether it is at byte base and completed on byte boundary. * Write Enable (WREN) command: WREN command is required to set the Write Enable Latch bit (WEL) before other command to change data. The WEL bit will return to reset stage under following situation: - Power-up - Write Disable (WRDI) command completion - Write Status Register (WRSR) command completion - Page Program (PP) command completion - Sector Erase (SE) command completion - Block Erase (BE) command completion - Chip Erase (CE) command completion * * * Software Protection Mode (SPM): by using BP0-BP2 bits to set the part of Flash protected from data change. Hardware Protection Mode (HPM): by using WP# going low to protect the BP0-BP2 bits and SRWD bit from data change. Deep Power Down Mode: By entering deep power down mode, the flash device also is under protected from writing all commands except Release from deep power down mode command (RDP) and Read Electronic Signature command (RES).
P/N: PM1231
4
REV. 1.8, JUL. 17, 2008
MX25L4005A
Table 1. Protected Area Sizes
Status bit BP2 BP1 BP0 0 0 0 0 0 1 0 1 0 0 1 1 1 0 0 1 0 1 1 1 0 1 1 1 Protect level 0 (none) 1 (1 block) 2 (2 blocks) 3 (4 blocks) 4 (8 blocks) 5 (All) 6 (All) 7 (All) 4Mb None Block 7 Block 6-7 Block 4-7 All All All All
P/N: PM1231
5
REV. 1.8, JUL. 17, 2008
MX25L4005A
HOLD FEATURE
HOLD# pin signal goes low to hold any serial communications with the device. The HOLD feature will not stop the operation of write status register, programming, or erasing in progress. The operation of HOLD requires Chip Select(CS#) keeping low and starts on falling edge of HOLD# pin signal while Serial Clock (SCLK) signal is being low (if Serial Clock signal is not being low, HOLD operation will not start until Serial Clock signal being low). The HOLD condition ends on the rising edge of HOLD# pin signal while Serial Clock(SCLK) signal is being low( if Serial Clock signal is not being low, HOLD operation will not end until Serial Clock being low), see Figure 1.
Figure 1. Hold Condition Operation
CS#
SCLK
HOLD#
Hold Condition (standard)
Hold Condition (non-standard)
The Serial Data Output (SO) is high impedance, both Serial Data Input (SI) and Serial Clock (SCLK) are don't care during the HOLD operation. If Chip Select (CS#) drives high during HOLD operation, it will reset the internal logic of the device. To re-start communication with chip, the HOLD# must be at high and CS# must be at low.
P/N: PM1231
6
REV. 1.8, JUL. 17, 2008
MX25L4005A
Table 2. COMMAND DEFINITION
COMMAND WREN (byte) (write Enable) 1st 06 Hex 2nd 3rd 4th 5th Action sets the (WEL) write enable latch bit COMMAND SE (byte) (Sector Erase) 1st 2nd 3rd 4th 5th Action 20 Hex AD1 AD2 AD3 WRDI (write disable) 04 Hex RDID (read identification) 9F Hex RDSR (read status register) 05 Hex WRSR (write status register) 01 Hex READ (read data) 03 Hex AD1 AD2 AD3 Fast Read (fast read data) 0B Hex AD1 AD2 AD3 x
reset the (WEL) write enable latch bit BE (Block Erase) 52 or D8 Hex AD1 AD2 AD3
output the to read out manufacturer the status ID and 2-byte register device ID
to write new n bytes values to the read out status register until CS# goes high RDP (Release from Deep Power-down) AB Hex RES (Read Electronic ID) AB Hex x x x REMS (Read Electronic Manufacturer & Device ID) 90 Hex x x ADD(1) Output the manufacturer ID and device ID
CE (Chip Erase) 60 or C7 Hex
PP (Page Program) 02 Hex AD1 AD2 AD3
DP (Deep Power Down) B9 Hex
(1) ADD=00H will output the manufacturer's ID first and ADD=01H will output device ID first. (2) It is not recommended to adopt any other code which is not in the above command definition table.
P/N: PM1231
7
REV. 1.8, JUL. 17, 2008
MX25L4005A
Table 3. Memory Organization
Block 7 Sector 127 Address Range 07F000h 07FFFFh
........
........
6 96 95 5 80 79 4 64 63 3 48 47 2 32 31 1 16 15
........
........
........
........
........
........
0
3 2 1 0
003000h 002000h 001000h 000000h
003FFFh 002FFFh 001FFFh 000FFFh
P/N: PM1231
........
010000h 00F000h
010FFFh 00FFFFh
.......
........
020000h 01F000h
020FFFh 01FFFFh
.......
........
030000h 02F000h
030FFFh 02FFFFh
.......
........
040000h 03F000h
040FFFh 03FFFFh
.......
........
050000h 04F000h
050FFFh 04FFFFh
.......
........
060000h 05F000h
060FFFh 05FFFFh
.......
........
112 111
070000h 06F000h
070FFFh 06FFFFh
.......
........
.......
8
REV. 1.8, JUL. 17, 2008
MX25L4005A
DEVICE OPERATION
1. Before a command is issued, status register should be checked to ensure device is ready for the intended operation. 2. When incorrect command is inputted to this LSI, this LSI becomes standby mode and keeps the standby mode until next CS# falling edge. In standby mode, SO pin of this LSI should be High-Z. 3. When correct command is inputted to this LSI, this LSI becomes active mode and keeps the active mode until next CS# rising edge. 4. Input data is latched on the rising edge of Serial Clock(SCLK) and data shifts out on the falling edge of SCLK. The difference of SPI mode 0 and mode 3 is shown as Figure 2. 5. For the following instructions: RDID, RDSR, READ, FAST_READ, RES and REMS the shifted-in instruction sequence is followed by a data-out sequence. After any bit of data being shifted out, the CS# can be high. For the following instructions: WREN, WRDI, WRSR, SE, BE, CE, PP, RDP and DP the CS# must go high exactly at the byte boundary; otherwise, the instruction will be rejected and not executed. 6. During the progress of Write Status Register, Program, Erase operation, to access the memory array is neglected and not affect the current operation of Write Status Register, Program, Erase.
Figure 2. SPI Modes Supported
CPOL
CPHA SCLK
shift in
shift out
(SPI mode 0)
0
0
(SPI mode 3)
1
1
SCLK
SI
MSB
SO
MSB
Note: CPOL indicates clock polarity of SPI master, CPOL=1 for SCLK high while idle, CPOL=0 for SCLK low while not transmitting. CPHA indicates clock phase. The combination of CPOL bit and CPHA bit decides which SPI mode is supported.
P/N: PM1231
9
REV. 1.8, JUL. 17, 2008
MX25L4005A
COMMAND DESCRIPTION (1) Write Enable (WREN)
The Write Enable (WREN) instruction is for setting Write Enable Latch (WEL) bit. For those instructions like PP, SE, BE, CE, and WRSR, which are intended to change the device content, should be set every time after the WREN instruction setting the WEL bit. The sequence of issuing WREN instruction is: CS# goes low-> sending WREN instruction code-> CS# goes high. (see Figure 11)
(2) Write Disable (WRDI)
The Write Disable (WRDI) instruction is for resetting Write Enable Latch (WEL) bit. The sequence of issuing WRDI instruction is: CS# goes low-> sending WRDI instruction code-> CS# goes high. (see Figure 12) The WEL bit is reset by following situations: - Power-up - Write Disable (WRDI) instruction completion - Write Status Register (WRSR) instruction completion - Page Program (PP) instruction completion - Sector Erase (SE) instruction completion - Block Erase (BE) instruction completion - Chip Erase (CE) instruction completion
(3) Read Identification (RDID)
The RDID instruction is for reading the manufacturer ID of 1-byte and followed by Device ID of 2-byte. The MXIC Manufacturer ID is C2(hex), the memory type ID is 20(hex) as the first-byte device ID, and the individual device ID of second-byte ID is as followings: 13(hex) for MX25L4005A. The sequence of issuing RDID instruction is: CS# goes low-> sending RDID instruction code -> 24-bits ID data out on SO -> to end RDID operation can use CS# to high at any time during data out. (see Figure. 13) While Program/Erase operation is in progress, it will not decode the RDID instruction, so there's no effect on the cycle of program/erase operation which is currently in progress. When CS# goes high, the device is at standby stage.
P/N: PM1231
10
REV. 1.8, JUL. 17, 2008
MX25L4005A
(4) Read Status Register (RDSR)
The RDSR instruction is for reading Status Register Bits. The Read Status Register can be read at any time (even in program/erase/write status register condition) and continuously. It is recommended to check the Write in Progress (WIP) bit before sending a new instruction when a program, erase, or write status register operation is in progress. The sequence of issuing RDSR instruction is: CS# goes low-> sending RDSR instruction code-> Status Register data out on SO (see Figure. 14) The definition of the status register bits is as below: WIP bit. The Write in Progress (WIP) bit, a volatile bit, indicates whether the device is busy in program/erase/write status register progress. When WIP bit sets to 1, which means the device is busy in program/erase/write status register progress. When WIP bit sets to 0, which means the device is not in progress of program/erase/write status register cycle. WEL bit. The Write Enable Latch (WEL) bit, a volatile bit, indicates whether the device is set to internal write enable latch. When WEL bit sets to 1, which means the internal write enable latch is set, the device can accept program/erase/write status register instruction. When WEL bit sets to 0, which means no internal write enable latch; the device will not accept program/erase/write status register instruction. BP2, BP1, BP0 bits. The Block Protect (BP2, BP1, BP0) bits, non-volatile bits, indicate the protected area(as defined in table 1) of the device to against the program/erase instruction without hardware protection mode being set. To write the Block Protect (BP2, BP1, BP0) bits requires the Write Status Register (WRSR) instruction to be executed. Those bits define the protected area of the memory to against Page Program (PP), Sector Erase (SE), Block Erase (BE) and Chip Erase(CE) instructions (only if all Block Protect bits set to 0, the CE instruction can be executed)
SRWD bit. The Status Register Write Disable (SRWD) bit, non-volatile bit, is operated together with Write Protection (WP#) pin for providing hardware protection mode. The hardware protection mode requires SRWD sets to 1 and WP# pin signal is low stage. In the hardware protection mode, the Write Status Register (WRSR) instruction is no longer accepted for execution and the SRWD bit and Block Protect bits (BP2, BP1, BP0) are read only.
bit 7 SRWD Status Register Write Protect 1= status register write disable
bit 6 0
bit 5 0
bit 4 bit 3 bit 2 BP2 BP1 BP0 the level of the level of the level of protected protected protected block block block (note 1) (note 1) (note 1)
bit 1 WEL (write enable latch)
bit 0 WIP (write in progress bit)
1=write enable 1=write operation 0=not write 0=not in write enable operation
Note: 1. See the table "Protected Area Sizes". 2. The endurance cycles of protect bits are 100,000 cycles; however, the tW time out spec of protect bits is relaxed as tW = N x 15ms (N is a multiple of 10,000 cycles, ex. N = 2 for 20,000 cycles) after 10,000 cycles on those bits.
P/N: PM1231
11
REV. 1.8, JUL. 17, 2008
MX25L4005A
(5) Write Status Register (WRSR)
The WRSR instruction is for changing the values of Status Register Bits. Before sending WRSR instruction, the Write Enable (WREN) instruction must be decoded and executed to set the Write Enable Latch (WEL) bit in advance. The WRSR instruction can change the value of Block Protect (BP2, BP1, BP0) bits to define the protected area of memory (as shown in table 1). The WRSR also can set or reset the Status Register Write Disable (SRWD) bit in accordance with Write Protection (WP#) pin signal. The WRSR instruction cannot be executed once the Hardware Protected Mode (HPM) is entered. The sequence of issuing WRSR instruction is: CS# goes low-> sending WRSR instruction code-> Status Register data on SI-> CS# goes high. (see Figure 15) The WRSR instruction has no effect on b6, b5, b1, b0 of the status register. The CS# must go high exactly at the byte boundary; otherwise, the instruction will be rejected and not executed. The selftimed Write Status Register cycle time (tW) is initiated as soon as Chip Select (CS#) goes high. The Write in Progress (WIP) bit still can be check out during the Write Status Register cycle is in progress. The WIP sets 1 during the tW timing, and sets 0 when Write Status Register Cycle is completed, and the Write Enable Latch (WEL) bit is reset.
Table 4. Protection Modes
Mode Software protection mode(SPM) Status register condition Status register can be written in (WEL bit is set to "1") and the SRWD, BP0-BP2 bits can be changed WP# and SRWD bit status WP#=1 and SRWD bit=0, or WP#=0 and SRWD bit=0, or WP#=1 and SRWD=1 Memory The protected area cannot be program or erase.
Hardware protection mode (HPM)
The SRWD, BP0-BP2 of status register bits cannot be changed
WP#=0, SRWD bit=1
The protected area cannot be program or erase.
Note: 1. As defined by the values in the Block Protect (BP2, BP1, BP0) bits of the Status Register, as shown in Table 1. As the above table showing, the summary of the Software Protected Mode (SPM) and Hardware Protected Mode (HPM). Software Protected Mode (SPM): - When SRWD bit=0, no matter WP# is low or high, the WREN instruction may set the WEL bit and can change the values of SRWD, BP2, BP1, BP0. The protected area, which is defined by BP2, BP1, BP0, is at software protected mode (SPM). - When SRWD bit=1 and WP# is high, the WREN instruction may set the WEL bit can change the values of SRWD, BP2, BP1, BP0. The protected area, which is defined by BP2, BP1, BP0, is at software protected mode (SPM). Note: If SRWD bit=1 but WP# is low, it is impossible to write the Status Register even if the WEL bit has previously been set. It is rejected to write the Status Register and not be executed.
P/N: PM1231
12
REV. 1.8, JUL. 17, 2008
MX25L4005A
Hardware Protected Mode (HPM): - When SRWD bit=1, and then WP# is low (or WP# is low before SRWD bit=1), it enters the hardware protected mode (HPM). The data of the protected area is protected by software protected mode by BP2, BP1, BP0 and hardware protected mode by the WP# to against data modification. Note: to exit the hardware protected mode requires WP# driving high once the hardware protected mode is entered. If the WP# pin is permanently connected to high, the hardware protected mode can never be entered; only can use software protected mode via BP2, BP1, BP0.
(6) Read Data Bytes (READ)
The read instruction is for reading data out. The address is latched on rising edge of SCLK, and data shifts out on the falling edge of SCLK at a maximum frequency fR. The first address byte can be at any location. The address is automatically increased to the next higher address after each byte data is shifted out, so the whole memory can be read out at a single READ instruction. The address counter rolls over to 0 when the highest address has been reached. The sequence of issuing READ instruction is: CS# goes low-> sending READ instruction code-> 3-byte address on SI -> data out on SO-> to end READ operation can use CS# to high at any time during data out. (see Figure. 16)
(7) Read Data Bytes at Higher Speed (FAST_READ)
The FAST_READ instruction is for quickly reading data out. The address is latched on rising edge of SCLK, and data of each bit shifts out on the falling edge of SCLK at a maximum frequency fC. The first address byte can be at any location. The address is automatically increased to the next higher address after each byte data is shifted out, so the whole memory can be read out at a single FAST_READ instruction. The address counter rolls over to 0 when the highest address has been reached. The sequence of issuing FAST_READ instruction is: CS# goes low-> sending FAST_READ instruction code-> 3-byte address on SI-> 1-dummy byte address on SI->data out on SO-> to end FAST_READ operation can use CS# to high at any time during data out. (see Figure. 17) While Program/Erase/Write Status Register cycle is in progress, FAST_READ instruction is rejected without any impact on the Program/Erase/Write Status Register current cycle.
(8) Sector Erase (SE)
The Sector Erase (SE) instruction is for erasing the data of the chosen sector to be "1". A Write Enable (WREN) instruction must execute to set the Write Enable Latch (WEL) bit before sending the Sector Erase (SE). Any address of the sector (see table 3) is a valid address for Sector Erase (SE) instruction. The CS# must go high exactly at the byte boundary (the latest eighth of address byte been latched-in); otherwise, the instruction will be rejected and not executed. Address bits [Am-A12] (Am is the most significant address) select the sector address. The sequence of issuing SE instruction is: CS# goes low -> sending SE instruction code-> 3-byte address on SI -> CS# goes high. (see Figure 19) The self-timed Sector Erase Cycle time (tSE) is initiated as soon as Chip Select (CS#) goes high. The Write in Progress (WIP) bit still can be check out during the Sector Erase cycle is in progress. The WIP sets 1 during the tSE timing, and sets 0 when Sector Erase Cycle is completed, and the Write Enable Latch (WEL) bit is reset. If the page is protected by BP2, BP1, BP0 bits, the Sector Erase (SE) instruction will not be executed on the page.
P/N: PM1231
13
REV. 1.8, JUL. 17, 2008
MX25L4005A
(9) Block Erase (BE)
The Block Erase (BE) instruction is for erasing the data of the chosen block to be "1". A Write Enable (WREN) instruction must execute to set the Write Enable Latch (WEL) bit before sending the Block Erase (BE). Any address of the block (see table 3) is a valid address for Block Erase (BE) instruction. The CS# must go high exactly at the byte boundary (the latest eighth of address byte been latched-in); otherwise, the instruction will be rejected and not executed. The sequence of issuing BE instruction is: CS# goes low -> sending BE instruction code-> 3-byte address on SI -> CS# goes high. (see Figure 20) The self-timed Block Erase Cycle time (tBE) is initiated as soon as Chip Select (CS#) goes high. The Write in Progress (WIP) bit still can be check out during the Sector Erase cycle is in progress. The WIP sets 1 during the tBE timing, and sets 0 when Sector Erase Cycle is completed, and the Write Enable Latch (WEL) bit is reset. If the page is protected by BP2, BP1, BP0 bits, the Block Erase (BE) instruction will not be executed on the page.
(10) Chip Erase (CE)
The Chip Erase (CE) instruction is for erasing the data of the whole chip to be "1". A Write Enable (WREN) instruction must execute to set the Write Enable Latch (WEL) bit before sending the Chip Erase (CE). Any address of the sector (see table 3) is a valid address for Chip Erase (CE) instruction. The CS# must go high exactly at the byte boundary( the latest eighth of address byte been latched-in); otherwise, the instruction will be rejected and not executed. The sequence of issuing CE instruction is: CS# goes low-> sending CE instruction code-> CS# goes high. (see Figure 20) The self-timed Chip Erase Cycle time (tCE) is initiated as soon as Chip Select (CS#) goes high. The Write in Progress (WIP) bit still can be check out during the Chip Erase cycle is in progress. The WIP sets 1 during the tCE timing, and sets 0 when Chip Erase Cycle is completed, and the Write Enable Latch (WEL) bit is reset. If the chip is protected by BP2, BP1, BP0 bits, the Chip Erase (CE) instruction will not be executed. It will be only executed when BP2, BP1, BP0 all set to "0".
(11) Page Program (PP)
The Page Program (PP) instruction is for programming the memory to be "0". A Write Enable (WREN) instruction must execute to set the Write Enable Latch (WEL) bit before sending the Page Program (PP). The device programs only the last 256 data bytes sent to the device. If the entire 256 data bytes are going to be programmed, A7-A0 (The eight least significant address bits) should be set to 0. If the eight least significant address bits (A7-A0) are not all 0, all transmitted data going beyond the end of the current page are programmed from the start address of the same page (from the address A7-A0 are all 0). If more than 256 bytes are sent to the device, the data of the last 256-byte is programmed at the request page and previous data will be disregarded. If less than 256 bytes are sent to the device, the data is programmed at the requested address of the page without effect on other address of the same page. The sequence of issuing PP instruction is: CS# goes low-> sending PP instruction code-> 3-byte address on SI-> at least 1-byte on data on SI-> CS# goes high. (see Figure 18) The CS# must be kept to low during the whole Page Program cycle; The CS# must go high exactly at the byte boundary( the latest eighth bit of data being latched in), otherwise the instruction will be rejected and will not be executed. The self-timed Page Program Cycle time (tPP) is initiated as soon as Chip Select (CS#) goes high. The Write in Progress (WIP) bit still can be check out during the Page Program cycle is in progress. The WIP sets 1 during the tPP timing, and sets 0 when Page Program Cycle is completed, and the Write Enable Latch (WEL) bit is reset. If the page is protected by BP3, BP2, BP1, BP0 bits, the Page Program (PP) instruction will not be executed.
P/N: PM1231
14
REV. 1.8, JUL. 17, 2008
MX25L4005A
(12) Deep Power-down (DP)
The Deep Power-down (DP) instruction is for setting the device on the minimizing the power consumption (to entering the Deep Power-down mode), the standby current is reduced from ISB1 to ISB2). The Deep Power-down mode requires the Deep Power-down (DP) instruction to enter, during the Deep Power-down mode, the device is not active and all Write/ Program/Erase instruction are ignored. When CS# goes high, it's only in standby mode not deep power-down mode. It's different from Standby mode. The sequence of issuing DP instruction is: CS# goes low-> sending DP instruction code-> CS# goes high. (see Figure 22) Once the DP instruction is set, all instruction will be ignored except the Release from Deep Power-down mode (RDP) and Read Electronic Signature (RES) instruction. (RES instruction to allow the ID been read out). When Power-down, the deep power-down mode automatically stops, and when power-up, the device automatically is in standby mode. For RDP instruction the CS# must go high exactly at the byte boundary (the latest eighth bit of instruction code been latched-in); otherwise, the instruction will not executed. As soon as Chip Select (CS#) goes high, a delay of tDP is required before entering the Deep Power-down mode and reducing the current to ISB2.
(13) Release from Deep Power-down (RDP), Read Electronic Signature (RES)
The Release from Deep Power-down (RDP) instruction is terminated by driving Chip Select (CS#) High. When Chip Select (CS#) is driven High, the device is put in the Stand-by Power mode. If the device was not previously in the Deep Powerdown mode, the transition to the Stand-by Power mode is immediate. If the device was previously in the Deep Power-down mode, though, the transition to the Stand-by Power mode is delayed by tRES2, and Chip Select (CS#) must remain High for at least tRES2(max), as specified in Table 6. Once in the Stand-by Power mode, the device waits to be selected, so that it can receive, decode and execute instructions. RES instruction is for reading out the old style of 8-bit Electronic Signature, whose values are shown as table of ID Definitions. This is not the same as RDID instruction. It is not recommended to use for new design. For new deisng, please use RDID instruction. Even in Deep power-down mode, the RDP and RES are also allowed to be executed, only except the device is in progress of program/erase/write cycle; there's no effect on the current program/erase/write cycle in progress. The sequence is shown as Figure 23,24. The RES instruction is ended by CS# goes high after the ID been read out at least once. The ID outputs repeatedly if continuously send the additional clock cycles on SCLK while CS# is at low. If the device was not previously in Deep Powerdown mode, the device transition to standby mode is immediate. If the device was previously in Deep Power-down mode, there's a delay of tRES2 to transit to standby mode, and CS# must remain to high at least tRES2(max). Once in the standby mode, the device waits to be selected, so it can be receive, decode, and execute instruction. The RDP instruction is for releasing from Deep Power Down Mode.
P/N: PM1231
15
REV. 1.8, JUL. 17, 2008
MX25L4005A
(14) Read Electronic Manufacturer ID & Device ID (REMS)
The REMS instruction is an alternative to the Release from Power-down/Device ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID. The REMS instruction is very similar to the Release from Power-down/Device ID instruction. The instruction is initiated by driving the CS# pin low and shift the instruction code "90h" followed by two dummy bytes and one bytes address (A7~A0). After which, the Manufacturer ID for MXIC (C2h) and the Device ID are shifted out on the falling edge of SCLK with most significant bit (MSB) first as shown in figure 25. The Device ID values are listed in Table of ID Definitions on page 16. If the one-byte address is initially set to 01h, then the device ID will be read first and then followed by the Manufacturer ID. The Manufacturer and Device IDs can be read continuously, alternating from one to the other. The instruction is completed by driving CS# high.
Table of ID Definitions: RDID Command RES Command REMS Command manufacturer ID C2 manufacturer ID C2 memory type 20 electronic ID 12 device ID 12 memory density 13
P/N: PM1231
16
REV. 1.8, JUL. 17, 2008
MX25L4005A
POWER-ON STATE
The device is at below states when power-up: - Standby mode ( please note it is not deep power-down mode) - Write Enable Latch (WEL) bit is reset The device must not be selected during power-up and power-down stage unless the VCC achieves below correct level: - VCC minimum at power-up stage and then after a delay of tVSL - GND at power-down Please note that a pull-up resistor on CS# may ensure a safe and proper power-up/down level. An internal power-on reset (POR) circuit may protect the device from data corruption and inadvertent data change during power up state. When VCC is lower than VWI (POR threshold voltage value), the internal logic is reset and the flash device has no response to any command. For further protection on the device, after VCC reaching the VWI level, a tPUW time delay is required before the device is fully accessible for commands like write enable(WREN), page program (PP), sector erase(SE), chip erase(CE) and write status register(WRSR). If the VCC does not reach the VCC minimum level, the correct operation is not guaranteed. The write, erase, and program command should be sent after the below time delay: - tPUW after VCC reached VWI level - tVSL after VCC reached VCC minimum level The device can accept read command after VCC reached VCC minimum and a time delay of tVSL, even time of tPUW has not passed. Please refer to the figure of "power-up timing". Note: - To stabilize the VCC level, the VCC rail decoupled by a suitable capacitor close to package pins is recommended.(generally around 0.1uF) - At power-down stage, the VCC drops below VWI level, all operations are disable and device has no response to any command. The data corruption might occur during the stage while a write, program, erase cycle is in progress.
P/N: PM1231
17
REV. 1.8, JUL. 17, 2008
MX25L4005A
ELECTRICAL SPECIFICATIONS ABSOLUTE MAXIMUM RATINGS
RATING Ambient Operating Temperature Storage Temperature Applied Input Voltage Applied Output Voltage VCC to Ground Potential VALUE -40C to 85C for Industrial grade 0C to 70C for Commercial grade -55C to 125C -0.5V to 4.6V -0.5V to 4.6V -0.5V to 4.6V
Notes: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is stress rating only and functional operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended period may affect reliability. 2. Specifications contained within the following tables are subject to change. 3. During voltage transitions, all pins may overshoot to 4.6V or -0.5V for period up to 20ns. 4. All input and output pins may overshoot to VCC+0.5V while VCC+0.5V is smaller than or equal to 4.6V.
Figure 3.Maximum Negative Overshoot Waveform
Figure 4. Maximum Positive Overshoot Waveform
20ns
0V -0.5V
4.6V 3.6V
20ns
CAPACITANCE TA = 25C, f = 1.0 MHz
SYMBOL CIN COUT PARAMETER Input Capacitance Output Capacitance MIN. TYP MAX. 6 8 UNIT pF pF CONDITIONS VIN = 0V VOUT = 0V
P/N: PM1231
18
REV. 1.8, JUL. 17, 2008
MX25L4005A
Figure 5. INPUT TEST WAVEFORMS AND MEASUREMENT LEVEL
Input timing referance level 0.8VCC 0.7VCC 0.3VCC 0.2VCC AC Measurement Level Output timing referance level
0.5VCC
Note: Input pulse rise and fall time are <5ns
Figure 6. OUTPUT LOADING
DEVICE UNDER TEST
2.7K ohm +3.3V
CL
6.2K ohm
DIODES=IN3064 OR EQUIVALENT
CL=30pF Including jig capacitance (CL=15pF Including jig capacitance for 85MHz)
P/N: PM1231
19
REV. 1.8, JUL. 17, 2008
MX25L4005A
Table 5. DC CHARACTERISTICS (Temperature = -40C to 85C for Industrial grade, Temperature = 0C to 70C for Commercial grade, VCC = 2.7V ~ 3.6V)
SYMBOL PARAMETER ILI ILO ISB1 ISB2 ICC1 Input Load Current Output Leakage Current VCC Standby Current Deep Power-down Current VCC Read 1 12 8 4 ICC2 ICC3 VCC Program Current (PP) VCC Write Status Register (WRSR) Current ICC4 ICC5 VIL VIH VOL VOH VCC Sector Erase Current (SE) VCC Chip Erase Current (CE) Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage VCC-0.2 -0.5 0.7VCC 0.3VCC VCC+0.4 0.4 V V V V IOL = 1.6mA IOH = -100uA 1 15 mA 1 15 mA Erase in Progress CS#=VCC Erase in Progress CS#=VCC 15 mA 1 15 mA mA mA mA 10 uA 1 10 uA 1 2 uA NOTES 1 MIN. TYP MAX. UNITS 2 uA TEST CONDITIONS VCC = VCC Max VIN = VCC or GND VCC = VCC Max VIN = VCC or GND VIN = VCC or GND CS# = VCC VIN = VCC or GND CS# = VCC f=85MHz SCLK=0.1VCC/0.9VCC, SO=Open f=66MHz SCLK=0.1VCC/0.9VCC, SO=Open f=33MHz SCLK=0.1VCC/0.9VCC, SO=Open Program in Progress CS# = VCC Program status register in progress CS#=VCC
Notes : 1. Typical values at VCC = 3.3V, T = 25C. These currents are valid for all product versions (package and speeds). 2. Typical value is calculated by simulation.
P/N: PM1231
20
REV. 1.8, JUL. 17, 2008
MX25L4005A
Table 6. AC CHARACTERISTICS (Temperature = -40C to 85C for Industrial grade, Temperature = 0C to 70C for Commercial grade, VCC = 2.7V ~ 3.6V)
Symbol fSCLK Alt. fC Parameter Clock Frequency for the following instructions: FAST_READ, PP, SE, BE, CE, DP, RES,RDP WREN, WRDI, RDID, RDSR, WRSR Min. 1KHz Typ. Max. Unit 85 MHz (Condition:15pF) 66 MHz (Condition:30pF) 33 MHz ns ns V/ns V/ns ns ns ns ns ns ns ns 6 ns 8 ns 6 ns ns ns ns ns ns 6 ns 6 ns ns ns 3 us 3 us 1.8 us 5 15 ms 1.4 5 ms 60 120 ms 1 2 s 3.5 7.5 s
fRSCLK tCH(1) tCL(1) tCLCH(2) tCHCL(2) tSLCH tCHSL tDVCH tCHDX tCHSH tSHCH tSHSL tSHQZ(2) tCLQV tCLQX tHLCH tCHHH tHHCH tCHHL tHHQX(2) tHLQZ(2) tWHSL(4) tSHWL(4) tDP(2) tRES1(2) tRES2(2) tW tPP tSE tBE tCE
fR Clock Frequency for READ instructions 1KHz tCLH Clock High Time 7 tCLL Clock Low Time 7 Clock Rise Time (3) (peak to peak) 0.1 Clock Fall Time (3) (peak to peak) 0.1 tCSS CS# Active Setup Time (relative to SCLK) 5 CS# Not Active Hold Time (relative to SCLK) 5 tDSU Data In Setup Time 2 tDH Data In Hold Time 5 CS# Active Hold Time (relative to SCLK) 5 CS# Not Active Setup Time (relative to SCLK) 5 tCSH CS# Deselect Time 100 tDIS Output Disable Time tV Clock Low to Output Valid @33MHz 30pF @85MHz 15pF or @66MHz 30pF tHO Output Hold Time 0 HOLD# Setup Time (relative to SCLK) 5 HOLD# Hold Time (relative to SCLK) 5 HOLD Setup Time (relative to SCLK) 5 HOLD Hold Time (relative to SCLK) 5 tLZ HOLD to Output Low-Z tHZ HOLD# to Output High-Z Write Protect Setup Time 20 Write Protect Hold Time 100 CS# High to Deep Power-down Mode CS# High to Standby Mode without Electronic Signature Read CS# High to Standby Mode with Electronic Signature Read Write Status Register Cycle Time Page Program Cycle Time Sector Erase Cycle Time Block Erase Cycle Time Chip Erase Cycle Time
Note: 1. tCH + tCL must be greater than or equal to 1/ fC 2. Value guaranteed by characterization, not 100% tested in production. 3. Expressed as a slew-rate. 4. Only applicable as a constraint for a WRSR instruction when SRWD is set at 1. 5. Test condition is shown as Figure 3.
P/N: PM1231
21
REV. 1.8, JUL. 17, 2008
MX25L4005A
Table 7. Power-Up Timing and VWI Threshold
Symbol tVSL(1) tPUW(1) VWI(1) Parameter VCC(min) to CS# low Time delay to Write instruction Write Inhibit Voltage Min. 10 1 1.5 Max. 10 2.5 Unit us ms V
Note: 1. These parameters are characterized only.
INITIAL DELIVERY STATE
The device is delivered with the memory array erased: all bits are set to 1 (each byte contains FFh). The Status Register contains 00h (all Status Register bits are 0).
P/N: PM1231
22
REV. 1.8, JUL. 17, 2008
MX25L4005A
Figure 7. Serial Input Timing
tSHSL CS# tCHSL SCLK tDVCH tCHDX SI MSB tCLCH LSB tCHCL tSLCH tCHSH tSHCH
SO
High-Z
Figure 8. Output Timing
CS# tCH SCLK tCLQV tCLQX SO tQLQH tQHQL SI
ADDR.LSB IN
tCLQV tCLQX
tCL
tSHQZ
LSB
P/N: PM1231
23
REV. 1.8, JUL. 17, 2008
MX25L4005A
Figure 9. Hold Timing
CS# tHLCH tCHHL SCLK tCHHH tHLQZ SO tHHQX tHHCH
SI
HOLD#
* SI is "don't care" during HOLD operation.
Figure 10. WP# Disable Setup and Hold Timing during WRSR when SRWD=1
WP# tWHSL tSHWL
CS# 0 SCLK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
SI
01
SO
High-Z
P/N: PM1231
24
REV. 1.8, JUL. 17, 2008
MX25L4005A
Figure 11. Write Enable (WREN) Sequence (Command 06)
CS# 0 SCLK Command SI 06 1 2 3 4 5 6 7
SO
High-Z
Figure 12. Write Disable (WRDI) Sequence (Command 04)
CS# 0 SCLK Command SI 04 1 2 3 4 5 6 7
SO
High-Z
Figure 13. Read Identification (RDID) Sequence (Command 9F)
CS# 0 SCLK Command SI 9F Manufacturer Identification SO High-Z 7 MSB 6 5 3 2 1 Device Identification 3 2 1 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 28 29 30 31
0 15 14 13 MSB
P/N: PM1231
25
REV. 1.8, JUL. 17, 2008
MX25L4005A
Figure 14. Read Status Register (RDSR) Sequence (Command 05)
CS# 0 SCLK command SI 05 Status Register Out High-Z SO 7 MSB 6 5 4 3 2 1 0 7 MSB 6 5 4 3 2 1 0 7 Status Register Out 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
Figure 15. Write Status Register (WRSR) Sequence (Command 01)
CS# 0 SCLK command Status Register In 7 MSB 6 5 4 3 2 1 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
SI
01
SO
High-Z
Figure 16. Read Data Bytes (READ) Sequence (Command 03)
CS# 0 SCLK command 24-Bit Address 1 2 3 4 5 6 7 8 9 10 28 29 30 31 32 33 34 35 36 37 38 39
SI
03
23 22 21 MSB
3
2
1
0 Data Out 1 7 6 5 4 3 2 1 0 Data Out 2 7
High-Z SO MSB
P/N: PM1231
26
REV. 1.8, JUL. 17, 2008
MX25L4005A
Figure 17. Read at Higher Speed (FAST_READ) Sequence (Command 0B)
CS# 0 SCLK Command 24 BIT ADDRESS 1 2 3 4 5 6 7 8 9 10 28 29 30 31
SI
0B
23 22 21
3
2
1
0
SO
High-Z
CS# 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 SCLK Dummy Byte
SI
7
6
5
4
3
2
1
0 DATA OUT 1 DATA OUT 2 1 0 7 MSB 6 5 4 3 2 1 0 7 MSB
SO
7 MSB
6
5
4
3
2
P/N: PM1231
27
REV. 1.8, JUL. 17, 2008
MX25L4005A
Figure 18. Page Program (PP) Sequence (Command 02)
CS# 0 SCLK Command 24-Bit Address Data Byte 1 1 2 3 4 5 6 7 8 9 10 28 29 30 31 32 33 34 35 36 37 38 39
SI
02
23 22 21 MSB
3
2
1
0
7
6
5
4
3
2
1
0
MSB
CS#
2072 2073 2074 2075 2076 2077 2078
40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 SCLK Data Byte 2 Data Byte 3
Data Byte 256
SI
7
6
5
4
3
2
1
0
7 MSB
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
MSB
MSB
P/N: PM1231
2079
REV. 1.8, JUL. 17, 2008
28
MX25L4005A
Figure 19. Sector Erase (SE) Sequence (Command 20)
CS# 0 SCLK Command 24 Bit Address 1 2 3 4 5 6 7 8 9 29 30 31
SI
20
7 MSB
6
2
1
0
Note: SE command is 20(hex).
Figure 20. Block Erase (BE) Sequence (Command 52 or D8)
CS# 0 SCLK Command 24 Bit Address 1 2 3 4 5 6 7 8 9 29 30 31
SI
52 or D8
23 22 MSB
2
1
0
Note: BE command is 52 or D8(hex).
P/N: PM1231
29
REV. 1.8, JUL. 17, 2008
MX25L4005A
Figure 21. Chip Erase (CE) Sequence (Command 60 or C7)
CS# 0 SCLK Command SI 60 or C7 1 2 3 4 5 6 7
Note: CE command is 60(hex) or C7(hex).
Figure 22. Deep Power-down (DP) Sequence (Command B9)
CS# 0 SCLK Command SI B9 1 2 3 4 5 6 7 tDP
Stand-by Mode
Deep Power-down Mode
Figure 23. Release from Deep Power-down and Read Electronic Signature (RES) (Command AB)
Sequence
CS# 0 SCLK Command 3 Dummy Bytes tRES2 1 2 3 4 5 6 7 8 9 10 28 29 30 31 32 33 34 35 36 37 38
SI
AB
23 22 21 MSB
3
2
1
0 Electronic Signature Out 7 MSB Deep Power-down Mode Stand-by Mode 6 5 4 3 2 1 0
High-Z SO
P/N: PM1231
30
REV. 1.8, JUL. 17, 2008
MX25L4005A
Figure 24. Release from Deep Power-down (RDP) Sequence (Command AB)
CS# 0 SCLK Command SI AB 1 2 3 4 5 6 7 tRES1
High-Z SO
Deep Power-down Mode
Stand-by Mode
Figure 25. Read Electronic Manufacturer & Device ID (REMS) Sequence (Command 90)
CS# 0 SCLK Command 2 Dummy Bytes 1 2 3 4 5 6 7 8 9 10
SI
90
15 14 13
3
2
1
0
SO
High-Z
CS# 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 SCLK ADD (1)
SI
7
6
5
4
3
2
1
0 Manufacturer ID Device ID 0 7 MSB 6 5 4 3 2 1 0 7 MSB
SO
X
7 MSB
6
5
4
3
2
1
Notes: (1) ADD=00H will output the manufacturer's ID first and ADD=01H will output device ID first
P/N: PM1231
31
REV. 1.8, JUL. 17, 2008
MX25L4005A
Figure 26. Power-up Timing
VCC VCC(max) Program, Erase and Write Commands are Ignored Chip Selection is Not Allowed VCC(min) Reset State of the Flash VWI tPUW tVSL Read Command is allowed Device is fully accessible
time
P/N: PM1231
32
REV. 1.8, JUL. 17, 2008
MX25L4005A
RECOMMENDED OPERATING CONDITIONS
At Device Power-Up AC timing illustrated in Figure A is recommended for the supply voltages and the control signals at device power-up. If the timing in the figure is ignored, the device may not operate correctly.
VCC(min)
VCC
GND tVR tSHSL
CS#
tCHSL tSLCH tCHSH tSHCH
SCLK
tDVCH tCHDX tCLCH LSB IN tCHCL
SI
MSB IN
SO
High Impedance
Figure A. AC Timing at Device Power-Up
Symbol tVR
Parameter VCC Rise Time
Notes 1
Min. 0.5
Max. 500000
Unit us/V
Notes : 1. Sampled, not 100% tested. 2. For AC spec tCHSL, tSLCH, tDVCH, tCHDX, tSHSL, tCHSH, tSHCH, tCHCL, tCLCH in the figure, please refer to "AC CHARACTERISTICS" table.
P/N: PM1231
33
REV. 1.8, JUL. 17, 2008
MX25L4005A
ERASE AND PROGRAMMING PERFORMANCE
PARAMETER Write Status Register Cycle Time Sector erase Time Block erase Time Chip Erase Time Page Program Time Erase/Program Cycle 100,000 Min. TYP. (1) 5 60 1 3.5 1.4 Max. (2) 15 120 2 7.5 5 UNIT ms ms s s ms cycles
Note: 1. Typical program and erase time assumes the following conditions: 25C, 3.3V, and checker board pattern. 2. Under worst conditions of 70C and 3.0V. 3. System-level overhead is the time required to execute the first-bus-cycle sequence for the programming command. 4. The maximum chip programming time is evaluated under the worst conditions of 0C, VCC=3.0V, and 100K cycle with 90% confidence level.
LATCH-UP CHARACTERISTICS
MIN. Input Voltage with respect to GND on ACC Input Voltage with respect to GND on all power pins, SI, CS# Input Voltage with respect to GND on SO Current Includes all pins except VCC. Test conditions: VCC = 3.0V, one pin at a time. -1.0V -1.0V -1.0V -100mA MAX. 12.5V 2 VCCmax VCC + 1.0V +100mA
P/N: PM1231
34
REV. 1.8, JUL. 17, 2008
MX25L4005A
ORDERING INFORMATION
PART NO. MX25L4005AMC-12G MX25L4005AM2C-12G MX25L4005APC-12G MX25L4005AZMC-12G MX25L4005AMI-12G MX25L4005AM2I-12G MX25L4005AZMI-12G MX25L4005AZNI-12G MX25L4005AZUI-12G CLOCK (MHz) 85 85 85 85 85 85 85 85 85 OPERATING CURRENT(mA) 12 12 12 12 12 12 12 12 12 STANDBY CURRENT(uA) 10 10 10 10 10 10 10 10 10 0~70C 0~70C 0~70C 0~70C -40~85C -40~85C -40~85C -40~85C -40~85C 8-SOP (150mil) 8-SOP (200mil) 8-PDIP (300mil) 8-land SON (6x5mm) 8-SOP (150mil) 8-SOP (200mil) 8-land SON (6x5mm) 8-land WSON Pb-free (6x5mm) 8-land USON (4x4mm) Note: 1. 8-land USON is in development. 2. 8-land SON is not recommended for new design. Pb-free Pb-free Pb-free Pb-free Pb-free Pb-free Pb-free Pb-free Temperature PACKAGE Remark
P/N: PM1231
35
REV. 1.8, JUL. 17, 2008
MX25L4005A
PART NAME DESCRIPTION MX 25 L 4005A ZU C 12 G
OPTION: G: Pb-free SPEED: 12: 85MHz TEMPERATURE RANGE: C: Commercial (0C to 70C) I: Industrial (-40C to 85C) PACKAGE: ZM: SON (1.0mm package height) ZN: WSON (0.8mm package height) ZU: USON (0.6mm package height) M: 150mil 8-SOP M2: 200mil 8-SOP P: 300mil 8-PDIP DENSITY & MODE: 4005A: 4Mb
TYPE: L: 3V DEVICE: 25: Serial Flash
Note: ZM: SON(1.0mm package height) is not recommended for new design.
P/N: PM1231
36
REV. 1.8, JUL. 17, 2008
MX25L4005A
PACKAGE INFORMATION
P/N: PM1231
37
REV. 1.8, JUL. 17, 2008
MX25L4005A
P/N: PM1231
38
REV. 1.8, JUL. 17, 2008
MX25L4005A
P/N: PM1231
39
REV. 1.8, JUL. 17, 2008
MX25L4005A
P/N: PM1231
40
REV. 1.8, JUL. 17, 2008
MX25L4005A
P/N: PM1231
41
REV. 1.8, JUL. 17, 2008
MX25L4005A
P/N: PM1231
42
REV. 1.8, JUL. 17, 2008
MX25L4005A
REVISION HISTORY
Revision No. Description Page 1.1 1. Modified read current:6mA@85MHz/4mA@66MHz/2mA@33MHz P1,20,35 --> 12mA@85MHz/8mA@66MHz/4mA@33MHz 2. Modified tSE:90ms(typ)/270ms(max)-->60ms(typ)/120ms(max) ; P1,21,34 tBE:3s(max)-->2s(max); tCE:4.5s(typ)/10s(max)-->3.5s(typ)/7.5s(max) 3. Modified operating current max. from 2mA to 12mA P33 4. Added description about Pb-free device is RoHS compliant P1 5. Standby current is reduced from 25uA(max) to 10uA(max) P1,2,20,35 6. Deep Power-down current from 5uA to 10uA P20 1.2 1. Format change All 2. Supplemented the footnote for tW of protect/unprotect bits P11 1.3 1. Added 8-pin PDIP package option P1,2,35,36,39 1.4 1. Added statement P42 1.5 1. Defined min. clock frequency of fSCLK & fRSCLK as 1KHz P21 1.51 1. Added 8-WSON package option P2,35,36,41 2. Removed non Pb-free part number P35 1.6 1. Added 8-land USON package option P2,35,36,42 2. Revised Page Program Statements P14 1.7 1. Added wording "SON package is not recommended for new design" P2,35,36 1.8 1. Modified 8-SON package outline P40 Date SEP/29/2005
JUN/08/2006 SEP/06/2006 NOV/06/2006 NOV/30/2006 SEP/20/2007 JAN/14/2008 APR/18/2008 JUL/17/2008
P/N: PM1231
43
REV. 1.8, JUL. 17, 2008
MX25L4005A
Macronix's products are not designed, manufactured, or intended for use for any high risk applications in which the failure of a single component could cause death, personal injury, severe physical damage, or other substantial harm to persons or property, such as life-support systems, high temperature automotive, medical, aircraft and military application. Macronix and its suppliers will not be liable to you and/or any third party for any claims, injuries or damages that may be incurred due to use of Macronix's products in the prohibited applications.
MACRONIX INTERNATIONAL CO., LTD.
Headquarters Macronix, Int'l Co., Ltd.
16, Li-Hsin Road, Science Park, Hsinchu, Taiwan, R.O.C. Tel: +886-3-5786688 Fax: +886-3-5632888
Taipei Office Macronix, Int'l Co., Ltd.
19F, 4, Min-Chuan E. Road, Sec. 3, Taipei, Taiwan, R.O.C. Tel: +886-2-2509-3300 Fax: +886-2-2509-2200
Macronix America, Inc.
680 North McCarthy Blvd. Milpitas, CA 95035, U.S.A. Tel: +1-408-262-8887 Fax: +1-408-262-8810 Email: sales.northamerica@macronix.com
Macronix Europe N.V.
Koningin Astridlaan 59, Bus 1 1780 Wemmel Belgium Tel: +32-2-456-8020 Fax: +32-2-456-8021
Macronix Japan Cayman Islands Ltd.
NKF Bldg. 5F, 1-2 Higashida-cho, Kawasaki-ku Kawasaki-shi, Kanagawa Pref. 210-0005, Japan Tel: +81-44-246-9100 Fax: +81-44-246-9105
Singapore Office Macronix Pte. Ltd.
1 Marine Parade Central #11-03 Parkway Centre Singapore 449408 Tel: +65-6346-5505 Fax: +65-6348-8096
Macronix (Hong Kong) Co., Limited.
702-703, 7/F, Building 9, Hong Kong Science Park, 5 Science Park West Avenue, Sha Tin, N.T. Tel: +86-852-2607-4289 Fax: +86-852-2607-4229
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the right to change product and specifications without notice.
44


▲Up To Search▲   

 
Price & Availability of MX25L4005AM2C-12G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X