Part Number Hot Search : 
10012 1N3701B GM195 1060C XXXGP 74HCT251 NCE3407 BLU0201
Product Description
Full Text Search
 

To Download MP5360M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 nanoPAN 5360, 5361
High Speed, Low Power RF Modules for the 2.45 GHz ISM Band
Overview
nanoNET is a high-performance and low-power network for the 2.4 GHz ISM band. It is based on Nanotron's patented Chirp Spread Spectrum (CSS) transmission technology and provides a long range of up to 900 meters in free space and typically 60 meters indoors (@ 1 Mbps and 8 dBm output power). The network is extremely robust against disturbances such as noise and mutlipath fading. Due to its primarily analog signal processing and the robustness of the Chirp signal, nanoNET has an extremely low power consumption per successfully transmitted bit. For easy product development and fast market entry, Nanotron Technologies provides the RF Modules nanoPAN 5360 and nanoPAN 5361. They contain the complete RF part of an nanoNET network node and provide an asymmetrical 50 antenna port. The data rate is selectable between 500 kbps, 1 Mbps, and 2 Mbps. The nanoPAN RF modules are available in two versions. The nanoPAN 5360 contains an additional ISM band pass filter for an even improved robustness. The nanoPAN 5361 does not include the band pass filter, but provides a higher output power and better receiver sensitivity. Driver software, a Portable Protocol Stack (PPS), an Evaluation Kit, and a Development Kit for nanoNET are available.
Main Features
Both Modules Operating worldwide in the 2.45 GHz ISM band Data rates: 2 Mbps, 1 Mbps, 500 kbps Modulation technique: Chirp Spread Spectrum (CSS) Chirp bandwidth: 64 MHz effective SPI interface to external c (up to 16 MHz SPI clock) Asymmetric 50 antenna port Supply voltage: 2.4 V to 3.6 V Current consumption: 35 mA (RX), 78 mA (TX, Maximum output power) TX power adjustment in 19 steps Operating temperature range: -40 C to +85 C 4 channel digital I/O Small metal housing (20 X 30 X 3.5 mm) Two assembly options: pads for soldering and reflow nanoPAN 5360 Maximum output power: 6 dBm Receiver sensitivity: -90 dBm (@ BER=10-3 and 1 Mbps) ISM band pass filter for maximum robustness nanoPAN 5361 Maximum output power: 8 dBm Receiver sensitivity: -92 dBm (@ BER=10-3 and 1 Mbps) High range: maximum 900 meters in free space, typically 60 m indoors
(c) Nanotron Technologies GmbH | All rights reserved Subject to change without notice. NA-05-S-0010-E-1.01
Applications
Active RFID Industrial Monitoring and Control Medical Applications Meter and Sensor Reading Building Safety Multimedia
Software
Nanotron Technologies provides two software products to speed up your product development: a transceiver driver and a Portable Protocol Stack (PPS). The driver provides all functionality required to access the nanoNET TRX transceiver, such as initializing the chip and sending and receiving of data. For larger networks, our PPS is the ideal solution - it provides advanced services such as broadcasting, frame forwarding, fragmentation, and software acknowledgements between end stations. Both software products can run even on 8 bit microcontrollers.
Pin Assignment
Evaluation and Development Kits
For an easy start into the world of Chirp transmission technology, Nanotron provides an Evaluation Kit. Just connect the RF Test Modules to the microcontroller boards, connect the boards via RS 232 to your PC or laptop, and start the software. The GUI allows you to conveniently set the RF parameters, and it demonstrates the performance of the air link in real time on your computer screen. The nanoNET Development Kit is the ideal tool to develop your own applications based on Nanotron's nanoNET TRX Transceiver.
Ordering Information
Pin no.
1,3,4,6,15-22 24-26,28,30-33 2 5 7 8 9 10 11
Pin name
GND VCC SPICLK UCVCC SPITXD SPIRXD DIIO4 DIIO3
Pin no.
12 13 14 23 27 29 34 35 36
Pin name
DIIO2 DIIO1 PWRUPRESET VCC_OUT ANT TX_RX UCIRQ UCRESET SPISSN
Number MP5360M MP5361M
Description nanoPAN 5360 RF Module nanoPAN 5361 RF Module
Further Information: Nanotron Technologies GmbH Alt-Moabit 60 | 10555 Berlin | Germany Phone +49 30 399 954 - 0 | Fax +49 30 399 954 - 188 E-mail sales@nanotron.com | Web www.nanotron.com
(c) Nanotron Technologies GmbH | All rights reserved Subject to change without notice. NA-05-S-0010-E-1.01


▲Up To Search▲   

 
Price & Availability of MP5360M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X