Part Number Hot Search : 
95PFR140 B1060 EA100 1H221 AD9807 74HC173D 001M0 DLM5231B
Product Description
Full Text Search
 

To Download MMBD1504A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
High conductance low leakage diode
Production specification
MMBD1501A/1503A/ 1504A/1505A
FEATURES
Two element incorporated into one package.
Pb
Lead-free MMBD1501A MMBD1503A
(Emitter-coupled transistors) Reduction of the mounting area and assembly cost by one half.
APPLICATIONS
For general application.
MMBD1504A
MMBD1505A
ORDERING INFORMATION
Type No. MMBD1501A MMBD1503A MMBD1504A MMBD1505A Marking A11 A13 A14 A15
SOT-23
Package Code SOT-23 SOT-23 SOT-23 SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Parameter Reverse Voltage Symbol Limits Unit
VR
200
V
Forward Continuous Current
IFM
600
mA
Power Dissipation
Pd
350
mW
Storage temperature
TSTG
-55-150
Document number: BL/SSSDC060 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
High conductance low leakage diode
Production specification
MMBD1501A/1503A/ 1504A/1505A
unless otherwise specified Unit V 0.72 0.83 0.95 1.1 1.3 1.5 10 4 nA pF V Test Conditions
ELECTRICAL CHARACTERISTICS @ Ta=25
Parameter Reverse Breakdown Voltage Symbol V(BR)R1 Min. 200 0.62 0.72 Forward voltage VF 0.8 0.82 0.87 0.9 Reverse current Diode Capacitance IR CD
Max.
IR=5A IF=1mA IF=10mA IF=50mA IF=100mA IF=200mA IF=300mA VR=180V VR=0V,f=1MHz
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSDC060 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
High conductance low leakage diode
Production specification
MMBD1501A/1503A/ 1504A/1505A
Document number: BL/SSSDC060 Rev.A
www.galaxycn.com 3
BL Galaxy Electrical
High conductance low leakage diode
Production specification
MMBD1501A/1503A/ 1504A/1505A
SOT-23
PACKAGE OUTLINE
Plastic surface mounted package
A E
SOT-23
Dim A B C D E G H
H C
Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35
Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D G
J
J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE
INFORMATION
Package SOT-23 Shipping 3000/Tape&Reel
Device MMBD1501A/1503A/1504A/1505A
Document number: BL/SSSDC060 Rev.A
www.galaxycn.com 4


▲Up To Search▲   

 
Price & Availability of MMBD1504A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X