Part Number Hot Search : 
1L0380RB ISL97652 2SB1417A AD7242JN LYT66F 2520C 2SK16 DTA11
Product Description
Full Text Search
 

To Download MJE2955T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
MJE2955T
DESCRIPTION With TO-220 package Complement to type MJE3055T DC current gain -hFE = 20-70 @ IC = -4 Adc Collector-emitter saturation voltage VCE(sat) = -1.1 Vdc (Max) @ IC =- 4 Adc APPLICATIONS Designed for general-purpose switching and amplifier applications.
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER

Fig.1 simplified outline (TO-220) and symbol
INC
Collector-base voltage
Collector-emitter voltage
E SEM ANG H
Open base TC=25ae
OND IC
CONDITIONS
TOR UC
VALUE -70 -60 -5 -10 -6 75 150 -55~150
UNIT V V V A A W ae ae
Open emitter
Emitter-base voltage
Open collector
Collector current Base current Collector power dissipation Junction temperature Storage temperature
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 1.67 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=-0.2A ;IB=0 IC=-4A ;IB=-0.4A IC=-10A ;IB=-3.3A IC=-4A ; VCE=-4V VCE=-30V; IB=0 VCE=-70V; VBE(off)=-1.5V TC=150ae VCB=-70V; IE=0 TC=150ae VEB=-5V; IC=0 IC=-4A ; VCE=-4V MIN -60
MJE2955T
SYMBOL VCEO(SUS) VCEsat-1 VCEsat-2 VBE ICEO ICEX ICBO IEBO hFE-1 hFE-2 fT
TYP.
MAX
UNIT V
-1.1 -8.0 -1.8 -0.7 -1.0 -5.0 -1.0 -10
V V V mA mA mA mA
DC current gain

CHA IN
Transition frequency
E SEM NG
IC=-10A ; VCE=-4V
IC=-0.5A ; VCE=-10V
OND IC
20
5.0
TOR UC
100
-5.0
2.0
MHz
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
MJE2955T

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.10mm)
3


▲Up To Search▲   

 
Price & Availability of MJE2955T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X