Part Number Hot Search : 
CY7C6 BU4925F 31ACD EGP20G W9020 DT70V 2AX103V3 XL6019
Product Description
Full Text Search
 

To Download MBR6050PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR6035PT THRU MBR60100PT
60.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 35 to 100 Volts Current 60.0 Amperes TO-3P/TO-247AD
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon rectifier, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 260oC/10 seconds,0.17"(4.3mm)from case
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded plastic body Terminals: Leads solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 10 in. - lbs. max Weight: 0.2 ounce, 5.6 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% MBR Symbol MBR Type Number
6035PT
35 24 35 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Tc=125OC Peak Repetitive Forward Current (Rated VR, Square Wave, 20KHz) at Tc=120oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Maximum Instantaneous Forward Voltage at (Note 2) IF=30A, Tc=25OC IF=30A, Tc=125OC IF=60A, Tc=25OC Maximum Instantaneous Reverse Current @Tc=25 at Rated DC Blocking Voltage Per Leg @ Tc=125 (Note 1) Voltage Rate of Change at (Rated VR) Typical Thermal Resistance Per Leg (Note 3) Operating Junction Temperature Range Storage Temperature Range
6045PT
45 31 45
MBR 6050PT
50 35 50 60 60.0 500 1.0
MBR MBR 6060PT 60100PT
60 42 60 100 70 100
Units
V V V A A A A
VRRM VRMS VDC I(AV) IFRM IFSM IRRM VF IR dV/dt RJC TJ TSTG
0.62 0.55 0.75 1.0 50 1,000 1.2 -65 to +150 -65 to +175
0.72 0.62 0.85 1.0 100
V
mA mA V/uS /W
Notes: 1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to Case Per Leg
- 206 -
RATINGS AND CHARACTERISTIC CURVES (MBR6035PT THRU MBR60100PT)
FIG.1- FORWARD CURRENT DERATING CURVE
75 600 RESISTIVE OR INDUCTIVE LOAD 60
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
500
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
400 300
45
30
200
15
100
0 0 50 CASE TEMPERATURE. ( C)
o
100
150
0 1
10 NUMBER OF CYCLES AT 60Hz
100
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
500 Pulse Width=300 s 1% Duty Cycle
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
50
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. (mA)
100
Tj=125 0C MBR6050PT-MBR60100PT
10
Tj=125 0C 1
10 Tj=25 0C MBR6050PT-MBR60100PT
Tj=75 0C 0.1
1
Tj=125 0C MBR6035PT-MBR6045PT
0.01 Tj=25 0C
Tj=25 0C MBR6035PT-MBR6045PT
0.1 0.001 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLTAGE. (V) 0 20 40 60
MBR6035PT-MBR6045PT MBR6050PT & MBR60100PT 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
5,000 100
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
JUNCTION CAPACITANCE.(pF)
Tj=25 0C f=1.0MHz Vsig=50mVp-p
1,000
10.0
1
100 0.1
MBR6035PT-MBR6045PT MBR6050PT & MBR6060PT MBR6090PT-MBR60100PT
1 10 REVERSE VOLTAGE. (V) 100
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
- 207 -


▲Up To Search▲   

 
Price & Availability of MBR6050PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X