Part Number Hot Search : 
7F200T20 B03240A GRM31C MMBT5401 L3235N EM78871 MX7226D L3235N
Product Description
Full Text Search
 

To Download M54HC4053D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC4053
RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
s
s
s
s s
s s s
s
s
s
s s
s
s
LOW POWER DISSIPATION: ICC = 4A(MAX.) at TA=25C LOGIC LEVEL TRANSLATION TO ENABLE 5V LOGIC SIGNAL TO COMMUNICATE WITH 5V ANALOG SIGNAL LOW "ON" RESISTANCE: 70 TYP. (VCC - VEE = 4.5V) 50 TYP. (VCC - VEE = 9V) WIDE ANALOG INPUT VOLT. RANGE: 6V FAST SWITCHING: tpd = 15ns (TYP.) at TA = 25 C LOW CROSSTALK BETWEEN SWITCHES HIGH ON/OFF OUTPUT VOLTAGE RATIO WIDE OPERATING SUPPLY VOLTAGE RANGE (VCC - VEE) = 2V TO 12V LOW SINE WAVE DISTORTION: 0.02% at VCC - VEE = 9V HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) PIN AND FUNCTION COMPATIBLE WITH 54 SERIES 4053 SPACE GRADE-1: ESA SCC QUALIFIED 50 krad QUALIFIED, 100 krad AVAILABLE ON REQUEST NO SEL UNDER HIGH LET HEAVY IONS IRRADIATION DEVICE FULLY COMPLIANT WITH SCC-9408-065
DILC-16
FPC-16
ORDER CODES
PACKAGE DILC FPC FM M54HC4053D M54HC4053K EM M54HC4053D1 M54HC4053K1
DESCRIPTION The M54HC4053 is a triple two-channel analog MULTIPLEXER/DEMULTIPLEXER fabricated PIN CONNECTION
with silicon gate C2MOS technology and it is pin to pin compatible with the equivalent metal gate CMOS4000B series. It contains 6 bidirectional and digitally controlled analog switches. A built-in level shifting is included to allow an input range up to 6V (peak) for an analog signal with digital control signal of 0 to 6V. VEE supply pin is provided for analog input signals. It has an inhibit (INH) input terminal to disable all the switches when high. For operation as a digital multiplexer/demultiplexer, VEE is connected to GND. A, B and C control inputs select one of a pair of channels. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
May 2004
Rev. 1
1/12
M54HC4053
Figure 1: IEC Logic Symbols
Figure 2: Control Input Equivalent Circuit
Table 1: Pin Description
PIN N 2, 1 5, 3 6 7 11, 10, 9 12, 13 14, 15, 4 8 16 SYMBOL bx, by cx, cy INH VEE A, B, C ax, ay ax to cy GND VCC NAME AND FUNCTION Independent Input Outputs Independent Input Outputs INHIBIT Input Negative Supply Voltage Select Inputs Independent Input Outputs Common Output/Input Ground (0V) Positive Supply Voltage
Figure 3: I/O Equivalent Circuit
Table 2: Truth Table
INPUT STATE ON CHANNEL INH L L H
X: Don't care
A or B or C L H X ax or bx or cx ay or by or cy NONE
2/12
M54HC4053
Figure 4: Functional Diagram
Table 3: Absolute Maximum Ratings
Symbol VCC VCC - VEE VI VI/O ICK IIOK IT Supply Voltage Supply Voltage Control Input Voltage Switch I/O Voltage Control Input Diode Current I/O Diode Current Switch Through Current Parameter Value -0.5 to +7 -0.5 to +13 -0.5 to VCC + 0.5 VEE -0.5 to VCC + 0.5 20 20 25 50 300 -65 to +150 265 Unit V V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current Power Dissipation PD Tstg TL Storage Temperature Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
3/12
M54HC4053
Table 4: Recommended Operating Conditions
Symbol VCC VEE VI VI/O Top tr, tf Supply Voltage Supply Voltage Input Voltage I/O Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V Parameter Value 2 to 6 -6 to 0 2 to 12 0 to VCC VEE to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 ns Unit V V V V V C
VCC - VEE Supply Voltage
Table 5: DC Specifications
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 4.5 4.5 6.0 2.0 4.5 4.5 6.0 4.5 4.5 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 VEE (V) TA = 25C Min. 1.5 3.15 4.2 0.5 1.35 1.8 180 120 100 150 100 80 30 12 10 0.06 0.1 Value -40 to 85C -55 to 125C Min. 1.5 3.15 4.2 0.5 1.35 1.8 225 150 125 190 125 100 35 15 12 0.6 1 0.5 1.35 1.8 270 180 150 230 150 120 45 18 15 1.2 2 Max. V Unit
Typ. Max. Min. Max. 1.5 3.15 4.2
VIHC
High Level Input Voltage Low Level Input Voltage ON Resistance
VILC
V
RON
RON
Difference of ON Resistance between switches Input/Output Leakage Current (SWITCH OFF) Switch Input Leakage Current (SWITCH ON, OUTPUT OPEN) Input Leakage Current Quiescent Supply Current
IOFF
GND -4.5 -6.0 GND GND -4.5 -6.0 GND -4.5 -6.0 GND
VI = VIHC or VILC VI/O = VCC to VEE II/O 2mA VI = VIHC or VILC VI/O = VCC or VEE II/O 2mA VI = VIHC or VILC VI/O = VCC or VEE II/O 2mA
85 55 50 150 70 50 45 10 5 5
VOS = VCC or GND -6.0 VIS = GND or VCC VI = VILC or VIHC VOS = VCC or GND VI = VIHC or VILC
A
IIZ
GND -6.0
0.06 0.1 0.1 4 8
0.6 1 0.1 40 80
1.2 2 1 80 160
A A A
II ICC
GND VI = VCC or GND GND VI = VCC or GND -6.0
4/12
M54HC4053
Table 6: AC Electrical Characteristics (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 4.5 2.0 4.5 6.0 4.5 2.0 4.5 6.0 4.5 VEE (V) GND GND GND -4.5 GND GND GND -4.5 GND GND GND -4.5 TA = 25C Min. Value -40 to 85C -55 to 125C Min. Max. 90 18 15 340 68 58 340 68 58 Unit
Typ. Max. Min. Max. 25 6 5 4 50 14 12 14 95 30 26 26 60 12 10 225 45 38 225 45 38 75 15 13 280 56 48 280 56 48
I/O
Phase Difference Between Input and Output
ns
tPZL tPZH
Output Enable Time
RL = 1K
ns
tPLZ tPHZ
Output Disable Time
RL = 1K
ns
Table 7: Capacitive Characteristics
Test Condition Symbol Parameter VCC (V) 5.0 5.0 5.0 5.0 5.0 -5.0 -5.0 -5.0 GND VEE (V) TA = 25C Min. Value -40 to 85C -55 to 125C Min. Max. 10 20 15 2 pF pF pF pF pF Unit
Typ. Max. Min. Max. 5 11 7 0.75 67 10 20 15 2 10 20 15 2
CIN CI/O CI/O CIOS CPD
Input Capacitance Common Terminal Capacitance Switch Terminal Capacitance Feed Through Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
5/12
M54HC4053
Table 8: Analog Switch Characteristics (GND = 0V;TA = 25C)
Symbol Parameter VCC (V) Sine Wave Distortion fMAX Frequency Response (Switch ON) (*) Frequency Response (Switch ON) (**) Feed through Attenuation (Switch OFF) Crosstalk (Control Input to Signal Output) Crosstalk (between any two Switches) 2.25 4.5 6.0 2.25 4.5 6.0 2.25 4.5 6.0 2.25 4.5 6.0 2.25 4.5 6.0 2.25 4.5 6.0 VEE (V) -2.25 -4.5 -6.0 -2.25 -4.5 -6.0 -2.25 -4.5 -6.0 -2.25 -4.5 -6.0 -2.25 -4.5 -6.0 -2.25 -4.5 -6.0 VIN (Vp-p) 4 8 11 fIN = 1 KHz RL = 10 K, CL = 50 pF Adjust fIN voltage to obtain 0 dBm at VOS. Increase fIN Frequency until dB meter reads -3dB RL = 50, CL = 10 pF, fIN = 1KHz sine wave Adjust fIN voltage to obtain 0 dBm at VOS. Increase fIN Frequency until dB meter reads -3dB RL = 50, CL = 10 pF, fIN = 1KHz sine wave VIN is centered at (VCC - VEE)/2 Adjust input for 0 dBm RL = 600, CL = 50 pF, fIN = 1KHz sine wave Adjust RL at set up so that IS = 0A. RL = 600, CL = 50 pF, fIN = 1KHz square wave Adjust VIN to obtain 0dBm at input RL = 600, CL = 50 pF, fIN = 1KHz sine wave Test Condition Value Unit Typ. 0.025 0.020 % 0.018 120 190 MHz 200 95 150 MHz 190 -50 -50 dB -50 60 140 mV 200 -50 -50 dB -50
fMAX
(*) Input COMMON Terminal, and measured at SWITCH Terminal (**) Input SWITCH Terminal, and measured at common Terminal NOTE: These characteristics are determined by the design of the device.
6/12
M54HC4053
Figure 5: Switching Characteristics Test Circuit
CROSSTALK (control to output)
BANDWIDTH AND FEEDTHROUGH ATTENUATION
CROSSTALK BETWEEN ANY TWO SWITCHES
7/12
M54HC4053
Figure 6: Switching Characteristics Waveform
Figure 7: Channel Resistance (RON)
Figure 8: ICC (Opr.)
8/12
M54HC4053
DILC-16 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 B b b1 D E e e1 e2 F I K L 10.90 1.14 17.65 7.62 7.29 2.1 3.00 0.63 1.82 0.40 0.20 20.06 7.36 0.45 0.254 20.32 7.62 2.54 17.78 7.87 7.49 17.90 8.12 7.70 3.83 12.1 1.5 0.429 0.045 0.695 0.300 0.287 0.88 TYP MAX. 2.71 3.70 1.14 2.39 0.50 0.30 20.58 7.87 MIN. 0.083 0.118 0.025 0.072 0.016 0.008 0.790 0.290 0.018 0.010 0.800 0.300 0.100 0.700 0.310 0.295 0.705 0.320 0.303 0.151 0.476 0.059 0.035 TYP. MAX. 0.107 0.146 0.045 0.094 0.020 0.012 0.810 0.310 inch
0056437F
9/12
M54HC4053
FPC-16 MECHANICAL DATA
mm. DIM. MIN. A B C D E F G H L M N 0.38 6.0 18.75 0.33 0.38 4.31 22.0 0.43 6.75 9.76 1.49 0.102 8.76 0.127 8.89 1.27 0.43 0.48 0.015 0.237 0.738 0.013 0.015 0.170 0.867 0.017 TYP 6.91 9.94 MAX. 7.06 10.14 1.95 0.152 9.01 MIN. 0.266 0.384 0.059 0.004 0.345 0.005 0.350 0.050 0.017 0.019 TYP. 0.272 0.392 MAX. 0.278 0.399 0.077 0.006 0.355 inch
F
G
D
H
16
9
A
N
L
1
8
H
E
M
C
B
0016030E
10/12
M54HC4053
Table 9: Revision History
Date 15-May-2004 Revision 1 First Release Description of Changes
11/12
M54HC4053
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of M54HC4053D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X