Part Number Hot Search : 
ZUR53W C3030 LP2951CM 4M32M 03B9D B4060 DSP56855 597K6FK
Product Description
Full Text Search
 

To Download LV3344BE-700M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pletronics, Inc.
19013 36 Ave. West PO Box 2607 Lynnwood, Washington 98036 U.S.A. T: 1-425-776-1880 F: 1-425-776-2760 E: ple-sales@pletronics.com www.pletronics.com
th
Effective January 1, 2008 The LV11xxBY and the LV11xxBW devices are discontinued.
These were discontinued because the components needed to make these parts are no longer available. For the LV11xxBY Use the LV99xxDV oscillator and a 3.3V LDO. The board space required will be similar. For the LV11xxBW Use the LV77xxDW oscillator, this is a smaller footprint and superior performance
Pl tronics, Inc. .
19013 36th Ave. W, Suite H Lynnwood, WA 98036 USA
Manufacturer of High Quality Frequency Control Products
LV1145B LVDS Series
Low Voltage Differential Signal Output with Enable/Disable 6 Pad Leadless Surface Mount Oscillator
Standard Specifications Overall Frequency Stability Operating Temperature Range Operable Supply Voltage (Vcc) High Level Output Voltage Low Level Output Voltage Differential Output Voltage Offset Voltage Output Leakage Current Supply Current (Icc) Enabled Supply Current (Icc) Disabled Symmetry (DC) Rise and Fall Time (Tr & Tf) RMS Jitter Enable / Disable Pin:
1.50 MHz - 650.00 MHz Consult factory for higher frequencies
50 PPM, 25 PPM and 20 PPM over Operating Temp. Range 0 to +80C is standard, can be extended to - 40 to +85C 3.3 V 5% standard, 5.0 V 10% also available 1.43 V typical and 1.60 V maximum with output enabled (100 ohm load) See Test circuit #6 0.90 V minimum and 1.10 V typical with output enabled (100 ohm load) See TC #6 247 V minimum, 330 V typical and 454 V maximum with output enabled (100 ohm load) See TC #6 1.125 V minimum, 1.25 V typical and 1.375 V maximum with output enabled (100 ohm load) See TC #6 10 uA maximum with output disabled 50 mA max < 200 MHz, 60 mA max < 500 MHz, 70 mA max 500 MHz and above 20 mA max < 200 MHz, 30 mA max < 500 MHz, 40 mA max 500 MHz and above 45/55% measured at 0C <= Ta <= 70C, 40/60% measured at Ta < 0C and Ta > 70C 1.0 nS max at 20% to 80% output swing (100 ohm load) See Test circuit #6 and Waveform #2 1.0 pS max at12 kHz to 20 MHz from the output
The Enable / Disable pin has an internal pull up and if the pin is not connected the oscilaltor is enabled. Pletronics strongly recommends connecting the Enable / Disable pin to Vcc, if the oscillator is to be enabled at all times. In the disable condition, the output becomes a high impedance. High Level Input Voltage Low Level Input Voltage High Level Input Current Low Level Input Current Output Enable Time Output Disable Time 0.7 Vcc minimum at Enable / Disable Pin 0.3 Vcc maximum at Enable / Disable Pin -20 uA maximum at Enable / Disable Pin = 0.7 Vcc -200 uA maximum at Enable / Disable Pin = 0 V 200 nS maximum 200 nS maximum
Part Numbering Guide
Portions of the part number that appear after the frequency may not be marked on part (C of C provided) Packaging Tube or 24mm tape 16mm pitch LV11 45 B V - 70.0M - XXX (Internal Code or blank)
Model LV11 = E/D Pin 2 LV33 = E/D Pin 1 & 2 LV37 = E/D Pin 1 Frequency Stability 45 = 50 PPM 44 = 25 PPM 20 = 20 PPM
Frequency in MHz Special Specifications (choose all that apply) E: Extended Operating Temp Range (-40 to +85C) V: Supply Voltage of 3.3 volts 5% Y: Supply Voltage of 5.0 volts 10%,
Consult factory for available frequencies and specs. Not all options available for all frequencies. A special part number may be assigned. Frequency Stability is inclusive of frequency shifts due to calibration, temperature, supply voltage, shock, vibration and load
Jun 2004
Pl tronics, Inc. (425) 776 -1880, Fax: (425) 776-2760, ple-sales@pletronics.com, www.pletronics.com
5
PECL, LVDS, OCXO Page 1 - 7
Pl tronics, Inc. .
19013 36th Ave. W, Suite H Lynnwood, WA 98036 USA
Manufacturer of High Quality Frequency Control Products
LV1145B LVDS Series
Mechanical: inches (mm) not to scale Solder Pads
Due to part size and factory abilities, part marking may vary from lot to lot and may contain our part number or an internal code.
0.200 (5.08) 0.400 (10.16) MAX
6 4 5 6
3
2
1 1 2 3
0.560 (14.23) MAX
0.125 (3.17) MAX
0.200 (5.08)
0.055 (1.4)
0 .145 (3.68)
LV1145B
PIN 1 2 3 4 5 6 SIGNAL N.C. E/D GND VoD+ VoDVcc
LV3345B
PIN 1 2 3 4 5 6 SIGNAL E/D E/D GND VoD+ VoDVcc
LV3745B
PIN 1 2 3 4 5 6 SIGNAL E/D N.C. GND VoD+ VoDVcc
1.50 - 650.0 MHz
120.0 - 650.0 MHz (5.0 Vcc - May not be available) 180.0 - 650.0 MHz (3.3 Vcc)
See page 6 for Layout Guidelines
Jun 2004
5A
Pl tronics, Inc. (425) 776 -1880, Fax: (425) 776-2760, ple-sales@pletronics.com, www.pletronics.com
0.118 0.228 (5.8) (3.0)
5
4
Pl tronics, Inc. .
19013 36th Ave. W, Suite H Lynnwood, WA 98036 USA
Manufacturer of High Quality Frequency Control Products
PECL and LVDS Layout Guidelines
SUGGESTED PCB LAYOUTS
Solder Pad Layout which accommodates all PECL surface mount devices 0.200 (5.08) 0 .185 (4.7) 0 .087 (2.2)
'B Pkg' 5 x7 TOP SIDE BYPASS
BOTTOM SIDE BYPASS
0.055 0.100 (1.4) (2.54)
The output line should be designed with proper characteristic impedance. Pletronics recommends laying out for the larger 'B package' with pads long enough to accept the smaller 5 x 7mm device. This permits the best option for alternate sources of device. Pletronics also recommends connecting Pin 1 and Pin 2 together on the models with Q & QN OUT on pins 4 & 5. This allows having E/D on either pin 1 or pin 2.
MULTI LAYER BYPASS
For Optimum Jitter Performance, Pletronics recommends: A ground plane under the device with any other signals below the ground plane Minimize other RF signals near device No large transient signals (both current and voltage) should be routed under the device Do not layout near a large magnetic field such as a high frequency switching power supply Do not place near piezoelectric buzzers or mechancial fans
Reflow Cycle for lead free processing
250 Temperature C 200 150 100 215C 10C 50 Seconds 175C 10C 120 to 160 Seconds 260C max 10 Seconds max
T Rise= 4 Degree/second max Mar 2004
Pl tronics, Inc. (425) 776 -1880, Fax: (425) 776-2760, ple-sales@pletronics.com, www.pletronics.com
6
PECL, LVDS, OCXO Page 1 - 7
Pl tronics, Inc. .
19013 36th Ave. W, Suite H Lynnwood, WA 98036 USA
Manufacturer of High Quality Frequency Control Products
PECL and LVDS Layout Guidelines Continued
PECL Terminations:
Suggested Terminations for 50 ohm impedance matched termination
Vcc Vcc
R1 Vcc Out Oscillator GND Vcc Out Oscillator GND
Thevenin Equivalent Termination Vcc 5.0 V 3.3 V 2.5 V R1 82 ohm 130 ohm 249 ohm R2 130 ohm 82 ohm 61.9 ohm
50 ohm Vcc - 2.00 V
R2
Simple termination for NON impedance matched termination
Vcc
Vcc Out Oscillator GND
R load
Vcc 5.0 V 3.3 V 2.5 V
R load 274 ohm 147 ohm 86.6 ohm
LVDS Terminations:
Vcc
Vcc
Q Out Oscillator GND QN Out
100 ohm
Design PCB traces for 50 ohm characteristic impedance
Mixed System Power Supply:
PECL ECL LVDS
To use multiple supply voltages requires level translation. Direct circuit connection is not valid. Mixed supply voltages are allowed. No translation is necessary. (ECL is returned to the most positive supply and this is common to all circuits) Mixed supply voltages are allowed. LVDS signal levels are power supply independent. 3.3 V LVDS oscillators properly interface 2.5 V Logic Arrays for example.
Mar 2004
6A
Pl tronics, Inc. (425) 776 -1880, Fax: (425) 776-2760, ple-sales@pletronics.com, www.pletronics.com


▲Up To Search▲   

 
Price & Availability of LV3344BE-700M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X