Part Number Hot Search : 
SC1EXXX 1N4728 ON1269 TBWB2A0O 8671A LT4363 UF1JF AN731
Product Description
Full Text Search
 

To Download LTC6605-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
n
LTC6605-10 Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifier DESCRIPTION
The LTC(R)6605-10 contains two independent, fully differential amplifiers configured as matched 2nd order 10MHz lowpass filters. The f-3dB of the filters is adjustable in the range of 9.7MHz to 14MHz. The internal op amps are fully differential, feature very low noise and distortion, and are compatible with 16-bit dynamic range systems. The inputs can accept singleended or differential signals. An input pin is provided for each amplifier to set the common mode level of the differential outputs. Internal laser-trimmed resistors and capacitors determine a precise, very well matched (in gain and phase) 10MHz 2nd order filter response. A single optional external resistor per channel can tailor the frequency response for each amplifier. Three-state BIAS pins determine each amplifier's power consumption, allowing a choice between shutdown, medium power or full power. The LTC6605-10 is available in a compact 6mm x 3mm 22-pin leadless DFN package and operates over a -40C to 85C temperature range.
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners.
n n n n n
n n
Two Matched 10MHz 2nd Order Lowpass Filters with Differential Amplifiers Gain Match: 0.35dB Max, Passband Phase Match: 1.2 Max, Passband Single-Ended or Differential Inputs < -90dBc Distortion in Passband 2.1nV/Hz Op Amp Noise Density Pin-Selectable Gain (0dB/12dB/14dB) Pin-Selectable Power Consumption (0.35mA/ 16.2mA/33.1mA) Rail-to-Rail Output Swing Adjustable Output Common Mode Voltage Control Buffered, Low Impedance Outputs 2.7V to 5.25V Supply Voltage Small 22-Pin 6mm x 3mm x 0.75mm DFN Package
APPLICATIONS
n n n n n
Broadband Wireless ADC Driver/Filter Antialiasing Filter Single-Ended to Differential Conversion DAC Smoothing Filter Zero-IF Direct Conversion Receivers
TYPICAL APPLICATION
Dual, Matched 9.7MHz Lowpass Filter +
VINA 3V 1 2 3 4 22
Channel to Channel Phase Matching
120 352 TYPICAL UNITS TA = 25C 100 fIN = 10MHz NUMBER OF UNITS 80 60 40 20 0 -1.0 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1.0 PHASE MATCH (DEG)
+ -
LTC6605-10
21 20 19 18 17 16
0.1F 0.1F
3V
-
VOUTA
+
- +
VINB 3V
5 6 7 8 9 10
+ -
15 0.1F 14 13 12
660510 TA01
3V
-
VOUTB
0.1F
+
-
11
660510 TA01b
660510f
1
LTC6605-10 ABSOLUTE MAXIMUM RATINGS
(Note 1)
PIN CONFIGURATION
TOP VIEW +IN4 A +IN1 A BIAS A -IN1 A -IN4 A V- +IN4 B +IN1 B BIAS B 1 2 3 4 5 6 7 8 9 23 22 -OUT A 21 V + A 20 V - 19 VOCMA 18 +OUT A 17 V - 16 -OUT B 15 V + B 14 V - 13 VOCMB 12 +OUT B
Total Supply Voltage (V+ to V-) ................................5.5V Input Current (Note 2)..........................................10mA Output Short-Circuit Duration (Note 3) ............ Indefinite Operating Temperature Range (Note 4).... -40C to 85C Specified Temperature Range (Note 5) .... -40C to 85C Junction Temperature ........................................... 150C Storage Temperature Range................... -65C to 150C
-IN1 B 10 -IN4 B 11
DJC PACKAGE 22-LEAD (6mm x 3mm) PLASTIC DFN TJMAX = 150C, JA = 46.5C/W , EXPOSED PAD (PIN 23) IS V - MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH LTC6605CDJC-10#PBF LTC6605IDJC-10#PBF TAPE AND REEL PART MARKING* PACKAGE DESCRIPTION 22-Lead (6mm x 3mm) Plastic DFN 22-Lead (6mm x 3mm) Plastic DFN TEMPERATURE RANGE 0C to 70C -40C to 85C LTC6605CDJC-10#TRPBF 660510 LTC6605IDJC-10#TRPBF 660510
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
DC ELECTRICAL CHARACTERISTICS + The l denotes the specifications which apply over the full operating - +
SYMBOL VOS VOS /T IB IOS PARAMETER Differential Offset Voltage (at Op Amp Inputs) (Note 6) Differential Offset Voltage Drift (at Op Amp Inputs) Input Bias Current (at Op Amp Inputs) (Note 7) Input Offset Current (at Op Amp Inputs) (Note 7) CONDITIONS VS = 2.7V to 5V BIAS = V+ BIAS = Floating BIAS = V+ BIAS = Floating
l l l l l
temperature range, otherwise specifications are at TA = 25C. V = 3V, V = 0V, VINCM = VOCM = mid-supply, BIAS tied to V , RL = Open, RBAL = 10k. The filter is configured for a gain of 1, unless otherwise noted. VS is defined as (V + - V - ). VOUTCM is defined as (V+OUT + V-OUT)/2. VINCM is defined as (VINP + VINM)/2. VOUTDIFF is defined as (V+OUT - V-OUT). VINDIFF is defined as (VINP - VINM). See Figure 1.
MIN TYP 0.25 1 1 -60 -30 -25 -12.5 1 0 0 MAX 1 UNITS mV V/C V/C A A A
660510f
2
LTC6605-10 DC ELECTRICAL CHARACTERISTICS + The l denotes the specifications which apply over the full operating - +
SYMBOL VINCM CMRR PSRR VOSCM VOCM VMID RVOCM VOUT PARAMETER Input Common Mode Voltage Range (Note 8) Common Mode Rejection Ratio (VINCM /VOS) (Note 9) Power Supply Rejection Ratio (VS /VOS) (Note 10) Common Mode Offset Voltage (VOUTCM - VOCM) Output Common Mode Range (Valid Range for VOCM Pin) (Note 8) Self-Biased Voltage at the VOCM Pin Input Resistance of VOCM Pin Output Voltage Swing, High (Measured Relative to V+) VS = 3V; IL = 0mA VS = 3V; IL = 5mA VS = 3V; IL = 20mA VS = 5V; IL = 0mA VS = 5V; IL = 5mA VS = 5V; IL = 20mA Output Voltage Swing, Low (Measured Relative to V -) VS = 3V; IL = 0mA VS = 3V; IL = -5mA VS = 3V; IL = -20mA VS = 5V; IL = 0mA VS = 5V; IL = -5mA VS = 5V; IL = -20mA ISC VS IS Output Short-Circuit Current (Note 3) Supply Voltage Supply Current (per Channel) VS = 2.7V to 5V; BIAS = V+ VS = 2.7V to 5V; BIAS = Floating VS = 2.7V to 5V; BIAS = V - Referenced to V - Referenced to V - Referenced to V - VS = 3V VS = 5V CONDITIONS VS = 3V VS = 5V VS = 3V; VINCM = 1.5V VS = 5V; VINCM = 2.5V VS = 2.7V to 5V VS = 3V VS = 5V VS = 3V VS = 5V VS = 3V
l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l
temperature range, otherwise specifications are at TA = 25C. V = 3V, V = 0V, VINCM = VOCM = mid-supply, BIAS tied to V , RL = Open, RBAL = 10k. The filter is configured for a gain of 1, unless otherwise noted. VS is defined as (V + - V - ). VOUTCM is defined as (V+OUT + V-OUT)/2. VINCM is defined as (VINP + VINM)/2. VOUTDIFF is defined as (V+OUT - V-OUT). VINDIFF is defined as (VINP - VINM). See Figure 1.
MIN -0.2 -0.2 46 46 66 74 74 95 10 10 1.1 1.1 1.475 12.5 1.5 18 245 285 415 350 390 550 120 135 195 175 200 270 40 50 2.7 33.1 16.2 0.35 0 1 2.3 1.05 100 1.15 150 400 400 70 95 5.25 45 26.5 1.6 0.4 1.5 VS 1.25 200 15 15 2 4 1.525 23.5 450 525 750 625 700 1000 225 250 350 325 360 475 TYP MAX 1.7 4.7 UNITS V V dB dB dB mV mV V V V k mV mV mV mV mV mV mV mV mV mV mV mV mA mA V mA mA mA V V V V k ns ns
BIAS Pin Range for Shutdown BIAS Pin Range for Medium Power BIAS Pin Range for Full Power RBIAS tON tOFF BIAS Pin Input Resistance Turn-On Time Turn-Off Time
BIAS Pin Self-Biased Voltage (Floating) Referenced to V - VS = 3V, VBIAS VS = 3V, VBIAS = V - to V + = V + to V -
660510f
3
LTC6605-10 AC ELECTRICAL CHARACTERISTICS + The l denotes the specifications which apply over the full operating - +
temperature range, otherwise specifications are at TA = 25C. V = 3V, V = 0V, VINCM = VOCM = mid-supply, VBIAS = V , unless otherwise noted. Filter configured as in Figure 2, unless otherwise noted. VS is defined as (V + - V - ). VOUTCM is defined as (V+OUT + V-OUT)/2. VINCM is defined as (V+IN + V-IN)/2. VOUTDIFF is defined as (V+OUT - V-OUT). VINDIFF is defined as (V+IN + V-IN).
SYMBOL Gain PARAMETER Filter Gain CONDITIONS VIN = 0.125V, DC VINDIFF = 0.5VP-P, f = 5MHz VINDIFF = 0.5VP-P, f = 7.5MHz VINDIFF = 0.5VP-P, f = 10MHz VINDIFF = 0.5VP-P, f = 20MHz VINDIFF = 0.5VP-P, f = 50MHz VIN = 0.125V, DC VINDIFF = 0.5VP-P, f = 5MHz VINDIFF = 0.5VP-P, f = 7.5MHz VINDIFF = 0.5VP-P, f = 10MHz VIN = 0.125V, DC VINDIFF = 0.5VP-P, f = 5MHz VINDIFF = 0.5VP-P, f = 7.5MHz VINDIFF = 0.5VP-P, f = 10MHz VINDIFF = 0.5VP-P, f = 5MHz VINDIFF = 0.5VP-P, f = 7.5MHz VINDIFF = 0.5VP-P, f = 10MHz VIN = 0.125V, DC VINDIFF = 1VP-P, f = 5MHz BIAS = V+ BIAS = Floating
l l l l l l l l l l l l l l
MIN -0.25 -1.1 -2.35 -4.05 -11.75 -28
TYP 0.05 -0.77 -1.89 -3.5 -11.1 -25.8 0 -42.5 -63.2 -81.7
MAX 0.25 -0.4 -1.45 -3 -10.55 -24.8
UNITS dB dB dB dB dB dB Deg Deg Deg Deg
Phase
Filter Phase
Gain
Gain Match (Channel-to-Channel)
-0.2 -0.2 -0.3 -0.35 -1.1 -1.2 -1.2 11.85
0.05 0.05 0.05 0.05 0.2 0.2 0.2 12 -96 -80 -260 69
0.2 0.2 0.3 0.35 1.1 1.2 1.2 12.25
dB dB dB dB Deg Deg Deg dB dB ppm/C ppm/C VRMS
Phase
Phase Match (Channel-to-Channel)
4V/V Gain
Filter Gain in 4V/V Configuration Inputs at IN1 Pins, IN4 Pins Floating Channel Separation Filter Cut-Off Frequency Temperature Coefficient Integrated Output Noise (BW = 10kHz to 20MHz)
fO TC Noise
Input Referred Noise Density (f = 1MHz) BIAS = V+ Figure 4, Gain = 1 Figure 4, Gain = 4 Figure 4, Gain = 5 en in HD2 HD3 Voltage Noise Density Referred to Op Amp Inputs (f = 1MHz) Current Noise Density Referred to Op Amp Inputs (f = 1MHz) 2nd Harmonic Distortion fIN = 5MHz; VIN = 2VP-P Single-Ended 3rd Harmonic Distortion fIN = 5MHz; VIN = 2VP-P Single-Ended BIAS = V+ BIAS = Floating BIAS = V+ BIAS = Floating BIAS = V+ BIAS = Floating, RLOAD = 400 BIAS = V+ BIAS = Floating, RLOAD = 400
20 5 4 2.1 2.6 3 2.1 -90 -75 -106 -82
nV/Hz nV/Hz nV/Hz nV/Hz nV/Hz pA/Hz pA/Hz dBc dBc dBc dBc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: All pins are protected by steering diodes to either supply. If any pin is driven beyond the LTC6605-10's supply voltage, the excess input current (current in excess of what it takes to drive that pin to the supply rail) should be limited to less than 10mA. Note 3: A heat sink may be required to keep the junction temperature below the Absolute Maximum Rating when the output is shorted indefinitely. Long-term application of output currents in excess of the Absolute Maximum Ratings may impair the life of the device. Note 4: Both the LTC6605C and the LTC6605I are guaranteed functional over the operating temperature range -40C to 85C.
Note 5: The LTC6605C is guaranteed to meet specified performance from 0C to 70C. The LTC6605C is designed, characterized and expected to meet specified performance from -40C to 85C, but is not tested or QA sampled at these temperatures. The LTC6605I is guaranteed to meet specified performance from -40C to 85C. Note 6: Output referred voltage offset is a function of gain. To determine output referred voltage offset, or output voltage offset drift, multiply VOS by the noise gain (1 + GAIN). See Figure 3. Note 7: Input bias current is defined as the average of the currents flowing into the noninverting and inverting inputs of the internal amplifier and is calculated from measurements made at the pins of the IC. Input offset current is defined as the difference of the currents flowing into the noninverting and inverting inputs of the internal amplifier and is calculated from measurements made at the pins of the IC.
660510f
4
LTC6605-10 ELECTRICAL CHARACTERISTICS
Note 8: See the Applications Information section for a detailed discussion of input and output common mode range. Input common mode range is tested by measuring the differential DC gain with VINCM = mid-supply, and again with VINCM at the input common mode range limits listed in the Electrical Characteristics table, with VIN = 0.25V, verifying that the differential gain has not deviated from the mid-supply common mode input case by more than 0.5%, and that the common mode offset (VOSCM) has not deviated from the mid-supply common mode offset by more than 10mV. Output common mode range is tested by measuring the differential DC gain with VOCM = mid-supply, and again with voltage set on the VOCM pin at the output common range limits listed in the Electrical Characteristics table verifying that the differential gain has not deviated from the mid-supply common mode input case by more than 0.5%, and that the common mode offset (VOSCM) has not deviated by more than 10mV from the mid-supply case. Note 9: CMRR is defined as the ratio of the change in the input common mode voltage at the internal amplifier inputs to the change in differential input referred voltage offset (VOS). Note 10: Power supply rejection ratio (PSRR) is defined as the ratio of the change in supply voltage to the change in differential input referred voltage offset (VOS).
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
37.5 35.0 SUPPLY CURRENT (mA) 32.5 30.0 27.5 25.0 22.5 20.0 17.5 15.0 VINCM = VOCM = MID-SUPPLY 12.5 -60 -40 -20 0 20 40 60 80 100 TEMPERATURE (C)
660510 G01
Filter Gain vs Temperature
1.010
1.005 VS = 2.7V, BIAS = FLOAT VS = 3V, BIAS = FLOAT VS = 5V, BIAS = FLOAT VS = 2.7V, BIAS = V+ VS = 3V, BIAS = V+ VS = 5V, BIAS = V+ GAIN (V/V)
1.000
0.995 VS = 3V, BIAS = V+ VINCM = VOCM = MID-SUPPLY 5 RANDOM UNITS
0.990 -60 -40 -20 0 20 40 60 TEMPERATURE (C)
80
100
660510 G02
-3dB Frequency vs Temperature
2.5 2.0 FREQUENCY SHIFT OF f-3dB (%) 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 BIAS = FLOAT BIAS = V+ 80 100 GAIN MAGNITUDE (dB) 0 VS = 3V VINCM = VOCM = 1.5V -10
Filter Frequency Response
-20
-30 BIAS = V+ BIAS PIN FLOATING VS = 3V VINCM = VOCM = MID SUPPLY -50 0.1 1.0 10 100 FREQUENCY (MHz) 1000
660514 G04
-40
-2.5 -60 -40 -20 0 20 40 60 TEMPERATURE (C)
660510 G03
660510f
5
LTC6605-10 TYPICAL PERFORMANCE CHARACTERISTICS
Harmonic Distortion vs Frequency, BIAS High
-40 -50 -60 DISTORTION (dBc) -70 -80 -90 DIFFERENTIAL INPUTS, HD2 DIFFERENTIAL INPUTS, HD3 SINGLE-ENDED INPUTS, HD2 SINGLE-ENDED INPUTS, HD3 DISTORTION (dBc) -40 -50 -60 -70 -80 -90 DIFFERENTIAL INPUTS, HD2 DIFFERENTIAL INPUTS, HD3 SINGLE-ENDED INPUTS, HD2 SINGLE-ENDED INPUTS, HD3
Harmonic Distortion vs Frequency, BIAS Floating
-40 -50 -60 DISTORTION (dBc) -70 -80 -90 -100 -110 -120 1 10 100 FREQUENCY (MHz) 660510 G06 VIN = 2VP-P, VS = 3V RL = 400 DIFFERENTIAL, GAIN = 1V/V
Harmonic Distortion vs Input Amplitude
DIFFERENTIAL INPUTS, HD2 DIFFERENTIAL INPUTS, HD3 SINGLE-ENDED INPUTS, HD2 SINGLE-ENDED INPUTS, HD3
-100 -110 -120 1 10 100 FREQUENCY (MHz) 660510 G05 VIN = 2VP-P, VS = 3V RL = 400 DIFFERENTIAL, GAIN = 1V/V
-100 -110 -120
0
1
2
4 3 VIN (VP-P)
5
6
660510 G07
VS = 3V, BIAS TIED TO V+, VINCM = VOCM = 1.5V RLOAD = 400, fIN = 3MHz, GAIN = 1V/ V
Harmonic Distortion vs Input Common Mode Voltage (VS = 3V)
-40 -50 -60 DISTORTION (dBc) -70 -80 -90 DIFFERENTIAL INPUTS, HD2 DIFFERENTIAL INPUTS, HD3 SINGLE-ENDED INPUT, HD2 SINGLE-ENDED INPUT, HD3 DISTORTION (dBc) -40 -50 -60 -70 -80 -90 -100 -110 1.5 0 1 0.5 2 2.5 INPUT COMMON MODE VOLTAGE (V) 3
Harmonic Distortion vs Input Common Mode Voltage (VS = 5V)
NOISE SPECTRAL DENSITY (nV/Hz) DIFFERENTIAL INPUTS, HD2 DIFFERENTIAL INPUTS, HD3 SINGLE-ENDED INPUT, HD2 SINGLE-ENDED INPUT, HD3 1000
Differential Output Noise vs Frequency
VS = 3V BIAS TIED TO V+ 100
INTEGRATED NOISE (VRMS)
100 10 10 OUTPUT NOISE SPECTRAL DENSITY INTEGRATED OUTPUT NOISE 0.1 1 10 FREQUENCY (MHz)
-100 -110
-120 -130 -0.5
-120 -0.5 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 INPUT COMMON MODE VOLTAGE (V) VIN = 2VP-P, VOCM = 2.5V 660510 G09 BIAS = 5V, f = 3MHz RL = 400 DIFFERENTIAL, GAIN = 1V/V
1 0.01
1 100
660510 G10
VIN = 2VP-P, VOCM = 1.5V 660510 G08 BIAS = 3V, f = 3MHz RL = 400 DIFFERENTIAL, GAIN = 1V/V
Channel Separation vs Frequency
-20 -30 CHANNEL SEPARATION (dB) -40 -50 -60 -70 -80 -90 VOLTAGE (V) 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 1 10 100 FREQUENCY (MHz) 1000
660510 G11
Overdrive Transient Response
2.0 1.5 +OUT -OUT -IN4 +IN4
BIAS = V+ BIAS = FLOAT
-100 -110
-120 0.1
50ns/DIV VS = 3V, VOCM = 1.5V BIAS = 3V, RLOAD = 400
660510 G12
VIN = 1VP-P, VS = 3V RL = 400 DIFFERENTIAL
660510f
6
LTC6605-10 TEST CIRCUITS
LTC6605-10 81.5pF 22 400 1 48.2pF 21 V+ 0.1F 0.1F RBAL 400 IL V-OUT 25
+
VINP
100 2
125
- +-
BIAS 3 BIAS 20
V- 0.1F
VOUTCM
-+ -
VINM
V+ 36k 19 36k VOCM 0.01F
+
100 4
125
48.2pF
RBAL
400 5
400 81.5pF
V- IL 18 V+OUT 25
660510 TC01
Figure 1. DC Test Circuit (Channel A Shown)
LTC6605-10 1F V+IN 1
81.5pF 22
V-OUT
100
1F
400
400
100 2
125
48.2pF 21 V+ 0.1F 0.1F COILCRAFT TTWB-4-B
+
VIN BIAS 3 BIAS
+-
20 V- 0.1F
50
-
-+
100 4 125 48.2pF
V+ 36k 19 36k VOCM 0.01F
1F V-IN 5
400
400 81.5pF
V- V+OUT 100 1F
18
660510 TC02
Figure 2. AC Test Circuit (Channel A Shown)
660510f
7
LTC6605-10 PIN FUNCTIONS
+IN4 A, -IN4 A, +IN4 B, -IN4 B (Pins 1, 5, 7, 11): Inputs to Trimmed 400 Resistors. Can accept an input signal, be floated, tied to an output pin, or connected to external components. +IN1 A, -IN1 A, +IN1 B, -IN1 B (Pins 2, 4, 8, 10): Inputs to Trimmed 100 Resistors. Can accept an input signal, be floated, tied to an output pin, or connected to external components. BIAS A, BIAS B (Pins 3, 9): Three-State Input to Select Amplifier Power Consumption. Drive low for shutdown, drive high for full power, leave floating for medium power. BIAS presents an input resistance of approximately 150k to a voltage 1.15V above V -. V - (Pins 6, 14, 17, 20): Negative Supply. All V - pins should be connected to the same voltage, either a ground plane or a negative supply rail. VOCMA, VOCMB (Pins 19, 13): The voltage applied to these pins sets the output common mode voltage of each filter channel. If left floating, VOCM self-biases to a voltage midway between V+ and V -. V+ A, V+ B (Pins 21, 15): Positive Supply for Filter Channel A and B, Respectively. These are not connected to each other internally. -OUT A, +OUT A, -OUT B, +OUT B (Pins 22, 18, 16, 12): Differential Output Pins. Exposed Pad (Pin 23): Always tie the underlying Exposed Pad to V -. If split supplies are used, do not tie the pad to ground.
660510f
8
LTC6605-10 BLOCK DIAGRAM
81.5pF 22 -OUT A +IN4 A 1 400 400
100 +IN1 A 2
125
48.2pF
+ 21 V A
-+
BIAS A 3 BIAS 20 V -
+-
100 -IN1 A 4 125 48.2pF
V+ A 36k 19 VOCMA 36k
400 -IN4 A 5
400 81.5pF
V-
18 +OUT A
V- 6
17 V -
81.5pF 16 -OUT B +IN4 B 7 400 400
100 +IN1 B 8
125
48.2pF 15 V + B
-+
BIAS B 9 BIAS 14 V -
+-
100 -IN1 B 10 125 48.2pF
V+ B 36k 13 VOCMB 36k
400 -IN4 B 11
400 81.5pF
V-
12 +OUT B
660510 BD
660510f
9
LTC6605-10 APPLICATIONS INFORMATION
Functional Description The LTC6605-10 is designed to make the implementation of high frequency fully differential filtering functions very easy. Two very low noise amplifiers are surrounded by precision matched resistors and precision matched capacitors enabling various filter functions to be implemented by hard wiring pins. The amplifiers are wide band, low noise and low distortion fully differential amplifiers with accurate output phase balancing. They are optimized for driving low voltage, single-supply, differential input analog-todigital converters (ADCs). The LTC6605-10 operates with a supply voltage as low as 2.7V and accepts inputs up to 325mV below the V- power rail, which makes it ideal for converting ground referenced, single-ended signals into differential signals that are referenced to the user-supplied common mode voltage. This is ideal for driving low voltage, single-supply, differential input ADCs. The balanced differential nature of the amplifier and matched surrounding components provide even-order harmonic distortion cancellation, and low susceptibility to common mode noise (like power supply noise). The LTC6605-10 can be operated with a single-ended input and differential output, or with a differential input and differential output. The outputs of the LTC6605-10 can swing rail-to-rail. They can source or sink a transient 70mA of current. Load
R2 400 C2 81.5pF R3 125 R4A VIN(DIFF) REXT C1 48.2pF
capacitances should be decoupled with at least 25 of series resistance from each output. Filter Frequency Response and Gain Adjustment Figure 3 shows the filter architecture. The Laplace transfer function can be expressed in the form of the following generalized equation for a 2nd order lowpass filter: VOUT(DIFF ) GAIN = , VIN(DIFF ) s s2 1+ + 2 fO * Q ( 2 f ) 2 O with GAIN, fO and Q as given in Figure 3. Note that GAIN and Q of the filter are based on component ratios, which both match and track extremely well over temperature. The corner frequency fO of the filter is a function of an RC product. This RC product is trimmed to 1% and is not expected to drift by more than 1% from nominal over the entire temperature range -40C to 85C. As a result, fully differential filters with tight magnitude, phase tolerance and repeatability are achieved. Various values for resistors R1 and R4 can be formed by pin-strapping the internal 100 and 400 resistors, and optionally by including one or more external resistors. Note that non-zero source resistance should be combined with, and included in, R1.
+
R1
+- -+
+
VOUT(DIFF)
-
C1 48.2pF C2 81.5pF
R4B
-
R1
R3 125
R2 400 R4 = R4A + R4B + REXT
660510 F03
Figure 3. Filter Architecture and Equations
660510f
10
LTC6605-10 APPLICATIONS INFORMATION
Setting the passband gain (GAIN = R2/R1) only requires choosing a value for R1, since R2 is a fixed internal 400. Therefore, the following three gains can be easily configured without external components:
Table 1. Configuring the Passband Gain Without External Components
GAIN (V/V) 1 4 5 GAIN (dB) 0 12 14 R1 () 400 100 80 INPUT PINS TO USE Drive the 400 Resistors. Tie the 100 Resisters Together. Drive the 100 Resistors. Drive the 400 and 100 Resistors in Parallel.
Figure 4 shows three filter configurations with an f-3dB = 9.7MHz, without any external components. These filters have a Q = 0.61, which is an almost ideal Bessel characteristic with linear phase. Figure 5 shows three filter configurations that use some external resistors, and are tailored for a very flat 0.7dB 11.2MHz passband. Many other configurations are possible by using the equations in Figure 3. For example, external resistors can be added to modify the value of R1 to configure GAIN 1. For an even more flexible filter IC with similar performance, consider the LTC6601. BIAS Pin Each channel of the LTC6605-10 has a BIAS pin whose function is to tailor both performance and power. The BIAS pin can be modeled as a voltage source whose potential is 1.15V above the V- supply and that has a Thevenin equivalent resistance of 150k. This three-state pin has fixed logic levels relative to V- (see the Electrical Characteristics table), and can be driven by any external source that can drive the BIAS pin's equivalent input impedance. If the BIAS pin is tied to the positive supply, the part is in a fully active state configured for highest performance (lowest noise and lowest distortion). If the BIAS pin is floated (left unconnected), the part is in a fully active state, but with amplifier currents reduced and performance scaled back to preserve power consumption. Care should be taken to limit external leakage currents to this pin to under 1A to avoid putting the part in an unexpected state. If the BIAS pin is tied to the most negative supply (V-), the part is in a low power shutdown mode with amplifier outputs disabled. In shutdown, all internal biasing current sources are shut off, and the output pins each appear as open collectors with a non-linear capacitor in parallel and steering diodes to either supply. Because of the non-linear capacitance, the outputs can still sink and source small amounts of transient current if exposed to significant voltage transients. Using this function to wire-OR outputs together is not recommended.
660510f
The resonant frequency, fO , is independent of R1, and therefore independent of the gain. For any LTC6605-10 filter configuration that conforms to Figure 3, the fO is fixed at 11.36MHz. The f-3dB frequency depends on the combination of fO and Q. For any specific gain, Q is adjusted by the selection of R4. Setting the f-3dB Frequency Using an external resistor (REXT), the f-3dB frequency is adjustable in the range of 9.7MHz to 14.0MHz (see Figure 3). The minimum f-3dB is set for REXT equal to 0 and the maximum f-3dB is arbitrarily set for a maximum passband gain peak less than 1dB.
Table 2. REXT Selection GAIN = 1, R1 = 400, R4A = R4B = 100
f-3dB (MHz) 9.7 10 10.5 11 11.5 12 12.5 13 13.5 14 REXT 0 5.11 13.3 22.1 31.6 41.2 52.3 64.9 80.6 97.6
11
LTC6605-10 APPLICATIONS INFORMATION
1 2 4 5 22 1 2 4 18 5 22 1 2 4 18 5 22
+ -
+ -
+ -
18
7 8 10 11
16
7 8 10
16
7 8 10
16
+ -
12
660510 F04a
+ -
12
660510 F04b
+ -
12
660510 F04c
11
11
f-3dB = 9.7MHz GAIN = 1V/ V (0dB) ZIN = 800
f-3dB = 9.7MHz GAIN = 4V/ V (12dB) ZIN = 200
f-3dB = 9.7MHz GAIN = 5V/ V (14dB) ZIN = 160
Gain Response
20 10 GAIN MAGNITUDE (dB) 0 -10 -20 -30 -40 -50 0.1 GAIN MAGNITUDE (dB) 20 10 0 -10 -20 -30 -40 -50 0.1
Gain Response
20 10 GAIN MAGNITUDE (dB) 0 -10 -20 -30 -40 -50 0.1
Gain Response
1
10 100 FREQUENCY (MHz)
1000
660510 G04d
1
10 100 FREQUENCY (MHz)
1000
660510 G04e
1
10 100 FREQUENCY (MHz)
1000
660510 G04f
Phase and Group Delay Response
0 -20 -40 -60 PHASE (DEG) -80 -100 -120 -140 -160 -180 -200 0.1 1 10 100 FREQUENCY (MHz) 0 1000
660510 G04i
Small Signal Step Response
25 GAIN = 1V/ V 20 GROUP DELAY (ns)
PHASE GROUP DELAY
15
100mV/DIV
10
5
20ns/DIV
66057 G04j
Figure 4. f-3dB = 9.7MHz Filter Configurations without External Components
660510f
12
LTC6605-10 APPLICATIONS INFORMATION
1 2 88.7 4 5 22 1 44.2 2 44.2 4 18 5 22 1 44.2 2 44.2 4 18 5 22
+ -
+ -
+ -
18
7 8 88.7 10 11
16
7 44.2 8 44.2 10
16
7 44.2 8 44.2 10
16
+ -
12
660510 F05a
+ -
12
660510 F05b
+ -
12
660510 F05c
11
11
0.7dB 11.2MHz PASSBAND GAIN = 1V/ V (0dB) ZIN = 800
0.7dB 11.2MHz PASSBAND GAIN = 2.774V/ V (8.9dB) ZIN = 288
0.7dB 11.2MHz PASSBAND GAIN = 3.774V/ V (11.5dB) ZIN = 212
Gain Response
20 10 GAIN MAGNITUDE (dB) GAIN MAGNITUDE (dB) 0 -10 -20 -30 -40 -50 0.1 20 10 0 -10 -20 -30 -40 -50 0.1
Gain Response
20 10 GAIN MAGNITUDE (dB) 0 -10 -20 -30 -40 -50 0.1
Gain Response
1
10 100 FREQUENCY (MHz)
1000
660510 G05d
1
10 100 FREQUENCY (MHz)
1000
660510 G05e
1
10 100 FREQUENCY (MHz)
1000
660510 G05f
Phase and Group Delay Response
0 25
Small Signal Step Response
GAIN = 1V/ V
-50 PHASE (DEG)
GROUP DELAY
20 GROUP DELAY (ns)
-100 PHASE -150
15
100mV/DIV
10
-200
5
-250 0.1
1
10 100 FREQUENCY (MHz)
0 1000
660510 G05i
20ns/DIV
66057 G04j
Figure 5. Flat Passband 11.2MHz Filter Configurations with Some External Resistors
660510f
13
LTC6605-10 APPLICATIONS INFORMATION
Input Impedance Calculating the low frequency input impedance depends on how the inputs are driven. Figure 6 shows a simplified low frequency equivalent circuit. For balanced input sources (VINP = -VINM), the low frequency input impedance is given by the equation: RINP = RINM = R1 Therefore, the differential input impedance is simply: RIN(DIFF) = 2 * R1
R2 RINP
the ESD protection diodes on the input pins, neither input should swing further than 325mV below the V- power rail. Therefore, the input common mode voltage should be constrained to: V 325mV + VINDIFF 2 VINCM 1+ R1 R2
* V + 1.4V
(
)
R1 VOCM R2
+
VINP
R1 R3
- +
VOUT-
- -
VINM
The specifications in the Electrical Characteristics table are a special case of the general equation above. For a single 3V power supply, (V+ = 3V, V - = 0V) with VOCM = 1.5V, VINDIFF = 0.25V and R1 = R2, the valid input common mode range is: -200mV VINCM 1.7V Likewise, for a single 5V power supply, (V+ = 5V, V - = 0V) with VOCM = 2.5V, VINDIFF = 0.25V and R1 = R2, the valid input common mode range is: -200mV VINCM 4.7V Output Common Mode and VOCM Pin The output common mode voltage is defined as the average of the two outputs: VOUTCM = VOCM = VOUT + + VOUT - 2
R3 R1 RINM R2
VOUTDIFF
-
+
+
VOUT+ VOCM
0.1F
660510 F06
Figure 6. Input Impedance
For single-ended inputs (VINM = 0), the input impedance increases over the balanced differential case due to the fact that the summing node (at the junction of R1, R2 and R3) moves in phase with VINP to bootstrap the input impedance. Referring to Figure 6 with VINM = 0, the input impedance looking into either input is: R1 RINP = RINM R2 1 * 1 2 R1+ R2 Input Common Mode Voltage Range The input common mode voltage is defined as the average of the two inputs into resistor R1: VINCM = VINP + VINM 2
As the equation shows, the output common mode voltage is independent of the input common mode voltage, and is instead determined by the voltage on the VOCM pin, by means of an internal feedback loop. If the VOCM pin is left open, an internal resistor divider develops a potential halfway between the V+ and V- voltages. The VOCM pin can be overdriven to another voltage if desired. For example, when driving an ADC, if the ADC makes a reference available for setting the common mode voltage, it can be directly tied to the VOCM pin, as long as the ADC is capable of driving the input impedance presented by the VOCM pin as listed in the Electrical Characteristics table (RVOCM). The Electrical Characteristics table also specifies the valid range that can be applied to the VOCM pin.
660510f
The input common mode range is a function of the filter configuration (GAIN), VINDIFF and the VOCM potential. Referring to Figure 6, the summing junction where R1, R2 and R3 merge together should not swing within 1.4V of the V+ power supply. Additionally, to avoid forward biasing
14
LTC6605-10 APPLICATIONS INFORMATION
Noise When comparing the LTC6605-10's noise to that of other amplifiers, be sure to compare similar specifications. Standalone op amps often specify noise referred to the inputs of the op amp. The LTC6605-10's internal op amp has input referred voltage noise of only 2.1nV/Hz. In addition to the noise generated by the amplifier, the surrounding feedback resistors also contribute noise. A noise model is shown in Figure 7a. The output spot noise generated by both the amplifier and the feedback components is given in Figure 7b. Substituting the equation for Johnson noise of a resistor (e2nR = 4kTR) into the equation in Figure 7b and simplifying gives the result shown in Figure 7c.
enR22 enR12
R2
R1 enR32
In+2 R3
eni2
+
eno2
enR32 enR12 R1
R3 In-2 enR22
-
R2
660510 F07a
Figure 7a. Differential Noise Model
eno =
2 R2 e ni * 1+ + 2 * In R1
2 2 R2 R2 * R2 + R3 * 1+ + 2 * e nR1 * + 2 * enR3 R1 R1
2 R2 * 1+ + 2 * enR2 2 R1
Figure 7b
eno
2 2 R2 R2 2 R2 * 1+ R2 + R3 * 1+ R2 = eni * 1+ + 2 * In * R2 + R3 * 1+ + 8 * k * T * R1 R1 R1 R1
Figure 7c
660510f
15
LTC6605-10 APPLICATIONS INFORMATION
Board Layout and Bypass Capacitors For single-supply applications it is recommended that a high quality X5R or X7R, 0.1F bypass capacitor be placed directly between V+ and the adjacent V- pin. The V- pins, including the Exposed Pad, should be tied directly to a low impedance ground plane with minimal routing. For split power supplies, it is recommended that additional high quality X5R or X7R, 0.1F capacitors be used to bypass pin V+ to ground and V- to ground, again with minimal routing. For driving heavy differential loads (< 200), additional bypass capacitance may be needed between V+ and V- for optimal performance. Keep in mind that small geometry (e.g., 0603) surface mount ceramic capacitors have a much higher self-resonant frequency than do leaded capacitors, and perform best in high speed applications. The VOCM pins should be bypassed to ground with a high quality ceramic capacitor (at least 0.01F). In split-supply applications, the VOCM pin can be either bypassed to ground or directly hard wired to ground. Stray parasitic capacitances to any unused input pins should be kept to a minimum to prevent deviations from the ideal frequency response. The best approach is to remove the solder pads for the unused component pins and strip away any ground plane underneath. Floating unused pins does not reduce the reliability of the part. At the output, always keep in mind the differential nature of the LTC6605-10, because it is important that the load impedances seen by both outputs (stray or intended) be as balanced and symmetric as possible. This will help preserve the balanced operation that minimizes the generation of even-order harmonics and maximizes the rejection of common mode signals and noise. Driving ADCs The LTC6605-10's rail-to-rail differential output and adjustable output common mode voltage make it ideal for interfacing to differential input ADCs. These ADCs are typically supplied from a single-supply voltage which can be as low as 3V (2.7V minimum), and have an optimal common mode input range near mid-supply. The LTC6605-10 makes interfacing to these ADCs easy, by providing antialiasing, single-ended to differential conversion and common mode level shifting. The sampling process of ADCs creates a transient that is caused by the switching in of the ADC sampling capacitor. This momentarily "shorts" the output of the amplifier as charge is transferred between amplifier and sampling capacitor. The amplifier must recover and settle from this load transient before the acquisition period has ended, for a valid representation of the input signal. The LTC6605-10 will settle quickly from these periodic load impulses. The RC network between the outputs of the driver decouples the
660510f
16
LTC6605-10 APPLICATIONS INFORMATION
sampling transient of the ADC (see Figure 8). The capacitance serves to provide the bulk of the charge during the sampling process, while the two resistors at the outputs of the LTC6605-10 are used to dampen and attenuate any charge injected by the ADC. The RC filter gives the additional benefit of band limiting broadband output noise. The selection of the RC time constant is trial and error for a given ADC, but the following guidelines are recommended. Choose an RC time constant that is smaller than the reciprocal of the filter cutoff frequency configured by the LTC6605-10. Time constants on the order of 2ns do a good job of filtering broadband noise. Longer time constants improve SNR at the expense of settling time. The resistors in the decoupling network should be at least 25. Too large of a resistor will leave insufficient settling time. Too small of a resistor will not properly dampen the load transient of the sampling process, prolonging the time required for settling. In 16-bit applications, this will typically require a minimum of eleven RC time constants. The 10 resistors at the inputs to the ADC minimize the sampling transients that charge the RC filter capacitors. For lowest distortion, choose capacitors with low dielectric absorption, such as a C0G multilayer ceramic capacitor.
1/2 LTC6605-10 VIN
R 22 21 0.1F 20 3V 1F C2
+ -
BIAS
1 2 3 4 5 CHANNEL A
C1 10 10
CONTROL D15
* *
+ -
AIN+ AIN- VCM ADC
D0 3.3V GND 2.2F 1F
19 18
10nF
VOCM R C1
= R * (C1 + 2 * C2)
660510 F08
Figure 8. Driving an ADC
660510f
17
LTC6605-10 TYPICAL APPLICATIONS
Dual, Matched, 4th Order 10MHz Lowpass Filter
LTC6605-10 1 2 VINA 4 5 22 1 2 182 4 18 5 LTC6605-10 22
+ -
+
VOUTA
-
18
7 8 VINB 10 11
16
7 8 182 10
16
+ -
12
+
VOUTB
-
12
660510 TA02
11
THREE GAINS ARE POSSIBLE, AS SHOWN IN FIGURE 4
Gain Magnitude vs Frequency
10 0 -10 GAIN (dB) -20 -30 -40 -50 -60 -70 0.1 1 10 FREQUENCY (MHz) 100
660510 TA03
660510f
18
LTC6605-10 PACKAGE DESCRIPTION
DJC Package 22-Lead Plastic DFN (6mm x 3mm)
(Reference LTC DWG # 05-08-1714)
0.889 0.70 0.05 R = 0.10 0.889 PACKAGE OUTLINE NOTE: 1. DIMENSIONS ARE IN MILLIMETERS 2. APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED 3. DRAWING IS NOT TO SCALE
3.60 0.05 1.65 0.05 2.20 0.05 (2 SIDES)
0.25 0.05 0.50 BSC 5.35 0.05 (2 SIDES) RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS R = 0.115 TYP 22
6.00 0.10 (2 SIDES) R = 0.10 TYP
0.889 12
0.40 0.05
3.00 0.10 (2 SIDES) PIN 1 TOP MARK (NOTE 6)
1.65 0.10 (2 SIDES)
0.889
11 0.200 REF 0.75 0.05 5.35 0.10 (2 SIDES)
1 0.25 0.05 0.50 BSC
(DJC) DFN 0605
PIN #1 NOTCH R0.30 TYP OR 0.25mm x 45 CHAMFER
0.00 - 0.05
BOTTOM VIEW--EXPOSED PAD NOTE: 5. EXPOSED PAD SHALL BE SOLDER PLATED 1. DRAWING PROPOSED TO BE MADE VARIATION OF VERSION (WXXX) 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION IN JEDEC PACKAGE OUTLINE M0-229 ON TOP AND BOTTOM OF PACKAGE 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS 4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
660510f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
19
LTC6605-10 TYPICAL APPLICATION
Dual Matched, 3rd Order 7.5MHz Lowpass Filter
301 1 270pF 1% 301 5 301 7 270pF 1% 301 11 8 10 16 2 4 LTC6605-10 22
+
VOUTA
VINA
-
18
+
VOUTB
VINB
-
12
660510 TA04
Gain Magnitude vs Frequency
10 0 -10 -20 GAIN (dB) -30 -40 -50 -60 -70 -80 0.1 1 10 FREQUENCY (MHz) 100
660510 TA05
RELATED PARTS
PART NUMBER LT1568 LTC6404 LTC6406 DESCRIPTION 4th Order Filter Building Block Rail-to-Rail Output Differential Op Amp 3GHz Rail-to-Rail Input Differential Op Amp COMMENTS Lowpass and Bandpass Responses Up to 10MHz 1.5nV/Hz Noise, -95dBc Distortion at 10MHz 1.6nV/Hz Noise, -72dBc Distortion at 50MHz, 18mA Cut-Off Frequencies of 2.5MHz/5MHz/10MHz/15MHz/20MHz
LT6600-2.5/LT6600-5/ Differential 4th Order Lowpass Filters LT6600-10/LT6600-15/ LT6600-20 LTC6601 Differential Pin-Configurable 2nd Order Filter Building Block
7MHz to 25MHz Pin-Configurable Cut-Off Frequencies of 2.5MHz or 5MHz
LT6604-2.5/LT6604-5 Dual Differential 4th Order Lowpass Filters
660510f
20 Linear Technology Corporation
(408) 432-1900 FAX: (408) 434-0507
LT 1208 * PRINTED IN USA
1630 McCarthy Blvd., Milpitas, CA 95035-7417
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2008


▲Up To Search▲   

 
Price & Availability of LTC6605-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X