Part Number Hot Search : 
TM7104 BDR2G RT1468B6 6N138 XF0013Q1 3F334EL LM358A B0612BT1
Product Description
Full Text Search
 

To Download LTC4069-44 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
n n n n n n n n
LTC4069-4.4 Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN with NTC Thermistor Input DESCRIPTION
The LTC(R)4069-4.4 is a complete constant-current/ constant-voltage linear charger for high capacity single-cell lithium-ion batteries with a 4.4V float voltage. The 2mm x 2mm DFN package and low external component count make the LTC4069-4.4 especially well-suited for portable applications. Furthermore, LTC4069-4.4 is specifically designed to work within USB power specifications. The CHRG pin indicates when charge current has dropped to ten percent of its programmed value (C/10). An internal timer terminates charging according to battery manufacturer specifications. No external sense resistor or blocking diode is required due to the internal MOSFET architecture. Thermal feedback regulates charge current to limit the die temperature during high power operation or high ambient temperature conditions. When the input supply (wall adapter or USB supply) is removed, the LTC4069-4.4 automatically enters a low current state, dropping battery drain current to less than 1A. With power applied, LTC4069-4.4 can be put into shutdown mode, reducing the supply current to less than 20A. The LTC4069-4.4 also includes automatic recharge, lowbattery charge conditioning (trickle charging), soft-start (to limit inrush current) and an NTC thermistor input used to monitor battery temperature. The LTC4069-4.4 is available in a tiny 6-lead, low profile (0.75mm) 2mm x 2mm DFN package.
n n n n n n
Complete Linear Charger in 2mm x 2mm DFN Package C/10 Charge Current Detection Output Timer Charge Termination Charge Current Programmable Up to 750mA with 5% Accuracy No External MOSFET, Sense Resistor or Blocking Diode Required NTC Thermistor Input for Temperature Qualified Charging Preset 4.4V Float Voltage with 0.6% Accuracy Constant-Current/Constant-Voltage Operation with Thermal Feedback to Maximize Charge Rate Without Risk of Overheating Charge Current Monitor Output for Gas Gauging Automatic Recharge Charges Single-Cell Li-Ion Batteries Directly from USB Port 20A Supply Current in Shutdown Mode Soft-Start Limits Inrush Current Tiny 6-Lead (2mm x 2mm) DFN Package
APPLICATIONS
n n n
Wireless PDAs Cellular Phones Portable Electronics
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners. Protected by U.S. Patents, including 6522118, 6700364.
TYPICAL APPLICATION
Standalone Li-Ion Battery Charger
500mA VIN 4.5V TO 5.5V RNOM 100k VCC R1 510 BAT
Complete Charge Cycle (1100mAh Battery)
550 500 450 CHARGE CURRENT (mA) 400 350 CONSTANT300 VOLTAGE 250 200 150 100 50 0 0 0.5 VCC = 5V RPROG = 2K 1 1.5 CONSTANT-CURRENT CHRG TRANSITION 4.5 4.4 4.3 BATTERY VOLTAGE (V) 4.2 4.1 4.0 3.9 3.8 3.7 CHARGE 3.6 TERMINATION 3.5 3.4 4 4.5 5
4069 TA01b
LTC4069-4.4 CHRG PROG NTC GND RPROG 2k
4069 TA01
+
4.4V Li-Ion BATTERY*
RNTC 100k
1F
*E.G. SANYO BATTERIES: UF553436T OR UF553450T
2 2.5 3 3.5 TIME (HOURS)
406944fa
1
LTC4069-4.4 ABSOLUTE MAXIMUM RATINGS
(Note 1)
PIN CONFIGURATION
TOP VIEW GND 1 CHRG 2 BAT 3 7 6 PROG 5 NTC 4 VCC
VCC t < 1ms and Duty Cycle < 1% ................. - 0.3V to 7V Steady State............................................ - 0.3V to 6V BAT, CHRG .................................................. -0.3V to 6V PROG, NTC ..................................... - 0.3V to VCC + 0.3V BAT Short-Circuit Duration............................Continuous BAT Pin Current .................................................. 800mA PROG Pin Current ................................................ 800A Junction Temperature (Note 6) ............................ 125C Operating Temperature Range (Note 2)....- 40C to 85C Storage Temperature Range.................. -65C to 125C
DC PACKAGE 6-LEAD (2mm 2mm) PLASTIC DFN TJMAX = 125C, JA = 60C/W (NOTE 3) EXPOSED PAD (PIN 7) IS GND MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH LTC4069EDC-4.4#PBF TAPE AND REEL LTC4069EDC-4.4#TRPBF PART MARKING LCKQ PACKAGE DESCRIPTION 6-Lead (2mm X 2mm) Plastic DFN TEMPERATURE RANGE -40C to 85C Consult LTC Marketing for parts specified with wider operating temperature ranges. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
The l denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. VCC = 5V, VBAT = 3.8V, VNTC = 0V unless otherwise specified. (Note 2)
SYMBOL VCC ICC ICCMS ICCUV VFLOAT IBAT IBMS IBUV VUVLO VPROG VASD PARAMETER VCC Supply Voltage Quiescent VCC Supply Current VCC Supply Current in Shutdown VCC Supply Current in Undervoltage Lockout VBAT Regulated Output Voltage BAT Pin Current Battery Drain Current in Shutdown Mode Battery Drain Current in Undervoltage Lockout VCC Undervoltage Lockout Voltage PROG Pin Voltage Automatic Shutdown Threshold Voltage CONDITIONS (Note 4) VBAT = 4.5V (Forces IBAT and IPROG = 0) Float PROG VCC < VBAT, VCC = 3.5V, VBAT = 4V IBAT = 2mA IBAT = 2mA, 0C < TA < 85C RPROG = 10k (0.1%), Current Mode RPROG = 2k (0.1%), Current Mode Floating PROG, VCC > VBAT VCC = 3.5V, VBAT = 4V VCC Rising VCC Falling RPROG = 2k, IPROG = 500A RPROG = 10k, IPROG = 100A (VCC - VBAT), VCC Low to High (VCC - VBAT), VCC High to Low
l l l l l l l l l l l l
MIN 3.75
TYP 120 20 6
MAX 5.5 250 40 11 4.425 4.442 112 525 1 4 3.8 3.2 1.02 1.02 100 45
UNITS V A A A V V mA mA A A V V V V mV mV
406944fa
4.375 4.358 88 475 -1 0 3.4 2.8 0.98 0.98 60 15
4.4 4.4 100 500 0 1 3.6 3 1 1 80 30
2
LTC4069-4.4 ELECTRICAL CHARACTERISTICS
The l denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. VCC = 5V, VBAT = 3.8V, VNTC = 0V unless otherwise specified. (Note 2)
SYMBOL IPROG VMS, PROG tSS ITRKL VTRKL VTRHYS VRECHRG VUVCL1 VUVCL2 tTIMER PARAMETER PROG Pin Pull-Up Current PROG Shutdown Threshold Voltage Soft-Start Time Trickle Charge Current Trickle Charge Threshold Voltage Trickle Charge Hysteresis Voltage Recharge Battery Threshold Voltage (VCC - VBAT) Undervoltage Current Limit Termination Timer Recharge Timer Low-Battery Trickle Charge Time VCHRG ICHRG IC/10 TLIM RON fBADBAT DBADBAT INTC VCOLD VHOT VNTC-DIS VDIS-HYS fNTC DNTC CHRG Pin Output Low Voltage CHRG Pin Leakage Current End of Charge Indication Current Level Junction Temperature in Constant Temperature Mode Power FET On-Resistance (Between VCC and BAT) Defective Battery Detection CHRG Pulse Frequency Defective Battery Detection CHRG Pulse Frequency Duty Ratio NTC Pin Current Cold Temperature Fault Threshold Voltage Hot Temperature Fault Threshold Voltage NTC Disable Threshold Voltage NTC Disable Hysteresis Voltage Fault Temperature CHRG Pulse Frequency Fault Temperature CHRG Pulse Frequency Duty Ratio VNTC = 2.5V Rising Voltage Threshold Hysteresis Falling Voltage Threshold Hysteresis Falling Threshold; VCC = 5V 0.76 * VCC 0.015 * VCC 0.35 * VCC 0.017 * VCC 82 50 2 25 IBAT = 350mA VBAT = 2.5V ICHRG = 5mA VBAT = 4.5V, VCHRG = 5V RPROG = 2k (Note 5) VFLOAT - VRECHRG , 0C < TA < 85C IBAT = 90% Programmed Charge Current IBAT = 10% Programmed Charge Current
l l l l l l
CONDITIONS VPROG > 1V VPROG Rising VBAT = 2V, RPROG = 2k (0.1%) VBAT Rising
l l
MIN 3.7 35 2.7 70 180 90 3 1.5 0.75
TYP 3 4 170 50 2.9 90 100 220 125 4.5 2.25 1.125 60 0
MAX 4.3 65 3.05 130 330 150 6 3 1.5 105 1 0.11
UNITS A V s mA V mV mV mV mV Hrs Hrs Hrs mV A mA/mA C m Hz %
0.08
0.095 115 450 2 75
1
A V V V V mV mV Hz %
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LTC4069-4.4 is guaranteed to meet performance specifications from 0C to 85C. Specifications over the -40C to 85C operating temperature range are assured by design, characterization and correlation with statistical process controls. Note 3: Failure to solder the exposed backside of the package to the PC board ground plane will result in a thermal resistance much higher than rated.
Note 4: Although the LTC4069-4.4 functions properly at 3.75V, full charge current requires an input voltage greater than the desired final battery voltage per the VUVCL1 specification. Note 5: IC/10 is expressed as a fraction of measured full charge current with indicated PROG resistor. Note 6: This IC includes overtemperature protection that is intended to protect the device during momentary overload conditions. Junction temperature will exceed 125C when overtemperature protection is active. Continuous operation above the specified maximum operating junction temperature may impair device reliability.
406944fa
3
LTC4069-4.4 TYPICAL PERFORMANCE CHARACTERISTICS
Battery Regulation (Float) Voltage vs Charge Current
4.44 VCC = 5V TA = 25C RPROG = 2k 4.44
Battery Regulation (Float) Voltage vs Temperature
4.44
Battery Regulation (Float) Voltage vs Supply Voltage
VCC = 5V IBAT = 2mA RPROG = 2k
4.42 VFLOAT (V) VFLOAT (V)
4.42 VFLOAT (V) -25 50 25 TEMPERATURE (C) 0 75 100
4069 G02
4.42
4.40
4.40
4.40
4.38
4.38
4.38
4.36
0
100
200
300 IBAT (mA)
400
500
4069 G01
4.36 -50
4.36
4
5 4.5 5.5 SUPPLY VOLTAGE (V)
6
4069 G03
Charge Current vs Supply Voltage (Constant-Current Mode)
200 175 150 IBAT (mA) IBAT (mA) RPROG = 10k VBAT = 3.8V TA = 25C 600 500 400
Charge Current vs Battery Voltage
VCC = 5V TA = 25C RPROG = 2k 600 500 400 IBAT (mA) 300 200 100
Charge Current vs Ambient Temperature with Thermal Regulation (Constant-Current Mode)
125 100 75 50 25 0 4 4.5 5 5.5 SUPPLY VOLTAGE (V) 6
4069 G04
THERMAL CONTROL LOOP IN OPERATION
300 200 100 0 0 1 2 3 VBAT (V) 4 5
4069 G05
0 -50
VCC = 5V VBAT = 3.8V RPROG = 2k 0 100 50 TEMPERATURE (C) 150
4069 G06
PROG Pin Voltage vs Temperature (Constant-Current Mode)
1.02 VCC = 5V VBAT = 3.8V RPROG = 10k 1.2 1.0 0.8 VPROG (V) VPROG (V)
PROG Pin Voltage vs Charge Current
VCC = 5V TA = 25C RPROG = 2k 550
Power FET On-Resistance vs Temperature
VCC = 4V IBAT = 400mA
1.01 RDS (m) 500
4069 G08
500
450
1.00
0.6 0.4
400
0.99 0.2 0.98 -50 0 0 100 200 300 IBAT (mA) 400 350
-25
50 25 0 TEMPERATURE (C)
75
100
4069 G07
300 -50
-25
0 25 50 TEMPERATURE (C)
75
100
4069 G09
406944fa
4
LTC4069-4.4 TYPICAL PERFORMANCE CHARACTERISTICS
Undervoltage Lockout Threshold Voltage vs Temperature
4.00 3.75 RISE 3.50 IBAT (mA) VCC (V) 3.25 3.00 2.75 2.50 -50 FALL 40 30 20 10 0 -25 50 0 25 TEMPERATURE (C) 75 100
4069 G16
Trickle Charge Current vs Supply Voltage
60 50 VBAT = 2V TA = 25C RPROG = 2k 60 50 40 IBAT (mA) 30 20 RPROG = 10k 10
Trickle Charge Current vs Temperature
VCC = 5V VBAT = 2V RPROG = 2k
RPROG = 10k
4
4.5 5 5.5 SUPPLY VOLTAGE (V)
6
4069 G14
0 -50
-25
50 25 0 TEMPERATURE (C)
75
100
4069 G15
CHRG Pin Output Low Voltage vs Temperature
140 120 100 VCHRG (mV) 80 60 40 20 0 -50 VCC = 5V ICHRG = 5mA TIMER ACCURACY (%) 1 0
Timer Accuracy vs Temperature
VCC = 5V 2.0 1.5 TIMER ACCURACY (%) 1.0 0.5 0 -0.5 -1.0 -1.5 -25 50 25 TEMPERATURE (C) 0 75 100
4069 G18
Timer Accuracy vs Supply Voltage
TA = 25C
-1 -2 -3 -4 -5 -6
-25
50 25 0 TEMPERATURE ( C)
75
100
4069 G10
-7 -50
-2.0
4
5 4.5 5.5 SUPPLY VOLTAGE (V)
6
4069 G19
PROG Pin Shutdown Voltage Threshold vs Temperature
5.0 VCC = 5V 5.0 4.5 4.5 VMS(PROG) (V) VMS(PROG) (V) 4.0 3.5 3.0 2.5 3.0 -50 2.0 -25 0 25 50 TEMPERATURE (C) 75 100
4069 G20
PROG Pin Shutdown Voltage vs Supply Voltage
TA = 25C
4.0
3.5
4
4.5 5 5.5 SUPPLY VOLTAGE (V)
6
4069 G21
406944fa
5
LTC4069-4.4 PIN FUNCTIONS
GND (Pin 1): Ground. CHRG (Pin 2): Open-Drain Charge Status Output. The charge status indicator pin has three states: pull-down, pulse at 2Hz and high impedance state. This output can be used as a logic interface or as an LED driver. When the battery is being charged, the CHRG pin is pulled low by an internal N-channel MOSFET. The pin becomes high impedance when any of the following conditions occur: the charge current drops below 10% of full-scale current, the timer ends, or the charger is shut down. If the battery voltage remains below 2.9V for one quarter of the charge time, the battery is considered defective and the CHRG pin pulses at a frequency of 2Hz (75% duty cycle). When the NTC pin voltage rises above 0.76 * VCC or drops below 0.35 * VCC , the CHRG pin pulses at a frequency of 2Hz (25% duty cycle). BAT (Pin 3): Charge Current Output. Provides charge current to the battery and regulates the final float voltage to 4.4V. An internal precision resistor divider on this pin sets the float voltage and is disconnected in shutdown mode. VCC (Pin 4): Positive Input Supply Voltage. This pin provides power to the charger. VCC can range from 3.75V to 5.5V. This pin should be bypassed with at least a 1F capacitor. When VCC is within 30mV of the BAT pin voltage, the LTC4069-4.4 enters shutdown mode, dropping IBAT to about 1A. NTC (Pin 5): Input to the NTC (Negative Temperature Coefficient) Thermistor Temperature Monitoring Circuit. Under normal operation, connect a thermistor from the NTC pin to ground and a resistor of equal value from the NTC pin to VCC . When the voltage at this pin drops below 0.35 * VCC at hot temperatures or rises above 0.76 * VCC at cold, charging is suspended, the internal timer is frozen and the CHRG pin output will start to pulse at 2Hz. Pulling this pin below 0.016 * VCC disables the NTC feature. There is approximately 3C of temperature hysteresis associated with each of the input comparator's thresholds. PROG (Pin 6): Charge Current Program and Charge Current Monitor Pin. Connecting a 1% resistor, RPROG , to ground programs the charge current. When charging in constant-current mode, this pin servos to 1V. In all modes, the voltage on this pin can be used to measure the charge current using the following formula: IBAT = VPROG * 1000 RPROG
Floating the PROG pin puts the charger in shutdown mode. In shutdown mode, the LTC4069-4.4 has less than 20A supply current and about 1A battery drain current. Exposed Pad (Pin 7): Ground. The Exposed Pad must be soldered to the PCB ground to provide both electrical contact and rated thermal performance.
406944fa
6
LTC4069-4.4 SIMPLIFIED BLOCK DIAGRAM
VCC 4 VCC R7 115C VCC TDIE
+
TA
D3
+
M2 1 M1 1000 C5 3.6V UVLO
- -
VCC RNOM NTC 5 RNTC
R8
-
R9
+
C3 NTC_EN
-
REF R10 PROG 0.1V R3 1V R4 0.1V R5 1.2V
MP
R2
+
C/10 CHRG
-
CHARGE CONTROL ENABLE SUSPEND LOGIC COUNTER
2.9V
BAT
OPERATION
The LTC4069-4.4 is a linear battery charger designed primarily for charging single-cell lithium-ion batteries. Featuring an internal P-channel power MOSFET, the charger uses a constant-current/constant-voltage charge algorithm with programmable current. Charge current can be programmed up to 750mA with a final float voltage accuracy of 0.6%. The CHRG open-drain status output indicates if C/10 has been reached. No blocking diode or external sense resistor is required; thus, the basic charger circuit requires only two external components. An internal termination timer and trickle charge lowbattery conditioning adhere to battery manufacturer safety guidelines. Furthermore, the LTC4069-4.4 is capable of operating from a USB power source. An internal thermal limit reduces the programmed charge current if the die temperature attempts to rise above a preset value of approximately 115C. This feature protects the LTC4069-4.4 from excessive temperature and allows the user to push the limits of the power handling capability of a given circuit board without risk of damaging the LTC4069-4.4 or external components. Another benefit of the LTC4069-4.4 thermal limit is that charge current can be set according to typical, not worst-case, ambient
+
-
2
+
LOBAT 4V PROG 6 RPROG 1 C4
SHUTDOWN
-
GND OSCILLATOR
4069 F01
Figure 1. LTC4069-4.4 Block Diagram
-
+
+
-
+ +
C2 TOO HOT
-
C1
TOO COLD OR AND SUSPEND D1
D2
BAT
3
-
MA CA
+
R1 VA
+
1.2V
406944fa
7
LTC4069-4.4 OPERATION
temperatures for a given application with the assurance that the charger will automatically reduce the current in worst-case conditions. The charge cycle begins when the voltage at the VCC pin rises above 3.5V and approximately 80mV above the BAT pin voltage, a 1% program resistor is connected from the PROG pin to ground and the NTC pin voltage stays between 0.76 * VCC and 0.35 * VCC or below 0.016 * VCC. If the BAT pin voltage is below 2.9V, the charger goes into trickle charge mode, charging the battery at one-tenth the programmed charge current to bring the cell voltage up to a safe level for charging. If the BAT pin voltage is above 4.3V, the charger will not charge the battery as the cell is near full capacity. Otherwise, the charger goes into the fast charge constant-current mode. When the BAT pin approaches the final float voltage (4.4V), the LTC4069-4.4 enters constant-voltage mode and the charge current begins to decrease. When the current drops to 10% of the full-scale charge current, an internal comparator turns off the N-channel MOSFET on the CHRG pin and the pin assumes a high impedance state. An internal timer sets the total charge time, tTIMER (typically 4.5 hours). When this time elapses, the charge cycle terminates and the CHRG pin assumes a high impedance state. The charge cycle will automatically restart if the BAT pin voltage falls below VRECHRG (typically 4.3V). To manually restart the charge cycle, remove the input voltage and reapply it, or momentarily float the PROG pin and reconnect it. Programming Charge Current The charge current is programmed using a single resistor from the PROG pin to ground. The battery charge current is 1000 times the current out of the PROG pin. The program resistor and the charge current are calculated using the following equations: RPROG = 1000 * 1V ICHG , ICHG = 1000 V RPROG IBAT = VPROG * 1000 RPROG
Undervoltage Lockout (UVLO) An internal undervoltage lockout circuit monitors the input voltage and keeps the charger in undervoltage lockout until VCC rises above 3.6V and approximately 80mV above the BAT pin voltage. The 3.6V UVLO circuit has a built-in hysteresis of approximately 0.6V and the automatic shutdown threshold has a built-in hysteresis of approximately 50mV. During undervoltage lockout conditions, maximum battery drain current is 4A and maximum supply current is 11A. Shutdown Mode The LTC4069-4.4 can be disabled by floating the PROG pin. In shutdown mode, the battery drain current is reduced to less than 1A and the supply current to about 20A. Timer and Recharge The LTC4069-4.4 has an internal termination timer that starts when an input voltage greater than the undervoltage lockout threshold is applied to VCC , or when leaving shutdown and the battery voltage is less than the recharge threshold. At power-up or when exiting shutdown, if the battery voltage is less than the recharge threshold, the charge time is set to 4.5 hours. If the battery temperature is either too high or too low, the timer will pause until the battery returns to normal temperature. If the battery is greater than the recharge threshold at power-up or when exiting shutdown, the timer will not start and charging is prevented since the battery is at or near full capacity. Once the charge cycle terminates, the LTC4069-4.4 continuously monitors the BAT pin voltage using a comparator with a 2ms filter time. When the battery voltage falls below 4.3V (which corresponds to 80% to 90% battery capacity), a new charge cycle is initiated and a 2.25 hour timer begins. This ensures that the battery is kept at, or near, a fully charged condition and eliminates the need for periodic charge cycle initiations. Also, if the
406944fa
The charge current out of the BAT pin can be determined at any time by monitoring the PROG pin voltage and using the following equation:
8
LTC4069-4.4 OPERATION
battery voltage does not exceed the recharge threshold voltage when the timer ends, the timer resets and a 2.25 hour recharge cycle begins. The CHRG output assumes a strong pull-down state during recharge cycles until C/10 is reached when it transitions to a high impendance state. Trickle Charge and Defective Battery Detection At the beginning of a charge cycle, if the battery voltage is low (below 2.9V), the charger goes into trickle charge, reducing the charge current to 10% of the full-scale current. If the low-battery voltage persists for one quarter of the total time (1.125 hour), the battery is assumed to be defective, the charge cycle is terminated and the CHRG pin output pulses at a frequency of 2Hz with a 75% duty cycle. If for any reason the battery voltage rises above 2.9V, the charge cycle will be restarted. To restart the charge cycle (i.e., when the defective battery is replaced with a discharged battery less than 2.9V), simply remove the input voltage and reapply it or momentarily float the PROG pin and reconnect it. CHRG Status Output Pin The charge status indicator pin has three states: pulldown, pulse at 2Hz (see Trickle Charge and Defective Battery Detection and Battery Temperature Monitoring) and high impedance. The pull-down state indicates that the LTC4069-4.4 is in a charge cycle. A high impedance state indicates that the charge current has dropped below 10% of the full-scale current, the timer has ended the charge cycle, or the LTC4069-4.4 is disabled. Figure 2 shows the CHRG status under various conditions. Charge Current Soft-Start and Soft-Stop The LTC4069-4.4 includes a soft-start circuit to minimize the inrush current at the start of a charge cycle. When a charge cycle is initiated, the charge current ramps from zero to the full-scale current over a period of approximately 170s. Likewise, internal circuitry slowly ramps the charge current from full-scale to zero when the charger is shut off or self terminates. This has the effect of minimizing the transient current load on the power supply during start-up and charge termination. Constant-Current/Constant-Voltage/ Constant-Temperature The LTC4069-4.4 uses a unique architecture to charge a battery in a constant-current, constant-voltage and constant-temperature fashion. Figure 1 shows a Simplified Block Diagram of the LTC4069-4.4. Three of the amplifier feedback loops shown control the constant-current (CA), constant-voltage (VA), and constant-temperature (TA) modes. A fourth amplifier feedback loop (MA) is used to increase the output impedance of the current source pair, M1 and M2 (note that M1 is the internal P-channel power MOSFET). It ensures that the drain current of M1 is exactly 1000 times greater than the drain current of M2. Amplifiers CA and VA are used in separate feedback loops to force the charger into constant-current or constantvoltage mode, respectively. Diodes D1 and D2 provide priority to either the constant-current or constant-voltage loop, whichever is trying to reduce the charge current the most. The output of the other amplifier saturates low which effectively removes its loop from the system. When in constant-current mode, CA servos the voltage at the PROG pin to be precisely 1V. VA servos its inverting input to an internal reference voltage when in constant-voltage mode and the internal resistor divider, made up of R1 and R2, ensures that the battery voltage is maintained at 4.4V. The PROG pin voltage gives an indication of the charge current during constant-voltage mode as discussed in "Programming Charge Current". Transconductance amplifier, TA, limits the die temperature to approximately 115C when in constant-temperature mode. Diode D3 ensures that TA does not affect the charge current when the die temperature is below approximately 115C. The PROG pin voltage continues to give an indication of the charge current. In typical operation, the charge cycle begins in constantcurrent mode with the current delivered to the battery equal to 1000V/RPROG . If the power dissipation of the LTC4069-4.4 results in the junction temperature approaching 115C, the amplifier (TA) will begin decreasing the charge current to limit the die temperature to approximately 115C. As the battery voltage rises, the LTC4069-4.4 either returns to constant-current mode or enters constant-voltage mode
406944fa
9
LTC4069-4.4 OPERATION
UVLO POWER ON NO IF VCC > 3.6V AND VCC > VBAT + 80mV? UVLO MODE CHRG HIGH IMPEDANCE
YES NTC FAULT TEMPERATURE NOT OK BATTERY CHARGING SUSPENDED CHRG PULSES (2Hz) TEMPERATURE OK 2.9V < VBAT < 4.3V FAST CHARGE MODE FULL CHARGE CURRENT CHRG STRONG PULL-DOWN NO CHARGE CYCLE (4.5 HOURS) RECHARGE IS VBAT < 4.3V? NO
VBAT > 4.3V STANDBY MODE NO CHARGE CURRENT CHRG HIGH IMPEDANCE
TEMPERATURE NOT OK VBAT 2.9V TRICKLE CHARGE MODE 1/10 FULL CHARGE CURRENT CHRG STRONG PULL-DOWN 1/4 CHARGE CYCLE (1.125 HOURS) DEFECTIVE BATTERY IS VBAT < 2.9V?
YES BAD BATTERY MODE NO CHARGE CURRENT CHRG PULSES (2Hz) VCC < 3V
YES RECHARGE MODE FULL CHARGE CURRENT CHRG STRONG PULL-DOWN 1/2 CHARGE CYCLE (2.25 HOURS)
4069 F02
Figure 2. State Diagram of LTC4069-4.4 Operation
straight from constant-temperature mode. Regardless of mode, the voltage at the PROG pin is proportional to the current delivered to the battery. Battery Temperature Monitoring via NTC The battery temperature is measured by placing a negative temperature coefficient (NTC) thermistor close to the battery pack. The NTC circuitry is shown in Figure 3. To use this feature, connect the NTC thermistor, RNTC , between the NTC pin and ground and a resistor, RNOM , from the NTC pin to VCC . RNOM should be a 1% resistor with a value equal to the value of the chosen NTC thermistor at 25C (this value is 100k for a Vishay NTHS0603N01N1003J thermistor). The LTC4069-4.4 goes into hold mode when the value of the NTC thermistor drops to 0.53 times the
value of RNOM , which corresponds to approximately 40C, and when the value of the NTC thermistor increases to 3.26 times the value of RNOM , which corresponds to approximately 0C. Hold mode freezes the timer and stops the charge cycle until the thermistor indicates a return to a valid temperature. For a Vishay NTHS0603N01N1003J thermistor, this value is 32.6k which corresponds to approximately 0C. The hot and cold comparators each have approximately 3C of hysteresis to prevent oscillation about the trip point. When the charger is in Hold mode (battery temperature is either too hot or too cold) the CHRG pin pulses in a 2Hz, 25% duty cycle frequency unless the charge task is finished or the battery is assumed to be defective. If the NTC pin is grounded, the NTC function will be disabled.
406944fa
10
LTC4069-4.4 OPERATION
VCC RNOM 0.76 * VCC NTC
6
0.35 * VCC
0.016 * VCC
-
Figure 3. NTC Circuit Information
APPLICATIONS INFORMATION
Undervoltage Charge Current Limiting (UVCL) The LTC4069-4.4 includes undervoltage charge (VUVCL1) current limiting that prevents full charge current until the input supply voltage exceeds approximately 220mV above the battery voltage. This feature is particularly useful if the LTC4069-4.4 is powered from a supply with long leads (or any relatively high output impedance). For example, USB-powered systems tend to have highly variable source impedances (due primarily to cable quality and length). A transient load combined with such impedance can easily trip the UVLO threshold and turn the charger off unless undervoltage charge current limiting is implemented. Consider a situation where the LTC4069-4.4 is operating under normal conditions and the input supply voltage begins to droop (e.g., an external load drags the input supply down). If the input voltage reaches VBAT + VUVCL1 (approximately 220mV above the battery voltage), undervoltage charge current limiting will begin to reduce the charge current in an attempt to maintain VUVCL1 between the VCC input and the BAT output of the IC. The LTC4069-4.4 will continue to operate at the reduced charge current until the input supply voltage is increased or constant-voltage mode reduces the charge current further. Operation from Current Limited Wall Adapter By using a current limited wall adapter as the input supply, the LTC4069-4.4 dissipates significantly less power when programmed for a current higher than the limit of the supply as compared to using a non-current limited supply at the same charge current. Consider a situation where an application demands a 600mA charge current for an 800mAh Li-Ion battery. If a typical 5V (non-current limited) input supply is used, the charger's peak power dissipation can exceed 1W. Now consider the same scenario, but with a 5V input supply with a 600mA current limit. To take advantage of the current limited supply, it is necessary to program the LTC4069-4.4 to charge at a current above 600mA. Assume that the LTC4069-4.4 is programmed for 750mA (i.e., RPROG = 1.33k) to ensure that part tolerances maintain
406944fa
+
-
RNTC
+
TOO HOT
-
TOO COLD
+
NTC_ENABLE
4069 F03
11
LTC4069-4.4 APPLICATIONS INFORMATION
a programmed current higher than 600mA. Since the LTC4069-4.4 will demand a charge current higher than the current limit of the input supply, the supply voltage will drop to the battery voltage plus 600mA times the onresistance of the internal PFET. The on-resistance of the LTC4069-4.4 power device is approximately 450m with a 5V supply. The actual on-resistance will be slightly higher due to the fact that the input supply will drop to less than 5V. The power dissipated during this phase of charging is less than 180mW. That is a 82% improvement over the non-current limited supply power dissipation. USB and Wall Adapter Power Although the LTC4069-4.4 allows charging from a USB port, a wall adapter can also be used to charge Li-Ion batteries. Figure 4 shows an example of how to combine wall adapter and USB power inputs. A P-channel MOSFET, MP1, is used to prevent back conducting into the USB port when a wall adapter is present and Schottky diode, D1, is used to prevent USB power loss through the 1k pull-down resistor. Typically a wall adapter can supply significantly more current than the 500mA-limited USB port. Therefore, an N-channel MOSFET, MN1, and an extra program resistor are used to increase the charge current to 750mA when the wall adapter is present. Stability Considerations The LTC4069-4.4 contains two control loops: constantvoltage and constant-current. The constant-voltage loop is stable without any compensation when a battery is connected with low impedance leads. Excessive lead
5V WALL ADAPTER 750mA ICHG USB POWER 500mA ICHG ICHG BAT D1 MP1 LTC4069-4.4 VCC PROG MN1 4.02k 1k
4069 F04
length, however, may add enough series inductance to require a bypass capacitor of at least 1F from BAT to GND. Furthermore, a 4.7F capacitor with a 0.2 to 1 series resistor from BAT to GND is required to keep ripple voltage low when the battery is disconnected. High value capacitors with very low ESR (especially ceramic) may reduce the constant-voltage loop phase margin. Ceramic capacitors up to 22F may be used in parallel with a battery, but larger ceramics should be decoupled with 0.2 to 1 of series resistance. In constant-current mode, the PROG pin is in the feedback loop, not the battery. Because of the additional pole created by the PROG pin capacitance, capacitance on this pin must be kept to a minimum. With no additional capacitance on the PROG pin, the charger is stable with program resistor values as high as 25k. However, additional capacitance on this node reduces the maximum allowed program resistor. The pole frequency at the PROG pin should be kept above 100kHz. Therefore, if the PROG pin is loaded with a capacitance, CPROG , the following equation should be used to calculate the maximum resistance value for RPROG: RPROG 2 * 105 1 * CPROG
SYSTEM LOAD
Average, rather than instantaneous, battery current may be of interest to the user. For example, if a switching power supply operating in low current mode is connected in parallel with the battery, the average current being pulled out of the BAT pin is typically of more interest than the instantaneous current pulses. In such a case, a simple RC filter can be used on the PROG pin to measure the average battery current as shown in Figure 5. A 10k resistor has been added between the PROG pin and the filter capacitor to ensure stability.
+
Li-Ion BATTERY
LTC4069-4.4 PROG
10k RPROG
4069 F05
2k
GND
CFILTER
CHARGE CURRENT MONITOR CIRCUITRY
Figure 4. Combining Wall Adapter and USB Power
Figure 5. Isolating Capacitive Load on the PROG Pin and Filtering
406944fa
12
LTC4069-4.4 APPLICATIONS INFORMATION
Power Dissipation The conditions that cause the LTC4069-4.4 to reduce charge current through thermal feedback can be approximated by considering the power dissipated in the IC. For high charge currents, the LTC4069-4.4 power dissipation is approximately: PD = (VCC - VBAT) * IBAT where PD is the power dissipated, VCC is the input supply voltage, VBAT is the battery voltage and IBAT is the charge current. It is not necessary to perform any worst-case power dissipation scenarios because the LTC4069-4.4 will automatically reduce the charge current to maintain the die temperature at approximately 115C. However, the approximate ambient temperature at which the thermal feedback begins to protect the IC is: TA = 115C - PD * JA TA = 115C - (VCC - VBAT) * IBAT * JA Example: Consider an LTC4069-4.4 operating from a 5V wall adapter providing 750mA to a 3.6V Li-Ion battery. The ambient temperature above which the LTC40694.4 will begin to reduce the 750mA charge current is approximately: TA = 115C - (5V - 3.6V) * (750mA) * 60C/W TA = 115C - (1.05W * 60C/W) = 115C - 63C TA = 52C The LTC4069-4.4 can be used above 70C, but the charge current will be reduced from 750mA. The approximate current at a given ambient temperature can be calculated: IBAT = 115C - TA ( VCC - VBAT ) * JA Furthermore, the voltage at the PROG pin will change proportionally with the charge current as discussed in the Programming Charge Current section. It is important to remember that LTC4069-4.4 applications do not need to be designed for worst-case thermal conditions since the IC will automatically limit power dissipation when the junction temperature reaches approximately 115C. Board Layout Considerations In order to deliver maximum charge current under all conditions, it is critical that the exposed metal pad on the backside of the LTC4069-4.4 package is soldered to the PC board copper and extending out to relatively large copper areas or internal copper layers connected using vias. Correctly soldered to a 2500mm2 double-sided 1 oz. copper board the LTC4069-4.4 has a thermal resistance of approximately 60C/W. Failure to make thermal contact between the Exposed Pad on the backside of the package and the copper board will result in thermal resistances far greater than 60C/W. As an example, a correctly soldered LTC4069-4.4 can deliver over 750mA to a battery from a 5V supply at room temperature. Without a backside thermal connection, this number could drop to less than 500mA. VCC Bypass Capacitor Many types of capacitors can be used for input bypassing; however, caution must be exercised when using multi-layer ceramic capacitors. Because of the self-resonant and high Q characteristics of some types of ceramic capacitors, high voltage transients can be generated under some start-up conditions, such as connecting the charger input to a live power source. For more information, refer to Application Note 88.
Using the previous example with an ambient temperature of 73C, the charge current will be reduced to approximately: IBAT = 115C - 73C 42C = = 500mA (5V - 3.6V ) * 60C/W 84C/A
406944fa
13
LTC4069-4.4 APPLICATIONS INFORMATION
VCC
To calculate RNOM for a shift to lower temperature for example, use the following equation: RNOM =
TOO COLD
0.76 * VCC NTC
6 R1 604 RNTC 10k
0.35 * VCC
0.016 * VCC
-
Figure 6. NTC Circuits
Thermistors The LTC4069-4.4 NTC trip points are designed to work with thermistors whose resistance-temperature characteristics follow Vishay Dale's "R-T Curve 1." The Vishay NTHS0603N01N1003J is an example of such a thermistor. However, Vishay Dale has many thermistor products that follow the "R-T Curve 1" characteristic in a variety of sizes. Furthermore, any thermistor whose ratio of RCOLD to RHOT is about 6 will also work (Vishay Dale R-T Curve 1 shows a ratio of RCOLD to RHOT of 3.266/0.5325 = 6.13). Designers may want to use thermistors whose room temperature value is different than 100k. Vishay Dale has a number of values of thermistor from 32k to 100k that follow the "R-T Curve 1." Using different R-T curves, such as Vishay Dale "R-T Curve 2", is also possible. This curve, combined with LTC4069-4.4 internal thresholds, gives temperature trip points of approximately -3C (falling) and 42C (rising), a delta of 45C. This delta in temperature can be moved in either direction by changing the value of RNOM with respect to RNTC. Increasing RNOM will move both trip points to higher temperatures.
14
+
+
- -
TOO HOT
RNOM 8.87k
RCOLD * RNTC at 25 C 3 . 266
where RCOLD is the resistance ratio of RNTC at the desired cold temperature trip point. If you want to shift the trip points to higher temperatures use the following equation: RNOM = RHOT * RNTC at 25 C 0 . 5325
+
NTC_ENABLE
where RHOT is the resistance ratio of RNTC at the desired hot temperature trip point. Here is an example using a 10k R-T Curve 2 thermistor from Vishay Dale. The difference between the trip points is 45C, from before, and we want the cold trip point to be 0C, which would put the hot trip point at 45C. The RNOM needed is calculated as follows: RNOM = = RCOLD * RNTC at 25 C 3 . 266 2 . 816 * 10k = 8 . 62k 3 . 266
4069 F06
The nearest 1% value for RNOM is 8.66k. This is the value used to bias the NTC thermistor to get cold and hot trip points of approximately 0C and 45C respectively. To extend the delta between the cold and hot trip points, a resistor, R1, can be added in series with RNTC (see Figure 6). The values of the resistors are calculated as follows: RNOM = RCOLD - RHOT 3 . 266 - 0 . 5325
0 . 5325 * (RCOLD - RHOT ) - RHOT R1 = 3 . 266 - 0 . 5325 where RNOM is the value of the bias resistor and RHOT and RCOLD are the values of RNTC at the desired temperature trip points. Continuing the example from before with a desired trip point of 50C:
406944fa
LTC4069-4.4
4 10k * ( 2.816 - 0.4086 ) RCOLD - RHOT = 3.266 - 0.5325 3.266 - 0.5325 = 8.8k, 8.87k is the nearest 1% value.
The cold trip point error depends on the tolerance of the NTC thermistor and the degree to which the ratio of its value at 0C and its value at 40C varies from 6.14 to 1. Therefore, the cold trip point error can be calculated using the tolerance, TOL, the temperature coefficient of the thermistor at 0C, TC (in %/C), the value of the thermistor at 0C, RCOLD , and the value of the thermistor at 40C, RHOT. The formula is: 1+ TOL RCOLD - 1 * 100 6.14 * R HOT TC
RNOM =
0.5325 * ( 2.816 - 0.4086 ) - 0.4086 R1 = 10k * 3.266 - 0.5325 = 604, 604 is the nearest 1% value.
NTC Trip Point Error When a 1% resistor is used for RHOT, the major error in the 40C trip point is determined by the tolerance of the NTC thermistor. A typical 100k NTC thermistor has 10% tolerance. By looking up the temperature coefficient of the thermistor at 40C, the tolerance error can be calculated in degrees centigrade. Consider the Vishay NTHS0603N01N1003J thermistor, which has a temperature coefficient of - 4%/C at 40C. Dividing the tolerance by the temperature coefficient, 5%/(4%/C) = 1.25C, gives the temperature error of the hot trip point.
Temperature Error(C) =
For example, the Vishay NTHS0603N01N1003J thermistor with a tolerance of 5%, TC of -5%/C and RCOLD/RHOT of 6.13, has a cold trip point error of: 1+ 0.05 6.14 * 6.13 - 1 * 100 Temperature Error(C) = -5 = -0.95C, 1.05C
PACKAGE DESCRIPTION
DC Package 6-Lead Plastic DFN (2mm x 2mm)
(Reference LTC DWG # 05-08-1703)
R = 0.115 TYP 0.56 0.05 (2 SIDES) 2.00 0.10 (4 SIDES) PIN 1 CHAMFER OF EXPOSED PAD 3 0.25 0.05 0.50 BSC 1.42 0.05 (2 SIDES) RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS NOTE: 1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WCCD-2) 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS 4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
406944fa
0.38 0.05 4 6
0.675 0.05 2.50 0.05 1.15 0.05 0.61 0.05 (2 SIDES)
PIN 1 BAR PACKAGE TOP MARK OUTLINE (SEE NOTE 6)
1
(DC6) DFN 1103
0.200 REF
0.75 0.05 1.37 0.05 (2 SIDES) 0.00 - 0.05
0.25 0.05 0.50 BSC
BOTTOM VIEW--EXPOSED PAD
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
15
LTC4069-4.4 RELATED PARTS
PART NUMBER Battery Chargers LTC1734 LTC1734L LTC4002 LTC4050 LTC4052 LTC4053 LTC4054 LTC4057 LTC4058 Lithium-Ion Linear Battery Charger in ThinSOTTM Lithium-Ion Linear Battery Charger in ThinSOT Switch Mode Lithium-Ion Battery Charger Lithium-Ion Linear Battery Charger Controller Monolithic Lithium-Ion Battery Pulse Charger USB Compatible Monolithic Li-Ion Battery Charger Standalone Linear Li-Ion Battery Charger with Integrated Pass Transistor in ThinSOT Lithium-Ion Linear Battery Charger Standalone 950mA Lithium-Ion Charger in DFN Simple ThinSOT Charger, No Blocking Diode, No Sense Resistor Needed Low Current Version of LTC1734, 50mA ICHRG 180mA Standalone, 4.7V VIN 24V, 500kHz Frequency, 3 Hour Charge Termination Features Preset Voltages, C/10 Charger Detection and Programmable Timer, Input Power Good Indication, Thermistor Interface No Blocking Diode or External Power FET Required, 1.5A Charge Current Standalone Charger with Programmable Timer, Up to 1.25A Charge Current Thermal Regulation Prevents Overheating, C/10 Termination, C/10 Indicator, Up to 800mA Charge Current Up to 800mA Charge Current, Thermal Regulation, ThinSOT Package C/10 Charge Termination, Battery Kelvin Sensing, 7% Charge Accuracy 2mm x 2mm DFN Package, Thermal Regulation, Charge Current Monitor Output, Version A has ACPR Function 4.2V, 0.35% Float Voltage, Up to 1A Charge Current, 3mm x 3mm DFN 4.4V (Max), 0.4% Float Voltage, Up to 1A Charge Current, 3mm x 3mm DFN 4.2V, 0.35% Float Voltage, Up to 1A Charge Current, 3mm x 3mm DFN Up to 1A Charge Current, 100mA, 125mV LDO, 3mm x 3mm DFN 4.2V, 0.6% Float Voltage, Up to 750mA Charge Current, 2mm x 2mm DFN, Version A has ACPR Function 4.2V, 0.6% Float Voltage, Up to 750mA Charge Current, Timer Termination, + C/10 Detection Output Automatic Switching Between DC Sources, Load Sharing, Replaces ORing Diodes 95% Efficiency, VIN: 2.7V to 6V, VOUT = 0.8V, IQ = 20A, ISD < 1A, ThinSOT Package 95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.6V, IQ = 20A, ISD < 1A, ThinSOT Package 95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.8V, IQ = 60A, ISD < 1A, MS Package 95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 2.5V, IQ = 25A, ISD < 1A, MS Package 2-Channel Ideal Diode ORing, Low Forward ON Resistance, Low Regulated Forward Voltage, 2.5V VIN 5.5V DESCRIPTION COMMENTS
LTC4059/LTC4059A 900mA Linear Lithium-Ion Battery Charger LTC4061 LTC4061-4.4 LTC4062 LTC4063 Standalone Li-Ion Charger with Thermistor Interface Standalone Li-Ion Charger with Thermistor Interface Standalone Linear Li-Ion Battery Charger with Micropower Comparator Li-Ion Charger with Linear Regulator
LTC4065/LTC4065A Standalone Li-Ion Battery Charger LTC4069 LTC4411/LTC4412 Power Management LTC3405/LTC3405A 300mA (IOUT), 1.5MHz, Synchronous Step-Down DC/DC Converter LTC3406/LTC3406A 600mA (IOUT), 1.5MHz, Synchronous Step-Down DC/DC Converter LTC3411 LTC3440 LTC4413 1.25A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter 600mA (IOUT), 2MHz, Synchronous Buck-Boost DC/DC Converter Dual Ideal Diode in DFN Standalone Li-Ion Battery Charger with NTC Thermistor Input in 2 x 2 DFN Low Loss PowerPathTM Controller in ThinSOT
ThinSOT is a trademark of Linear Technology Corporation.
406944fa
16 Linear Technology Corporation
(408) 432-1900 FAX: (408) 434-0507
LT 0908 REV A* PRINTED IN USA
1630 McCarthy Blvd., Milpitas, CA 95035-7417
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2005


▲Up To Search▲   

 
Price & Availability of LTC4069-44

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X