Part Number Hot Search : 
BA6956AN ISD111 02243 AON3402 2SK35 SMA6501 STRRP DEZP66D4
Product Description
Full Text Search
 

To Download LTC3726IGN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC3726 Secondary-Side Synchronous Forward Controller
FEATURES

DESCRIPTIO
Secondary-Side Control for Fast Transient Response Self-Starting Architecture Eliminates Need for Separate Bias Regulator Proprietary Gate Drive Encoding Scheme Reduces System Complexity Current Mode Control Ensures Current Sharing PLL Fixed Frequency: 100kHz to 500kHz 1% Output Voltage Accuracy OPTI-LOOP Compensation Available in a Narrow 16-Lead SSOP Package
The LTC(R)3726 is a secondary-side controller for synchronous forward converters. When used in conjunction with the LTC3705/LTC3725 gate driver and primary-side controllers, the part creates a complete isolated power supply that combines the simplicity of OPTI-LOOP(R) compensation with the speed of secondary-side control. The LTC3726 has been designed to simplify the design of highly efficient, secondary-side forward converters. Working in concert with the LTC3705 or LTC 3725, the LTC3726 forms a robust, self-starting converter that eliminates the need for the separate bias regulator that is commonly used in secondary-side control applications. In addition, a proprietary scheme is used to multiplex gate drive signals and DC bias power across the isolation barrier through a single, tiny pulse transformer. The LTC3726 is available in a 16-lead SSOP package.
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. OPTI-LOOP is a registered trademark of Linear Technology Corporation. All other trademarks are the property of their respective owners. Protected by U.S. Patents, including 6144194. Other patents pending.
APPLICATIO S

Isolated 48V Telecommunication Systems Internet Servers and Routers Distributed Power Step-Down Converters Automotive and Heavy Equipment
TYPICAL APPLICATIO
VIN+ Si7852DP
36V-72V to 3.3V/20A Isolated Forward Converter
T1 L1 1.2H 5k FZT690B 330F 6.3V x3 VOUT+
*
MURS120 Si7852DP
*
CMPSH1-4
1F 100V x3
Si7336ADP MURS120 30m 1W 2m 2W
VIN- 100k BAS21 0.22F
FQT7N10
L1: COILCRAFT SER2010-122 T1: PULSE PA0807 T2: PULSE PA0297 TS BG IS FB/IN
+
365k 1%
NDRV UVLO 2.2F 25V VCC SS/FLT
BOOST TG
1F T2
IS - IS + PT + PT -
FG
SW SG
*
*
LTC3726
LTC3705 FS/IN- GND PGND VSLMT 162k 33nF RUN/SS GND PGND SLP
15k 1%
33nF
U
1.2 Si7336ADP x2 10F 25V 7.5V 2.2F VOUT- 102k 1% VCC FS/SYNC FB/PHASE ITH 680pF 22.6k 1%
3726 TA01
U
U
MODE
20k
3726fb
1
LTC3726
ABSOLUTE MAXIMUM RATINGS
(Note 1)
PACKAGE/ORDER INFORMATION
TOP VIEW SG FG MODE FB/PHASE ITH RUN/SS SLP GND 1 2 3 4 5 6 7 8 16 VCC 15 PT+ 14 PT- 13 PGND 12 SW 11 IS+ 10 IS- 9 FS/SYNC
VCC ........................................................... - 0.3V to 10V SW ............................................................... -5V to 50V ITH, RUN/SS ............................................... - 0.3V to 7V All Other Pins ............................................ - 0.3V to 10V Operating Ambient Temperature Range (Note 2) LTC3726EGN ...................................... - 40C to 85C LTC3726IGN ....................................... - 40C to 85C Operating Junction Temperature (Note 3) ........... 125C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
GN PACKAGE 16-LEAD PLASTIC SSOP TJMAX = 125C, JA = 130C/W
ORDER PART NUMBER LTC3726EGN LTC3726IGN
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/ Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
SYMBOL VFB VFB(LINREG) VFB(LOADREG) VISMAX VISOC gm IRUN/SS(C) IRUN/SS(D) VRUN/SS tON,MIN FG, SG RUP FG, SG RDOWN PT+, PT- RUP VFB(OV) PARAMETER Regulated Feedback Voltage Feedback Voltage Line Regulation Feedback Voltage Load Regulation Maximum Current Sense Threshold Over-Current Shutdown Threshold Transconductance Amplifier gm Soft-Start Charge Current Soft-Start Discharge Current RUN/SS Pin ON Threshold Minimum ON Time FG, SG Driver Pull-Up On Resistance FG, SG Driver Pull-Down On Resistance PT+, PT- Driver Pull-Up Resistance Output Overvoltage Threshold Main Control Loop
The indicates specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 7V, GND = PGND = 0V, unless otherwise noted.
CONDITIONS (Note 4) ITH = 1.2V VCC = 5V to 10V, ITH = 1.2V Measured in Servo Loop, ITH = 0.5V to 2V RSENSE Mode, VIS = 0V CT Mode, VIS = 0V RSENSE Mode, VIS = 0V CT Mode, VIS = 0V VRUN/SS = 2V VRUN/SS Rising FG, SG Low FG, SG High PT+, PT- Low PT+, PT- High VFB Rising 15

MIN 0.594
TYP 0.600 0.001 -0.01
MAX 0.606 -0.1 88 1.4 113 1.85 3.10 -6 0.5 2.3 2.3 2.3 2.3 19
UNITS V %/V % mV V mV V mS A A V ns %
3726fb
68 1.15 87 1.45 2.40 -4 0.4
78 1.28 100 1.65 2.75 -5 3 0.45 200 1.5 1.5 1.5 1.5 17
PR+, PT- RDOWN PT+, PT- Driver Pull-Down Resistance
2
U
W
U
U
WW
W
LTC3726
ELECTRICAL CHARACTERISTICS
SYMBOL VCC Supply VCCOP ICC Operating Voltage Range Supply Current Operating Shutdown UV Lockout UV Hysteresis FS/SYNC Pin Sourcing Current Oscillator Low Frequency Set Point Oscillator High Frequency Set Point Oscillator Resistor Set Accuracy Maximum PLL Sync Frequency Minimum PLL Sync Frequency PARAMETER
The indicates specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 7V, GND = PGND = 0V, unless otherwise noted.
CONDITIONS MIN 5 fOSC = 200kHz (Note 5) VRUN/SS = GND VCC Rising
TYP
MAX 10
UNITS V mA A
4.2 700 4.52 4.60 0.4 20 4.70
VUVLO VHYS IFS fLOW fHIGH f (RFS) fPLL(MAX) fPLL(MIN)
V V A
Oscillator and Phase-Locked Loop VFS/SYNC = GND VFS/SYNC = VCC 75k < RFS/SYNC < 175k 170 255 -20 500 75 200 300 230 345 20 kHz kHz % kHz kHz
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LTC3726E is guaranteed to meet the performance specifications from 0C to 85C junction temperature. Specifications over the -40C to 85C operating temperature range are assured by design, characterization and correlation with statistical process controls. The LTC3726I is guaranteed and tested over the full - 40C to 85C operating temperature range.
Note 3: Operating junction temperature TJ (in C) is calculated from the ambient temperature TA and the average power dissipation PD (in Watts) by the formula: TJ = TA + JA * PD Refer to the Applications Information section for details. Note 4: The LTC3726 is tested in a feedback loop that servos VFB to a voltage near the internal 0.6V reference voltage to obtain the specified ITH voltage (VITH = 1.2V). Note 5: Operating supply current is measured in test mode. Dynamic supply current is higher due to the internal gate charge being delivered at the switching frequency. See Typical Performance Characteristics.
3726fb
3
LTC3726 TYPICAL PERFOR A CE CHARACTERISTICS
VCC Supply Current vs Input Voltage
7 fOSC = 200kHz ALL GATES: CLOAD = 0 100 RSLP = 0 80
VIS/VIS,MAX (%)
80
SUPPLY CURRENT (mA)
6
60 RSLP = 50k 40
100k
VIS/VIS,MAX (%)
80
5
4
3 5 6 8 INPUT VOLTAGE (V) 7 9 10
3726 G01
IS Pins Source Current
400 300 265 260 255
IS PIN SOURCE CURRENT (A)
IS PIN SOURCE CURRENT (A)
200 100 CT-MODE: IIS+ 0 -100 -200 -300 -400 -1 5 2 3 4 IS+, IS- COMMON-MODE VOLTAGE (V) 0 1 6 RS-MODE: (IIS+ + IIS-)
VIS/VIS,MAX (%)
RUN/SS ON Threshold vs Temperature
470 5
PERCENT CHANGE IN FREQUENCY (%)
460
VRUN/SS (mV)
FREQUENCY (kHz)
450
440
430
420 -50
-25
0
25 50 75 TEMPERATURE (C)
4
UW
100
TA = 25C, unless otherwise noted. Maximum Current Sense Threshold vs ITH Voltage
100
Maximum Current Sense Threshold vs Duty Cycle
60
40
20
20
0 0 20 40 DUTY CYCLE (%)
3726 G03
0
60
0
0.5
1.0
1.5 2.0 ITH VOLTAGE (V)
2.5
3.0
3726 G04
IS Pins Source Current vs Temperature
RS-MODE: (IIS+ + IIS-) VIS+ = VIS- = 0V
101.5
Maximum Current Sense Threshold vs Temperature
101.0
250 245 240
100.5
100.0
99.5
235 230 -50
99.0 -50
-25
0
25 50 75 TEMPERATURE (C)
100
125
-25
0
25 50 75 TEMPERATURE (C)
100
125
3726 G05
3726 G06
3726 G07
Oscillator Frequency vs Temperature
600 500 400 300 200 100
Oscillator Frequency vs RFS
4 3 2 1 0 -1 -2 -50 R = 175K fOSC = 500kHz
R = 75K fOSC = 100kHz -25 0 25 50 75 TEMPERATURE (C) 100 125
0 50 75 100 125 150 RFS (k) 175 200
125
3726 G08
3726 G14
3726 G09
3726fb
LTC3726 TYPICAL PERFOR A CE CHARACTERISTICS
FB Voltage vs Temperature
601.0 601.0
UVLO THRESHOLD VOLTAGE (V)
600.5 VFB (mV)
VFB (mV)
600.0
599.5
599.0 -50
-25
0
25 50 75 TEMPERATURE (C)
Gate Driver On-Resistance vs VCC
1.8 1.7 1.6
RDS,ON ()
1.5 PULL-DOWN 1.4 PULL-UP 1.3 1.2 5 6 8 VCC VOLTAGE (V) 7 9 10
3726 G12
RDS,ON ()
Efficiency (Figure 5)
95 VIN = 36V
EFFICIENCY (%)
90 VIN = 72V 85
80 0 5 10 15 LOAD CURRENT (A) 20 25
3726 G17
UW
100
FB Voltage Line Regulation
4.65 4.60 4.55 4.50 4.45 4.40 4.35 4.30 599.0 125 0 5 15 20 25 VIN SUPPLY VOLTAGE (V) 10 30
3726 G11
Undervoltage Lockout vs Temperature
600.5
VCC RISING
600.0
599.5
4.25 -50
-25
0
25 50 75 TEMPERATURE (C)
100
125
3726 G15
3726 G16
Gate Driver On-Resistance vs Temperature
2.50 2.25 2.00 1.75 1.50 1.25 1.00 -50 VCC = 7V
-25
0
25 50 75 TEMPERATURE (C)
100
125
3726 G13
Load Step (Figure 5)
VOUT 100mV/DIV
IOUT 10A/DIV
20s/DIV VIN = 48V VOUT = 3.3V LOAD STEP = 0A TO 20A
3726 G18
3726fb
5
LTC3726
PI FU CTIO S
SG (Pin 1): Gate Drive for the "Synchronous" MOSFET. FG (Pin 2): Gate Drive for the "Forward" MOSFET. MODE (Pin 3): Tie to either GND or VCC to set the maximum duty cycle at either 50% or 75% respectively. Tie to ground through either a 200k or 100k resistor (50% or 75% maximum duty cycle) to disable pulse encoding. In this mode, normal PWM signals will be generated at the PT+ pin, while a clock signal is generated at the PT- pin. FB/PHASE (Pin 4): Inverting input of the main loop Error Amplifier and Control Input to the Phase Selector. In PolyPhase(R) Slave applications (where voltage feedback is not needed) this pin is used to determine the phasing of the controller CLK relative to the synchronizing signal at the FS/SYNC pin. ITH (Pin 5): The Output of the Main Loop Error Amplifier. Place compensation components between the ITH pin and GND. RUN/SS (Pin 6): Combination Run Control and Soft-Start Inputs. A capacitor to ground sets the ramp time of the output voltage. Holding this pin below 0.4V causes the IC to shut down all internal circuitry. SLP (Pin 7): Slope Compensation Input. Place a single resistor to ground to set the desired amount of slope compensation. GND (Pin 8): Signal Ground.
PolyPhase is a registered trademark of Linear Technology Corporation.
6
U
U
U
FS/SYNC (Pin 9): Combination Frequency Set and SYNC pin. Tie to GND or VCC to run at 200kHz and 300kHz respec-tively. Place a single resistor to ground at this pin to set the frequency between 75kHz and 500kHz. To synchronize, drive this pin with a clock signal to achieve PLL synchronization from 75kHz to 500kHz. Sources 20A of current. IS- (Pin 10): Negative Input to the Current Sense Circuit. When using current sense transformers, this pin may be tied to VCC for single-ended sensing with a 1.28V maximum current trip level. IS+ (Pin 11): Positive Input to the Current Sense Circuit. Connect to the positive end of a current sense resistor or to the output of a current sense transformer. SW (Pin 12): Connect to the drain of the "synchronous" MOSFET. This input is used for adaptive shoot-through prevention and leading edge blanking. PGND (Pin 13): Gate Driver Ground Pin. PT -, PT + (Pins 14, 15): Pulse Transformer Driver Outputs. For most applications, these connect to a pulse transformer (with a series DC blocking capacitor). The PWM information is multiplexed together with DC power and sent through a single pulse transformer to the primary side. This information may be decoded by the LTC3705 gate driver and primary-side controller. VCC (Pin 16): Main VCC Input for all Driver and Control Circuitry.
3726fb
LTC3726
BLOCK DIAGRA
IS+ 11
2x
+
32x
IS- 10
-
2V
+
C
-
ITH 5 0.60V FB/PHASE 4 SLP 7 FS/SYNC 9 OSC AND PLL DRIVE/DMAX CONTROL
+
EA
gm = 2.8mS 2.5V RUN/SS SLOPE COMP 1 3.2V
-
MODE 3
4VSB RUN/SS 6 FB VCCUV SOFTSTART WAIT
GND 8
W
+
C VCC ITRP RESET DOMINANT WAIT OVP R Q S 0.25V PWM WAIT OVP VCC FG 2 PGND 13 SG 1
-
+
C
SKIP
DMAX
+ -
VCC
0.2V SW
-
BLANK ZERO CROSSING DETECT
12
+
C OC DRIVER ENCODING AND LOGIC
PT + 15 PGND
-
OVERCURRENT
VCC
*
PT - 14
*
PULSE XFMR
BLANK DMAX
DRIVE TYPE
VCC 19 UVLO VCCUV REG 4VSB VREF 1.24V
3726 BD
OC
3726fb
7
LTC3726
OPERATIO
Main Control Loop The LTC3726 is designed to work in a constant frequency, current mode, one or two transistor forward converter. During normal operation, the primary-side MOSFET(s) is (are) "clocked" on with the forward MOSFET on the secondary side. This applies the reflected input voltage across the inductor on the secondary side. When the current in the inductor has ramped up to the peak value as commanded by the voltage on the ITH pin, the current sense comparator is tripped, turning off the primary-side and forward MOSFETs. To avoid turning on the synchronous MOSFET prematurely and causing shoot-through, the voltage on the SW pin is monitored. This voltage will usually fall below 0V soon after the primary-side MOSFETs have turned completely off. When this condition is detected, the synchronous MOSFET is quickly turned on, causing the inductor current to ramp back downwards. The error amplifier senses the output voltage, and adjusts the ITH voltage to obtain the peak current needed to maintain the desired main-loop output voltage. The LTC3726 always operates in a continuous current, synchronous switching mode. This ensures a rapid transient response as well as a stable bias supply voltage at light loads. A maximum duty cycle (either 50% or 75%) is internally set via clock dividers to prevent saturation of the main transformer. In the event of an overvoltage on the output, the synchronous MOSFET is quickly turned on to help protect critical loads from damage. Gate Drive Encoding Since the LTC3726 controller resides on the secondary side of an isolation barrier, communication to the primaryside power MOSFETs is generally done through a transformer. Moreover, it is often necessary to generate a low voltage bias supply for the primary-side gate drive circuitry. In order to reduce the number of isolated windings present in the system, the LTC3726 uses a proprietary scheme to encode the PWM gate drive information and multiplex it together with bias power for the primary-side drive and control, using a single pulse transformer. Note that, unlike optoisolators and other modulation techniques, this multiplexing scheme does not introduce a significant time delay into the system.
8
U
For most forward converter applications, the PT+ and PT- outputs will contain a pulse-encoded PWM signal. These outputs are driven in a complementary fashion with an essentially constant 50% duty cycle. This results in a stable volt-second balance as well as an efficient transfer of bias power across the pulse transformer. As shown in Figure 1, the beginning of the positive half-cycle coincides with the turn-on of the primary-side MOSFET(s). Likewise, the beginning of the negative half-cycle coincides with the maximum duty cycle (forced turn-off of primary switch(es)). At the appropriate time during the positive half-cycle, the end of the "on" time (PWM going LOW) is signaled by briefly applying a zero volt differential across the pulse transformer. Figure 1 illustrates the operation of this multiplexing scheme. The LTC3705 primary-side controller and gate driver will decode this PWM information as well as extract the power needed for primary-side gate drive.
DUTY CYCLE = 15% 150ns 7V 7V DUTY CYCLE = 0% 150ns VPT1+ - VPT1- -7V 1 CLK PER -7V 1 CLK PER
3726 F01
Figure 1: Gate Drive Encoding Scheme (VMODE = GND)
Self-Starting Architecture When the LTC3726 is used in conjunction with the LTC3705/ LTC3725 primary-side controller and gate driver, a complete self-starting isolated supply is formed. When input voltage is first applied in such an application, the LTC3705/ LTC3725 will begin switching in an "open-loop" fashion, causing the main output to slowly ramp upwards. This is the primary-side soft-start mode. On the secondary side, the LTC3726 derives its operating bias voltage from a peak-charged capacitor. This peak-charged voltage will rise more rapidly than the main output of the converter, so that the LTC3726 will become operational well before the output voltage has reached its final value.
3726fb
LTC3726
OPERATIO
When the LTC3726 has adequate operating voltage, it will begin the procedure of assuming control from the primary side. To do this, it first measures the voltage on the power supply's main output and then automatically advances its own soft-start voltage to correspond to the main output voltage. This ensures that the output voltage increases monotonically as the soft-start control is transferred from primary to secondary. The LTC3726 then begins sending PWM signals to the LTC3705/LTC3725 on the primary side through a pulse transformer. When the LTC3705/ LTC3725 has detected a stable signal from the secondary controller, it transfers control of the primary switches over to the LTC3726, beginning the secondary-side soft-start mode. The LTC3726 continues in this mode until the output voltage has ramped up to its final value. If for any reason, the LTC3726 either stops sending (or initially fails to send) PWM information to the LTC3705/LTC3725, the LTC3705/LTC3725 will detect a FAULT and initiate a softstart retry (see the LTC3705/LTC3725 data sheet). Slope Compensation Slope compensation is added at the input of the PWM comparator to improve stability and noise margin of the peak current control loop. The amount of slope compensation can be selected from one of five preprogrammed values using the SLP pin as shown in Table 1. Note that the amount of slope compensation doubles when the duty cycle exceeds 50%.
Table 1
SLP PIN GND VCC 400k to GND 200k to GND 100k to GND 50k to GND SLOPE (D < 0.5) 0.05 * ISMAX * fOSC None 0.1 * ISMAX * fOSC 0.15 * ISMAX * fOSC 0.25 * ISMAX * fOSC 0.5 * ISMAX * fOSC SLOPE (D > 0.5) 0.1 * ISMAX * fOSC None 0.2 * ISMAX * fOSC 0.3 * ISMAX * fOSC 0.5 * ISMAX * fOSC 1.0 * ISMAX * fOSC
In Table 1 above, ISMAX is the maximum current limit, and fOSC is the switching frequency.
Current Sensing and Current Limit For current sensing, the LTC3726 supports either a current sense resistor or a current sense transformer. The current sense resistor may either be placed in series with
U
the inductor (either high side or ground lead sensing), or in the source of the "forward" switch. If a current sense transformer is used, the IS- input should be tied to VCC and the IS+ pin to the output of the current sense transformer. This causes the gain of the internal current sense amplifier to be reduced by a factor of 16, so that the maximum current sense voltage (current limit) is increased from 78mV to 1.28V. An internal, adaptive leading edge blanking circuit ensures clean operation for "switch" current sensing applications. Current limit is achieved in the LTC3726 by limiting the maximum voltage excursion of the error signal (ITH voltage). Note that if slope compensation is used, the precise value at which current limit occurs will be a function of duty cycle (see Typical Performance Characteristics). If a short circuit is applied, an independent overcurrent comparator may be tripped. In this case, the LTC3726 will enter a "hiccup" mode using the soft-start circuitry. Frequency Setting and Synchronization The LTC3726 uses a single pin to set the operating frequency, or to synchronize the internal oscillator to a reference clock with an on-chip phase-locked loop (PLL). The FS pin may be tied to GND, VCC or have a single resistor to GND to set the switching frequency. If a clock signal (>2V) is detected at the FS pin, the LTC3726 will automatically synchronize to the rising edge of the reference clock. Table 2 summarizes the operation of the FS pin. For synchronization between multiple LTC3726s, the PT + pin of one LTC3726 can be used as a master clock reference and tied to the FS pin of the other LTC3726s.
Table 2
FS PIN GND VCC RFS to GND Reference Clock SWITCHING FREQUENCY 200kHz 300kHz fOSC (Hz) = 4RFS - 200k fOSC = fREF (75kHz to 500kHz)
This will cause all LTC3726s to operate at the same frequency and phase. The LTC3726 can also be used as a "Slave" in a PolyPhase application. In this case, the phase angle of each LTC3726 can be set by using the FB/PHASE
3726fb
9
LTC3726
OPERATIO
pin (see Slave Mode Operation). The Phase angle cannot be adjusted when the FB/PHASE pin is being used for voltage loop regulation. Soft-Start The soft-start circuitry has four functions: 1) to provide a shutdown, 2) to provide a smooth ramp on the output voltage during start-up, 3) to limit the output current in a short-circuit situation by entering a hiccup mode, and 4) to communicate fault and shutdown information between multiple LTC3726s in a PolyPhase application. When the RUN/SS pin is pulled to GND, the chip is placed into shutdown mode. If this pin is released, the RUN/SS pin is initially charged with a 50A current source. After the RUN/SS pin gets above 0.5V, the chip is enabled. At the instant that the LTC3726 is first enabled, the RUN/SS voltage is rapidly preset to a voltage that will correspond to the main output voltage of the DC/DC converter. (See the Self-Starting Architecture section.) After this preset interval has completed, the normal soft-start interval begins and the charging current is reduced to 5A. The external soft-start voltage is used to internally ramp up the 0.6V reference (positive) input to the error amplifier. When fully charged, the RUN/SS voltage remains at 3V. In the event that the sensed switch or inductor current exceeds the overcurrent trip threshold, an internal fault latch is tripped. When such a fault is detected, the LTC3726 immediately goes to zero duty cycle and initiates a softstart retry. Prior to discharging the soft-start capacitor, however, the LTC3726 first puts a voltage pulse on the RUN/SS pin, which trips the fault latch in any other LTC3726 that shares the RUN/SS. This ensures an orderly shutdown of all phases in a PolyPhase application. After the soft-start capacitor is fully discharged, the LTC3726 attempts a restart. If the fault is persistent, the system enters a "hiccup" mode. Note that in self-starting secondary-side control applications (with the LTC3705 or LTC3725), the presence of the LT3726 bias voltage is dependent upon the regular switching of the primary-side MOSFETs. Therefore, depending on the details of the application circuit, the LTC3726 may
10
U
lose its bias voltage after a fault has been detected and before completing a soft-start retry. In this case, the "hiccup-mode" operation is actually governed by the LTC3705/LTC3725 soft-start circuitry (see the LTC3705/ LTC3725 data sheets). Drive Mode and Maximum Duty Cycle Although the LTC3726 is primarily intended to be used with the LTC3705/LTC3725 in forward converter applications, the MODE pin provides the flexibility to use the LTC3726 in a wide variety of additional applications. This pin can be used to defeat the gate drive encoding scheme, as well as change the maximum duty cycle from its default value of 50%. The use of the MODE pin is summarized in Table 3. When the gate drive encoding scheme is defeated, a standard PWM-style signal will be present at the PT+ pin and a reference clock (in phase with the PWM signal) will be present at the PT- pin. These outputs can be used in "standalone" applications (without the LTC3705/LTC3725) to drive the gates of MOSFETs in a conventional manner.
Table 3
MODE PIN GND VCC 200k to GND 100k to GND PT+/PT- Mode (MAX DUTY CYCLE) Encoded PWM (DMAX = 50%) Encoded PWM (DMAX = 75%) Standard PWM (DMAX = 50%) Standard PWM (DMAX = 75%) INTENDED APPLICATION 2-Switch Forward with LTC3705 1-Switch Forward with LTC3725 2-Switch Forward Standalone 1-Switch Forward Standalone
Overvoltage Protection This circuit monitors the voltage on the FB input. If the voltage on the FB pin exceeds 117% of 0.6V (0.7V), an overvoltage (OVP) is detected. For overvoltage protection, the secondary-side synchronous MOSFET is turned on while all other MOSFETs are turned off. This protection mode is not latched, so that the overvoltage detection is cleared if the FB voltage falls below 115% of 0.6V (0.69V).
3726fb
LTC3726
OPERATIO
Slave Mode Operation When two or more LTC3726 devices are used in PolyPhase systems, one device becomes the "Master" controller, while the others are used as "Slaves." Slave mode is activated when the FB/PHASE pin is greater than approximately 2V. In this mode, the ITH pin becomes a highimpedance input, allowing it to be driven by the Master controller. In this way, equal inductor currents are established in each of the individual phases. Also, in slave mode, the soft-start charge/discharge currents are disabled, allowing the Master device to control the charging and discharging of the soft-start capacitor. In slave mode, the phase angle of each LTC3726 can be set by using the FB/PHASE pin. This pin can be tied to VCC, or
APPLICATIO S I FOR ATIO
Start-Up Considerations
In self-starting applications, the LTC3705/LTC3725 will initially begin the soft-start of the converter in an openloop fashion. After bias is obtained on the secondary side, the LTC3726 assumes control and completes the softstart interval. In order to ensure that control is properly transferred from the LTC3705/LTC3725 (primary-side) to the LTC3726 (secondary-side), it is necessary to limit the rate of rise on the primary-side soft-start ramp so that the LTC3726 has adequate time to wake up and assume control before the output voltage gets too high. This condition is satisfied for many applications if the following relationship is maintained: CSS,SEC CSS PRI However, care should be taken to ensure that soft-start transfer from primary-side to secondary-side is completed well before the output voltage reaches its target value. A good design goal is to have the transfer completed when the output voltage is less than one-half of its target value. Note that the fastest output voltage rise time during primary-side soft-start mode occurs with maximum input voltage and minimum load current. The open-loop start-up frequency on the LTC3705/LTC3725 is set by placing a resistor from the FB/IN + pin to GND.
U
W
UU
U
have a single resistor to VCC to activate Slave mode and set the phase angle (delay) of the internal oscillator relative to the incoming sync signal on the FS/SYNC pin. Any one of six preset values can be selected as summarized in Table 4.
Table 4
FB/PHASE PIN VFB/PHASE < 2V VFB/PHASE = VCC 200k to VCC 100k to VCC 50k to VCC PHASE DELAY 0 180 60 90 120 OPERATING MODE Master Slave Slave Slave Slave
Although the exact start-up frequency on the primary side is not critical, it is generally good practice to set this approximately equal to the operating frequency on the secondary side. The FS/IN- start-up resistor for the LTC3705/LTC3725 may be selected using the following:
fPRI (Hz) =
3.2 * 1010 RFS /IN- + 10k
In the event that the secondary-side circuitry fails to properly start up and assume control of switching, there are several fail-safe mechanisms to help avoid overvoltage conditions. First, the LTC3705/LTC3725 contains a voltsecond clamp that will keep the primary-side duty cycle at a level that cannot produce an overvoltage condition. Second, the LTC3705/LTC3725 contains a time-out feature that will detect a FAULT if the LTC3726 fails to start up and deliver PWM signals to the primary side. Finally, the LTC3726 has an independent overvoltage detection circuit that will crowbar the output of the DC/DC converter using the synchronous MOSFET switch. In the event that a short circuit is applied to the output of the DC/DC converter prior to start-up, the LTC3726 will generally not receive enough bias voltage to operate. In this case, the LTC3705/LTC3725 will detect a FAULT for
3726fb
11
LTC3726
APPLICATIO S I FOR ATIO
one of two reasons: 1) the start-up time-out feature will be activated since the LTC3726 never sends signals to the primary side or 2) the primary-side overcurrent circuit will be tripped because of current buildup in the output inductor. In either case, the LTC3705/LTC3725 will initiate a shutdown followed by a soft-start retry. See the LTC3705/ LTC3725 data sheets for further details. Bias Supply Generation Figure 2 shows a commonly used method of developing a VCC bias supply for the LTC3726. During start-up, the circuit of Figure 2 uses a peak detector followed by a simple linear regulator to rapidly develop a VCC voltage for the LTC3726. Note that this bias voltage must rise faster than the open-loop soft-start that is initiated by the LTC3705/LTC3725. This ensures that the LTC3726 begins switching and assumes control of the soft-start before the output voltage has risen substantially. The value of R1 should be chosen to keep the peak charging current below the maximum (non-repetitive peak) rating of diode D1, but should otherwise be as small as
R1 1.2 CMPSH1-4 D1 C1 10F 25V D2 7.5V MAIN TRANSFORMER PEAK CHARGER LTC3726 VCC
3726 F02
*
1
* BIAS
WINDING NB
R2 5K Q1 FZT690B C2 1F 16V
REGULATOR
Figure 2. Typical Bias Supply Configuration
possible to provide a rapid charging of capacitor C1. This capacitor serves as a reservoir to provide bias voltage as the LTC3726 begins switching and assumes control of the soft-start from the LTC3705/LTC3725. Care should be taken to ensure that capacitor C1 is adequately large to provide enough hold-up time for the LTC3726 to assume control and establish a firm bias voltage at the main transformer.
12
U
The linear regulator of Figure 2 should be designed to handle the total expected ICC current. For self-starting applications with the LTC3705/LTC3725, this regulator will supply the operating bias current for both primary and secondary side control circuitry. This current may be approximated using the following:
ICC = IQ ,3726 + MS fOSCQ G,SEC + 2 MP fOSCQ G,PRI + IQ,3 7 05
W
UU
(
)
+ICORE + 20C SNUB VCC fOSC
where IQ,3705 and IQ,3726 are the operating supply currents of the LTC3705/LTC3725 and LTC3706, MP and MS are the number of power MOSFETs used on the primary and secondary sides, QG,PRI and QG,SEC are the total gate charge of the primary and secondary MOSFETs, ICORE is the core loss current associated with the pulse transformer, and CSNUB is the snubber capacitor across the pulse transformer. Note that the current used by the primary side circuitry is doubled by the 2:1 turns ratio of the pulse transformer. For the Typical Application circuit of Figure 5, the total ICC delivered by the linear regulator is 5mA + 3(50nC)(200kHz) + 2(2(38nC)(200kHz) + 2mA) + 3mA + 13mA = 85mA. To accommodate this current, Q1 should have a high Beta (>300), and R2 should be chosen to supply adequate base current at low VIN (e.g., at 36V on the converter input), while maintaining a reasonable power dissipation in D2 at high VIN (72V). The turns ratio (NB) of the bias winding should be chosen to ensure that there is adequate voltage to operate the LTC3726 over the entire range for the DC/DC converter's input bus voltage (VBUS). This may be calculated using
NB = VCC(MIN) + 1 . 2V + VBUS(MIN) R2 ICC Q1
VCC(MIN) can be as low as 5V (if this provides adequate gate drive voltage to maintain acceptable efficiency), or as high as 7V. For the Figure 2 circuit if VCC(MIN) = 6V, ICC = 85mA, and VBUS = 36V-72V, this would mean a turns ratio NB = 0.24, or a 9:2 transformer. Generally, if the output voltage of the DC/DC converter is 3.3V or higher, then the main output of the power transformer (tied to SW node on
3726fb
LTC3726
APPLICATIO S I FOR ATIO
the LTC3726) can be used as the input to the peak charge circuit of Figure 2. For lower output voltages, however, it is normally necessary to use a dedicated bias winding to generate adequate bias voltage for the LTC3726. Current Sensing The LTC3726 provides considerable flexibility in current sensing techniques. It supports two main methods: 1) resistive current sensing and 2) current transformer current sensing. Resistive current sensing is generally simpler, smaller and less expensive, while current transformer sensing is more efficient and generally appropriate for higher (> 20A) output currents. For resistive current sensing, the sense resistor may be placed in any one of three different locations: high side inductor, low side inductor or low side switch, as shown in Figure 3. Sensing the inductor current (high
*
*
IS+ LTC3726 IS- 78mV MAX
3726 F03a
Figure 3a. High Side Inductor: Easier Layout, Low Noise, Accurate
*
*
IS+ LTC3726 IS- 78mV MAX
3726 F03c
Figure 3c. Switch Current Sensing: Easy Layout, Accurate, Higher Efficiency, High VOUT Capable
Figure 3. Current Sensing Techniques
U
side or low side) is generally less noisy but dissipates more power than sensing the switch current (Figures 3a and 3b). High side inductor current sensing provides a more convenient layout than low side (no split ground plane), but can only be used for output voltages up to 5.5V, due to the common mode limitations of the current sense inputs (IS+ and IS-). For most applications, low side switch current sensing will be a good solution (Figure 3c). For high current applications where efficiency (power dissipation) is very important, a current sense transformer may be used. As shown in Figure 3d, the IS- pin should be tied off to VCC when a current sense transformer is used. This causes the IS+ pin to become a single ended (nondifferential) current sense input with a maximum current sense voltage of 1.28V. Figure 3d shows a typical application circuit using a current transformer.
* *
IS+ LTC3726 IS- 78mV MAX
3726 F03b
W
UU
Figure 3b. Low Side Inductor: Accurate, Low Noise, High VOUT Capable
*
* * *
1.28V MAX TRIP 5 TO 50
IS+ LTC3726 IS-
VCC
3726 F03d
Figure 3d. Current Transformer: Highest Efficiency, High VOUT Capable
3726fb
13
LTC3726
APPLICATIO S I FOR ATIO
PolyPhase Applications
Figure 4 shows the basic connections for using the LTC3705/LTC3725 and LTC3726 in PolyPhase applications. One of the phases is always identified as the "master," while all other phases are "slaves." For the LTC3705/ LTC3725 (primary side), the master monitors the VIN voltage for undervoltage, performs the open-loop start-up and supplies the initial VCC voltage for the master and all slaves. The LTC3705/LTC3725 slaves simply stand by and wait for PWM signals from their respective pulse transformers. Since the SS/FLT pins of each master and slave LTC3705/LTC3725s are interconnected, a FAULT (overcurrent, etc.) on any one of the phases will perform a shutdown/restart on all phases together. The LTC3705/ LTC3725 is put into slave mode by omitting the resistor on FS/IN-. For the LTC3726, the master performs soft-start and voltage-loop regulation by driving all slaves to the same current as the master using the ITH pins. Faults and shutdowns are communicated via the interconnection of the RUN/SS pins. The LTC3726 is put into slave mode by tying the FB pin to VCC.
14
U
VIN+ VBIAS VOUT+ VCC NDRV UVLO VCC SS/FLT LTC3705/25 (MASTER) VIN- FS/IN- FB/IN+ FS/SYNC PT + FB/PHASE ITH PT - RUN/SS LTC3726 (MASTER)
W
UU
*
*
VCC NDRV SS/FLT FB/IN+ VCC UVLO FS/IN- RUN/SS FS/SYNC PT + PT -
*
*
ITH
FB/PHASE LTC3726 (SLAVE)
LTC3705/25 (SLAVE)
3726 F05
Figure 4. Connections for PolyPhase Operation
3726fb
LTC3726
PACKAGE DESCRIPTIO
.254 MIN
.0165 .0015
RECOMMENDED SOLDER PAD LAYOUT 1 23 4 56 7 8 .004 - .0098 (0.102 - 0.249)
.007 - .0098 (0.178 - 0.249) .016 - .050 (0.406 - 1.270) NOTE: 1. CONTROLLING DIMENSION: INCHES INCHES 2. DIMENSIONS ARE IN (MILLIMETERS)
3. DRAWING NOT TO SCALE *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
GN Package 16-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)
.045 .005 .189 - .196* (4.801 - 4.978) 16 15 14 13 12 11 10 9 .009 (0.229) REF .150 - .165 .229 - .244 (5.817 - 6.198) .150 - .157** (3.810 - 3.988) .0250 BSC
.015 .004 x 45 (0.38 0.10)
0 - 8 TYP
.0532 - .0688 (1.35 - 1.75)
.008 - .012 (0.203 - 0.305) TYP
.0250 (0.635) BSC
GN16 (SSOP) 0204
3726fb
15
LTC3726
TYPICAL APPLICATIO
VIN+ L1 1H
1F 100V
1F 100V x3
VIN- 100k FQT7N10 BAS21 0.22F
365k 1%
NDRV UVLO
BOOST TG TS BG IS FB/IN+
1nF 2.2F 25V 15k 1%
LTC3705 VCC SS/FLT GND PGND VSLMT 33nF FS/IN-
Figure 5. 36V-72V to 3.3V/20A Isolated Forward Converter (See Typical Performance Characteristics)
RELATED PARTS
PART NUMBER LT1534 LT1619 LT1681/LT3781 LT1725 LTC1871 LT1910 LT1952 LTC3440 LTC3704 LTC3705 LT3706 LTC3722 LTC3725 DESCRIPTION Ultralow Noise 2A Switching Regulator Low Voltage Current Mode Controller Dual Transistor Synchronous Forward Controller General Purpose Isolated Flyback Controller Wide Input Range, No RSENSETM Controller Protected High Side MOSFET Driver Single Switch Forward Controller Micropower Buck-Boost DC/DC Converter Positive-to-Negative DC/DC Controller Two-Switch Forward Converter Gate Driver and Controller PolyPhase Secondary Side Controller Full Bridge Controller Two-Switch Forward Controller COMMENTS Reduces Conducted and Radiated EMI, Low Switching Harmonics, 20kHz to 250kHz Switching Frequency 1.9V VIN 18V, 300kHz Operation, Boost, Flyback, SEPIC Operation Up to 72V Maximum No Optoisolator Required, Accurate Regulation Without User Trims, 50kHz to 250kHz Switching Frequency, SSOP-16 Package Operation as Low as 2.5V Input, Boost, Flyback, SEPIC 8V to 48V Supply Range, Protected -15V to 60V Supply Transient 25W to 500W; Synchronous Controller Synchronous, Single Inductor, No Schottky Diode Required 2.5V VIN 36V, No RSENSE Current Mode Operation, Excellent Transient Response Use with LTC3726, Isolated Power Supplies, High Speed Gate Drivers Scalable Output Power; Self-Starting Architecture Synchronous; ZVS Operation; 24-Pin SSOP On-Chip Gate-Driver; Fast Startup
No RSENSE is a trademark of Linear Technology Corporation.
16
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507
U
MURS120 T1 Si7852DP
*
*
9:2 Si7336ADP
10 0.25W 1nF 100V 1nF 100V 10 0.25W
L2 1.2H 1.2 CMPSH1-4 Si7336ADP x2 1F 5K FZT690B 7.5V 10F 25V CZT3019 2.2F 16V
VOUT+
Si7852DP
330F 6.3V x3
MURS120 30m 1W 100 680pF L1: VISHAY IHLP-2525CZ-01 L2: COILCRAFT SER2010-122 T1: PULSE PA0807 T2: PULSE PA0297 T2 100 470pF 0.1F 5k 2:1 162k 33nF 100 1nF IS- IS+ PT + 1F PT - RUN/SS LTC3726 ITH 100 2.2nF 250V 2m 2W
VOUT- 102k 1%
FG
SW SG
VCC FS/SYNC FB/PHASE
*
*
GND
PGND
SLP 100k
MODE
680pF 20k 22.6k 1%
3726 F05
3726fb LT 0207 REV B * PRINTED IN THE USA
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2006


▲Up To Search▲   

 
Price & Availability of LTC3726IGN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X