Part Number Hot Search : 
FQI9N25 NDU4116E LP28010 MAX821 SM103 CE100 ADXL3 MAX20
Product Description
Full Text Search
 

To Download LTC2922IF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC2921/LTC2922 Series Power Supply Tracker with Input Monitors
FEATURES
s s s s s s s s s s
DESCRIPTIO
Tracks Multiple Supplies with MOSFET Switches Monitors 5 Input Voltages Including VCC Guaranteed Threshold Accuracy: 1% at 0.5V Automatic Remote Sense Switching Adjustable Supply Ramp Rate Overvoltage Monitor Adjustable Electronic Circuit Breaker Adjustable Power-Good Delay Available for VCC Supply Voltages of 5V, 3.3V and 2.5V Available in 16-Pin Narrow SSOP (LTC2921 Series) and 20-Pin TSSOP (LTC2922 Series)
The LTC(R)2921 and LTC2922 monitor up to five supplies and force them to track on power-up in multiple supply systems. Using external N-channel pass transistors, the supplies can be ramped up at an adjustable rate. Automatic remote sense switching allows the DC/DC converters to compensate for series voltage drops in the wiring. An incorrect level on one or more of the supplies triggers disconnect of all supplies. Tight 1% accuracy and glitch immunity on the low 0.5V monitoring level ensure no false error disconnects. The LTC2921 and LTC2922 each feature an adjustable electronic circuit breaker to protect the VCC supply against short circuits. Capacitance at the TIMER pin programs the delays in the monitoring sequence. The LTC2921 includes three remote sense switches in a 16-pin narrow SSOP package, while the LTC2922 includes five remote sense switches in a 20-pin TSSOP package. Both parts are available for VCC supply voltages of 5V, 3.3V, and 2.5V.
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIO S
s s s s s
Desktop Computers Plug-In Cards Telecom Infrastructure Supply Sequencing Instruments
TYPICAL APPLICATIO
VOUT VFB DC/DC CONVERTER VOUT VFB DC/DC CONVERTER VOUT VFB DC/DC CONVERTER 243k 169k 2.5V SUPPLY 100 3.3V SUPPLY 100 5V SUPPLY 100
Three-Supply Tracker and Monitor (5V, 3.3V, 2.5V)
WSL1206 0.05 Si2316DS 10 3.3V LOAD 5V LOAD
Si2316DS 10
2.5V SUPPLY 2V/DIV 5V LOAD 3.3V LOAD OUTPUTS 2V/DIV 2.5V LOAD
Si2316DS 10
2.5V LOAD
VCC V1 V2 V3 V4 S1 S2 S3 GND CIRCUIT BREAKER RESET CONTROL
SENSE GATE 0.47F PG D1 D2 D3 TIMER 0.22F
4.7k
PG 2V/DIV
49.9k Si1012R CBRST 100k
49.9k
LTC2921
RESET
tGATE ~ 500ms tTIMER ~ 130ms
2921/22 TA01
U
Load Voltage Ramp-Up and Power-Good Activation
100ms/DIV 5V SUPPLY AT 5V 3.3V SUPPLY AT 3.3V
2921/22 TA01b
U
U
29212fa
1
LTC2921/LTC2922 Series
ABSOLUTE
AXI U RATI GS (Note 1)
Switch Currents (DC, RMS) S0, D0, S4, D4 (LTC2922 Series) ..................... 30mA S1, D1, S2, D2, S3, D3 ..................................... 30mA Operating Ambient Temperature Range LTC2921C/LTC2922C .............................. 0C to 70C LTC2921I/LTC2922I ............................-40C to 85C Junction Temperature (Note 2) ............................. 125C Storage Temperature Range ..................-65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
VCC Supply Voltage ...................................... -0.3V to 7V V1, V2, V3, V4 Voltages ............................... -0.3V to 7V SENSE Voltage ............................................ -0.3V to 7V TIMER Voltage ............................. -0.3V to (VCC + 0.3V) Charge Pumped Output Voltages GATE, PG ............................................ -0.3V to 12.2V Switch Voltages S0, D0, S4, D4 (LTC2922 Series) ............ -0.3V to 7V S1, D1, S2, D2, S3, D3 ............................ -0.3V to 7V
PACKAGE/ORDER I FOR ATIO
TOP VIEW V1 1 V2 2 V3 3 V4 4 S3 5 D3 6 S2 7 D2 8 16 TIMER 15 VCC 14 SENSE 13 GATE 12 PG 11 GND 10 D1 9 S1
ORDER PART NUMBER LTC2921CGN LTC2921CGN-3.3 LTC2921CGN-2.5 LTC2921IGN LTC2921IGN-3.3 LTC2921IGN-2.5 GN PART MARKING 2921 292133 292125 2921I 921I33 921I25
GN PACKAGE 16-LEAD NARROW PLASTIC SSOP TJMAX = 125C, JA = 110C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 5V for LTC2921/LTC2922, VCC = 3.3V for LTC2921-3.3/LTC2922-3.3, and VCC = 2.5V for LTC2921-2.5/LTC2922-2.5, unless otherwise noted.
SYMBOL Supply Pin VCC Supply Voltage Typical Operating Range LTC2921/LTC2922 LTC2921-3.3/LTC2922-3.3 LTC2921-2.5/LTC2922-2.5 LTC2921/LTC2922 LTC2921-3.3/LTC2922-3.3 LTC2921-2.5/LTC2922-2.5 LTC2921/LTC2922 LTC2921-3.3/LTC2922-3.3 LTC2921-2.5/LTC2922-2.5
q q q q q q
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
ICC VCC(MON)
Supply Current Supply Monitor Threshold Voltage 4.285 2.828 2.265 5.82 3.84 3.08
VCC(OV)
Supply Overvoltage Threshold
2
U
U
W
WW U
W
TOP VIEW SO 1 TIMER 2 V1 3 V2 4 V3 5 V4 6 S4 7 D4 8 S3 9 D3 10 20 D0 19 VCC 18 SENSE 17 GATE 16 PG 15 GND 14 D1 13 S1 12 D2 11 S2
ORDER PART NUMBER LTC2922CF LTC2922CF-3.3 LTC2922CF-2.5 LTC2922IF LTC2922IF-3.3 LTC2922IF-2.5
F PACKAGE 20-LEAD PLASTIC TSSOP TJMAX = 125C, JA = 90C/W
MIN
TYP
MAX
UNITS
4.50 2.97 2.37
5.00 3.30 2.50 2 4.350 2.871 2.300 6.13 4.04 3.24
5.50 3.63 2.63 4.415 2.914 2.335 6.43 4.24 3.40
V V V mA V V V V V V
29212fa
LTC2921/LTC2922 Series
ELECTRICAL CHARACTERISTICS
SYMBOL VCC(UVLO) VCC(UVH) VSENSE ISENSE tV1(DLY) PARAMETER Supply Undervoltage Lockout Supply Undervoltage Hysteresis Circuit Breaker Trip Voltage SENSE Pin Input Current Circuit Breaker Trip Delay Time
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 5V for LTC2921/LTC2922, VCC = 3.3V for LTC2921-3.3/LTC2922-3.3, and VCC = 2.5V for LTC2921-2.5/LTC2922-2.5, unless otherwise noted.
CONDITIONS VCC Rising VCC Falling VSENSE = VCC - VSENSE VCC - VSENSE = 150mV LTC2921/LTC2922 LTC2921-3.3/LTC2922-3.3 LTC2921-2.5/LTC2922-2.5 Guaranteed Not to Reset Guaranteed to Reset
q q q q q
MIN 2.08
TYP 2.20 120
MAX 2.30
UNITS V mV
Electronic Circuit Breaker 45 50 150 0.5 0.5 0.5 150 0.490 0.495 0.492 0.665 0.500 0.500 0.500 0.700 0.510 0.505 0.508 0.735 0.1
q
55 500 3.0 3.0 6.0 50
mV nA s s s s s V V V V A V A A mV V V V A mA
1.5 1.5 1.5
tV1(RST) VV1(RST) Monitor Inputs VMON VOV IMON TIMER Pin VTIMER(TH) ITIMER(PU) ITIMER(PD) VTIMER(CLR) GATE Pin VGATE
Circuit Breaker Reset Pulse Width Circuit Breaker Reset Threshold Voltage V1-V4 Monitor Threshold Voltages
q
V1-V4 Overvoltage Thresholds V1-V4 Input Currents TIMER Ramp Threshold Voltage TIMER Pull-Up Current TIMER Pull-Down Current TIMER Cleared Threshold Voltage GATE Drive Output Voltage VTIMER = 1V VCC = 2.35V, VTIMER = 0.4V VTIMER Falling LTC2921/LTC2922 LTC2921-3.3/LTC2922-3.3 LTC2921-2.5/LTC2922-2.5 VGATE = VCC VCC = 2.35V, VGATE = 2.35V VD = VCC VPG = VCC VCC = 2.35V, VPG = 2.35V VCC = 2.35V, IPG = 5mA LTC2921/LTC2922 LTC2921-3.3/LTC2922-3.3 LTC2921-2.5/LTC2922-2.5
q
1.15 -1.3 100
1.20 -2.0 150
1.25 -2.5 250 12.2 9.8 7.5 -12.5
q
q q q q
10.0 8.4 6.1 -6.5 10
11.1 9.1 6.8 -10.0
IGATE(PU) IGATE(PD) RDS(FB) PG Pin IPG(PU) IPG(PD) VPG(OL) VPG
GATE Pull-Up Current GATE Pull-Down Current Feedback Switch Resistances (Note 3) PG Pull-Up Current PG Pull-Down Current PG Output Low Voltage PG Output Voltage (Note 4)
Remote Sense Switches
q
2 -2.6 10 -4.0
10 -5.0 0.4
A mA V V V V
q
q q q q
10.0 8.4 6.1
11.1 9.1 6.8
12.2 9.8 7.5
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: TJ is calculated from the ambient temperature TA and power dissipation PD as follows: LTC2921 Series: TJ = TA + (PD * 110C/W) LTC2922 Series: TJ = TA + (PD * 90C/W)
Note 3: This specification applies to all switches, and is measured with VS < VD. Note 4: The PG pin will rise to approximately the same voltage as the GATE pin when not pulled up or pulled down by external resistance.
29212fa
3
LTC2921/LTC2922 Series TYPICAL PERFOR A CE CHARACTERISTICS
Specifications are at TA = 25C unless otherwise noted. Monitor Trip Delay vs Monitor Input Overdrive
100
Supply Current vs Supply Voltage
3.00 2.75 2.4 2.50
ICC (mA) ICC (mA)
PG SIGNAL ASSERTED
LTC2921 LTC2922 LTC2921-3.3 LTC2922-3.3
MONITOR TRIP DELAY (s)
2.25 2.00 1.75 1.50
LTC2921-3.3 LTC2922-3.3 LTC2921-2.5 LTC2922-2.5
LTC2921 LTC2922
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 VCC (V)
2921/2 G01
Monitor Input Threshold vs Temperature
0.505
MONITOR INPUT THRESHOLD (V)
BREAKER TRIP (mV)
0.500
50
ISENSE (nA)
0.495 -50
-30
30 -10 10 50 TEMPERATURE (C)
TIMER Trip Voltage vs Temperature
1.21 2.5 2.4
TIMER TRIP VOLTAGE (V)
2.2
CURRENT (A)
PULL-DOWN CURRENT (A)
1.20
1.19 -50
-30
30 -10 10 50 TEMPERATURE (C)
4
UW
70
2921/2 G04
Supply Current vs Temperature
2.6 PG SIGNAL ASSERTED
80
60 LTC2921-2.5 LTC2922-2.5 40 LTC2921/LTC2922 LTC2921-3.3/LTC2922-3.3 20
2.2
2.0
LTC2921-2.5 LTC2922-2.5
1.8 -50 -30
0 30 50 -10 10 TEMPERATURE (C) 70 90 0 80 40 100 120 60 20 MONITOR INPUT OVERDRIVE (mV) 140
2921/2 G02
2921/2 G03
Circuit Breaker Trip Voltage vs Temperature
55 250
SENSE Input Current vs Temperature
VSENSE = VCC 200
150
100
50
90
45 -50
-30
30 10 -10 50 TEMPERATURE (C)
70
90
0 -50
-30
30 -10 10 50 TEMPERATURE (C)
70
90
2921/2 G05
2921/2 G06
TIMER Pull-Up Current vs Temperature
VTIMER = 1V 170 165 160 155 150 145 140
TIMER Pull-Down Current vs Supply Voltage
VTIMER = 0.4V
2.3
2.1 2.0 1.9 1.8 1.7 1.6
70
90
1.5 -50
-30
-10
10
30
50
70
90
TEMPERATURE (C)
2921/2 G07 2921/2 G08
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 VCC (V)
2921/2 G09
29212fa
LTC2921/LTC2922 Series TYPICAL PERFOR A CE CHARACTERISTICS
Specifications are at TA = 25C unless otherwise noted. Gate Voltage vs Supply Voltage
12 GATE LOAD = 1000pF || 10M PG LOAD = 2k TO VCC 11 VCC BYPASS CAP = 1F LTC2921 LTC2922 10 9 8 7 6 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 VCC (V)
2921/2 G10
GATE VOLTAGE (V)
GATE VOLTAGE (V)
10 LTC2921-3.3 LTC2922-3.3 9 8 7 6 -50 -30 GATE LOAD = 1000pF || 10M PG LOAD = 2k TO VCC VCC BYPASS CAP = 1F LTC2921-2.5 LTC2922-2.5
GATE VOLTAGE (V)
LTC2921-3.3 LTC2922-3.3 LTC2921-2.5 LTC2922-2.5
GATE Pull-Up Current vs Temperature
11.5 11.0
CURRENT (A)
VGATE = VCC
PG (V)
10.0 9.5 9.0 8.5 -50 -30
9 8 7 6
LTC2921-3.3 LTC2922-3.3
CURRENT (A)
10.5
30 50 -10 10 TEMPERATURE (C)
UW
70
Gate Voltage vs Temperature
12 11 LTC2921 LTC2922 12 10 8 6 4 2 0
Gate Voltage vs Load Current
LTC2921 LTC2922
LTC2921-3.3 LTC2922-3.3 LTC2921-2.5 LTC2922-2.5
GATE LOAD = 1000pF || 10M PG LOAD = 2k TO VCC VCC BYPASS CAP = 1F 0 1 2 3456 78 LOAD CURRENT (A) 9 10
30 50 -10 10 TEMPERATURE (C)
70
90
2921/2 G11
2921/2 G12
PG Voltage vs Supply Voltage
12 GATE LOAD = 1000pF || 10M PG LOAD = 1000pF || 10M 11 VCC BYPASS CAP = 1F LTC2921 LTC2922 10 5.5 5.0 4.5 4.0 3.5 3.0
PG Pull-Up Current vs Temperature
VPG = VCC
LTC2921-2.5 LTC2922-2.5
90
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 VCC (V)
2921/2 G14
2.5 -50 -30
30 50 -10 10 TEMPERATURE (C)
70
90
2921/2 G13
2921/2 G15
29212fa
5
LTC2921/LTC2922 Series
PI FU CTIO S
S0, D0 (Pins 1, 20 [LTC2922]): Remote Switch 0. These pins are the terminals of an internal N-channel FET switch that is enabled after the GATE pin is fully ramped up. This switch can be used to connect a remote sense line to compensate for IR drop across the external FETs. The gate of the internal switch ramps up at a nominal rate of 8V/ms. The pins are interchangeable, either switch pin can be tied to the load side. Tie both pins to ground if unused. S4, D4 (Pins 7, 8 [LTC2922]): Remote Sense Switch 4. Tie to GND if unused. S3, D3 (Pins 5, 6/Pins 9, 10): Remote Sense Switch 3. Tie to GND if unused. S2, D2 (Pins 7, 8/Pins 11, 12): Remote Sense Switch 2. Tie to GND if unused. S1, D1 (Pins 9, 10/Pins 13, 14): Remote Sense Switch 1. Tie to GND if unused. TIMER (Pin 16/Pin 2): Timing Delay Input. Connect a capacitor between this pin and ground to set a 600ms/F delay at two points in the monitoring sequence. This sets the delay after all monitors are good, before the start of GATE ramping, and the delay after the remote sense switches are on, before PG is activated. TIMER must fall below 150mV before a timing delay can start. The TIMER pin is pulled to ground at other points in the sequence. V1-V4 (Pins 1-4/Pins 3-6): Supply Monitor Inputs. All four inputs must lie above the monitor threshold level (0.5V) and below the monitor overvoltage level (0.7V) for a turnon sequence to commence or continue. When any monitor input falls outside those levels, the GATE and PG pins are pulled low, disconnecting all the loads. Glitch filtering on the 0.5V monitor threshold prevents low-energy voltage spikes from affecting the comparators' results. V1 also serves as an active-low reset pin for the circuit breaker. Tie unused monitor inputs to used monitor inputs.
6
U
U
U
(LTC2921/LTC2922 or [LTC2922 Only]) GND (Pin 11/Pin 15): Circuit Ground. PG (Pin 12/Pin 16): Power Good Output. A 4A current source from the internal charge pump rail (VPUMP) pulls PG up after the turn-on sequence is complete. The output is pulled to ground before turn-on is complete, when any monitor is out of compliance, when the circuit breaker trips, and when VCC is undervoltage. An external resistor can be added to pull up to a lower voltage and to improve pull up speed. This pin can also be configured as a gate drive for external N-channel FETs in sequencing applications. In applications not requiring the PG output, leave the pin unconnected. GATE (Pin 13/Pin 17): Gate Drive for External N-Channel FETs. A 10A current source from the internal charge pump rail (VPUMP) ramps the gates of the external Nchannel MOSFETs forcing all supplies to track on. The resistor and capacitor network from this pin to ground sets the supplies' ramp rate and enhances control loop stability. SENSE (Pin 14/Pin 18): Circuit Breaker Sense Input. An external resistor between VCC and SENSE sets the electronic circuit breaker trip current. The breaker trips when the voltage across the resistor exceeds 50mV for 1s. To disable the circuit breaker tie SENSE to VCC. To reset the circuit breaker after the current falls below the trip point, pull the V1 pin below 0.5V for >150s or go into undervoltage lockout for >10s. VCC (Pin 15/Pin 19): Supply Voltage. The voltage at VCC is monitored through an internal resistive divider in a manner similar to the V1-V4 inputs. An undervoltage lockout circuit disables the part until the voltage at VCC is greater than 2.2V. The VCC pin must be connected to the highest supply voltage. Bypass the VCC pin to ground with a 10F capacitor.
29212fa
LTC2921/LTC2922 Series
FUNCTIONAL DIAGRA
SENSE 50mV VCC
OVERCURRENT LATCH UNDERVOLTAGE V PG ENABLE VPUMP REMOTE SENSE SWITCH GATE 4A - PG
OVERVOLTAGE CIRCUIT BREAKER RESET PULSE TIMER ENABLE
VCC
0.7V 0.5V 1.2V VPUMP 11.1V AT VCC =5V APPROXIMATELY 1V VSWON 1.2V 0.7V 0.5V REFERENCE GENERATOR AND CHARGE PUMP (LTC2922 ONLY) D0 D1 D2 D3
+ -
SWITCHES ON
(LTC2922 ONLY) D4
GND
S0 (LTC2922 ONLY)
S1
S2
S3
S4 (LTC2922 ONLY)
Figure 1. LTC2921 and LTC2922 Functional Diagram
+
+
+
V4
MONITOR
+
+
-
+
V3
+
-
+
V2
MONITOR
VCC 2A VSWON TIMER
OVERVOLTAGE
MONITOR
TIMER ENABLE
PULSE TIMER DONE
+
+
-
+
V1
+
+-
W
VPUMP OVERVOLTAGE MONITOR OVERVOLTAGE REMOTE SENSE SWITCH ENABLE VPUMP MONITOR CONTROL LOGIC GATE ENABLE 10A GATE OVERVOLTAGE GATE ON TIMER DONE VSWON
2921/22 F01
+
+
-
-
+
-
-
-
-
-
U
U
29212fa
7
LTC2921/LTC2922 Series
OPERATIO
General Operation The LTC2921 and LTC2922 track multiple supplies, monitor multiple inputs, and provide integrated switches for remote sensing. Once all input voltages lie between monitoring and overvoltage threshold levels, in-line FETs are turned on to simultaneously ramp power to the loads. The automatic remote sense switches are then activated, and the power good signal is asserted. After initial power-on the LTC2921 and LTC2922 continue monitoring the inputs. Several types of events will trigger interruption, any of which will disconnect all supplies, deactivate the power good signal, and open the remote sense switches. Monitoring Sequence A normal power-on sequence comprises the following steps: Step 0) Wait for VCC to exceed the undervoltage lockout threshold. Continue checking VCC. Step 1) Confirm that the circuit breaker has not tripped and wait for all monitored supplies, including VCC, to be between their programmed monitor and overvoltage thresholds. Continue checking these conditions. Step 2) Check that the TIMER pin voltage starts below 150mV. Create a delay by ramping up the TIMER pin until it trips an internal comparator. Step 3) Ramp the GATE pin to turn on the external N-channel FETs, simultaneously ramping the supplies into their loads. Await confirmation of full GATE enhancement, i.e., GATE voltage within ~1V of VPUMP. Continue checking this condition. Step 4) Activate the remote sense switches. Await confirmation of full Feedback Switch Gate enhancement. Step 5) Wait again for another TIMER cycle delay. Step 6) Release the pull-down on the PG output. Continue checking VCC, the circuit breaker, the input voltages, and the GATE voltage. Interrupting Events Three events can interrupt the sequence and trigger immediate disconnect of all supplies, pull-down of the PG
8
U
signal, and deactivation of the remote sense switches. The three interrupting events are a lockout, a fault, and an error. A lockout occurs when VCC falls below the undervoltage threshold (including hysteresis). Escape from lockout requires sufficient VCC voltage. Leaving lockout, the sequence begins at Step 1. A lockout condition supersedes faults and errors. A fault occurs when the circuit breaker trips. Escape from a fault requires pulsing the V1 pin below the reset threshold of 0.5V(nom) for more than 150s after the current falls below the trip point. When V1 returns high, the sequence begins from Step 1. An undervoltage lockout of >10s also clears the circuit breaker fault latch. A fault condition supersedes errors. An error occurs when one or more of the monitor inputs (V1-V4 pins) or VCC falls below its monitor threshold, or rises above its overvoltage threshold. A loss of voltage on the GATE pin, once it has fully ramped up, also causes an error. An error sends the sequence to Step 1. Feedback Switches for Remote Sensing The integrated N-channel switches of the LTC2921/ LTC2922 automatically compensate for the voltage drops caused by the RDS(ON) of the external load-control MOSFET switches. This is accomplished by modifying the normal feedback path of each power supply that is controlled by the LTC2921/LTC2922. When the load-control switches are off, the remote sense switches are also off, and the power supply uses its normal feedback path to sense its output voltage. After the load-control switches are turned on, the remote sense switches are turned on to create dominating feedback paths. The feedback loops include the load-control switches, thus compensating for their voltage drops. In order to eliminate glitching on the output of the power supply, the remote sense switches are turned on at a controlled rate of about 8V/ms. The gates of these integrated N-channel devices are pulled up above VCC to VPUMP so as to provide a low-resistance path for a wide range of voltages.
29212fa
LTC2921/LTC2922 Series
OPERATIO
Electronic Circuit Breaker Placing a resistor between the VCC and SENSE pins allows the part to detect shorts and excessive currents on the VCC supply. The electronic circuit breaker trips when the voltage across the resistor is >50mV for more than 1s. A trip causes a fault condition which interrupts the monitor sequence, and which requires reset of the circuit breaker latch (see Interrupting Events section). Breaker reset is achieved by pulling V1 below the reset threshold for >150s after the current falls below the trip point, or by returning from undervoltage lockout on VCC.
TI I G DIAGRA S
The timing of a typical start-up sequence for the LTC2921/ LTC2922 is shown in Figure 2. VCC exceeds the undervoltage lockout level at time 0. All monitor inputs settle between the 0.5V monitor threshold and the 0.7V overvoltage threshold by time 1, then a TIMER cycle starts. The TIMER pin reaches 1.2V at time 2, and GATE ramping begins. When the GATE ramp completes at time 3, the automatic remote sense switches close. Another TIMER delay begins at time 4 and finishes at time 5, at which time PG is activated.
0 VCC 1 2 3 4 5
UNDERVOLTAGE LOCKOUT LEVEL VCC
SENSE 0.7V 0.5V
V1
V2
0.7V 0.5V V3 0.7V 0.5V V4 0.7V 0.5V TIMER 1.2V 1.2V GATE
V3
V4
TIMER VCC REMOTE SENSE SWITCH GATE PG
GATE REMOTE SENSE SWITCH GATE PG
Figure 2. Typical Start-Up Sequence
W
U
The timing of a monitor failure and subsequent regular turn-on is shown in Figure 3. Prior to time 1, a successful turn-on sequence had completed. At time 1, monitor V2 falls below the 0.5V reference, triggering an error. The GATE pin, PG pin, and the remote sense switches fall at rates determined by the pull-down currents and loading conditions of each (times 2, 3, 4). At time 5, monitor V2 recovers, and a normal turn-on sequence begins.
VCC 1 23 4 UNDERVOLTAGE LOCKOUT LEVEL 5 SENSE VCC-50mV V1 0.7V 0.5V 0.7V 0.5V 0.7V 0.5V 0.7V 0.5V 0.7V 0.5V 1.2V 1.2V VCC VCC-50mV V2 VCC
UW
Figure 3. Monitor Failure and Start-Up Sequence Timing
29212fa
9
LTC2921/LTC2922 Series
TI I G DIAGRA S
The timing of a circuit breaker trip and reset, and a subsequent regular turn-on are shown in Figure 4. Prior to time 1, a successful turn-on sequence had completed. At time 1, excessive current pulls SENSE more than 50mV below VCC. The GATE pin, PG pin, and the remote sense switches fall at rates determined by the pull-down currents
VCC 1 234 UNDERVOLTAGE LOCKOUT LEVEL VCC 5
APPLICATIO S I FOR ATIO
Multiple supply systems have become common to accommodate circuits on the same board with different voltage requirements. Desktop PC motherboards, instrumentation circuits and plug-in boards of all kinds often require tracking and control of several supply voltages. The LTC2921 and LTC2922 ramp and monitor up to five supply voltages in such systems. External resistive voltage dividers independently program four monitor levels, while an internal divider sets the VCC pin supply monitor level. Time delays in the monitoring sequence are set by an external capacitor at the TIMER pin. The GATE pin provides a high side drive voltage appropriate to logic-level and sublogic-level N-channel power
10
U
W
W
UU
UW
and loading conditions of each (times 2, 3, 4). Note that the excessive current condition ceases at time 4. A circuit breaker reset pulse is initiated at time 5. The latch resets at time 6 since the V1 pulse is wide enough. A normal turnon begins when V1 rises above the monitor threshold (time 7 onward).
67
SENSE VCC-50mV INTERNAL CIRCUIT BREAKER LATCH V1
VCC VCC-50mV
0.7V 0.5V 0.7V 0.5V 0.7V 0.5V 0.7V 0.5V
V2
V3
V4 TIMER
1.2V
1.2V
GATE REMOTE SENSE SWITCH GATE PG
VCC
Figure 4. Circuit Breaker Trip, Reset and Start-Up Sequence Timing
MOSFETs. The external RC network on GATE programs the supply ramp rate and eliminates possible high frequency oscillations in the power path. Featured in the LTC2921/LTC2922 series are sub-10 internal remote sense switches to compensate for voltage drops between the supplies and the loads. At the end of a successful power-on sequence, the LTC2921/ LTC2922 asserts the PG output. A typical application uses an external pull-up resistor between PG and the load side of a supply. In applications where supply power-on sequencing is required, the PG pin can function as a second, separate high side driver.
29212fa
LTC2921/LTC2922 Series
APPLICATIO S I FOR ATIO
Setting the Supply Monitor Levels
The LTC2921 and LTC2922 series both feature low 0.5V monitoring thresholds with tight 1% accuracy. To set a supply monitoring level tightly, design a precision ratio resistive divider to relate the lowest valid supply voltage to the maximum specified monitor threshold voltage. Use resistors with 1% tolerance or better to limit the error due to mismatch. The basic resistive divider connection for supply monitoring is shown in Figure 5.
VOUT RY1 VFB RZ1 GND DC/DC CONVERTER VV1 IA1 VSRC1 RB1 IMON 0.1A RA1 V1 LTC2922 GND CGATE
+
VQ1
-
Q1
RG1 10 GATE
Figure 5. Basic Monitor Connection
First, divide the nominal monitor threshold voltage by an acceptable bias current (IA1), and choose a nearby standard value for resistor RA1 (see Equation 1). Next, calculate the bounds on the value of RB1 that guarantee that the divided minimum supply voltage exceeds the maximum specified monitor threshold voltage, and that the minimum specified overvoltage threshold exceeds the divided maximum supply voltage. Use Equations 2 and 3 to calculate RB1(MAX) and RB1(MIN) from RA1, the resistor tolerance (RTOL), the supply voltage, the monitor threshold and overvoltage specifications, and the monitor pin leakage current specification. When the integrated remote sensing switch is closed, the DC/DC converter will compensate for the IR drop from drain to source of the external N-channel FET (VQ1(ON)) by increasing the supply voltage by the same amount. Calculate with VQ1(ON)(MAX) = 0V if the remote sense switch is not used.
R A1 =
0.500V IA1
U
RB1(MAX) = 1 - RTOL VSRC1(MIN) - 0.505V R A1 * * 1 + RTOL 0.505V + 0.1A * RA1
1 + RTOL RB1(MIN) = RA1 * * 1 - RTOL VSRC1(MAX) + VQ1(ON)(MAX) - 0.665V 0.665V - 0.1A * RA1
W
U
U
(2)
(3)
VL1
Choose a standard resistor value for RB1 that satisfies the inequality of Equation 4. RB1(MIN) RB1 RB1(MAX) (4) When several standard values meet the requirement, choose the value closest to RB1(MAX) to set the tightest monitor threshold. This also allows more headroom for larger VQ1(ON)(MAX). Alternatively, choose the standard value closest to RB1(MIN) to set the tightest overvoltage threshold. All four monitor input voltages must be between the monitor threshold and the overvoltage threshold for the turn-on sequence to begin. Connect unneeded monitor input pins to any of the utilized monitor input pins. Selecting the External N-Channel MOSFETs The GATE pin drives the gate of external N-channel MOSFETs above VCC to connect the supplies to the loads. The GATE drive voltage provided by the LTC2921/LTC2922 series is best suited to logic-level and sublogic-level power MOSFETs. To achieve the lowest switch resistance, the VCC pin must be connected to the highest supply voltage. Consider the application requirements for current, turnoff speed, on-resistance, gate-source voltage specification, etc. Refer to the Electrical Specifications and Typical Performance Curves to determine the GATE voltages for given VCC voltages over the required range of conditions. Calculate the minimum gate drive voltage for each monitored supply for use in selecting the FETs. Check the maximum GATE voltage against the FETs' gate-source
29212fa
LOAD
2921/22 F05
(1)
11
LTC2921/LTC2922 Series
APPLICATIO S I FOR ATIO
voltage specifications. On-resistance is a critical parameter when choosing power MOSFETs. The integrated remote sense switches compensate for IR drops, but minimizing VQ(MAX) leaves more margin for designing the resistive voltage divider for the monitors. Setting the GATE Ramp Rate Application of power to the loads is controlled by setting the voltage ramping rate with an external capacitor on the GATE pin. During Step 3 of the monitoring sequence, a 10A pull-up ramps the GATE pin capacitance up to VPUMP, the internal charge pump voltage. Use Equation 5 to calculate the nominal GATE pin capacitance necessary to achieve a given ramp rate, V/t: C GATE = 10A V / t (5)
VSRC0 CD0 0.1F (OPT) GATE LTC2922 GND
2921/22 F06
Alternatively, to calculate the GATE capacitor to achieve a desired nominal ramp time, use Equation 6. The GATE drive voltage (VGATE) varies with VCC voltage. Consult the Electrical Characteristics table and Typical Performance curves to choose an appropriate value to insert for VGATE.
C GATE = 10A * tRAMP VGATE
When the GATE pin drives several FETs in parallel, the load voltages ramp together at the same rate until the lowest supply reaches its full value. The other supplies continue to track until the next lowest supply reaches its full value, and so on. The GATE pin must not be forced above the level it reaches when fully ramped. An internal clamp limits the GATE voltage to 12.2V relative to ground. Damp possible ramp-on oscillations by including a 10 resistor in series with each external N-channel gate, and as necessary, a 0.1F capacitor on each external N-channel drain, as shown in Figure 6. Setting the Sequence Delay Timer The turn-on sequence includes two programmable delays set by the capacitance on the TIMER pin. More precisely, a single delay value is used at two points in the sequence.
12
U
VSRC2 CD2 0.1F (OPT) Q2 RG2 10 VL1 VL2 VSRC1 CD1 0.1F (OPT) Q1 RG1 10 VL0 Q0 RG0 10 CGATE
W
UU
Figure 6. Ramping and Damping Components on GATE Pin
In both cases, the delay provides a measure of confidence that conditions are stable enough for the sequence to advance. The first TIMER delay begins once all monitor voltages comply with their thresholds, the electronic circuit breaker has not tripped, and VCC is not undervoltage. The TIMER pin sources 2A into an external capacitor, which ramps its voltage. A comparator trips when the TIMER pin voltage reaches the internal 1.2V reference, then the GATE ramp begins, and TIMER is pulled to ground. The second TIMER delay begins after the gate of the remote sense switches is fully ramped up. After the TIMER ramp completes, the PG pin is activated. An internal circuit pulls-down the TIMER pin with >100A of current at all times, except during the ramping periods, and when VCC is undervoltage. Calculate the nominal value for the timing capacitor by inserting the desired delay into Equation 7: C TIMER = 2A * tDLY 1.2V (7)
(6)
For delay times below 60s, be sure to limit stray capacitances on the TIMER pin by using good PCB design practices. To program essentially no delay (<1s), float the TIMER pin. Internal circuitry guarantees that the TIMER pin is pulled below 150mV (typical) before a delay cycle can begin.
29212fa
LTC2921/LTC2922 Series
APPLICATIO S I FOR ATIO
Electronic Circuit Breaker The LTC2921/LTC2922's electronic circuit breaker protects against excessive current on VCC. The circuit breaker trips when the SENSE pin falls more than 50mV below the VCC pin for more than 1s. When the breaker trips, the remote sense switches are opened and the PG and GATE pins are pulled to ground, disconnecting the supplies. An internal latch guarantees that the monitoring sequence cannot start until the breaker is reset. To reset the circuit breaker, cycle the V1 input below 0.5V(nom) for more than 150s. VCC falling below the undervoltage threshold also resets the breaker. After reset, the sequence returns to Step 1, awaiting valid monitor levels. Figure 7 shows an equivalent schematic for the electronic circuit breaker function. Using Equation 8, set the circuit breaker by selecting RSENSE to drop less than the minimum VSENSE at the desired trip current:
RSENSE
VSENSE(MIN) ILO(TRIP)
After selecting a resistor, use Equations 9a and 9b to calculate the actual minimum and maximum trip current threshold limits:
ITRIP(MIN) =
VSENSE(MIN) RSENSE(MAX) VSENSE(MAX) RSENSE(MIN)
Q0 ILO RG0 10 GATE LOAD VPUMP 4A GATE ENABLE
ITRIP(MAX) =
VSRC0 RSENSE
VCC
SENSE
+ -
50mV
+
OVERCURRENT COMPARATOR SWITCH ENABLE
REMOTE VPUMP SENSE SWITCH GATE VPUMP 4A PG ENABLE PG GND
CGATE
LATCH V
CONTROL LOGIC
V1 PULSE WIDTH MEAS. LTC2922
Figure 7. Circuit Breaker Functional Schematic
U
Be mindful of thermal effects and power ratings when choosing a resistor. Place RSENSE as close as possible to the LTC2921/LTC2922 pins to reduce noise pickup, and use Kelvin sensing to ensure accurate measurement of the voltage drop. In applications not requiring the current sensing circuit breaker, tie the SENSE pin to the VCC pin. Configuring the PG Pin Output The LTC2921 and LTC2922 each include a power good indicator, the PG pin. During the turn-on sequence, and upon detection of errors, a strong FET pulls PG to ground with >10mA of current. When all supplies have satisfied their monitor and overvoltage thresholds, the circuit breaker has not tripped, the GATE pin has reached its peak, and the remote sense switches have turned on, a 4A current source from VPUMP pulls up PG. Configure PG as a logic signal by adding an external pullup resistor to a voltage source. For example, create a negative-logic system reset signal by adding an external pull-up resistor to the load side of a supply voltage, as in Figure 8. Calculate the minimum pull-up resistor value that meets the output low voltage specification for VPG(OL): (8)
W
UU
RPG(MIN) =
VLO(MAX) - 0.4V 5mA
(10)
(9a)
Do not pull PG above the GATE pin's fully ramped voltage. An internal clamp limits the PG voltage to 12.2V relative to ground. In applications that do not require the PG output, leave the pin unconnected. The PG output can also be used as the gate drive for external N-channel MOSFETs, as in Figure 9. The delay between the GATE ramp and the PG activation makes a supply sequencer, useful when two supplies (or two groups of supplies) need to be ramped one after another. Choose the FETs and design the ramp rate in the same way as for the GATE pin. Refer to Equations 5 and 6, substituting 4A for 10A, to choose capacitor CPG. Integrated Switches for Remote Sensing A significant feature of the LTC2921/LTC2922 series is a set of remote sense switches that allow for compensation of voltage drops in the load path. Switch activation occurs in the turn-on sequence after the GATE
29212fa
(9b)
VLO
2921/22 F07
13
LTC2921/LTC2922 Series
APPLICATIO S I FOR ATIO
VSRC0 RSENSE Q0 RG0 10 GATE VPUMP 4A PG PG ENABLE
VL0
VCC
SENSE
CGATE RPG C RESET
LTC2922
GND
2921/22 F08
Figure 8. PG Pin as Logic Output
VSRC5 Q5 VL5 RG5 10 VL0
VSRC0
RSENSE
Q0
VCC
SENSE GATE VPUMP 4A PG
RG0 10 CGATE
PG ENABLE
CPG
RZ1 GND
LTC2922
GND
2921/22 F09
Figure 9. PG Pin as Sequenced N-Channel Gate Driver
pin has fully ramped up. The switches are N-channel MOSFETs whose gates are ramped from ground to VPUMP at a nominal rate of 8V/ms. The PG pin is activated upon completion of the TIMER delay cycle that follows GATE ramp-up and remote sense switch activation. When conditions indicate a supply disconnect, the switches shut off in less than 10s. Figure 10 shows an example of how to connect a switch to remote sense the load voltage. Although only one remote sense switch is referred to in this section, the calculations and comments apply to all. Before the activation of Q1 and the internal switch, resistor RX1 provides a direct path between the DC/DC converter's output voltage and its feedback network (RY1 and RZ1). Once Q1 activates, the supply energizes the load. When the internal switch turns on, it provides a remote sense path between the load voltage and the converter's feedback network.
14
U
VOUT VSRC1 Q1 VL1 RX1 RY1 VFB RZ1 GND DC/DC CONVERTER RA1 VS1 V1 GATE LTC2922 CGATE RB1 RG1 10 S1 GND D1 LOAD
2921/22 F10
W
UU
Figure 10. Automatic Remote Sense Switching Connection
To choose a value for resistor RX1, consider the remote sense switch connection equivalent network in Figure 11. Resistor RQ1(ON) represents the on-resistance of Q1, and resistor RFB1(ON) represents the on-resistance of the internal switch.
VOUT VSRC1 RX1 RY1 VFB VS1 IQ1 RQ1(ON) VL1
IDS1 S1
LTC2922 RFB1(ON) D1 LOAD
IL1
DC/DC CONVERTER
2921/22 F11
Figure 11. Remote Sense Switch Connection Equivalent Network
To allow the load voltage to dominate the feedback to the converter when the internal switch is closed, make RX1 >> RFB1(ON). To set the converter feedback ratio accurately with RY1 and RZ1, make both RX1 and RFB1(ON) much less than (RY1 + RZ1). To ensure that most of the load current flows through the external N-channel FET, choose (RX1 + RFB1(ON)) >> RQ1(ON). Summarized, these requirements amount to: RQ1(ON), RFB(ON) << RX1 << (RY1 + RZ1) (11) Approach the selection of RX1 in the following way: design the DC/DC converter feedback based on the resistive divider formed by RY1 and RZ1 with VS1 at the desired supply voltage value. When the resistor values satisfy Equation 11, Equations 12 through 15 are valid.
29212fa
LTC2921/LTC2922 Series
APPLICATIO S I FOR ATIO U
Table 1. Design Example Electrical Specifications
Supply Specifications 5V 7.5% 3.3V 7.5% 2.5V 7.5% VSRC0(MAX) = 5.375V VSRC0(MIN) = 4.625V VSRC1(MAX) = 3.5475V VSRC1(MIN) = 3.0525V VSRC2(MAX) = 2.6875V VSRC2(MIN) = 2.3125V VQ0(ON)(MAX) < 250mV VQ1(ON)(MAX) < 250mV VQ2(ON)(MAX) < 150mV tDLY = 150ms (nom) tRAMP = 500ms (nom) IA1= 10A (nom) IA2 = 10A (nom) IL0 = 0.8A (max) IL1 = 1.6A (max) IL2 = 0.4A (max) External N-channel FET Drain-Source Voltage Specification 5V Supply 3.3V Supply
Before Q1 closes to connect the load, the actual supply voltage relative to VS1 is given by Equation 12.
R X1 VSRC1 = VSRC1 - VS1 = VS1 * (12) RX1 + RY1 + RZ1
After both Q1 and the internal remote sense switch have closed, the load voltage relative to VS1 is given by Equation 13. RFB1(ON) VL1 = VL1 - VS1 = -IL1 * RQ1(ON) * R X1 (13)
A small part of the load current will flow through the remote sense switch. Use Equation 14 to calculate the current, and do not exceed the switch current Absolute Maximum Rating when choosing the value of RX1. RQ1(ON) IDS1 = IL1 * R X1 (14)
In addition, once the remote sensing is active, the supply voltage VSRC1 will rise by approximately the drop across the external FET. The effect on the monitor resistive divider design has already been accounted for in the previous section, Setting the Supply Monitor Levels.
RFB1(ON) VSRC1 = VS1 + IL1 * RQ1(ON) * 1 - R X1 VS1 + VQ1(ON)
The terminals of each switch are interchangeable; choose the connections to optimize the board layout. Ground all unused switch pins. Design Example Consider the design of a three-supply monitoring system, as shown in Figure 12, with specifications as listed in Table 1.
W
UU
2.5V Supply Timing Specification TIMER Delay GATE Ramp Time Monitor Resistive Divider Current
Bias Current Specification
Other Requirements * Remote Sense all 3 Load Voltages * Tight Monitoring Levels * Use Circuit Breaker Function * DC/DC Converter Feedback Resistive Divider >100k
The LTC2921 suits this application because the largest supply in the system is 5V, and only three remote sense switches are required. Start with the design of the resistive dividers that set the monitor levels. As the largest supply voltage, the 5V supply must be connected to the VCC pin; an internal resistive divider sets that monitor level. Consult the Electrical Characteristics table to confirm that VSRC0(MIN) >VCC(MON)(MAX) and VSRC0(MAX) RA1 = 0.500V = 50k 49.9k 10A
(15)
29212fa
15
LTC2921/LTC2922 Series
APPLICATIO S I FOR ATIO
VOUT VFB DC/DC CONVERTER VOUT VFB DC/DC CONVERTER VOUT VFB DC/DC CONVERTER 2.5V = 7.5% RX2 100 RB1 243k 1% RA1 49.9k 1% RB2 169k 1% RA2 49.9k 1% CBYP 10F 25V 15 VCC CD2 0.1F 25V 14 SENSE 13 GATE Q2 Si2316DS RG2 10 3.3V = 7.5% RX1 100 CD1 0.1F 25V Q1 Si2316DS RG1 10 2.5V LOAD 0.4A MAX 5V = 7.5% RX0 100
QRST Si1012R CBRST R1 100k CIRCUIT BREAKER RESET CONTROL
Figure 12. Design Example of a Three-Supply Tracker and Monitor (5V, 3.3V, 2.5V)
Selecting RB1 = 243k satisfies the range restrictions below:
1 - 0.01 RB1(MAX) = 49.9k * * 1 + 0.01 3.0525V - 0.505V = 244.3k 0.505V + 0.1A * 49.9k 1 + 0.01 RB1(MIN) = 49.9k * * 1 - 0.01 3.5475V + 0.250V - 0.665V = 241.6k 0.665V - 0.1A * 49.9k
Similar calculations for the 2.5V supply yield suitable standard 1% values of RA2 = 49.9k and RB2 = 169k.
16
U
RSENSE WSL1206 0.05, 1% CD0 0.1F 25V Q0 Si2316DS 5V LOAD 0.8A MAX RG0 10 3.3V LOAD 1.6A MAX 1 V1 2 V2 3 V3 4 V4 9 S1 7 S2 5 S3 GND 11 LTC2921 PG 12 CGATE 0.47F 25V R2 4.7k RESET 10 D1 8 D2 6 D3 TIMER 16 C TIMER 0.22F 10V
2921/22 F12
W
UU
R A2 =
0.500V = 50k 49.9k 10A
1 - 0.01 RB2(MAX) = 49.9k * * 1 + 0.01 2.3125V - 0.505V = 173.3k 0.505V + 0.1A * 49.9k 1 + 0.01 RB2(MIN) = 49.9k * * 1 - 0.01 2.6875V + 0.150V - 0.665V = 167.6k 0.665V - 0.1A * 49.9k
Tie the unused V3 and V4 monitor pins to V2 for proper operation.
29212fa
LTC2921/LTC2922 Series
APPLICATIO S I FOR ATIO
Next, consider the supply ramping N-channel MOSFETs Q0, Q1 and Q2. Transistor Q0 will have >4.5V of gatesource voltage, even at maximum supply voltage (5.375V) and minimum GATE pin voltage (10V). Considering the voltages, temperatures, and currents involved, the maximum on-resistance (RQ(ON)(MAX)) of the Vishay Siliconix Si2316DS is about 150m. Switches Q1 and Q2 will see even higher gate-source voltages, implying even smaller RQ(ON)(MAX) values. Table 2 summarizes the calculated VQ(ON)(MAX) voltages. Include the additional 50mV drop across RSENSE when budgeting for the VCC supply path.
Table 2. External MOSFET Drain-Source Voltage Drops
Supply Voltage 5V 3.3V 2.5V External MOSFET Q0 Q1 Q2 RQ(ON) Max ~150m <150m <150m IL Max 0.8A 1.6A 0.4A VQ(ON) Max 120mV (+50mV = 170mV) <240mV <60mV
The 20V absolute maximum gate-source voltage rating of the Si2316DS easily accommodates this design. Next, calculate the necessary capacitance on the GATE pin to realize the desired ramp rate. Use the nominal value of VGATE from the Electrical Specification, and choose a standard value. 10A * 500ms C GATE = = 0.463F 0.47F 10.8V Include drain bypass capacitors of 0.1F and series gate resistors of 10 on each external power FET to damp turnon oscillations. Find the capacitance at the TIMER pin required to set the delays in the power-on sequence: C TIMER = 2A * 150ms = 0.25F 0.22F 1.2V
The application requires the use of the circuit breaker function on the VCC supply. First, find the upper limit on the sense resistor value: RSENSE 45mV = 53.25m 0.8A
U
Select a precision power sense resistor, such as the Vishay Dale WSL1206 series. They can be specified to 1%, and exhibit <1% variation over the LTC2921/LTC2922 operating range; choose RSENSE = 50m. Including tolerances, the circuit breaker trip current threshold variation will be: ITRIP(MIN) = ITRIP(MAX) 45mV = 0.88A 51m 55mV = = 1.12A 49m The PG pin is configured as a 2.5V negative-logic reset signal for the microcontroller. The minimum pull-up resistance for proper operation is:
W
UU
RPG(MIN) =
2.6875V - 0.4V 460 5mA
Figure 13 shows RPG = 4.7k. The value is somewhat arbitrarily chosen, but it does limit the pull-down current to <500A. Trade off lower pull-down currents against faster pull-up edge rates in other applications. Recall that proper operation of the remote load sensing function requires: RQ(ON), RFB(ON) << RX << (RY +RZ) In this example, the operating conditions and the Si2316DS give RQ(ON)(MAX) = 150m, the Electrical Characteristics table guarantees RFB(ON) < 10, and the example design specification requires that (RY + RZ) <100k. Selecting RX0 = RX1 = RX2 = 100 satisfies the inequality. Before the loads are connected to the supplies, the voltage error due to the RX resistors will be <0.1% for all three supplies: 100 VSRC VSRC = VSRC * = 0.1% of VSRC = 100k 1000 After the remote sense switches close, the load voltage errors due to RX at maximum loads will be:
29212fa
17
LTC2921/LTC2922 Series
APPLICATIO S I FOR ATIO
10 VL0 = - 0.8A * 150m * = -12mV 100 = - 0.24% of 5V 10 VL1 = -1.6A * 150m * = -24mV 100 = - 0.73% of 3.3V 10 VL2 = - 0.4A * 150m * = -6mV 100 5 = - 0.24% of 2.5V Confirm that the currents through the remote sense switches are less than the Absolute Maximum Ratings:
TYPICAL APPLICATIO S
Five-Supply Tracker and Monitor (3.3V, 2.5V, 1.8V, 1.5V, 1.2V)
VOUT VFB DC/DC CONVERTER VOUT VFB DC/DC CONVERTER VOUT VFB DC/DC CONVERTER VOUT VFB DC/DC CONVERTER VOUT VFB DC/DC CONVERTER 1.2V 5% RX4 100 RB1 178k 1% RB2 113k 1% RB3 86.6k 1% RB4 60.4k 1% CBYP 10F 25V 19 VCC CD4 0.1F 25V 18 SENSE 17 GATE Q4 Si2316DS RG4 10 1.5V 5% RX3 100 CD3 0.1F 25V Q3 Si2316DS RG3 10 1.2V LOAD 1.2A MAX 1.8V 5% RX2 100 CD2 0.1F 25V Q2 Si2316DS RG2 10 1.5V LOAD 1.4A MAX 2.5V 5% RX1 100 CD1 0.1F 25V Q1 Si2316DS RG1 10 1.8V LOAD 1.6A MAX 3.3V 10% RX0 100 RSENSE WSL1206 0.05, 1% CD0 0.1F 25V Q0 Si2316DS RG0 10 3.3V LOAD 0.8A MAX
QRST Si1012R CBRST R1 100k CIRCUIT BREAKER RESET CONTROL
RA1 49.9k 1%
RA2 49.9k 1%
18
U
150m IDS1 = 0.8A * = 1.2mA 100 150m IDS2 = 1.6A * = 2.4mA 100 150m IDS3 = 0.4A * = 0.6mA 100 The pull-down transistor Q5 on the V1 pin is a circuit breaker reset mechanism. Choose the transistor to pull down VV1 below the reset threshold under worst-case conditions, and choose a gate-grounding resistor based on speed and current considerations. The Vishay Siliconix Si1012R and a 100k resistor proved sufficient for this design. Finally, bypass the VCC pin with a 10F capacitor.
2.5V LOAD 2.3A MAX 3 V1 4 V2 5 V3 6 V4 RA3 49.9k 1% RA4 49.9k 1% 1 13 11 9 7 S0 S1 S2 S3 S4 GND 15 CGATE 0.47F 25V PG LTC2922-3.3 D0 D1 D2 D3 D4 20 14 12 10 8
2921/22 TA02
W
U
UU
16
R2 4.7k RESET PG PIN AS RESET WITH PULL-UP TO 2.5V
TIMER 2 CTIMER 0.22F 10V
29212fa
LTC2921/LTC2922 Series
PACKAGE DESCRIPTIO U
F Package 20-Lead Plastic TSSOP (4.4mm)
(Reference LTC DWG # 05-08-1650)
6.40 - 6.60* (.252 - .260) 1.05 0.10 20 19 18 17 16 15 14 13 12 11 6.40 BSC 1 2 3 4 5 6 7 8 9 10 4.30 - 4.50** (.169 - .177) 0 - 8 1.10 (.0433) MAX 0.09 - 0.20 (.0036 - .0079) 0.45 - 0.75 (.018 - .030) 0.65 (.0256) BSC 0.195 - 0.30 (.0077 - .0118) 0.05 - 0.15 (.002 - .006)
F20 TSSOP 0502
6.60 0.10
4.50 0.10
0.45 0.05
0.65 TYP
RECOMMENDED SOLDER PAD LAYOUT NOTE: 1. CONTROLLING DIMENSION: MILLIMETERS MILLIMETERS 2. DIMENSIONS ARE IN (INCHES) 3. DRAWING NOT TO SCALE *DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED .152mm (.006") PER SIDE **DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED .254mm (.010") PER SIDE
GN Package 16-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)
.045 .005 .189 - .196* (4.801 - 4.978) 16 15 14 13 12 11 10 9 .009 (0.229) REF
.254 MIN
.150 - .165 .229 - .244 (5.817 - 6.198) .150 - .157** (3.810 - 3.988)
.0165 .0015
.0250 TYP 1 23 4 56 7 8 .004 - .0098 (0.102 - 0.249)
RECOMMENDED SOLDER PAD LAYOUT NOTE: 1. CONTROLLING DIMENSION: INCHES INCHES 2. DIMENSIONS ARE IN (MILLIMETERS)
.015 .004 x 45 (0.38 0.10) 0 - 8 TYP
.053 - .068 (1.351 - 1.727)
.007 - .0098 3. DRAWING NOT TO SCALE (0.178 - 0.249) *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
.016 - .050 (0.406 - 1.270)
.008 - .012 (0.203 - 0.305)
.0250 (0.635) BSC
GN16 (SSOP) 0502
29212fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
19
LTC2921/LTC2922 Series
TYPICAL APPLICATIO
VOUT VFB DC/DC CONVERTER VOUT VFB DC/DC CONVERTER VOUT VFB DC/DC CONVERTER VOUT VFB DC/DC CONVERTER VOUT VFB DC/DC CONVERTER 2.5V 10% 3.3V 10% 1.8V 5% RX2 100 2.5V 5% RX1 100 5V 10%
Early-Late Supply Sequencer with Early Supplies LED Indicator
RSENSE WSL1206 0.05, 1% Q0 Si2316DS RG0 10 2.5V EARLY 1.5A MAX 5V EARLY 0.8A MAX
RX0 100
QRST Si1012R CBRST R1 100k CIRCUIT BREAKER RESET CONTROL RA1 49.9k 1% RA2 49.9k 1% RA3 49.9k 1% RA4 49.9k 1%
R6 330 EARLY VOLTAGES ON
RELATED PARTS
PART NUMBER LTC2900 LTC2901 LTC2902 LTC4211 LTC4230 DESCRIPTION Programmable Quad Supply Monitor Programmable Quad Supply Monitor with Watchdog Programmable Quad Supply Monitor Hot Swap Controller with Multifunction Current Control Triple Hot Swap Controller with Multifunction Current Control COMMENTS Adjustable RESET Timer, 10-Lead MSOP Package Adjustable RESET Timer and Watchdog Timer, Individual Comparator Outputs Adjustable RESET Timer, Selectable Tolerance, RESET Disable for Margining. Operates from 2.5V to 16.5V, 10-Lead MSOP Package Operates from 1.7V to 16.5V, Supply Tracking
29212fa LT/TP 0404 1K REV A * PRINTED IN USA
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507
q
U
CD0 0.1F 25V CD1 0.1F 25V Q1 Si2316DS RG1 10 1.8V EARLY 1.5A MAX CD2 0.1F 25V Q2 Si2316DS RG2 10 3.3V LATE CD3 0.1F 25V Q3 Si2316DS RG3 10 2.5V LATE RB1 169k 1% RB2 113k 1% RB3 232k 1% RB4 162k 1% CBYP 10F 25V 19 VCC CD4 0.1F 25V 18 SENSE 17 GATE Q4 Si2316DS RG4 10 3 V1 4 V2 5 V3 6 V4 CGATE 0.47F 25V CPG 0.22F 25V 20 14 12 10 8 PG LTC2922 1 13 11 9 7 S0 S1 S2 S3 S4 GND 15 TIMER 2 D0 D1 D2 D3 D4 16 PG PIN AS SEQUENCED GATE DRIVER
2921/22 TA03
tGATE ~ 500ms tPG ~ 600ms
CTIMER 0.22F 10V
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2003


▲Up To Search▲   

 
Price & Availability of LTC2922IF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X